Part Number Hot Search : 
2SK44 PC1006 3U7R5HS E4320Q GL34J 41HF40 001460 FDD6512
Product Description
Full Text Search
 

To Download SBR10U60CT08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbr10u60ct sbr10u60ctfp 10a sbr ? super barrier rectifier sbr10u60 document number: ds30952 rev. 4 - 2 1 of 3 www.diodes.com march 2008 ? diodes incorporated new product sbr is a re features ? ultra low forward voltage drop ? excellent high temperature stability ? patented super barrier rectifier technology ? soft, fast switching capability ? lead free finish, rohs compliant (note 2) mechanical data ? case: to-220ab, ito-220ab ? case material: molded plastic, ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020d ? terminals: matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 ? marking information: see page 2 ? ordering information: see page 2 ? weight: to-220ab ? 2.1 grams (approximate) ito-220ab ? 1.9 grams (approximate) to-220ab package pin out configuration ito-220ab maximum ratings @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 60 v rms reverse voltage v r(rms) 42 v average rectified output current @ t c = 110oc i o 10 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 150 a peak repetitive reverse surge current (2us-1khz) i rrm 3 a thermal characteristics characteristic symbol value unit maximum thermal resistance (per leg) package = to-220ab package = ito-220ab r jc 2 4 oc/w operating and storage temperature range t j , t stg -65 to +150 oc electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage (note 1) v (br)r 60 - - v i r = 0.5ma forward voltage drop v f - - 0.39 - 0.48 0.42 0.62 v i f = 5a, t j = 25oc i f = 5a, t j = 125oc i f = 10a, t j = 25oc leakage current (note 1) i r - - 0.5 100 ma v r = 60v, t j = 25oc v r = 60v, t j = 125oc notes: 1. short duration pulse test used to minimize self-heating effect. 2. rohs revision 13.2.2003. high tem perature solder exemption applied, see eu directive annex note 7. g istered trademark of diodes incor p orated.
sbr10u60ct sbr10u60ctfp sbr10u60 document number: ds30952 rev. 4 - 2 2 of 3 www.diodes.com march 2008 ? diodes incorporated new product sbr is a re 0 1 2 3 4 5 0 25 50 75 100 125 150 t c , case temperature (c) i f(ave) , average forward current (a) 0.1 1 10 100 0.00 0.10 0.20 0.30 0.40 0.50 0.60 0.70 v f , instantaneous forward voltage (v) i f , instantaneous forward current (a) t j =25c t j =125c t j =150c t j =75c figure 1: current derating curve, per element figur e 2: typical forward characteristics, per element 0.1 1 10 100 0 10 20 30 40 50 60 v r , instantaneous reverse voltage (v) i r , instantaneous reverse current (ma) t j =150c t j =25c t j =125c t j =75c figure 3: typical reverse characteristics, per element ordering information (note 3) part number case packaging sbr10u60ct to-220ab 50 pieces/tube sbr10u60ctfp ito-220ab 50 pieces/tube notes: 3. for packaging deta ils, go to our website at http://www.di odes.com/datasheets/ap02007.pdf . marking information yyww ab 10u60ctfp sbr 10u60ct yyww ab sbr sbr10u60ct = product type marking code a b = foundry and assembly code sbr10u60ctfp = product type marking code a b = foundry and assembly code yyww = date code marking yyww = date code marking yy = last two digits of year, ex: 06 = 2006 yy = last two digits of year, ex: 06 = 2006 ww = week (01-52) ww = week (01-52) g istered trademark of diodes incor p orated.
sbr10u60ct sbr10u60ctfp package outline dimensions to-220ab dim sbr10u60 document number: ds30952 rev. 4 - 2 3 of 3 www.diodes.com march 2008 ? diodes incorporated new product sbr is a re g istered trademark of diodes incor p orated. notes: 4. for product manufactured with date code 0733 (week 33, 2007) and newer, please refer to ito-220ab dimensions. for pr oduct manufactured prior to date code 0733, please refe r to ito-220ab alternate dimensions. important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the ri ghts of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products are represented on our website, harmless against all damages. life support diodes incorporated products are not authoriz ed for use as critical components in life support devices or systems without the e xpressed written approval of the president of diodes incorporated. min typ max a 3.56 - 4.82 a1 0.51 - 1.39 a2 2.04 - 2.92 b 0.39 0.81 1.01 c 0.356 - 0.61 d 14.22 - 16.51 d1 8.39 - 9.01 e 2.54 e1 5.08 e 9.66 - 10.66 h1 5.85 - 6.85 l 12.70 - 14.73 l1 - - 6.35 p 3.54 - 4.08 q 2.54 - 3.42 all dimensions in mm ito-220ab (note 4) dim 5 5 5 5 10 e q d d1 l1 3 x b1 3 x b 2 x e l ? p a a1 a2 c 123 a a1 c d e l b e1 b2 p h1 q l1 a2 e seating plane d1 123 min typ max a 4.50 4.70 4.90 a1 3.04 3.24 3.44 a2 2.56 2.76 2.96 b 0.50 0.60 0.75 b1 1.10 1.20 1.35 c 0.50 0.60 0.70 d 15.67 15.87 16.07 d1 8.99 9.19 9.39 e 2.54 e 9.91 10.11 10.31 l 9.45 9.75 10.05 l1 15.80 16.00 16.20 p 2.98 3.18 3.38 q 3.10 3.30 3.50 all dimensions in mm ito-220ab alternate (note 4) dim. min. max. a 4.30 4.70 a1 1.3 b 0.50 0.75 b1 1.10 1.35 b2 1.50 1.75 c 0.50 0.75 d 14.80 15.20 e 9.96 10.36 e 2.54 typ f 2.80 3.20 j1 2.50 2.90 l 12.80 13.60 l1 1.70 1.90 l2 1.90 2.10 ?p 3.50 typ q 2.70 typ all dimensions in mm e ?p q b1 l1 b2 l2 b e a f d l a1 j1 c not through holes 1 23 +


▲Up To Search▲   

 
Price & Availability of SBR10U60CT08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X