Part Number Hot Search : 
BZV62 K1299 8M07C 10180 BR103 KK431 MC13022 2N5786
Product Description
Full Text Search
 

To Download SBM3060VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 august 23,2013-rev.00 SBM3060VDC ultra low vf schottky rectifier voltage 60 volts 30 amperes features ? ultra low forward voltage drop, low power losses ? high efficiency operation ? lead free in comply with eu rohs 2011/65/eu directives mechanical data case : to-263/d 2 pak, plastic terminals : solderable per mil-std-750, method 2026 weight: 0.0514 ounces, 1.46 grams current maximum ratings(t a =25 o c unless otherwise noted) electrical characteristics(t a =25 o c unless otherwise noted) note : 1. mounted on infinite heatsink. parameter symbol value unit maximum repetitive peak reverse voltage v rrm 60 v maximum average forward rectified current per diode per device i f(av) 15 30 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode i fsm 250 a typical junction capacitance (v r =4v, f=1mhz) c j 650 pf typical thermal resistance per diode (note 1) r ? jc 3.5 o c/w operating junction temperature range t j -55 to + 150 o c storage temperature range t stg -55 to + 150 o c parameter symbol test conditions min. typ. max. unit breakdown voltage per diode v br i r =0.5ma 60 - - v instantaneous forward voltage per diode v f i f =3a i f =5a i f =15a t j =25 o c - - - 0.36 0.40 0.55 - - 0.59 v i f =3a i f =5a t j =125 o c - - 0.29 0.35 - - v reverse current per diode i r v r =42v - 30 - ? a v r =60v t j =25 o c t j =125 o c - - - 16 220 - ? a ma 0.409(10.4) 0.387(9.80) 0.110(2.8) 0.055(1.4) 0.039(1.0) 0.108(2.75) 0.092(2.35) 0.108(2.75) 0.092(2.35) 0.357(9.1) 0.335(8.5) 0.418(10.6) 0.378(9.60) 0.035(0.9)max. 0.189(4.8) 0.137(4.4) 0.055(1.4) 0.047(1.2) 0.026(0.7) 0.011(0.3) 0.236(6.0) 0.197(5.0)
page . 2 august 23,2013-rev.00 SBM3060VDC 0 2.5 5 7.5 10 12.5 15 17.5 0 25 50 75 100 125 150 t c , case temperature ( c) i f , forward current (a) per diode 0.01 0.1 1 10 100 20 30 40 50 60 70 80 90 100 i r , reverse current (ma) percent of rated peak reverse voltage (%) t j = 25 c t j = 75 c t j = 125 c t j = 150 c per diode fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 10000 11 01 0 0 c j , junction capacitance (pf) v r , reverse bias voltage (v) per diode 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 i f , forward current (a) v f , forward voltage (v) per diode t j = 125 c t j = 150 c t j = 25 c t j = 75 c
page . 3 august 23,2013-rev.00 SBM3060VDC mounting pad layout order information ? packing information t/r - 0.8k per 13" plastic reel
page . 4 august 23,2013-rev.00 SBM3060VDC part no_packing code_version SBM3060VDC_t0_00001 SBM3060VDC_t0_10001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 august 23,2013-rev.00 SBM3060VDC disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of SBM3060VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X