Part Number Hot Search : 
SG6859A 59101 4300T MP018 5DC24 AD827411 NJU7704 AD604AN
Product Description
Full Text Search
 

To Download SBM3045VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 june 18,2013-rev.00 SBM3045VDC ultra low vf schottky rectifier voltage 45 volts 30 amperes features ? ultra low forward voltage drop, low power losses ? high efficiency operation ? lead free in comply with eu rohs 2011/65/eu directives mechanical data case : d 2 pak molded plastic terminals : solderable per mil-std-750, method 2026 polarity : as marked weight: 0.0514 ounces, 1.46 grams. current maximum ratings(t a =25 o c unless otherwise noted) electrical characteristics(t a =25 o c unless otherwise noted) note : 1. mounted on infinite heatsink. parameter symbol value unit maximum repetitive peak reverse voltage v rrm 45 v maximum average forward rectified current per diode per device i f(av) 30 15 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode i fsm 300 a typical junction capacitance (v r =4v, f=1mhz) c j 1100 pf typical thermal resistance per diode (note 1) r ? jc 3.5 o c/w operating junction temperature range t j -55 to + 150 o c storage temperature range t stg -55 to + 150 o c parameter symbol test conditions min. typ. max. unit breakdown voltage per diode v br i r =0.5ma 45 - - v instantaneous forward voltage per diode v f i f =1a i f =5a i f =15a t j =25 o c - - - 0.28 0.35 0.44 - - 0.48 v i f =1a i f =5a i f =15a t j =125 o c - - - 0.17 0.27 0.4 - - - v reverse current per diode i r v r =36v t j =25 o c t j =125 o c - - 86 20 - - ? a ma v r =45v t j =25 o c t j =125 o c - - - 28 320 - ? a ma 0.409(10.4) 0.387(9.80) 0.110(2.8) 0.055(1.4) 0.039(1.0) 0.108(2.75) 0.092(2.35) 0.108(2.75) 0.092(2.35) 0.357(9.1) 0.335(8.5) 0.418(10.6) 0.378(9.60) 0.35(0.9)max. 0.189(4.8) 0.137(4.4) 0.055(1.4) 0.047(1.2) 0.026(0.7) 0.011(0.3) 0.236(6.0) 0.197(5.0)
page . 2 june 18,2013-rev.00 SBM3045VDC 0 2 4 6 8 10 12 14 16 0 25 50 75 100 125 150 t c , cas e t e m per atur e ( c) i f , f o r w ar d cur r ent ( a ) 0. 01 0. 1 1 10 100 10 20 30 40 50 60 70 80 90 100 i r , re v e rse cu rre n t (m a ) per c ent of rated peak rever s e voltage ( % ) t j = 2 5 c t j = 7 5 c t j = 125 c t j = 150 c fig.3 t y pical reverse characteristics fig.4 t y pical forw ard characteristics fig.1 forw a rd current derating curve fig.2 t y pical junction capacitance 1 10 100 1000 11 0 1 0 0 c j , j unc tion capac itanc e ( pf ) v r , rever s e bias voltage ( v ) 0. 1 1 10 100 0 0 .2 0 .4 0 .6 0 .8 i f , f o r w ar d cur r ent ( a ) v f , f or w ar d voltage ( v ) t j = 150 c t j = 125 c t j = 2 5 c t j = 7 5 c p er diode p er diode p er diode p er diode
page . 3 june 18,2013-rev.00 SBM3045VDC mounting pad layout order information ? packing information t/r - 0.8k per 13" plastic reel
page . 3 june 18,2013-rev.00 SBM3045VDC part no_packing code_version SBM3045VDC_r2_00001 SBM3045VDC_r2_10001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 4 june 18,2013-rev.00 SBM3045VDC disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of SBM3045VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X