Part Number Hot Search : 
LT241 8848ZE AD1380KD M52790FP 40N120 HZS12LA2 003DBGWP 11002
Product Description
Full Text Search
 

To Download RP107N321B-TR-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rp107x series output capacitor-less 200ma ldo no.ek-181-100119 200ma cmos ldo regulator the rp107x series are cmos-based ldo regulators featuring 200ma output. since the output capacitor and noise bypass capacitor are able to be reduced and the packages are small dfn(plp)1212-6, wlcsp-4-p5, and sc-88a, high density mounting on boards are possible. the input voltage (v in ) is as low as min.1.4v and the output voltage can be set from 1.0v. supply current is as low as 9.5 a compared to existing lines. the ce pin can switch the regulator to standby mode. features ? supply current (i ss ) typ. 9.5 a (i out =0ma) ? standby current (i standby ) typ. 0.1 a (in standby) ? dropout voltage (v dif ) typ. 0.27v (i out =200ma, v out =2.8v) ? ripple rejection (rr) typ. 60db (f=1khz, v out >2.5v) ? input voltage range (v in ) 1.4v to 5.25v ? output voltage range (v out ) 1.0v to 4.2v (internally fixed) ? output voltage accuracy 1% ? temp. coeff. of output voltage typ. 100ppm/ c ? line regulation typ. 0.02%/v ? fold-back protection circuit current limit typ. 50ma ? auto-discharge function d version ? packages wlcsp-4-p5, dfn(plp)1212-6, sc-88a, sot-23-5 block diagrams rp107xxxxb rp107xxxxd (without auto-discharge function) (with auto-discharge function) v dd gnd v out ce vref current limit v dd ce gnd v out vref current limit selection guides package quantity per reel part no. wlcsp-4-p5 5,000 pcs rp107z . xx . 1 . ? -tr-f dfn(plp)1212-6 5,000 pcs rp107k . xx . 1 . ? -tr sc-88a 3,000 pcs rp107q . xx . 2 . ? -tr-f sot-23-5 3,000 pcs rp107n . xx . 1 . ? -tr-f . xx . : specify the output voltage within the range 1.0v ( . 10 . ) to 4.2v ( . 42 . ) i in 0.1v steps. . ? : select from ( . b . ) without auto-discharge function or ( . d . ) with auto-discharge function packages (top view) t ypical characteristic wlcsp-4-p5 dfn(plp)1212-6 sc-88a sot-23-5 2 1 3 4 3 4 2 5 1 6 1 3 5 4 2 1 3 5 4 2 1 v dd 2 ce 3 gnd 4 v out 1 nc 2 gnd 3 ce 4 v dd 5 nc 6 v out 1 ce 2 nc 3 gnd 4 v out 5 v dd 1 v dd 2 gnd 3 ce 4 nc 5 v out rp107x30xx dropout voltage vs. output current 85 c 25 c -40 c 0 350 300 200 100 250 150 50 0 100 150 50 200 output current i out (ma) dropout voltage v dif (mv) applications ? power source for hand-held communication equipment, camera and vcrs ? power source for home appliances ? power source for battery-powered equipment


▲Up To Search▲   

 
Price & Availability of RP107N321B-TR-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X