Part Number Hot Search : 
SMAJ550 HCT2G C1213 045STRL 2SC3621 ESAC33C KBP206 33SPA080
Product Description
Full Text Search
 

To Download RCH-664NP160LB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 6 1 7 power inductors < pin t ype > pin t ype outline they are small size ?6, ?8, ?10, ?12, ?13, ?16 series high power inductors which are used for switching power supply with high reliability, high efficiency and saturation. each series has a magnetically shielded type to prevent noise radiation. ?6 series dimensions (mm) constructio n rch-654 ( 1.0 h - 1.0mh ) dimensions (mm) constructio n rch-664 ( 1.0 h - 1.0mh ) dimensions (mm) constructio n rcr-664d ( 2.7 h - 1.0mh ) 4.0 max. 5.0 max. ?6.5 4.0 ?0.5 max. 6.5 4.0 max. ?6.5 4.0 ?0.5 max. 6.5 4.0 max. ?6.5 4.0 ?0.5 power inductors < pin t ype > type : rch-654, rch-664, rcr-664d parts no. l (h) rch-654 rch-664 rcr-664d d.c.r.( ? ) : max. rated current (a) *1 d.c.r.( ? ) : max. rated current (a) *1 measuring freq. (l) rch-654 rch-664 rcr-664d 1.0 h C 8.2 h (7.96mhz), 10 h C 82 h (2.52mhz), 100 h C 1.0mh (1khz) 1.0 h C 10 h (7.96mhz), 11 h C 82 h (2.52mhz), 100 h C 1.0mh (1khz) 2.7 h C 8.2 h (7.96mhz), 10 h C 82 h (2.52mhz), 100 h C 1.0mh (1khz) t olerance of inductance rch-654 rch-664 rcr-664d 1.0 h C 10 h 20% (m), 12 h C 1.0mh 10% (k) 1.0 h C 10 h 20% (m), 11 h C 18 h 15% (l), 22 h C 1.0mh 10% (k) 2.7 h C 8.2 h 20% (m), 10 h C 47 h 15% (l), 56 h C 1.0mh 10% (k) d.c.r.( ? ) : max. rated current (a) *1 1r0 1r3 1r5 1r7 2r0 2r2 2r5 2r7 3r3 3r9 4r7 5r5 5r6 6r2 6r3 6r8 7r2 8r1 8r2 9r1 100 110 120 130 140 150 160 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 1.0 1.3 1.5 1.7 2.0 2.2 2.5 2.7 3.3 3.9 4.7 5.5 5.6 6.2 6.3 6.8 7.2 8.1 8.2 9.1 10 11 12 13 14 15 16 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1.0m 29m 34m 39m 43m 48m 55m 60m 66m 72m 78m 85m 91m 100m 120m 130m 180m 210m 270m 290m 340m 420m 480m 550m 680m 770m 950m 1.15 1.30 1.55 2.18 2.47 2.92 3.97 4.57 5.28 7.06 3.00 2.85 2.48 2.21 1.98 1.83 1.74 1.53 1.44 1.35 1.26 1.20 1.05 980m 930m 900m 810m 740m 680m 620m 570m 510m 470m 420m 390m 350m 320m 290m 260m 230m 210m 200m 180m 160m 150m 130m 18.3m 20.6m 22.8m 25.5m 28.2m 30.8m 33.4m 36.4m 39.5m 43.0m 46.2m 49.8m 53.2m 56.6m 59.6m 63.0m 66.7m 70.1m 74.4m 78.8m 83.9m 110m 140m 170m 190m 230m 260m 280m 390m 430m 540m 640m 740m 960m 1.12 1.48 1.66 1.91 2.31 2.67 3.10 4.45 4.00 3.70 3.52 3.20 3.00 2.83 2.63 2.43 2.30 2.14 2.09 1.99 1.86 1.75 1.64 1.52 1.48 1.44 1.40 1.33 1.30 1.27 1.14 1.03 950m 870m 800m 720m 660m 590m 540m 480m 440m 400m 360m 330m 300m 270m 250m 230m 210m 190m 42m 47m 50m 56m 62m 66m 71m 81m 91m 104m 116m 130m 180m 210m 260m 290m 330m 360m 390m 540m 620m 720m 880m 990m 1.52 1.69 1.85 2.85 3.21 3.60 4.87 5.56 2.42 2.13 2.00 1.90 1.81 1.62 1.47 1.33 1.18 1.12 1.00 960m 870m 780m 720m 660m 600m 550m 500m 450m 410m 370m 340m 300m 270m 250m 230m 210m 190m 170m 160m 140m rated current *1 it is either the inductance is 10% lower than its initial value in d.c. saturation characteristics or temperature raise bec omes ? t=40 c (t a=20 c), whichever is lower . about lead-free products ~ lead-free products are now available for sale ~ to order a lead-free product, please add " np " after the product type e.g. ordering code of lead product : t ype name-   ordering code of lead-free product : t ype name np  ordering code rch-654 - : parts no . : t olerance of inductance k (10% ) l (15% ) m (20% ) : packing b (box)
1 6 1 7 power inductors < pin t ype > pin t ype outline they are small size ?6, ?8, ?10, ?12, ?13, ?16 series high power inductors which are used for switching power supply with high reliability, high efficiency and saturation. each series has a magnetically shielded type to prevent noise radiation. ?6 series dimensions (mm) constructio n rch-654 ( 1.0 h - 1.0mh ) dimensions (mm) constructio n rch-664 ( 1.0 h - 1.0mh ) dimensions (mm) constructio n rcr-664d ( 2.7 h - 1.0mh ) 4.0 max. 5.0 max. ?6.5 4.0 ?0.5 max. 6.5 4.0 max. ?6.5 4.0 ?0.5 max. 6.5 4.0 max. ?6.5 4.0 ?0.5 power inductors < pin t ype > type : rch-654, rch-664, rcr-664d parts no. l (h) rch-654 rch-664 rcr-664d d.c.r.( ? ) : max. rated current (a) *1 d.c.r.( ? ) : max. rated current (a) *1 measuring freq. (l) rch-654 rch-664 rcr-664d 1.0 h C 8.2 h (7.96mhz), 10 h C 82 h (2.52mhz), 100 h C 1.0mh (1khz) 1.0 h C 10 h (7.96mhz), 11 h C 82 h (2.52mhz), 100 h C 1.0mh (1khz) 2.7 h C 8.2 h (7.96mhz), 10 h C 82 h (2.52mhz), 100 h C 1.0mh (1khz) t olerance of inductance rch-654 rch-664 rcr-664d 1.0 h C 10 h 20% (m), 12 h C 1.0mh 10% (k) 1.0 h C 10 h 20% (m), 11 h C 18 h 15% (l), 22 h C 1.0mh 10% (k) 2.7 h C 8.2 h 20% (m), 10 h C 47 h 15% (l), 56 h C 1.0mh 10% (k) d.c.r.( ? ) : max. rated current (a) *1 1r0 1r3 1r5 1r7 2r0 2r2 2r5 2r7 3r3 3r9 4r7 5r5 5r6 6r2 6r3 6r8 7r2 8r1 8r2 9r1 100 110 120 130 140 150 160 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 1.0 1.3 1.5 1.7 2.0 2.2 2.5 2.7 3.3 3.9 4.7 5.5 5.6 6.2 6.3 6.8 7.2 8.1 8.2 9.1 10 11 12 13 14 15 16 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1.0m 29m 34m 39m 43m 48m 55m 60m 66m 72m 78m 85m 91m 100m 120m 130m 180m 210m 270m 290m 340m 420m 480m 550m 680m 770m 950m 1.15 1.30 1.55 2.18 2.47 2.92 3.97 4.57 5.28 7.06 3.00 2.85 2.48 2.21 1.98 1.83 1.74 1.53 1.44 1.35 1.26 1.20 1.05 980m 930m 900m 810m 740m 680m 620m 570m 510m 470m 420m 390m 350m 320m 290m 260m 230m 210m 200m 180m 160m 150m 130m 18.3m 20.6m 22.8m 25.5m 28.2m 30.8m 33.4m 36.4m 39.5m 43.0m 46.2m 49.8m 53.2m 56.6m 59.6m 63.0m 66.7m 70.1m 74.4m 78.8m 83.9m 110m 140m 170m 190m 230m 260m 280m 390m 430m 540m 640m 740m 960m 1.12 1.48 1.66 1.91 2.31 2.67 3.10 4.45 4.00 3.70 3.52 3.20 3.00 2.83 2.63 2.43 2.30 2.14 2.09 1.99 1.86 1.75 1.64 1.52 1.48 1.44 1.40 1.33 1.30 1.27 1.14 1.03 950m 870m 800m 720m 660m 590m 540m 480m 440m 400m 360m 330m 300m 270m 250m 230m 210m 190m 42m 47m 50m 56m 62m 66m 71m 81m 91m 104m 116m 130m 180m 210m 260m 290m 330m 360m 390m 540m 620m 720m 880m 990m 1.52 1.69 1.85 2.85 3.21 3.60 4.87 5.56 2.42 2.13 2.00 1.90 1.81 1.62 1.47 1.33 1.18 1.12 1.00 960m 870m 780m 720m 660m 600m 550m 500m 450m 410m 370m 340m 300m 270m 250m 230m 210m 190m 170m 160m 140m rated current *1 it is either the inductance is 10% lower than its initial value in d.c. saturation characteristics or temperature raise bec omes ? t=40 c (t a=20 c), whichever is lower . about lead-free products ~ lead-free products are now available for sale ~ to order a lead-free product, please add " np " after the product type e.g. ordering code of lead product : t ype name-   ordering code of lead-free product : t ype name np  ordering code rch-654 - : parts no . : t olerance of inductance k (10% ) l (15% ) m (20% ) : packing b (box)


▲Up To Search▲   

 
Price & Availability of RCH-664NP160LB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X