Part Number Hot Search : 
MDS727 OSM5DK PFRA1100 SBE806 JDV2S07S 1021A 472E3 1021A
Product Description
Full Text Search
 

To Download PE15A1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 pe151003 is a x-band coaxial low noise amplifer operating in the 8 to 12 ghz frequency range. the amplifer offers 2.2 db noise fgure, 13 dbm minimum of saturated power and high 38 db minimal small signal gain with the excellent gain fatness of 1.0db max. this exceptional technical performance is achieved through the use of hybrid mic design and advanced gaas phemt devices. the low noise amplifer requires typically a +12v dc power supply. the connectorized sma module is unconditionally stable and includes built-in voltage regulation, bias sequencing, and reverse bias protection for added reliability. the amplifer operates over the temperature range of -40c and +85c. features ? 8 ghz to 12 ghz frequency range ? psat: 13 dbm min ? high small signal gain: 38 db ? gain flatness: 1.0 db max ? noise figure: 2.2 db ? 50 ohms input and output matched ? -40 to 85c operating temperature ? unconditionally stable ? regulated supply & bias sequencing ? hermetically sealed module ? overvoltage external protection applications ? laboratory applications ? r&d labs ? radar systems ? t elecom infrastructure ? t est instrumentation ? military & space ? communication systems ? microwave radio systems ? satellite communications ? low noise amplifer ? general purpose amplifcation ? gain block electrical specifcations (ta = +25c, dc voltage = 12volts, dc current = 250ma) description minimum t ypical maximum units frequency range 8 12 ghz small signal gain 38 db minimum psat +13 dbm noise figure 2.2 db input vswr 2:1 output vswr 2:1 operating dc voltage 1 1 12 13 v olts operating dc current 250 ma operating temperature range -40 +85 c . . 65 2.2 db nf, 20 mw, 8 ghz to 12 ghz, low noise amplifer, 38 db gain, sma PE15A1003 PE15A1003 PE15A1003 rev 1.0 2.2 db nf, 20 mw, 8 ghz to 12 ghz, low noise amplifer, 38 db gain, sma technical data sheet
2 absolute maximum rating parameter rating units source voltage +15 volts rf input power +17 dbm operating temperature (base-plate) -40 to +85 c storage temperature -55 to +85 c . esd sensitive material, transport material in approved esd bags. handle only in approved esd workstation. compliance certifcations (visit www.pasternack.com for current document) rohs compliant plotted and other data notes: ? values at +25 c, sea level ? esd sensitive material, transport material in approved esd bags. handle only in approved esd workstation. PE15A1003 rev 1.0 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 2.2 db nf, 20 mw, 8 ghz to 12 ghz, low noise amplifer, 38 db gain, sma PE15A1003 2.2 db nf, 20 mw, 8 ghz to 12 ghz, low noise amplifer, 38 db gain, sma technical data sheet
3 power data db db -30 -20 -10 0 10 20 30 40 50 8 8.2 8.5 8.6 8.8 9 9.2 9.4 9.5 9.8 10 10.2 10.5 10.6 10.8 11 11.2 11.4 11.5 11.8 12 freq.(ghz) gain, input return loss and output return loss gain(db) 25 c in_return loss(db) out_return loss(db) 0 5 10 15 20 25 30 35 40 45 50 8 8.2 8.5 8.6 8.8 9 9.2 9.4 9.5 9.8 10 10.2 10.5 10.6 10.8 11 11.2 11.4 11.5 11.8 12 freq.(ghz) gain vs temperature gain(db) 25 c gain(db) 85 c gain(db) -40 c PE15A1003 35 pe5eep 116 3 1 16 technical data sheet
4 PE15A1003 2.2 db nf, 20 mw, 8 ghz to 12 ghz, low noise amplifer, 38 db gain, sma PE15A1003 rev 1.0 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 2.2 db nf, 20 mw, 8 ghz to 12 ghz, low noise amplifer, 38 db gain, sma PE15A1003 db dbm 0 5 10 15 20 25 30 8 8.2 8.5 8.6 8.8 9 9.2 9.4 9.5 9.8 10 10.2 10.5 10.6 10.8 11 11.2 11.4 11.5 11.8 12 freq.(ghz) psat vs temperature psat 85 c psat 25 c 0 0.5 1 1.5 2 2.5 3 3.5 4 8 8.2 8.5 8.6 8.8 9 9.2 9.4 9.5 9.8 10 10.2 10.5 10.6 10.8 11 11.2 11.4 11.5 11.8 12 freq.(ghz) nf vs temperature nf(db) 25 c nf(db) 85 c technical data sheet
5 PE15A1003 2.2 db nf, 20 mw, 8 ghz to 12 ghz, low noise amplifer, 38 db gain, sma PE15A1003 rev 1.0 2.2 db nf, 20 mw, 8 ghz to 12 ghz, low noise amplifer, 38 db gain, sma from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 2.2 db nf, 20 mw, 8 ghz to 12 ghz, low noise amplifer, 38 db gain, sma PE15A1003 url: http://www.pasternack.com/2.2-db-12-ghz-low-noise-amplifer-38-db-gain-sma-PE15A1003-p.aspx technical data sheet
6 ? 2014 pasternack enterprises all rights reserved PE15A1003 rev 1.0 2.2 db nf, 20 mw, 8 ghz to 12 ghz, low noise amplifer, 38 db gain, sma PE15A1003 cad drawing


▲Up To Search▲   

 
Price & Availability of PE15A1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X