Part Number Hot Search : 
74AVC N82005MT PEB3268 CXXXW 74LS17 VW6754 C3216X5R IRG4P
Product Description
Full Text Search
 

To Download PE15A1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 PE15A1001 is a s-band coaxial low noise amplifer operating in the 2 to 4 ghz frequency range. the amplifer offers 2 db noise fgure, 13 dbm minimum of saturated power and high 38 db minimal small signal gain with the excellent gain fatness of 1.0db max. this technical performance is achieved through the use of hybrid mic design and advanced gaas phemt devices. the low noise amplifer requires typically a +12v dc power supply. the connectorized sma module is unconditionally stable and includes built-in voltage regulation, bias sequencing, and reverse bias protection for added reliability. the amplifer operates over the temperature range of -40c and +85c. features ? 2 ghz to 4 ghz frequency range ? psat: 13 dbm min ? high small signal gain: 38 db ? gain flatness: 1.0 db max ? noise figure: 2 db ? 50 ohm input and output matched ? -40 to 85c operating temperature ? unconditionally stable ? regulated supply & bias sequencing ? hermetically sealed module ? overvoltage external protection for easy repair applications ? laboratory applications ? r&d labs ? radar systems ? t elecom infrastructure ? t est instrumentation ? military & space ? communication systems ? wireless communications ? satellite communications ? microwave radio systems ? low noise amplifer ? general purpose amplifcation ? gain block electrical specifcations (ta = +25c, dc voltage = 12volts, dc current = 200ma) description minimum t ypical maximum units frequency range 2 4 ghz small signal gain 38 db gain flatness 1 db minimum psat +13 dbm noise figure 2 db input vswr 2:1 output vswr 2:1 operating dc voltage 1 1 12 13 v olts operating dc current 200 ma operating temperature range -40 +85 c . . pe65eep 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma PE15A1001 PE15A1001 PE15A1001 rev 1.0 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma technical data sheet
2 absolute maximum rating parameter rating units source voltage +15 volts rf input power +17 dbm operating temperature (base-plate) -40 to +85 c storage temperature -55 to +85 c . esd sensitive material, transport material in approved esd bags. handle only in approved esd workstation. compliance certifcations (visit www.pasternack.com for current document) rohs compliant plotted and other data notes: ? values at +25 c, sea level ? esd sensitive material, transport material in approved esd bags. handle only in approved esd workstation. PE15A1001 rev 1.0 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma PE15A1001 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma technical data sheet
3 power data db db -30 -20 -10 0 10 20 30 40 50 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4 freq.(ghz) gain, input return loss and output return loss gain(db) 25 c in_return loss(db) out_return loss(db) 0 5 10 15 20 25 30 35 40 45 50 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4 freq.(ghz) gain vs temperature gain(db) 25 c gain(db) 85 c gain(db) -40 c PE15A1001 PE15A1001 rev 1.0 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma PE15A1001 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma technical data sheet
4 PE15A1001 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma PE15A1001 rev 1.0 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma PE15A1001 db dbm 0 5 10 15 20 25 30 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4 freq.(ghz) psat vs temperature psat 85 c psat 25 c 0 0.5 1 1.5 2 2.5 3 3.5 4 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4 freq.(ghz) nf vs temperature nf(db) 25 c nf(db) 85 c technical data sheet
5 PE15A1001 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma PE15A1001 rev 1.0 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma PE15A1001 url: http://www.pasternack.com/2-db-4-ghz-low-noise-amplifer-38-db-gain-sma-PE15A1001-p.aspx technical data sheet
6 ? 2014 pasternack enterprises all rights reserved PE15A1001 rev 1.0 2 db nf, 20 mw, 2 ghz to 4 ghz, low noise amplifer, 38 db gain, sma PE15A1001 cad drawing


▲Up To Search▲   

 
Price & Availability of PE15A1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X