Part Number Hot Search : 
XXXCA AKD4631 60N03S L188E KAQY210 W49V002T M8400 EPB025A
Product Description
Full Text Search
 

To Download MURA240T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  300v-400v 2.0a 1 of 3 web site: www.taychipst.com features e-mail: sales@taychipst.com maximum ratings and electrical characteristics m e c h a n i c a l d a t a ? small compact surface mountable package with j?bend leads ? rectangular package for automated handling ? high temperature glass passivated junction ? low forward voltage drop (0.74 v max @ 2.0 a, t j = 150 c) ? pb?free packages are available ? case: epoxy, molded ? weight: 70 mg (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds ? polarity: polarity band indicates cathode lead ? esd protection: human body model > 4000 v (class 3) machine model > 400 v (class c) surface mount ultrafast power rectifiers maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage mura230t3 MURA240T3 v rrm v rwm v r 300 400 v average rectified forward current @ t l = 150 c @ t l = 125 c i f(av) 1.0 2.0 a non-repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 35 a operating junction temperature range t j ?65 to +175 c thermal characteristics characteristic symbol value unit thermal resistance, junction?to?lead (t l = 25 c) (note 1) thermal resistance, junction?to?ambient (note 1) psi jl (note 2) r  ja 24 216 c/w 1. rating applies when surface mounted on the minimum pad size recommended, pc board fr?4. 2. in compliance with jedec 51, these values (historically represented by r  jl ) are now referenced as psi jl . electrical characteristics characteristic symbol max unit maximum instantaneous forward voltage (note 3) (i f = 2.0 a, t j = 25 c) (i f = 2.0 a, t j = 150 c) v f 1.30 1.05 v maximum instantaneous reverse current (note 3) (rated dc voltage, t j = 25 c) (rated dc voltage, t j = 150 c) i r 5.0 150  a maximum reverse recovery time (i f = 1.0 a, di/dt = 50 a/  s) t rr 65 ns 3. pulse test: pulse width = 300  s, duty cycle  2.0%. mura230t3, MURA240T3
ratings and characteristic curves mura230t3,MURA240T3 2 of 3 e-mail: sales@taychipst.com web site: www.taychipst.com surface mount ultrafast power rectifiers 300v-400v 2.0a mura230t3, MURA240T3 10 0.1 250 200 150 100 400 v r , reverse voltage (volts) v f , instantaneous voltage (volts) figure 1. typical reverse current figure 2. maximum reverse current figure 3. typical forward voltage figure 4. maximum forward voltage 0.01 1 100 50 i r , reverse current (  a) 0.7 0.6 0.5 0.4 0.8 0.01 10 0.3 1 0.1 1 0.9 1.4 i f , instantaneous forward current (a) 100 1 250 200 150 100 40 0 v r , reverse voltage (volts) v f , instantaneous voltage (volts) 10 1000 50 i r , reverse current (  a) 0.7 0.6 0.5 0.8 0.01 10 1 0.1 1 0.9 1. 5 i f , instantaneous forward current (a) t j = 175 c t j = 100 c t j = 25 c t j = 175 c t j = 100 c t j = 25 c t c = 175 c 100 c 25 c t c = 175 c 100 c 25 c 300 350 350 300 1.1 1.2 1.3 1.1 1.2 1.3 1.4
3 of 3 e-mail: sales@taychipst.com web site: www.taychipst.com surface mount ultrafast power rectifiers dc 40 20 32 24 16 0 840 v r , reverse voltage (volts) t l , lead temperature ( c) figure 5. typical capacitance figure 6. maximum capacitance figure 7. current derating, lead figure 8. current derating, ambient (fr?4 board with minimum pad) 10 30 50 0 150 140 130 0 4 100 1 0.5 170 160 180 i f(av) , average forward current (a) 40 0 v r , reverse voltage (volts) t a , ambient temperature ( c) 20 60 80 60 40 20 100 0 0 1 0.5 140 120 i f , average forward current (a) figure 9. power dissipation 1.5 0 2 1.5 1 0.5 3.5 i f(av) , average forward current (amps) 0.5 2.5 0 28 20 12 436 35 15 5 25 45 c, capacitance (pf) 32 24 16 840 028 20 12 436 50 10 30 c, capacitance (pf) 2 1.5 3 2.5 3.5 p f , average power dissipation (w) 1 160 1.5 note: typical capacitance at 0 v = 45 pf note: maximum capacitance at 0 v = 48 pf r  jl = 24 c/w t j = 175 c dc square wave t j = 175 c dc square wave r  ja = 216 c/w t j = 175 c square wave 120 110 2 2.5 3 300v-400v 2.0a mura230t3, MURA240T3


▲Up To Search▲   

 
Price & Availability of MURA240T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X