Part Number Hot Search : 
D2425DE TEW4974 227M00 AK4707EQ 472ML MBR2035 221MR OC22E5A
Product Description
Full Text Search
 

To Download MTN4003N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c567n3 issued date : 2012.07.24 revised date : page no. : 1/8 MTN4003N3 cystek product specification 30v n-channel enhancement mode mosfet MTN4003N3 bv dss 30v i d 1.3a r dson @v gs =10v, i d =500ma 305m (typ) r dson @v gs =4v, i d =100ma 450m (typ) r dson @v gs =2.5v, i d =100ma 810m (typ) features ? simple drive requirement ? small package outline ? pb-free package symbol outline absolute maximum ratings (ta=25 c) parameter symbol limits unit drain-source voltage v ds 30 gate-source voltage v gs 20 v continuous drain current @ t a =25 c , v gs =4v 1.3 continuous drain current @ t a =70 c, v gs =4v i d 1.0 pulsed drain current (notes 1, 2) i dm 3 a p d 1.38 (note 3) w maximum power dissipation@ t a =25 linear derating factor 0.01 w/ c esd susceptibility 1000 (note 4) v operating junction and storage temperature tj, tstg -55~+150 c note : 1. pulse width limited by maximum junction temperature. 2. pulse width 300 s, duty cycle 2%. 3. surface mounted on 1 in2 copper pad of fr-4 board, t 5s. 4. human body model, 1.5k in series with 100pf. MTN4003N3 sot-23 g gate s source d drain g s d
cystech electronics corp. spec. no. : c567n3 issued date : 2012.07.24 revised date : page no. : 2/8 MTN4003N3 cystek product specification thermal performance parameter symbol limit unit thermal resistance, j unction-to-ambient(pcb mounted) rth,ja 90 c/w note : surface mounted on 1 in2 copper pad of fr-4 board, t 5s; 270 c/w when mounted on minimum copper pad. electrical characteristics (tj=25 c, unless otherwise noted) symbol min. typ. max. unit test conditions static bv dss 30 - - v v gs =0, i d =250 a v gs(th) 1.0 1.3 1.8 v v ds =v gs , i d =250 a i gss - - 10 v gs = 20v, v ds =0 - - 1 v ds =30v, v gs =0 i dss - - 10 a v ds =24v, v gs =0 (tj=70 c) - 305 450 v gs =10v, i d =500ma - 450 600 v gs =4v, i d =100ma *r ds(on) - 810 1000 m v gs =2.5v, i d =100ma *g fs - 435 - ms v ds =10v, i d =100ma dynamic ciss - 43 - coss - 13 - crss - 8 - pf v ds =5v, v gs =0, f=1mhz t d(on) - 22 - t r - 26 - t d(off) - 72 - t f - 55 - ns v ds =5v, i d =100ma, v gs =4.5v, r g =50 qg - 1.34 - qgs - 0.1 - qgd - 0.57 - nc v ds =24v, i d =100ma, v gs =5v source-drain diode *v sd - 0.74 1.2 v v gs =0v, i s =100ma *pulse test : pulse width 300 s, duty cycle 2% ordering information device package shipping marking MTN4003N3 sot-23 (pb-free) 3000 pcs / tape & reel 4003
cystech electronics corp. spec. no. : c567n3 issued date : 2012.07.24 revised date : page no. : 3/8 MTN4003N3 cystek product specification typical characteristics typical output characteristics 0.0 0.5 1.0 1.5 2.0 2.5 3.0 00.511 .5 2 v ds , drain-source voltage(v) i d , drain current (a) 10v 9v 8v 7v 6v v gs =2.5v v gs =1.8v v gs =2v v gs =3v 5v 4.5v 4v 3.5v brekdown voltage vs ambient temperature 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v static drain-source on-state resistance vs drain current 0 200 400 600 800 1000 1200 1400 1600 1800 2000 0.001 0.01 0.1 1 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =4v v gs =2v v gs =10v reverse drain current vs source-drain voltage 0 0.2 0.4 0.6 0.8 1 0 0.2 0.4 0.6 0.8 1 i dr , reverse drain current (a) v sd , source-drain voltage(v) tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 100 200 300 400 500 600 700 800 900 1000 024681 0 drain-source on-state resistance vs junction tempearture 0.6 0.8 1 1.2 1.4 1.6 1.8 2 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds( on) , normalized static drain- source on-state resistance v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) v gs =4v, i d =100ma i d =500ma v gs =2.5v, i d =100ma i d =100ma v gs =10v, i d =500ma
cystech electronics corp. spec. no. : c567n3 issued date : 2012.07.24 revised date : page no. : 4/8 MTN4003N3 cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 1 10 100 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 -60 -40 -20 0 20 40 60 80 100 120 140 160 tj, junction temperature(c) v gs( th) , normalized threshold voltage i d =250 a gate charge characteristics 0 1 2 3 4 5 0 0.2 0.4 0.6 0.8 1 1.2 1.4 qg, total gate charge(nc) v gs , gate-source voltage(v) v ds =24v i d =0.1a forward transfer admittance vs drain current 0.01 0.1 1 10 0.001 0.01 0.1 1 i d , drain current(a) g fs , forward transfer admittance(s) ta=25c pulsed v ds =10v v d s =5v maximum safe operating area 0.001 0.01 0.1 1 10 0.01 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current (a) dc 10ms 100ms 1ms 100 s t a =25c, tj=150c, v gs =4v, r ja =90c/w single pulse 1s maximum drain current vs junctiontemperature 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 25 50 75 100 125 150 175 tj, junction temperature(c) i d , maximum drain current(a) t a =25c, v gs =4v, r ja =90c/w
cystech electronics corp. spec. no. : c567n3 issued date : 2012.07.24 revised date : page no. : 5/8 MTN4003N3 cystek product specification typical characteristics(cont.) typical transfer characteristics 0.01 0.1 1 10 100 1000 0 0.5 1 1.5 2 2.5 3 v gs , gate-source voltage(v) i d , drain current (ma) v ds =10v 150c 25c, 0c -40c power derating curve 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 0 20 40 60 80 100 120 140 160 t a , ambient temperature() p d , power dissipation(w) mounted on fr-4 board transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 t 1 , square wave pulse duration(s) normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *z ja (t) 4.r ja =90 c/w
cystech electronics corp. spec. no. : c567n3 issued date : 2012.07.24 revised date : page no. : 6/8 MTN4003N3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c567n3 issued date : 2012.07.24 revised date : page no. : 7/8 MTN4003N3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c567n3 issued date : 2012.07.24 revised date : page no. : 8/8 MTN4003N3 cystek product specification sot-23 dimension *: typical h j k d a l g v c b 3 2 1 s style: pin 1.gate 2.source 3.drain marking: te 3-lead sot-23 plastic surface mounted package cystek package code: n3 4003 inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1102 0.1204 2.80 3.04 j 0.0032 0.0079 0.08 0.20 b 0.0472 0.0669 1.20 1.70 k 0.0118 0.0266 0.30 0.67 c 0.0335 0.0512 0.89 1.30 l 0.0335 0.0453 0.85 1.15 d 0.0118 0.0197 0.30 0.50 s 0.0830 0.1161 2.10 2.95 g 0.0669 0.0910 1.70 2.30 v 0.0098 0.0256 0.25 0.65 h 0.0000 0.0040 0.00 0.10 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTN4003N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X