Part Number Hot Search : 
0BUTI 1N514 2N4953 67BGC 2SC2958K 0A120 AL1692 45984
Product Description
Full Text Search
 

To Download MTDN1034C6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c833c6 issued date : 2012.08.07 revised date : 2013.08.27 page no. : 1/ 8 MTDN1034C6 cystek product specification n-channel mosfet (dual transistors) MTDN1034C6 features ? high speed switching ? low-voltage drive(1.5v) ? easily designed drive circuits ? easy to use in parallel ? pb-free package equivalent circuit outline the following characteristics apply to both tr1 and tr2 absolute maximum ratings (ta=25 c, unless otherwise specified) parameter symbol limits unit drain-source voltage v dss 30 v gate-source voltage v gss 8 v continuous drain current @ v gs =4.5v, t a =25 c 0.3 continuous drain current @ v gs =4.5v, t a =85 c i d 0.22 pulsed drain current i dm 1.6 (note 1) a power dissipation pd 150 (note 2) mw operating junction temperature range tj -55~+150 c storage temperature range tstg -55~+150 c note : 1. pulse test, pulse width 300 s, duty 2% 2 . 120mw per element mu st not be exceeded . sot-563 d1 g2 s2 s1 g1 d2 bv dss 30v i d 0.3a v gs =4.5v, i d =200ma 0.85 1.23 v gs =2.5v, i d =175ma MTDN1034C6 tr1 tr2 v gs =1.8v, i d =150ma 1.8 r dson(typ) v gs =1.5v, i d =40ma 2.3
cystech electronics corp. spec. no. : c833c6 issued date : 2012.08.07 revised date : 2013.08.27 page no. : 2/ 8 MTDN1034C6 cystek product specification electrical characteristics (ta=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss* 30 - - v v gs =0, i d =10 a v gs(th) 0.5 0.78 1.1 v v ds =v gs , i d =250 a i gss - - 1 a v gs =8v, v ds =0 i dss - - 100 na v ds =30v, v gs =0 - 0.85 1.5 v gs =4.5v, i d =200ma - 1.23 3 v gs =2.5v, i d =175ma - 1.8 4 v gs =1.8v, i d =150ma r ds(on)* - 2.3 5 v gs =1.5v, i d =40ma g fs - 460 - ms v ds =10v, i d =200ma dynamic c iss - 33.5 - c oss - 6.1 - c rss - 2.5 - pf v ds =15v, v gs =0, f=1mhz qg - 495 - qgs - 49 - qgd - 175 - pc v ds =15v, i d =300ma, v gs =4.5v t d(on) - - 50 t r - - 25 t d(off) - - 50 t f - - 25 ns v dd =15v, i d =200ma, v gs =4.5v, r g =10 source-drain diode i s - - 0.3 i sm - - 2 a v sd - 0.81 1 v i s =150ma, v gs =0v *pulse test : pulse width 300 s, duty cycle 2% ordering information device package shipping marking MTDN1034C6 sot-563 (pb-free and halogen-free package) 3000 pcs / tape & reel kl
cystech electronics corp. spec. no. : c833c6 issued date : 2012.08.07 revised date : 2013.08.27 page no. : 3/ 8 MTDN1034C6 cystek product specification typical characteristics typical output characteristics 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 012345 v ds , drain-source voltage(v) i d , drain current (a) 2.5v v gs =1.5v 2v 3v 3.5v 4v 5.5, 5v, 4.5v brekdown voltage vs ambient temperature 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v static drain-source on-state resistance vs drain current 0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6 4 0.01 0.1 1 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =4.5v v gs =2.5v v gs =1.8v reverse drain current vs source-drain voltage 0 0.2 0.4 0.6 0.8 1 0 0.2 0.4 0.6 0.8 1 i dr , reverse drain current (a) v sd , source-drain voltage(v) tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 0.5 1 1.5 2 2.5 3 3.5 4 012345678910 v gs , gate-source voltage(v) r ds( on) , static drain-source on- state resistance(m) i d =220ma i d =190ma i d =100ma i d =50ma drain-source on-state resistance vs junction tempearture 0.6 0.8 1 1.2 1.4 1.6 1.8 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds( on) , normalized static drain- source on-state resistance v gs =2.7v, i d =190ma v gs =2.5v, i d =50ma v gs =4.5v, i d =220ma
cystech electronics corp. spec. no. : c833c6 issued date : 2012.08.07 revised date : 2013.08.27 page no. : 4/ 8 MTDN1034C6 cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 1 10 100 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 -60 -40 -20 0 20 40 60 80 100 120 140 160 tj, junction temperature(c) v gs( th) , normalized threshold voltage i d =250 a single pulse power rating, junction to ambient (note on page 2) 0 2 4 6 8 10 0.001 0.01 0.1 1 10 100 pulse width(s) power (w) t j( max) =150c t a =25c r ja =833c/w gate charge characteristics 0 1 2 3 4 5 0 0.1 0.2 0.3 0.4 0.5 0.6 qg, total gate charge(nc) v gs , gate-source voltage(v) v ds =15v i d =300ma maximum drain current vs junctiontemperature 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 25 50 75 100 125 150 175 tj, junction temperature(c) i d , maximum drain current(a) t a =25c, v gs =4.5v, r ja =833c/w maximum safe operating area 0.001 0.01 0.1 1 10 0.01 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current (a) 100 s 1ms 10ms t a =25c, tj=150c, v gs =4.5v, r ja =833c/w single pulse 100ms dc
cystech electronics corp. spec. no. : c833c6 issued date : 2012.08.07 revised date : 2013.08.27 page no. : 5/ 8 MTDN1034C6 cystek product specification typical characteristics(cont.) typical transfer characteristics 0 50 100 150 200 250 300 350 0 0.5 1 1.5 2 2.5 v gs , gate-source voltage(v) i d , drain current (a) v ds =10v 150c 25c -40c 0c forward transfer admittance vs drain current 0.01 0.1 1 0.001 0.01 0.1 1 i d , drain current(a) g fs , forward transfer admittance(s) ta=25c pulsed v ds =10 v v ds =5v transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 t 1 , square wave pulse duration(s) normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *z ja (t) 4.r ja =833 c/w
cystech electronics corp. spec. no. : c833c6 issued date : 2012.08.07 revised date : 2013.08.27 page no. : 6/ 8 MTDN1034C6 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c833c6 issued date : 2012.08.07 revised date : 2013.08.27 page no. : 7/ 8 MTDN1034C6 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c833c6 issued date : 2012.08.07 revised date : 2013.08.27 page no. : 8/ 8 MTDN1034C6 cystek product specification sot-563 dimension inches millimeters inches millimeters dim min. max. min. max. 6-lead sot-563 plastic surface mounted package cystek package code: c6 style: pin 1. source1 (s1) pin 2. gate1 (g1) pin 3. drain2 (d2) pin 4. source2 (s2) pin 5. gate2 (g2) pin 6. drain1 ( d1 ) marking: product code date code: year+month year: 6 2006, 7 2007 month: 1 1, 2 2, ??? 9 9, a 10, b 11, c 12 kl dim min. max. min. max. a 0.021 0.024 0.525 0.600 b 0.007 0.011 0.170 0.270 a1 0.000 0.002 0.000 0.050 e1 0.043 0.051 1.100 1.300 e 0.018 0.022 0.450 0.550 e 0.059 0.067 1.500 1.700 c 0.004 0.006 0.090 0.160 l 0.004 0.012 0.100 0.300 d 0.059 0.067 1.500 1.700 7 ref 7 ref notes : 1 .controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead : pure tin plated. ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTDN1034C6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X