Part Number Hot Search : 
00A12 C4696 8ALCB FE5020 TS1035 11N60C 2HHXX EL6836CL
Product Description
Full Text Search
 

To Download MIC22205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MIC22205 2a, integrated, switch, high-efficiency, synchronous buck regulator with frequency programmable up to 4mhz ramp control is a trademark of micrel, inc. mlf and micro leadframe are registered trademarks of amkor technology, inc. micrel inc. ? 2180 fortune drive ? san jose, ca 95131 ? usa ? tel +1 (408) 944-0800 ? fax + 1 (408) 474-1000 ? http://www.micrel.com general description the micrel MIC22205 is a high-efficiency, 2a, integrated switch, synchronous buck (step-down) regulator. the MIC22205 is optimized for highest efficiency, achieving more than 95% efficiency while still switching at 1mhz. the ultra-high speed control loop keeps the output voltage within regulation even under the extreme transient load swings commonly found in fpgas and low-voltage asics. the output voltage is pre-bias safe and can be adjusted down to 0.7v to address all low-voltage power needs. the MIC22205 offers a full range of sequencing and tracking options. the enable/delay (en/dly) pin, combined with the power good (pg) pin, allows multiple outputs to be sequenced in any way during turn-on and turn-off. the ramp control? (rc) pin allows the device to be connected to another prod uct in the mic22xxx and/or mic68xxx family, to keep the output voltages within a certain ? v on start-up. the MIC22205 is available in a 12-pin 3mm x 3mm mlf ? with a junction operating range from ?40 c to +125 c. data sheets and support documentation can be found on micrel?s web site at: www.micrel.com . features ? input voltage range: 2.9v to 5.5v ? output voltage adjustable down to 0.7v ? output load current up to 2a ? safe start-up into a pre-biased output ? full sequencing and tracking capability ? power good (pg) output ? efficiency > 95% across a broad load range ? programmable frequency 300khz to 4mhz ? ultra-fast transient response ? easy rc compensation ? 100% maximum duty cycle ? fully-integrated mosfet switches ? thermal-shutdown and cu rrent-limit protection ? 12-pin 3mm x 3mm mlf ? ? ?40 c to +125 c junction temperature range applications ? high power density point-of-load conversion ? servers, routers, and base stations ? dvd recorders / blu-ray players ? computing peripherals ? fpgas, dsp, and low-voltage asic power _________________________________________________________________________________________________________________________ typical application MIC22205 2a 1mhz synchronous output converter efficiency (v in = 5v) vs. output current 50 55 60 65 70 75 80 85 90 95 100 00.511.52 output current (a) efficiency (%) 3.3v v in = 5v 1.8v august 2011 m9999-082511-a
micrel, inc. MIC22205 august 2011 2 m9999-082511-a ordering information part number voltage junction temperature range package (1) lead finish MIC22205yml adjustable ?40 to +125c 12-pin 3mm x 3mm mlf ? pb-free note: 1. mlf ? is a green rohs compliant package. lead fini sh is nipdau. mold compound is halogen free. pin configuration 12-pin 3mm x 3mm mlf ? (ml) pin description pin number pin name description 1 pg pg (output): this is an open drai n output that indicates when the output voltage is below 90% of its nominal voltage. the pg flag is asserted wit hout delay when the enable is set low or when the output goes below the 90% threshold. 2 rc ramp control: a capacitor from the rc pin-to-ground determines slew rate of output voltage during start-up. the rc pin is internally fed with a 1a current source. the output voltage tracks the rc pin voltage. the slew rate is proportional by the internal 1a source and the rc pin capacitor. this feature can be used for tr acking capability as well as soft start. 3 cf adjustable frequency with external capacitor. refer to table 2. 4 sgnd signal ground: internal signal ground for all low power circuits. 5 comp compensation pin (input): the MIC22205 uses an internal compensation network containing a fixed-frequency zero (phase lead response) and pole (phase lag response) which allows the external compensation network to be much simp lified for stability. the addition of a single capacitor and resistor to the comp pin will a dd the necessary pole and zero for voltage mode loop stability using low-value, low-esr ceramic capacitors. 6 fb feedback: input to the error amplifier. the fb pin is regulated to 0.7v. a resistor divider connecting the feedback to the output is us ed to adjust the desired output voltage. 7 svin signal power supply voltage (input): this pin is connected externally to the pvin pin. a 2.2f ceramic capacitor from the svin pin to sgnd must be placed next to the ic. 8 pvin power supply voltage (input): the pvin pins are the input supply to the internal p-channel power mosfet. a 10f ceramic is recommended for bypassing at each pvin pin. the svin pin must be connected to a pvin pin. 9 sw switch (output): this is the connection to the dr ain of the internal p-channel mosfet and drain of the n-channel mosfet. this is a high-fre quency, high-power connection; therefore traces should be kept as short and as wide as practical.
micrel, inc. MIC22205 august 2011 3 m9999-082511-a pin description (continued) pin number pin name description 10 pgnd power ground: internal ground connection to the source of t he internal n-channel mosfets. 11 nc no connect: leave this pin open. do not connect to ground or route other signal through this. 12 en/dly enable/delay (input): this pin is internally fe d with a 1a current source from svin. a delayed turn on is implemented by adding a capacitor to this pin. the delay is proportional to the capacitor value. the internal circuits are held off until en/dly reaches the enable threshold of 1.24v. this pin is pulled low when the input voltage is lower than the uvlo threshold. ep gnd exposed pad (power): must be connected to the gnd plane for full output power to be realized.
micrel, inc. MIC22205 august 2011 4 m9999-082511-a absolute maximum ratings (1) pv in to pgnd .................................................... ?0.3v to 6v sv in to pgnd..................................................?0.3v to pv in v sw to pgnd...................................................?0.3v to pv in v en/dly to pgnd .............................................. -0.3v to pv in v pg to pgnd ................................................... ?0.3v to pv in junction temper ature ................................................ 150c pgnd to sgnd ............................................. ?0.3v to 0.3v storage temperature rang e ....................?65c to +150c lead temperature (soldering, 10s )............................ 260c esd rating .................................................................note 2 operating ratings (3) supply voltage (pv in /sv in ) ...............................2.9v to 5.5v power good voltage (v pg ) .................................. 0v to pv in enable input (v en/dly ) .......................................... 0v to pv in junction temperature (t j ) ..................?40c t j +125c package thermal resistance 3mm x 3mm mlf ? -12 ( jc ) ............................ 28.7c/w 3mm x 3mm mlf ? -12 ( ja ) ............................... 40c/w electrical characteristics (4) sv in = pv in = v en/dly = 3.3v, v out = 1.8v, t a = 25c, unless noted. bold values indicate ?40c< t j < +125c. parameter condition min. typ. max. units power input supply input voltage range (pv in ) 2.9 5.5 v under-voltage lockout trip level pv in rising 2.55 2.719 2.9 v uvlo hysteresis 418 mv quiescent supply current v fb = 0.9v (not switching) 1.3 2 ma shutdown current v en/dly = 0v 5 10 a reference feedback reference voltage 0.686 0.7 0.714 v load regulation i out = 100ma to 2a 0.2 % line regulation v in = 2.9v to 5.5v; i out = 100ma 0.2 % fb bias current v fb = 0.5v 1 na enable control en/dly threshold voltage 1.14 1.24 1.34 v en hysteresis 12 mv en/dly bias current v en/dly = 0.5v; v in = 2.9v and v in = 5.5v 0.6 1.0 1.8 a rc ramp control rc pin source current v rc = 0.35v 0.5 1.0 1.7 a oscillator switching frequency 0.8 1.0 1.2 mhz maximum duty cycle v fb 0.5v 100 % short current protection current limit v fb = 0.5v 2 5.5 8 a internal fets top mosfet r ds(on) v fb = 0.5v, i sw = 1a 180 m ? bottom mosfet r ds(on) v fb = 0.9v, i sw = -1a 100 m ? notes: 1. exceeding the absolute maximum rating may damage the device. 2. devices are esd sensitive. handling precautions recommended. 3. the device is not guaranteed to function outside its operating rating. 4. specification for packaged product only.
micrel, inc. MIC22205 august 2011 5 m9999-082511-a electrical characteristics (4) (continued) sv in = pv in = v en/dly = 3.3v, v out = 1.8v, t a = 25c, unless noted. bold values indicate ?40c< t j < +125c. parameter condition min. typ. max. units power good (pg) pg threshold threshold % of v fb from v ref ? 7.5 ? 10 ? 12.5 % hysteresis 2.843 % pg output low voltage i pg = 5ma (sinking), v en/dly = 0v 139 mv pg leakage current v pg = 5.5v; v fb = 0.9v 1.0 2.0 a over-temperature shutdown t j rising 151 c over-temperature shutdown hysteresis 16 c
micrel, inc. MIC22205 august 2011 6 m9999-082511-a typical characteristics v in operating supply current vs. input voltage 6 8 10 12 14 16 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) supply current (ma) v out = 1.8v i out = 0a switching v in shutdown current vs. input voltage 2 4 6 8 10 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) shutdown current (a) v en/dly = 0v feedback voltage vs. input voltage 0.676 0.684 0.692 0.700 0.708 0.716 0.724 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) feedback voltage (v) v out = 1.8v load regulation vs. input voltage -0.4% -0.2% 0.0% 0.2% 0.4% 0.6% 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) total regulation (%) v out = 1.8v i out = 0a to 2a current limit vs. input voltage 0 2 4 6 8 10 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) current limit (a) v out = 1.8v enable threshold vs. input voltage 1.00 1.10 1.20 1.30 1.40 1.50 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) enable threshold (v) rising falling switching frequency vs. input voltage 850 900 950 1000 1050 1100 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) switching frequency (khz) v out = 1.8v i out = 0a enable input current vs. input voltage 0.00 0.25 0.50 0.75 1.00 1.25 1.50 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) enable input current (a) v en/dly = v in power good threshold/vref ratio vs. input voltage 8.0 9.0 10.0 11.0 12.0 13.0 14.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) v pg threshold/v ref (%) v ref = 0.7v
micrel, inc. MIC22205 august 2011 7 m9999-082511-a typical characteristics (continued) v in operating supply current vs. temperature 6.0 8.0 10.0 12.0 14.0 -50 -25 0 25 50 75 100 125 temperature (c) supply current (ma) v in =3.3v v out = 1.8v i out = 0a switching v in shutdown current vs. temperature 0 3 6 9 12 15 -50 -25 0 25 50 75 100 125 temperature (c) shutdown current (ua) v in = 3.3v i out = 0a v en/dly = 0v 3.76 v in uvlo threshold vs. temperature 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 -50 -25 0 25 50 75 100 125 temperature (c) vin threshold (v) rising falling feedback voltage vs. temperature 0.676 0.684 0.692 0.700 0.708 0.716 0.724 -50 -25 0 25 50 75 100 125 temperature (c) feedback voltage (v) v in = 3.3v v out = 1.8v i out = 0a load regulation vs. temperature -0.4% -0.2% 0.0% 0.2% 0.4% 0.6% -50-250 255075100125 temperature (c) load regulation (%) v in = 3.3v v out = 1.8v i out = 0a to 2a line regulation vs. temperature -0.2% -0.1% 0.0% 0.1% 0.2% -50 -25 0 25 50 75 100 125 temperature (c) line regulation (%) v in = 2.9v to 5.5v v out = 1.8v switching frequency vs. temperature 800 850 900 950 1000 1050 1100 -50 -25 0 25 50 75 100 125 temperature (c) switching frequency (khz) v in = 3.3v v out = 1.8v i out = 0a enable threshold vs. temperature 1.10 1.12 1.14 1.16 1.18 1.20 1.22 1.24 1.26 1.28 -50 -25 0 25 50 75 100 125 temperature (c) enable threshold (v) v in = 3.3v rising falling current limit vs. temperature 0 2 4 6 8 10 -50 -25 0 25 50 75 100 125 temperature (c) current limit (a) v in = 3.3v v out = 1.8v
micrel, inc. MIC22205 august 2011 8 m9999-082511-a typical characteristics (continued) efficiency vs. output current 50 55 60 65 70 75 80 85 90 95 100 0 0.5 1 1.5 2 output current (a) efficiency (%) 3.3v in 5.0v in v out = 1.8v feedback voltage vs. output current 0.676 0.684 0.692 0.700 0.708 0.716 0.724 0.0 0.5 1.0 1.5 2.0 output current (a) feedback voltage (v) v in = 3.3v v out = 1.8v line regulation vs. output current -0.40% -0.20% 0.00% 0.20% 0.40% 0.60% 0.0 0.5 1.0 1.5 2.0 output current (a) line regulation (%) v in = 2.9v to 5.5v v out = 1.8v switching frequency vs. output current 900 950 1000 1050 1100 0.00.51.01.5 output current (a) switching frequency (khz) 2.0 v in = 3.3v v out = 1.8v output voltage (v in = 3.3v) vs. output current 2.3 2.8 3.3 3.8 4.3 0.0 0.5 1.0 1.5 2.0 output current (a) output voltage (v) v in = 3.3v v fb < 0.7v t a 25oc 85oc 125oc output voltage (v in = 5.0v) vs. output current 4.0 4.5 5.0 5.5 6.0 0.0 0.5 1.0 1.5 2.0 output current (a) output voltage (v) v in = 5.0v v fb < 0.7v t a 25oc 85oc 125oc efficiency (v in = 3.3v) vs. output current 50 55 60 65 70 75 80 85 90 95 100 0 0.6 1.2 1.8 2.4 3 output current (a) efficiency (%) 2.5v 1.8v 1.5v 1.2v 1.0v 0.9v 0.8v 0.7v v in = 3.3v ic power dissipation (vin = 3.3v) vs. output current 0.00 0.12 0.24 0.36 0.48 0.60 0.72 0.84 0 0.4 0.8 1.2 1.6 2 output current (a) power dissipation (w) curves top to bottom 3.3v 2.5v 1.8v 1.5v 1.2v 1.0v 0.9v 0.8v 0.7v case temperature* (v in = 3.3v) vs. output current 0 20 40 60 80 0.0 0.5 1.0 1.5 2.0 output current (a) die temperature (c) v in = 3.3v v out = 1.8v
micrel, inc. MIC22205 august 2011 9 m9999-082511-a typical characteristics (continued) efficiency (v in = 5v) vs. output current 50 55 60 65 70 75 80 85 90 95 100 0 0.6 1.2 1.8 2.4 3 output current (a) efficiency (%) 3.3v 2.5v 1.8v 1.5v 1.2v 1.0v 0.9v 0.8v 0.7v v in = 5v ic power dissipation (vin = 5.0v) vs. output current 0 0.12 0.24 0.36 0.48 0.6 0.72 0 0.4 0.8 1.2 1.6 2 output current (a) power dissipation (w) 3.3v 2.5v 1.8v 1.5v 1.2v 1.0v 0.9v 0.8v 0.7v curves top to bottom case temperature* (v in = 5.0v) vs. output current 0 20 40 60 80 0.0 0.5 1.0 1.5 2.0 output current (a) die temperature (c) v in = 5v v out = 1.8v die temperature* : the temperature measurement was taken at the hottest point on the MIC22205 case and mounted on a five- square inch pcb (see thermal measurement s section). actual results will depend upon the size of the pcb, ambient temperature, and proximity to other heat-emitting components.
micrel, inc. MIC22205 august 2011 10 m9999-082511-a functional characteristics
micrel, inc. MIC22205 august 2011 11 m9999-082511-a functional characteristics (continued)
micrel, inc. MIC22205 august 2011 12 m9999-082511-a functional characteristics (continued)
micrel, inc. MIC22205 august 2011 13 m9999-082511-a functional diagram figure 1. MIC22205 functional diagram
micrel, inc. MIC22205 august 2011 14 m9999-082511-a application information the MIC22205 is a 2a, synchronous voltage mode, pwm step down regulator ic with a programmable frequency range from 300khz to 4mhz. other features include tracking and sequencing control for controlling multiple output power systems and power good (pg). by controlling the ratio of the on-to-off time, or duty cycle, a regulated dc output voltage is achieved. as load or supply voltage changes, so does the duty cycle to maintain a constant output voltage. in cases where the input supply runs into a dropout condition, the MIC22205 will run at 100% duty cycle. the internal mosfets include a high-side p-channel mosfet from the input supply to the switch pin, and an n-channel mosfet from the switch pin to ground. since the low-side n-channel mosfet provides the current during the off cycle, a very low amount of power is dissipated during the off period. the pwm control technique also provides adjustable fixed-frequency operation. by maintaining a constant switching frequency, predictable fundamental and harmonic frequencies are achieved. other methods of regulation, such as burst and skip modes, have frequency spectrums that change with load that can interfere with sensitive communication equipment. component selection input capacitor a 10f x5r or x7r dielectrics ceramic capacitor is recommended on each of the pvin pins for bypassing. a y5v dielectric capacitor should not be used. aside from losing most of their capacit ance over temperature, they also become resistive at high frequencies. this reduces their ability to filter out high-frequency noise. output capacitor the MIC22205 was designed specifically for use with ceramic output capacitors. the output capacitor can be increased from 47f to a higher value to improve transient performance. the MIC22205 operates in voltage mode, so the control loop relies on the inductor and output capacitor for compensation. for this reason, do not use excessively large output capacitors. the output capacitor requires either an x7r or x5r dielectric. y5v and z5u dielectric capacitors, aside from the undesirable effect of a wide variation in capacitance over temperature, become re sistive at high frequencies. using y5v or z5u capacitors can cause instability in the MIC22205. inductor selection inductor selection will be determined by the following (not in order of importance): ? inductance ? rated current value ? size requirements ? dc resistance (dcr) the MIC22205 is designed for use with a 0.47h to 4.7h inductor. maximum current ratings of the inductor are generally given using two methods: permissible dc current and saturation current. permissible dc current can be rated either for a 40c temperature rise, or a 10% loss in inductance. ensure the inductor selected can handle the maximum operating current. when saturation current is specified, make sure that there is enough margin so the peak current will not saturate the inductor. the ripple current can add as much as 1.2a to the output current level. choose an rms rating that is equal to or greater than the current limit of the MIC22205 to prevent overheating in a fault condition. for best electrical performance, place the inductor very close to the sw nodes of the ic. the heat of the inductor is somewhat coupled to the ic, so it offers some level of protection if the inductor gets too hot ( in such cases ic case temperature is not a true indication of ic dissipation ). it is important to te st all operating limits before settling on the final inductor choice. the size requirements refer to the area and height necessary to fit a particular design. please refer to the inductor dimensions on the manufacturer?s datasheet. dc resistance is also important. while dcr is inversely proportional to size, dcr increase can represent a significant efficiency loss. refer to the ?efficiency considerations? section below for a more detailed description. efficiency considerations efficiency is defined as the amount of useful output power, divided by the amount of power consumed. 100 iv iv % efficiency inin out out ? ? ? ? ? ? ? ? =
micrel, inc. MIC22205 august 2011 15 m9999-082511-a maintaining high efficiency se rves two purposes. first, it decreases power dissipation in the power supply, which reduces the need for heat sinks and thermal design considerations; also, it decreases the consumption of current for battery-powered applications. reduced current demand from a battery increases the device?s operating time, which is critical in hand-held devices. there are mainly two loss terms in switching converters: static losses and switching lo sses. static losses are the power losses due to vi or i 2 r. for example, power is dissipated in the high side switch during the on cycle. power loss is equal to the high-side mosfet rds (on) multiplied by the rms switch current squared (i sw 2 ). during the off-cycle, the low-side n-channel mosfet conducts, which also dissipates power. similarly, the inductor?s dcr and capacitor?s esr also contribute to i 2 r losses. a device?s operating current also reduces efficiency by the product of the quiescent (operating) current and the supply voltage. the current required to drive the gates on and off at a constant 1mhz frequency, and the switching transitions make up the switching losses. figure 2 illustrates a typical effi ciency curve. from 0a to 0.2a, efficiency losses are dominated by quiescent current losses, gate drive, transition, and core losses. in this case, lower supply voltages yield greater efficiency because they require less current to drive the mosfets, and have reduced input power consumption. efficiency (v in = 5v) vs. output current 50 55 60 65 70 75 80 85 90 95 100 00.511.52 output current (a) efficiency (%) 3.3v v in = 5v 1.8v figure 2. efficiency curve from 0.5a to 2a, efficiency loss is dominated by mosfet rds (on) and inductor dc losses. higher input supply voltages will increase the gate-to-source voltage on the internal mosfets, thereby reducing the internal rds (on) . this improves efficiency by decreasing dc losses in the device. all but the inductor losses are inherent to the device. in this case, inductor selection is critical for efficiency calculations. as the inductors are reduced in size, the dc resistance (dcr) can become quite significant. the dcr losses can be calculated as follows: l pd = i out 2 dcr from that, the loss in efficiency due to inductor resistance can be calculated as follows: () 100 liv iv 1loss efficiency pd out out out out ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? + ?= efficiency loss due to dcr is minimal at light loads, and gains significance as the load is increased. inductor selection becomes a trade-off between efficiency and size in this case. alternatively, under lighter l oads, the ripple current due to the inductance becomes a significant factor in losses. when light load efficiencies become more critical, a larger inductor value may be desired. larger inductances reduce the peak-to-peak inductor ripple current, which minimize losses. compensation the MIC22205 has a combination of internal and external stability compensation to simplify the circuit for small, high efficiency designs. in such designs, voltage mode conversion is often the optimum solution. voltage mode is achieved by creating an internal ramp signal, and using the output of the error amplifier to modulate the pulse width of the switch node, thereby maintaining output voltage regulation. with a typical gain bandwidth of 100khz-200khz, the MIC22205 is capable of extremely fast transient response.
micrel, inc. MIC22205 august 2011 16 m9999-082511-a the MIC22205 is designed to be stable with a typical application using a 1h inductor and a 47f ceramic (x5r) output capacitor. these values can be varied, depending on the size, cost, and efficiency, and still keep the lc natural frequency ? ? ? ? ? ? ? ? cl 2 1 less than 26 khz to ensure stability. the minimum recommended inductor value is 0.47h and minimum recommended output capacitor value is 22f. the trade-off with changing these values is that with a larger inductor, there is a reduced peak-to-peak current, which yields a greater efficiency at lighter loads. a larger output capacitor will improve transient response by providing a larger hold-up reservoir of energy to the output. the integration of one pole-zero pair within the control loop greatly simplifies compensation. the optimum values for c comp (in series with a 20k resistor) are shown in table 1: c ? l 22f ? 47f 47f ? 100f 100f ? 470f 0.47h 0* ? 10pf 22pf 33pf 1h 0 ? ? 15pf 15 ? 22pf 33pf 2.2h 15 ? 33pf 33 ? 47pf 100 ? 220pf * vout > 1.2v, ? vout > 1v note : compensation values for vari ous output voltages and inductor values refer to table 3. table 1. compensation capacitor selection feedback the MIC22205 provides a feedback pin to adjust the output voltage to the desired level. this pin connects internally to an error amplifier. the error amplifier then compares the voltage at the feedback to the internal 0.7v reference voltage, and adjusts the output voltage to maintain regulation. the resistor divider network for a desired v out is given by: ? ? ? ? ? ? ? ? ? = 1 v v r1 r2 ref out where v ref is 0.7v and v out is the desired output voltage. a 10k ? or lower resistor value from the output to the feedback (r1) is recommended, since large feedback resistor values increase the impedance at the feedback pin, making the feedback node more susceptible to noise pick-up. a small capacitor (50pf ? 100pf) across the lower resistor can reduce noise pick- up by providing a low impedance path to ground. enable/delay (en/dly) pin enable/delay (en/dly) source s 1a out of the ic to allow a startup delay to be implemented. the delay time is the time it takes 1a to charge c en/dly to 1.25v. therefore: 6 en/dly en/dly 101 c1.24 t ? = cf capacitor adding a capacitor to this pin can adjust the switching frequency from 800khz to 4mhz. cf sources 400a out of the ic to charge the cf capacitor in order to set up the switching frequency. the switch period is the time it takes 400a to charge cf to 1.0v. therefore: cf capacitor frequency 56pf 4.4mhz 68pf 4mhz 82pf 3.4mhz 100pf 2.8mhz 150pf 2.1mhz 180pf 1.7mhz 220pf 1.4mhz 270pf 1.2mhz 330pf 1.1mhz 390pf 1.05mhz 470pf 1mhz table 2. cf vs. frequency it is necessary to connect the cf capacitor very close between the cf pin and signal ground.
micrel, inc. MIC22205 august 2011 17 m9999-082511-a 300khz to 800khz operation the frequency range can be lowered by adding an additional resistor (r cf ) in parallel with the cf capacitor. this reduces the amount of current used to charge the capacitor, which reduces the frequency. the following equation can be used to for frequencies between 800khz to 300khz: 2.9k ? r t r a x 400 1.0v 1lnxcxr cf cf cfcf > = ? ? ? ? ? ? ? ? + ? rc pin (soft-start) the rc pin provides a trimmed 1a current source/sink for accurate ramp-up (soft-start). this allows the MIC22205 to be used in systems that require voltage tracking or ratio-metric voltage tracking at startup. there are two ways of using the rc pin: 1. externally driven from a voltage source 2. externally attached capacitor sets output ramp- up/down rate in the first case, driving rc with a voltage from 0v to v ref will program the output voltage between 0 and 100% of the nominal set voltage, as shown in figure 3. in the second case, the external capacitor sets the ramp- up and ramp-down time of the output voltage. the time is given by: 6 rc ramp 101 c0.7 t ? = where t ramp is the time from 0 to 100% nominal output voltage. during start-up, a light load condition (i out < 1.25a) can lead to negative inductor current. under these conditions, the maximum ramp-up time should not exceed the critical ramp-up time period. this will keep the regulator in continuous mode operation when v fb reaches 90% of reference voltage. beyond the critical ramp-up time, the regulator is in discontinuous mode, which leads to prolonged n- channel mosfet conduction, which in turn causes negative inductor current. the maximum c rc value is calculated as follows: ? ? ? ? ? ? ? ? ???? < ? in out 6 sw out rc v v 1 10flc2.86 c _ pre-bias start-up the MIC22205 is designed for safe start-up into a pre- biased output. this prevents large negative inductor currents and excessive output voltage oscillations. the MIC22205 starts with the low-side mosfet turned off, preventing reverse inductor current flow. the synchronous mosfet stays off until the power good (pg) goes high after the v fb is above 90 percent of v ref . a pre-bias condition can occur if the input is turned off, and then immediately turned back on before the output capacitor is discharged to ground. it is also possible that the output of the MIC22205 could be pulled up or pre- biased through parasitic conduction paths from one supply rail to another in multiple voltage (vout) level ics such as a fpga. figure 3 shows a normal start-up waveform. a 1a current source charges the soft-start capacitor c rc . the c rc capacitor forces the v rc voltage to come up slowly (v rc trace), which provides a soft-start ramp. this ramp is used to control the internal reference (v ref ). the error amplifier forces the output voltage to follow the v ref ramp from zero to the final value. figure 3. en turn-on time ? normal start-up
micrel, inc. MIC22205 august 2011 18 m9999-082511-a if the output is pre-biased to a voltage above the expected value, as shown in figure 4, then neither mosfet will turn on until the ramp control voltage (v rc ) is above the reference voltage (v ref ). then, the high- side mosfet starts switching, forcing the output to follow the v rc ramp. once the feedback voltage is above 90 percent of the reference voltage, the low-side mosfet will begin switching. figure 4. en turn-on at 1v pre-bias when the MIC22205 is turned off, the low-side mosfet will be disabled, and the out put voltage will decay to zero. during this time, the ramp control voltage (v rc ) will still control the output voltage fall-time with the high-side mosfet, if the output voltage falls faster than the v rc voltage. figure 5 shows this operating condition. here, a 2a load pulls the output down fast enough to force the high-side mosfet on (v sw trace). figure 5. en turn-off ? 2a load if the output voltage falls slower than the v rc voltage, then the both mosfets will be off and the output will decay to zero as shown in the v out trace in figure 6 with both mosfets off, any resistive load connected to the output will help pull down the output voltage. this will occur at a rate determined by the resistance of the load and the output capacitance. figure 6. en turn-off ? 200ma load current limit the MIC22205 uses a two-stage technique to protect against overload. the first stage is to limit the current in the p-channel switch; the second is over temperature shutdown. current is limited by measuring the current through the high-side mosfet during its power stroke and immediately switching off the driver when the preset limit is exceeded. the circuit in figure 7 describes the operation of the current limit circuit. since the actual rds on of the p- channel mosfet varies from part to part and with changes in temperature and input voltage, simple ir voltage detection is not employed. instead, a smaller copy of the power mosfet (r eference fet) is fed with a constant current which is a directly proportional to the factory set current limit. this sets the current limit as a current ratio and thus, is not dependant upon the rds on value. ? current limit is set to nominal value. variations in the scale factor k between the power pfet and the reference pfet used to generate the limit threshold account for a relatively small inaccuracy.
micrel, inc. MIC22205 august 2011 19 m9999-082511-a figure 7. current-limit detail thermal considerations the MIC22205 is packaged in a mlf ? 3mm x 3mm ? a package that has excellent thermal-performance equaling that of larger tssop packages. this maximizes heat transfer from the junction to the exposed pad (epad), which connects to the ground plane. the size of the ground plane attached to the exposed pad determines the overall thermal resistance from the junction to the ambient air surrounding the printed circuit board. the junction temperature for a given ambient temperature can be calculated using: t j = t amb + p diss r ja where: ? p diss is the power dissipated within the mlf ? package and is at 2a load. r ja is a combination of junction-to-case thermal resistance (r jc ) and case-to-ambient thermal resistance (r ca ), since thermal resistance of the solder connection from the epad to the pcb is negligible; r ca is the thermal resistance of the ground plane-to-ambient, so r ja = r jc + r ca . ? t amb is the operating ambient temperature. example: the evaluation board has two copper planes contributing to an r ja of approximately 40oc/w. the worst case r jc of the mlf 3mm x 3mm is 28.7oc/w. r ja = r jc + r ca r ja = 28.7 + 11.3 = 40 o c/w to calculate the junction temperature for a 50c ambient: t j = t amb +p diss . r ja t j = 50 + (0.72 x 40) t j = 78.8c this is below the maximum of 125c. thermal measurements measuring the ic?s case temperature is recommended to ensure it is within its operating limits. the most common mistake made is to use the standard thermal couple that comes with a thermal meter. this thermal couple wire gauge is large, typically 22-gauge, and behaves like a heat-sink, resulting in a lower case measurement. two better methods of temperature measurement are using a smaller thermal couple wire or an infrared thermometer. if a thermal couple wire is used, it must be constructed of 36-gauge wire or higher (smaller wire size) to minimize the wire heat-sinking effect. in addition, the thermal couple tip must be covered in either thermal grease or thermal glue to ensure the thermal couple junction makes good contact with the case of the ic. omega brand thermal couple (5sc-tt-k-36-36) is adequate for most applications. whenever possible, an infrared thermometer is recommended. the measurement spot size of most infrared thermometers is too large for an accurate reading on a small form factor ics. however, an ir thermometer from optris has a 1mm spot size, which makes it a good choice for measuring the hottest point on the case. using a stand makes it easier to hold the beam on the ic for long periods of time. sequencing and tracking there are four variations of sequencing and tracking that are easily implemented using the MIC22205. the two sequencing variations are delayed and windowed. the two tracking variants are normal and ratio metric. the following diagrams illustrate methods for connecting two MIC22205?s to achieve these requirements.
micrel, inc. MIC22205 august 2011 20 m9999-082511-a window sequencing: pvin sw fb por 10f v out1 1.8v/2a 1.0h pgnd 47f MIC22205 por1 comp v in 5.0v en/dly en1 10k sgnd 20k 47pf svin ep r1 16k r2 10k pvin sw fb por 10f v out2 1.2v/2a 1.0h pgnd 47f MIC22205 por2 comp en/dly en2 sgnd 20k 47pf svin ep r3 7.14k r4 10k rc 3.3nf 220pf cf rc 3.3nf 220pf cf 4.0ms/div delayed sequencing: pvin sw fb por 10f v out1 1.8v/2a 1.0h pgnd 47f MIC22205 por1 comp v in 5.0v en/dly en1 sgnd 20k 47pf svin rc 10nf ep r1 16k r2 10k pvin sw fb por 10f v out2 1.2v/2a 1.0h pgnd 47f MIC22205 por2 comp en/dly en2 10k sgnd 20k 47pf svin rc 3.3nf 1.0nf ep r3 7.14k r4 10k 220pf cf 220pf cf 4.0ms/div
micrel, inc. MIC22205 august 2011 21 m9999-082511-a normal tracking: ratio metric tracking: pvin sw fb por 10f v out1 1.8v/2a 1.0h pgnd 47f MIC22205 por1 comp v in 5.0v en/dly en1 47.5k sgnd 20k 47pf svin ep r1 16k r2 10k pvin sw fb por 10f v out2 1.2v/2a 1.0h pgnd 47f MIC22205 por2 comp en/dly en2 sgnd 20k 47pf svin rc ep r3 7.14k r4 10k rc 3.3nf 220pf cf 220pf cf 4.0ms/div 4.0ms/div
micrel, inc. MIC22205 august 2011 22 m9999-082511-a v in = 5v v out l c out c comp r comp c ff r ff c fb r fb 1.1v 3.3h 2 x 47f 100pf 5k ? n.u. 4.7k ? 100pf 8.2k ? 1.3v 1.5h 2 x 47f 100pf 5k ? 1nf 4.7k ? 100pf 5.49k ? 1.8v 2.2h 2 x 47f 100pf 5k ? 1nf 4.7k ? 100pf 3.0k ? 4.2v 1.5h 2 x 47f 100pf 20k ? 1nf 4.7k ? 100pf 953 ? table 3. compensation selection figure 8. schematic reference
micrel, inc. MIC22205 august 2011 23 m9999-082511-a pcb layout guidelines important: to minimize emi and output noise, follow these layout recommendations. pcb layout is critical to achieving reliable, stable and efficient performance. a ground plane is required to control emi, and to minimize the inductance in power, signal, and return paths. follow these guidelines to ens ure proper operation of the MIC22205 converter: ic ? the 2.2f ceramic capacitor, which is connected to the svin pin, must be located right at the ic. the svin pin is noise sensitive, so placement of the capacitor is critical. use wide traces to connect to the svin and sgnd pins. ? the signal ground pin (sgnd) must be connected directly to the ground planes. do not route the sgnd pin to the pgnd pad on the top layer. ? place the ic close to the point of load (pol). ? use fat traces to route the input and output power lines. ? signal and power grounds should be kept separate and connected at only one location. input capacitor ? a 10f x5r or x7r dielectrics ceramic capacitor is recommended on the pvin pin for bypassing. ? place the input capacitors on the same side of the board and as close to the ic as possible. ? keep both the pvin pin and pgnd connections short. ? place several vias to the ground plane close to the input capacitor ground terminal. ? use either x7r or x5r dielectric input capacitors. do not use y5v or z5u type capacitors. ? do not replace the ceramic input capacitor with any other type of capacitor. any type of capacitor can be placed in parallel with the input capacitor. ? if a tantalum input capacitor is placed in parallel with the input capacitor, it must be recommended for switching regulator applications, and the operating voltage must be de-rated by 50%. ? in ?hot-plug? applications, a tantalum or electrolytic bypass capacitor must be used to limit the over- voltage spike seen on the input supply when power is suddenly applied. inductor ? keep the inductor connection to the switch node (sw) short. ? do not route any digital lines underneath or close to the inductor. ? keep the switch node (sw) away from the feedback (fb) pin. ? to minimize noise, place a ground plane underneath the inductor. ? the inductor can be placed on the opposite side of the pcb with respect to the ic. it does not matter whether the ic or inductor is on the top or bottom, as long as there is enough air flow to keep the power components within their temperature limits. the input and output capacitors must be placed on the same side of the board as the ic. output capacitor ? use a wide trace to connect the output capacitor ground terminal to the input capacitor ground terminal. ? phase margin will change as the output capacitor value and esr changes. contact the factory if the output capacitor is different from what is shown in the bom. ? the feedback divider network must be place close to the ic with the bottom of r2 connected to sgnd. ? the feedback trace should be separate from the power trace, and connected as close as possible to the output capacitor. sens ing a long high-current load trace can degrade the dc load regulation. rc snubber ? place the rc snubber on either side of the board, and as close to the sw pin as possible.
micrel, inc. MIC22205 august 2011 24 m9999-082511-a evaluation board schematic bill of materials item part number manufacturer description qty. c2012x5r0j106k tdk (1) grm2196r60j106k murata (2) c1 08056d106kat2a avx (3) capacitor, 10f, 6.3v, x5r, size 0805 1 c1608x5r0j225m tdk (1) grm188r60j225m murata (2) c2 06036d225mat2a avx (3) capacitor, 2.2f, 6.3v, x5r, size 0603 1 c1608x7rh471k tdk (1) grm188r71h471ka01d murata (2) c3 06035c471kat2a avx (3) capacitor, 470pf, 50v, x7r, size 0603 c4 c1608c0g1h470j tdk (1) gqm1885c1h470jb01d murata (2) c5 06035a470jat2a avx (3) capacitor, 47pf, 50v, npo, size 0603 1 c1608c0g1h221j tdk (1) grm1885c1h221ja01d murata (2) c6 06035a221jat2a avx (3) capacitor, 220pf, 50v, npo, size 0603 1 c1608c0g1h102j tdk (1) grm1885c1h102ja01d murata (2) c7, c8 06035a102kat2a avx (3) capacitor, 1nf, 50v, npo, size 0603 2
micrel, inc. MIC22205 august 2011 25 m9999-082511-a bill of materials (continued) item part number manufacturer description qty. c3216x5r0j476m tdk (1) grm31cr60j476me19l murata (2) c9, c10 1206d476mat2a avx (3) capacitor, 47f, 6.3v, x5r, size 1206 2 c1608c0g1h101j tdk (1) grm1885c1h101ja01d murata (2) c11 06035a101jat2a avx (3) capacitor, 100pf, 50v, npo size 0603 1 c12 b41125a3477m epcos (4) 470f, 10v, electrolytic, 8x10 case 1 l1 ihlp1616bzer1r0m11 vishay (5) inductor , 1h, 5a 1 r1 crcw06031602fkea avx (3) resistor, 16k, 1%, size 0603 1 r2, r3 crcw06031002fkea avx (3) resistor, 10k, 1%, size 0603 2 r4 crcw060320k0fkea avx (3) resistor, 20k, 1%, size 0603 1 r5 crcw06032r20fkea avx (3) resistor, 2.2 ? , 1%, size 0603 1 r6 crcw060349r9fkea avx (3) resistor, 49.9 ? , 1%, size 0603 1 u1 MIC22205yml micrel (6) integrated 2a synchronous buck regulator 1 notes: 1. tdk: www.tdk.com . 2. murata: www.murata.com . 3. avx: www.avx.com . 4. epcos: www.epcos.com . 5. vishay: www.vishay.com . 6. micrel, inc.: www.micrel.com .
micrel, inc. MIC22205 august 2011 26 m9999-082511-a pcb layout recommendations MIC22205 evaluation board top layer MIC22205 evaluation board bottom layer
micrel, inc. MIC22205 august 2011 27 m9999-082511-a pcb layout recommendations (continued) MIC22205 evaluation board top silk MIC22205 evaluation board bottom silk
micrel, inc. MIC22205 august 2011 28 m9999-082511-a package information 12-pin 3mm 3mm mlf ? (ml)
micrel, inc. MIC22205 august 2011 29 m9999-082511-a recommended landing pattern micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel +1 (408) 944-0800 fax +1 (408) 474-1000 web http://www.micrel.com micrel makes no representations or warranties with respect to the accuracy or comple teness of the information furnished in this data sheet. this information is not intended as a warranty and micrel does not assume responsibility for its use. mi crel reserves the ri ght to change circu itry, specifications and descriptions at any time without notice. no license, whether ex press, implied, arising by estoppel or otherwise, to any intell ectual property rights is granted by this document. except as provided in micrel?s terms and c onditions of sale for such produc ts, micrel assumes no liability w hatsoever, and micrel disclaims any express or implied warranty relating to the sale and/or use of micrel products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. micrel products are not designed or authorized for use as components in life suppor t appliances, devices or systems where malfu nction of a product can reasonably be expected to result in personal injury. life support devices or systems ar e devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to resu lt in a significant injury to the user. a purchaser?s use or sale of micrel products for use in life support appliances, devices or systems is a purchaser?s own risk and purchaser agrees t o fully indemnify micrel for any damages resulting from such use or sale. ? 2011 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of MIC22205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X