Part Number Hot Search : 
CWP50 TA0419A 3100L SN74L 77057 A1021 N3035 ATA6831C
Product Description
Full Text Search
 

To Download MFU0603FF01250P100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 1 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 thin film chip fuses mfu thin film chip fuses are the perfect choice for the most fields of mode rn electronics. the highly controlled manufacturing thin film process guarantees an outstanding stability of fusing characteri stics. typical applications include information technology, telecommunication, medical equipment, industrial , audio/video, and automotive electronics. features ? advanced thin film technology ? very quick acting fuse characteristics ? outstanding stability of fusing characteristics ? green product, supports lead (pb)-free soldering ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? information technology ? industrial electronics ? automotive electronics ? telecommunication ? medical equipment ? audio/video electronics size inch 0402 0603 0805 1206 metric 1005m 1608m 2012m 3216m technical specifications description mfu 0402 mfu 0603 mfu 0805 mfu 1206 metric size 1005m 1608m 2012m 3216m rated current range i r 0.5 a to 3.15 a 0.5 a to 5.0 a 0.5 a to 5.0 a 0.5 a to 6.3 a rated voltage, u max. dc 32 v 32 v 32 v 63 v breaking capacity, i max. at u max. dc 50 a at 32 v 50 a at 32 v 50 a at 32 v 50 a at 63 v voltage drop at 1 x i r 90 mv to 368 mv 85 mv to 361 mv 98 mv to 374 mv 116 mv to 433 mv cold resistance at 0.1 x i r 22 m ? to 560 m ? 13 m ? to 550 m ? 15 m ? to 570 m ? 14 m ? to 660 m ? permissible film temperature, ? f max. 125 c operating temperature range - 55 c to 125 c permissible continuous current rating at ? amb = 23 c 0.7 x i r approval ul reco gnition file e253806 approval iec 60127-4 n/a refer to table: mfu 0603 rating refer to table: mfu 1206 rating fit observed ? 0.2 x 10 - 9 /h
mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 2 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) products can be ordered us ing either the part number or the product description (2) please refer to table packaging part number and product description (1) part number: mfu0603ff01000pw00 model/size fusing characteristic rated current packaging (2) special mfu0402 mfu0603 mfu0805 mfu1206 ff = very quick acting examples: 0.5 a = 00500 1.0 a = 01000 6.3 a = 06300 e1 e5 e0 p1 p5 pw up to 2 digits 00 = standard product description: mfu 0603 -ff pw 1a0 mfu 0603 -ff pw 1a0 model size fusing characteristic packaging (2) rated current mfu 0402 0603 0805 1206 ff = very quick acting e1 e5 e0 p1 p5 pw examples: 0.5 a = 0a5 1.0 a = 1a0 6.3 a = 6a3 packaging type code quantity carrier tape width pitch reel diameter mfu 0402 e1 1000 card board tape acc. iec 60286-3 type i 8.0 2.0 180 mm/7" e5 5000 e0 10 000 mfu 0603 p1 1000 4.0 180 mm/7" p5 5000 pw 20 000 330 mm/13" mfu 0805 p1 1000 180 mm/7" p5 5000 pw 20 000 330 mm/13" mfu 1206 p1 1000 180 mm/7" p5 5000 pw 20 000 330 mm/13" mfu0603ff01000pw00
mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 3 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions solder pad dimensions note ? the given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards iec 611 88-5-x, or in publication ipc-7351. they do not guarantee any supposed ther mal properties, partic ularly as these are also strongly influe nced by many other parameters. dimensions - chip fuse types, mass and relevant physical dimensions type h (mm) l (mm) w (mm) w t (mm) t 1 (mm) t 2 (mm) mass (mg) mfu 0402 0.32 0.07 1.0 0.05 0.5 0.05 > 75 % of w 0.2 + 0.1/- 0.15 0.2 0.1 0.65 mfu 0603 0.45 + 0.1/- 0.05 1.55 0.05 0.85 0.1 > 75 % of w 0.3 + 0.15/- 0.2 0.3 + 0.15/- 0.2 1.9 mfu 0805 0.45 + 0.1/- 0.05 2.0 0.1 1.25 0.15 > 75 % of w 0.4 + 0.1/- 0.2 0.4 + 0.1/- 0.2 4.7 mfu 1206 0.55 0.1 3.2 + 0.1/- 0.2 1.6 0.15 > 75 % of w 0.5 0.25 0.5 0.25 9.5 recommended solder pad dimensions type wave soldering reflow soldering g (mm) y (mm) x (mm) z (mm) g (mm) y (mm) x (mm) z (mm) mfu 0402 - - - - 0.35 0.55 0.55 1.45 mfu 0603 0.55 1.10 1.10 2.75 0.65 0.70 0.95 2.05 mfu 0805 0.80 1.25 1.50 3.30 0.90 0.90 1.40 2.70 mfu 1206 1.40 1.50 1.90 4.40 1.50 1.15 1.75 3.80 t 2 t 1 l h w w t g x y z
mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 4 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) other values of rated current are available on request (2) typical values (3) for packages with 1000 pi eces, please use for packaging e1 instead of e5 (4) for packages with 10 000 pieces, please us e for packaging e0 instead of e5 (5) available on request notes (6) other values of rated current are available on request (7) typical values (8) for packages with 1000 pi eces, please use for packaging p1 instead of p5 (9) for packages with 20 000 pieces, please us e for packaging pw instead of p5 mfu 0402 rating - very quick acting (ff) size fuse char. rated current (1) rated voltage pre-arcing (2) i 2 t at 10 x i r volt. drop (2) at 1 x i r cold resis (2) at 0.1 x i r breaking capacity dc mark. approval part number (3)(4) 0402 ff 500 ma (5) 32 v 0.0009 a 2 s 368 mv 560 m ? 50 a at 32 v - ul mfu0402ff00500e500 630 ma (5) 32 v 0.0014 a 2 s 331 mv 400 m ? 50 a at 32 v - ul mfu0402ff00630e500 750 ma (5) 32 v 0.0020 a 2 s 275 mv 280 m ? 50 a at 32 v - ul mfu0402ff00750e500 800 ma 32 v 0.0023 a 2 s 231 mv 220 m ? 50 a at 32 v - ul mfu0402ff00800e500 1.0 a 32 v 0.0028 a 2 s 184 mv 140 m ? 50 a at 32 v - ul mfu0402ff01000e500 1.25 a 32 v 0.0039 a 2 s 159 mv 97 m ? 50 a at 32 v - ul mfu0402ff01250e500 1.5 a 32 v 0.0059 a 2 s 146 mv 74 m ? 50 a at 32 v - ul mfu0402ff01500e500 1.6 a 32 v 0.0065 a 2 s 136 mv 65 m ? 50 a at 32 v - ul mfu0402ff01600e500 1.75 a 32 v 0.0077 a 2 s 124 mv 54 m ? 50 a at 32 v - ul mfu0402ff01750e500 2.0 a 32 v 0.0101 a 2 s 115 mv 44 m ? 50 a at 32 v - ul mfu0402ff02000e500 2.5 a 32 v 0.0157 a 2 s 107 mv 33 m ? 50 a at 32 v - ul mfu0402ff02500e500 3.0 a 32 v 0.0227 a 2 s 95 mv 24 m ? 50 a at 32 v - ul mfu0402ff03000e500 3.15 a 32 v 0.0250 a 2 s 90 mv 22 m ? 50 a at 32 v - ul mfu0402ff03150e500 mfu 0603 rating - very quick acting (ff) size fuse char. rated current (6) rated voltage pre-arcing (7) i 2 t at 10 x i r volt. drop (7) at 1 x i r cold resis (7) at 0.1 x i r breaking capacity dc mark. approval part number (8)(9) 0603 ff 500 ma 32 v 0.0009 a 2 s 361 mv 550 m ? 50 a at 32 v f ul/iec mfu0603ff00500p500 630 ma 32 v 0.0014 a 2 s 331 mv 400 m ? 50 a at 32 v ct ul mfu0603ff00630p500 750 ma 32 v 0.0020 a 2 s 258 mv 262 m ? 50 a at 32 v g ul mfu0603ff00750p500 800 ma 32 v 0.0023 a 2 s 249 mv 237 m ? 50 a at 32 v cv ul mfu0603ff00800p500 1.0 a 32 v 0.0028 a 2 s 223 mv 170 m ? 50 a at 32 v h ul/iec mfu0603ff01000p500 1.25 a 32 v 0.0039 a 2 s 180 mv 110 m ? 50 a at 32 v j ul mfu0603ff01250p500 1.5 a 32 v 0.0059 a 2 s155 mv79 m ? 50 a at 32 v k ul mfu0603ff01500p500 1.6 a 32 v 0.0065 a 2 s159 mv76 m ? 50 a at 32 v ef ul/iec mfu0603ff01600p500 1.75 a 32 v 0.0077 a 2 s138 mv60 m ? 50 a at 32 v l ul mfu0603ff01750p500 2.0 a 32 v 0.0101 a 2 s150 mv57 m ? 50 a at 32 v n ul/iec mfu0603ff02000p500 2.5 a 32 v 0.0157 a 2 s121 mv37 m ? 50 a at 32 v o ul mfu0603ff02500p500 3.0 a 32 v 0.0227 a 2 s126 mv32 m ? 50 a at 32 v p ul mfu0603ff03000p500 3.15 a 32 v 0.0250 a 2 s120 mv29 m ? 50 a at 32 v el ul/iec mfu0603ff03150p500 3.5 a 32 v 0.0308 a 2 s106 mv23 m ? 50 a at 32 v r ul mfu0603ff03500p500 4.0 a 32 v 0.0403 a 2 s100 mv19 m ? 50 a at 32 v s ul mfu0603ff04000p500 5.0 a 32 v 0.2275 a 2 s 85 mv 13 m ? 50 a at 32 v t ul mfu0603ff05000p500
mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 5 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) other values of rated current are available on request (2) typical values (3) for packages with 1000 pi eces, please use for packaging p1 instead of p5 (4) for packages with 20 000 pieces, please us e for packaging pw instead of p5 notes (5) other values of rated current are available on request (6) typical values (7) for packages with 1000 pi eces, please use for packaging p1 instead of p5 (8) for packages with 20 000 pieces, please us e for packaging pw instead of p5 mfu 0805 rating - very quick acting (ff) size fuse char. rated current (1) rated voltage pre-arcing (2) i 2 t at 10 x i r volt. drop (2) at 1 x i r cold resis (2) at 0.1 x i r breaking capacity dc mark. approval part number (3)(4) 0805 ff 500 ma 32 v 0.0009 a 2 s 374 mv 570 m ? 50 a at 32 v f ul mfu0805ff00500p500 630 ma 32 v 0.0014 a 2 s 347 mv 420 m ? 50 a at 32 v ct ul mfu0805ff00630p500 750 ma 32 v 0.0021 a 2 s 280 mv 285 m ? 50 a at 32 v g ul mfu0805ff00750p500 800 ma 32 v 0.0023 a 2 s 262 mv 250 m ? 50 a at 32 v cv ul mfu0805ff00800p500 1.0 a 32 v 0.0028 a 2 s 243 mv 185 m ? 50 a at 32 v h ul mfu0805ff01000p500 1.25 a 32 v 0.0040 a 2 s 205 mv 125 m ? 50 a at 32 v j ul mfu0805ff01250p500 1.5 a 32 v 0.0059 a 2 s 171 mv 87 m ? 50 a at 32 v k ul mfu0805ff01500p500 1.6 a 32 v 0.0065 a 2 s 164 mv 78 m ? 50 a at 32 v ef ul mfu0805ff01600p500 1.75 a 32 v 0.0077 a 2 s 161 mv 70 m ? 50 a at 32 v l ul mfu0805ff01750p500 2.0 a 32 v 0.0101 a 2 s 176 mv 67 m ? 50 a at 32 v n ul mfu0805ff02000p500 2.5 a 32 v 0.0157 a 2 s 131 mv 40 m ? 50 a at 32 v o ul mfu0805ff02500p500 3.0 a 32 v 0.0227 a 2 s 134 mv 34 m ? 50 a at 32 v p ul mfu0805ff03000p500 3.15 a 32 v 0.0250 a 2 s 128 mv 31 m ? 50 a at 32 v el ul mfu0805ff03150p500 3.5 a 32 v 0.0308 a 2 s 119 mv 26 m ? 50 a at 32 v r ul mfu0805ff03500p500 4.0 a 32 v 0.0403 a 2 s 105 mv 20 m ? 50 a at 32 v s ul mfu0805ff04000p500 5.0 a 32 v 0.2275 a 2 s 98 mv 15 m ? 50 a at 32 v t ul mfu0805ff05000p500 mfu 1206 rating - very quick acting (ff) size fuse char. rated current (5) rated voltage pre-arcing (6) i 2 t at 10 x i r volt. drop (6) at 1 x i r cold resis (6) at 0.1 x i r breaking capacity dc mark. approval part number (7)(8) 1206 ff 500 ma 63 v 0.0009 a 2 s 433 mv 660 m ? 50 a at 63 v f ul/iec mfu1206ff00500p500 630 ma 63 v 0.0014 a 2 s 372 mv 450 m ? 50 a at 63 v ct ul mfu1206ff00630p500 750 ma 63 v 0.0022 a 2 s 325 mv 330 m ? 50 a at 63 v g ul mfu1206ff00750p500 800 ma 63 v 0.0023 a 2 s 273 mv 260 m ? 50 a at 63 v cv ul mfu1206ff00800p500 1.0 a 63 v 0.0028 a 2 s 262 mv 200 m ? 50 a at 63 v h ul/iec mfu1206ff01000p500 1.25 a 63 v 0.0041 a 2 s 230 mv 140 m ? 50 a at 63 v j ul mfu1206ff01250p500 1.5 a 63 v 0.0059 a 2 s 207 mv 105 m ? 50 a at 63 v k ul mfu1206ff01500p500 1.6 a 63 v 0.0066 a 2 s 168 mv 80 m ? 50 a at 63 v ef ul/iec mfu1206ff01600p500 1.75 a 63 v 0.0077 a 2 s 174 mv 76 m ? 50 a at 63 v l ul mfu1206ff01750p500 2.0 a 63 v 0.0102 a 2 s 181 mv 69 m ? 50 a at 63 v n ul/iec mfu1206ff02000p500 2.5 a 63 v 0.0159 a 2 s 161 mv 49 m ? 50 a at 63 v o ul mfu1206ff02500p500 3.0 a 63 v 0.0229 a 2 s 173 mv 44 m ? 50 a at 63 v p ul mfu1206ff03000p500 3.15 a 63 v 0.0251 a 2 s 153 mv 37 m ? 50 a at 63 v el ul/iec mfu1206ff03150p500 3.5 a 63 v 0.0310 a 2 s 161 mv 35 m ? 50 a at 63 v r ul mfu1206ff03500p500 4.0 a 63 v 0.0404 a 2 s 147 mv 28 m ? 50 a at 63 v s ul mfu1206ff04000p500 5.0 a 63 v 0.2275 a 2 s 131 mv 20 m ? 50 a at 63 v t ul mfu1206ff05000p500 6.3 a 63 v 0.5160 a 2 s 116 mv 14 m ? 50 a at 63 v et ul mfu1206ff06300p500
mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 6 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 description production is strictly controlled and follows an extensive set of instructions established for reproducibility. a homogeneous film of metal a lloy is deposited on a high grade ceramic body. the fuse elements are covered by a protective coating designed for electrical, mechanical and climatic protection. the termina tions receive a final pure tin on nickel plating. the result of the determined pr oduction is verified by an extensive testing procedure performed on 100 % of the individual fuses. only acce pted products are laid directly into the paper tape in accordance with iec 60286-3 . approvals the fuses are tested in accordance with the following standards: ? iec 60127-1 ? iec 60127-4 ? ul 248-14 ? iec 60068 series approval of conformity is indicated by the umf logo on the package label. recognition by underwriter laboratories inc. is indicated by the ul logo on the package label. assembly the fuses are suitable for processing on automatic smd assembly systems. they are suitable for automatic soldering using wave, reflow or vapour phase. the encapsulation is resistant to all cleaning solvents commonly used in the electronics indust ry, including alcohols, esters and aqueous solutions. the fuses are rohs compliant, the pure tin plating provides compatibility with lead (pb)-free and lead-containing soldering processes. the immunity of the plating against tin whis ker growth has been proven under extensive testing. solder ability is specified for 2 years after production or re-qualification. the permitted storage time is 20 years. all products comply with the jig 101 list of legal restrictions on hazardous substances. this includes full compliance with the following directives: ? 2000/53/ec end of vehicle life directive (elv) and annex ii (elv ii) ? 2011/65/eu restriction of the use of hazardous substances directive (rohs) ? 2002/96/ec waste electrical and electronic equipment directive (weee) functional performance note (1) current rating factor is in addi tion to the given perm issible continuous cu rrent rating of 0.7 current rating factor (1) vs. ambient temperature ? amb - 60 150 0 ambient temperature amb [c] current rating factor [%] 50 60 70 80 90 100 110 120 mfu series 75 90 105 120 135 ? 40 30 20 10 - 45 - 30 - 15 0 15 30 45 60
mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 7 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance note (1) fuses mounted on a test bo ard according to iec 60127-4 typical t pre-arc vs. i characteristic of mfu 0402 (1) typical i 2 t vs. t pre-arc characteristic of mfu 0402 (1) 0.1 100 10 -4 1 current i [a] pre-arc time t pre-arc [s] 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0402-ff 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0.80 a 0.75 a 0.63 a 0.50 a 10 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0402-ff 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0.80 a 0.75 a 0.63 a 0.50 a pre-arc time t pre-arc [s] joule integral l 2 t [a 2 s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2
mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 8 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance note (1) fuses mounted on a test bo ard according to iec 60127-4 typical t pre-arc vs. i characteristic of mfu 0603 (1) typical i 2 t vs. t pre-arc characteristic of mfu 0603 (1) 0.1 100 10 -4 1 current i [a] pre-arc time t pre-arc [s] 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0603-ff 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0.80 a 0.75 a 0.63 a 0.50 a 10 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0603-ff 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0.80 a 0.75 a 0.63 a 0.50 a pre-arc time t pre-arc [s] joule integral l 2 t [a 2 s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2
mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 9 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance note (1) fuses mounted on a test bo ard according to iec 60127-4 typical t pre-arc vs. i characteristic of mfu 0805 (1) typical i 2 t vs. t pre-arc characteristic of mfu 0805 (1) 0.1 100 10 -4 1 current i [a] pre-arc time t pre-arc [s] 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0805-ff 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0.80 a 0.75 a 0.63 a 0.50 a 10 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 0805-ff 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0.80 a 0.75 a 0.63 a 0.50 a pre-arc time t pre-arc [s] joule integral l 2 t [a 2 s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2
mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 10 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance note (1) fuses mounted on a test bo ard according to iec 60127-4 typical t pre-arc vs. i characteristic of mfu 1206 (1) typical i 2 t vs. t pre-arc characteristic of mfu 1206 (1) 0.1 100 10 -4 1 current i [a] pre-arc time t pre-arc [s] 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 1206-ff 6.30 a 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0.80 a 0.75 a 0.63 a 0.50 a 10 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 mfu 1206-ff 6.30 a 5.00 a 4.00 a 3.50 a 3.15 a 3.00 a 2.50 a 2.00 a 1.75 a 1.60 a 1.50 a 1.25 a 1.00 a 0.80 a 0.75 a 0.63 a 0.50 a pre-arc time t pre-arc [s] joule integral l 2 t [a 2 s] 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2
mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 11 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 test and requirements all tests are carried out in accordance with the following specifications: iec 60127-1, miniature fuse - part 1: definitions for miniature fuses and general requirements for miniature fuse-links iec 60127-4, universal modular fuse links (umf) ul 248-14, low voltage fuses - part 14: supplemental fuses for the full test schedule re fer to the documents listed above. the testing also covers most of the requirements specified by meti and ccc. the tests are carried out under standard atmospheric conditions in accordance with iec 60068-1, 5.3. climatic category lct/uct/56 (rated temperature range: lower category temperature, uppe r category temperature; damp heat, long term, 56 days) is valid. unless otherwise specified th e following values apply: temperature: 15 c to 35 c relative humidity: 45 % to 75 % air pressure: 86 kpa to 106 kpa (860 mbar to 1060 mbar). the components are mounted fo r testing on printed-circuit boards in accordance with iec 60127-4, unless otherwise specified. the requirements stated in the test procedures and requirements table are based on the required tests and permitted limits of iec 60127-1 and iec 60127-4 respectively. however, some additional tests and a number of improvements against thos e minimum requirements have been included. test procedures and requirements iec 60127-4 clause iec 60068-2 test method test procedure requirements permissible change 8.3.2 21 (u e1 ) substrate bending depth 1 mm; rate 1 mm/s 1 times no visible damage ? r/r ? 10 % 8.6.2 58 (td) solderability solder bath method; snpb40; non-activated flux; (215 3) c; (3 0.3) s good tinning ( ?? 95 % covered); no visible damage solder bath method; sn ag3cu0.5 or snag3.5; non-activated flux; (245 3) c; (2 0.2) s 8.7.2 58 (td) resistance to soldering heat solder bath method; (260 5) c; (10 1) s no visible damage ? r/r ? 10 % reflow method 2 (ir/forced gas convection); (260 5) c; (10 1) s 9.2.1 - time/current characteristics at nominal temperature cold resistance at 0.1 x i r ; destructive testing under overcurrent conditions (dc-current) mfu 0402 i r ? 0.75 a at 1.25 x i r , t pre-arc > 1 h at 2.0 x i r , t pre-arc < 60 s at 10 x i r , t pre-arc < 0.001 s mfu 0402 0.8 a ? i r ? 3.15 a at 1.25 x i r , t pre-arc > 1 h at 2.0 x i r , t pre-arc < 5 s at 10 x i r , t pre-arc < 0.001 s mfu 0603 i r ? 5.0 a mfu 0805 i r ? 5.0 a mfu 1206 i r ? 6.3 a 9.3.2 - breaking capacity 50 a at rated voltage acc. to ul 248-14 optical inspection with naked eye no visible damage 9.3.3 - residual resistance 50 a at rated voltage acc. to ul 248-14 insulation resistance at 2.0 x u r (dc) higher than 0.1 m ?
mfu series www.vishay.com vishay beyschlag revision: 11-mar-13 12 document number: 28747 for technical questions, contact: fuse@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 9.4 - endurance test acc. to iec 60127-1 a) i = 1.0 x i r (dc) 1.0 h on; 0.25 h off; 23 c; 100 times b) i = 1.25 x i r (dc) 1.0 h on 23 c; 1 time mfu 0402 i r ? 3.15 a no visible damage ? r/r ? 10 % mfu 0603 i r ? 3.15 a mfu 0805 i r ? 3.15 a mfu 1206 i r ? 3.15 a 9.5 - maximum sustained dissipation acc. to iec 60127-1 calculation in accordance with results of clause 9.4 b) dissipation ? acc. to iec 60127-4 table 2 9.7 - fuse-link temperature the test is performed during the final 5 min of clause 9.4 b) mfu 0402 i r ? 3.15 a temperature rise of terminals ? 85 k mfu 0603 i r ? 3.15 a mfu 0805 i r ? 3.15 a mfu 1206 i r ? 3.15 a -- verification of temp.-rise and current- carrying capacity acc. to ul 248-14 clause 8.2.3 i = 1.0 x i r (dc) mfu 0402 i r ? 3.15 a temperature rise of hot spot ? 75 k acc. to ul 248-14 clause 8.2.4 mfu 0603 i r ? 5.0 a mfu 0805 i r ? 5.0 a mfu 1206 i r ? 6.3 a -78 (cab) damp heat, steady state (40 2) c; 56 days; (93 3) % rh ? r/r ? 10 % i-t characteristic - 14 (na) rapid change of temperature 30 min at lct; 30 min at uct; lct = - 55 c; uct = 125 c; 5 cycles ? r/r ? 10 % - 6 (fc) vibration endurance by sweeping; 10 hz to 2000 hz; no resonance; amplitude ? 1.5 mm or ? 200 m/s 2 ; 6 h ? r/r ? 10 % - 45 (xa) component solvent resistance isopropyl alcohol; 50 ? c; method 2 no visible damage - 45 (xa) solvent resistance of marking isopropyl alcohol; 50 ? c; method 1, toothbrush marking legible, no visible damage - 21 (ue 3 ) shear (adhesion) rr 1608m; 9 n no visible damage rr 2012m and rr 3216m; 45 n - - flammability iec 60695-2-2, needle flame test; 10 s no burning after 30 s test procedures and requirements iec 60127-4 clause iec 60068-2 test method test procedure requirements permissible change
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MFU0603FF01250P100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X