Part Number Hot Search : 
PVR13N1 LY6264RL 15J301 AA541 MCL245 2SD180 2SD1523 RMXS2W
Product Description
Full Text Search
 

To Download MCW0406AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mcw 0406 at - precision www.vishay.com vishay beyschlag revision: 09-apr-13 1 document number: 28847 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 precision wide terminal thin film chip resistors mcw 0406 at precision wide terminal resistors are the perfect choice for most fields of modern professional power measurement electronics where reliability, stability, power dissipation, and robust design is of major concern. beside extremely high power ratings, the mcw 0406 at is characterized by extraordinary temperature cycling robustness, verified th rough extensive testing. ? the permissible power rating is specified with 250 mw. typical applications include power electronics in automotive and industrial appliances. features ? rated dissipation p 70 up to 250 mw ? resistance range down to 1r ? superior temperature cycling robustness ? operating temperature up to 155 c ? aec-q200 qualified (pending) ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? automotive ? industrial ? high power applications ? replacement for larger case sizes ? notes (1) please refer to application information, see next page. (2) < 47 ? on request. technical specifications description mcw 0406 at imperial size 0406 metric size code rr1016m resistance range (2) 1 ? to 100 k ? resistance tolerance 0.1 % temperature coefficient 15 ppm/k; 25 ppm/k rated dissipation p 70 (1) 0.25 w operating voltage, u max. ac/dc 50 v permissible film temperature, ? f max. (1) 155 c operating temperature range (1) - 55 c to 155 c insulation voltage 1 min; u ins 75 v continuous 75 v failure rate: fit observed to be established
mcw 0406 at - precision www.vishay.com vishay beyschlag revision: 09-apr-13 2 document number: 28847 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 application information the power dissipation on the re sistor generates a tempe rature rise against the local ambi ent, depending on the heat flow support of the printed-circuit bo ard (thermal resistance). the ra ted dissipation applies only if the permitted film temperature is not exceeded. furthermore, a high level of ambient temperature or of po wer dissipation may raise the temperature of the solder joint, hence special solder alloys or board materials may be required to maintain the reliability of the assembly. these resistors do not feature a lifetime limitation when operated within the limi ts of rated dissipati on, permissible operatin g voltage and permissible film tempe rature. however, the resistance typically increases due to the resistors film temperature ov er operating time, generally known as drift. the drift may exceed th e stability requirements of an individual application circuit and thereby limits the functional lifetime. the designer may estimate the performance of the particular resistor application or set certain load and temperature limits in order to maintain a desired stability. note ? products can be ordered us ing either the part number or product description. maximum resistance change at rated dissipation operation mode standard power rated dissipation p 70 p 70 mcw 0406 at 0.200 w 0.250 w applied maximum film temperature, ? f max. 125 c 155 c max. resistance change at rated dissipation for resistance range: mcw 0406 at 1 ? to 100 k ? 1 ? to 100 k ? ?? r/r ? max., after: 1000 h ? 0.1 % ? 0.2 % 8000 h ? 0.2 % ? 0.4 % 225 000 h ? 0.6 % - part number and product description part number: mcw0406md4641bpw00 type/size version tcr resistance tolerance packaging mcw0406 m = at (automotive) e = 15 ppm/k d = 25 ppm/k 3 digit value 1 digit multiplier multiplier 8 = *10 -2 9 = *10 -1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 b = 0.1 % p1 p5 pw product description: mcw 0406-25 0.1 % at pw 4k64 mcw 0406 -25 0.1 % at pw 4k64 size type tcr tolerance version packaging resistance mcw 0406 15 ppm/k 25 ppm/k 0.1 % at = automotive p1 p5 pw 4k64 = 4.64 k ? cw0406md4 m 41bpw 00 6
mcw 0406 at - precision www.vishay.com vishay beyschlag revision: 09-apr-13 3 document number: 28847 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? resistance values are av ailable from the e96 and e192 series, ot her values are avai lable on request. (1) < 47 ? on request. dimensions solder pad dimensions note ? the rated dissipation applies only if the permitted film temperature is not exceeded. furthermore, a high level of ambient tem perature or of power dissipation may raise the temperature of the solder joint, hence special solder alloys or boardmaterials may be required to maintain the reliability of the assembly. specified power rati ng above 125 c requires dedicated heat-sink pads, which to a great extend depends on board materials and design. ? the given solder pad dimens ions reflect the considerations fo r board design and assembly as ou tlined e.g. in standards iec 6118 8-5-x, or in publication ipc-7351. they do not guarantee any supposed thermal properties, particularly as these are also strongly influen ced by many other parameters. ? still, the given solder pad dimensions will be found adequate for most general applications, e.g. those referring to standard operation mode. please note however that applications for power operat ion mode or advanced temperatur e mode require special consider ations for the design of solder pads and adjacent conductor areas. temperature coefficient and resistance range description resistance tcr tolerance mcw 0406 at 25 ppm/k 0.1 % 1 ? to 100 k ? (1) 15 ppm/k 47 ? to 100 k ? packaging type code quantity carrier tape width pitch reel diameter mcw 0406 at p1 1000 tape and reel cardboard tape acc. iec 60286-3 type i 8 mm 4 mm 180 mm/7" p5 5000 pw 20 000 330 mm/13" l t b h t t w w t dimensions and mass type h (mm) l (mm) w (mm) w t (mm) t t (mm) t b (mm) mass (mg) mcw 0406 at 0.3 0.05 1.0 0.15 1.5 0.15 > 75 % of w 0.2 + 0.1/- 0.15 0.2 0.1 1.9 recommended solder pad dimensions type reflow soldering g (mm) y (mm) x (mm) z (mm) mcw 0406 at 0.35 0.55 1.75 1.45 g x y z
mcw 0406 at - precision www.vishay.com vishay beyschlag revision: 09-apr-13 4 document number: 28847 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 description production is strictly controlled and follows an extensive set of instructions established for reproducibility. a homogeneous film of special me tal alloy is deposited on a high grade ceramic substrate (al 2 o 3 ) and conditioned to achieve the desired temperature coefficient. specially designed inner contacts are deposited on both sides. a special laser is used to achiev e the target value by smoothly cutting a meander groove in the resistive layer without damaging the ceramics. the resistor elements are covered by a unique protective coating designed for electrical, mechanical and climatic protection. the terminations receive a final pure ti n on nickel plating. the result of the determined production is verified by an extensive testing procedure and optical inspection performed on 100 % of the indi vidual chip resistors. this includes full screening for the elimination of products with potential risk of early field failures (feasible for r ? 10 ? ). only accepted products are laid directly into the paper tape in accordance with iec 60286-3 (1) . assembly the resistors are suitable fo r processing on automatic smd assembly systems. they are suitable for automatic soldering using reflow or vapour phase as shown in iec 61760-1 (1) . the encapsulation is resistant to all cleaning solvents commonly used in the electronics industry, including alcohols, es ters and aqueous solutions. the suitability of conformal coatings, if applied, shall be qualified by appropri ate means to ensure the long-term stability of the whole system. the resistors are rohs comp liant; the pure tin plating provides compatibility with lead (pb)-free and lead-containing soldering pr ocesses. solderability is specified for 2 years after produ ction or requalification. the permitted storage time is 20 years. the immunity of the plating against tin whisker growth has been proven by extensive testing. all products comply with the gadsl (2) and the cefic-eeca-eicta (3) list of legal restrictions on hazardous substances. this includes full compliance with the following directives: ? 2000/53/ec end of vehicle life directive (elv) and annex ii (elv ii) ? 2011/65/eu restriction of the use of hazardous substances directive (rohs) ? 2002/96/ec waste electrical and electronic equipment directive (weee) approvals where applicable the resistors are tested within the iecq-cecc quality assessmen t system for electronic components to the detail specification en 140401-801 which refers to en 60115-1, en 140400 and the variety of environmental test procedures of the iec 60068 (3) series. the detail specification refers to the climatic categories 55/125/56, which relates to the standard operation mode of this datasheet. vishay beyschlag has achieved approval of manufacturer in accordance with iecq 03-1 . the release certificate for technology approval schedule in accordance with cecc 240001 based on iecq 03-3 , is granted for the vishay beyschlag manufacturing process. the qualification of the mcw 0406 at - precision according to aec-q200 is pending. related products for an alternative range of tcr and tolerance see the datasheet: ? professional wide terminal thin film chip resistors ( www.vishay.com/doc?28796 ) ? ? ? notes (1) the quoted iec standards are also released as en st andards with the same number and identical contents. (2) global automotive declarable substance list, see www.gadsl.org . (3) cefic (european chemical industry council), eeca (european electr onic component manufacturers as sociation), eict a (european tra de organisation representing the information and communications technology and consumer electronics), see www.eicta.org ? issues ? environment policy ? chemicals ? chemicals for electronics.
mcw 0406 at - precision www.vishay.com vishay beyschlag revision: 09-apr-13 5 document number: 28847 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance derating note ? for the permissible resistance change in each operation mode please refer to table maximum resistance change at rated dissipation, above. tests and requirements all tests are carried out in accordance with the following specifications: en 60115-1, generic specification en 140400, sectional specification en 140401-801, detail specification the testing also covers most of the requirements specified by eia/is-703 and jis-c-5202. the tests are carried out un der standard atmospheric conditions in accordance with iec 60068-1, 5.3. climatic category lct/uct/56 (rated temperature range: lower category temperature, upper category temperature; damp heat, long term, 56 days) is valid (lct = - 55 c/ uct = 125 c). unless otherwise specified th e following values apply: temperature: 15 c to 35 c relative humidity: 45 % to 75 % air pressure: 86 kpa to 106 kpa (860 mbar to 1060 mbar). the components are mounted for testing on boards in accordance with en 140400, 2.3.3 unless otherwise specified. the requirements stated in the test procedures and requirements table are based on the required tests and permitted limits of en 140401-801. however, some additional tests and a numbe r of improvements against those minimum requirements have been included. ? 100 100 - 50 ambient temperature in c 175 standard mode power mode 155 0 20 40 60 80 125 power dissipation in % p 050 70
mcw 0406 at - precision www.vishay.com vishay beyschlag revision: 09-apr-13 6 document number: 28847 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 test procedures and requirements en ? 60115-1 ? clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability for product types: mcw 0406 at 1 ? to 100 k ? 4.5 - resistance 0.1 % r 4.8.4.2 - temperature coefficient at (20/- 55/20) c and (20/155/20) c 15 ppm/k; 25 ppm/k 4.25.1 - endurance at 70 c: standard operation mode u = or u = u max. ; whichever is the less severe; 1.5 h on; 0.5 h off; 70 c; 1000 h 70 c; 8000 h (0.1 % r + 0.02 ? ) (0.2 % r + 0.02 ? ) endurance at 70 c: power operation mode u = or u = u max. ; whichever is the less severe; 1.5 h on; 0.5 h off; 70 c; 1000 h 70 c; 8000 h (0.2 % r + 0.02 ? ) (0.4 % r + 0.05 ? ) 4.25.3 - endurance at upper category temperature 125 c; 1000 h 155 c; 1000 h (0.15 % r + 0.02 ? ) (0.3 % r + 0.05 ? ) 4.24 78 (cab) damp heat, steady state (40 2) c; 56 days; (93 3) % rh (0.1 % r + 0.02 ? ) 4.39 67 (cy) damp heat, steady state, accelerated: standard operation mode (85 2) c (85 5) % rh u = ; u ??? 0.3 x u max. ; 1000 h (0.5 % r + 0.05 ? ) 4.23 climatic sequence: standard operation mode: (0.25 % r + 0.05 ? ) 4.23.2 2 (bb) dry heat 125 c; 16 h 4.23.3 30 (db) damp heat, cyclic 55 c; 24 h; > 90 % rh; 1 cycle 4.23.4 1 cold - 55 c; 2 h 4.23.5 13 (m) low air pressure 8.5 kpa; 2 h; (25 10) c 4.23.6 30 (db) damp heat, cyclic 55 c; 24 h; > 90 % rh; 5 cycles 4.23.7 - dc load u = ? u max. ; 1 min -1 (ab) storage at low temperature - 55 c; 2 h (0.05 % r + 0.01 ? ) 4.19 14 (na) rapid change of temperature 30 min at - 55 c and 30 min at 155 c; 1000 cycles (0.25 % r + 0.05 ? ) 4.13 - short time overload: standard operation mode u = 2.5 x ? 2 u max. ; whichever is the less severe; 5 s (0.05 % r + 0.01 ? ) 4.27 - single pulse high voltage overload: standard operation mode severity no. 4: u = 10 x or u = 2 x u max. ; whichever is the less severe; 10 pulses 10 s/700 s to be determined 4.37 - periodic electric overload: standard operation mode u = or u = 2 x u max. whichever is the less severe; 0.1 s on; 2.5 s off; 1000 cycles to be determined p 70 x r p 70 x r 0.1 x p 70 x r p 70 x r p 70 x r p 70 x r 15 x p 70 x r
mcw 0406 at - precision www.vishay.com vishay beyschlag revision: 09-apr-13 7 document number: 28847 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 4.40 - electro static discharge (human body model) iec 61340-3-1; 3 pos. + 3 neg. (equivalent to mil-std-883, method 3015) 500 v (0.5 % r + 0.05 ?? ) 4.22 6 (fc) vibration endurance by sweeping; 10 hz to 2000 hz; no resonance; amplitude ? 1.5 mm or ?? 200 m/s 2 ; 7.5 h (0.05 % r + 0.01 ?? ) no visible damage 4.17.2 58 (td) solderability solder bath method; snpb40; non-activated flux (215 3) c; (3 0.3) s good tinning ( ? 95 % covered); no visible damage solder bath method; snag3cu0.5 or snag3.5; non-activated flux; (235 3) c; (2 0.2) s good tinning ( ?? 95 % covered); no visible damage 4.18.2 58 (td) resistance to soldering heat solder bath method; (260 5) c; (10 1) s (0.1 % r + 0.02 ? ) no visible damage 4.29 45 (xa) component solvent resistance isopropyl alcohol + 50 c; method 2 no visible damage 4.32 21 (ue 3 ) shear (adhesion) rr 1016m ; 9 n no visible damage 4.33 21 (ue 1 ) substrate bending depth 2 mm, 3 times (0.05 % r + 0.01 ?? ) no visible damage; no open circuit in bent position 4.7 - voltage proof u rms = u ins ; (60 5) s no flas hover or breakdown 4.35 - flammability needle flame test; 10 s no burning after 30 s test procedures and requirements en ? 60115-1 ? clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability for product types: mcw 0406 at 1 ? to 100 k ?
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MCW0406AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X