Part Number Hot Search : 
BUL6825 ADV7189B TL084AMD SSM9916J 7C516 Z8D64U 2E474 MC145191
Product Description
Full Text Search
 

To Download MBRF10100-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  qw -bb053 page 1 rev :a maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20%. notes: 1. 300 s pulse width, 2% duty cycle. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. reverse v oltage: 30 to 100 v forward current: 10 a rohs device mbrf1030-g thru. mbr -g f10100 d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) i t o - 2 2 0 a c comchip t echnology co., l td. pa ra m et er sy mb ol un it maximum recurrent peak reverse v oltage maximum rms v oltage maximum dc blocking v oltage maximum a verage forward rectified current (see fig.1) operating t emperature range storage t emperature range 100 v rrm v rms v dc i (a v) i fsm v f i r t j t stg 150 -55 to +150 -55 to +175 v v v a a v ma 70 100 mbrf 1030-g if=10a@ t j = 25c if=10a@ t j =125c if=20a@ t j = 25c if=20a@ t j =125c 0.70 0.57 0.84 0.72 0.80 0.70 0.95 0.85 0.1 15 1 100 t ypical thermal resistance (note 3) r jc 2.5 c/w c c 3. thermal resistance junction to case. s c h o t t k y b a r r i e r r e c t i f i e r s features mechanical data -guard ring for transient protection. -low power loss high ef ficiency . -mounting position: any -case: jedec it o-220ac, molded plastic body . -w eight: 2.24 grams -high current capability . -high surge capacity . -for use in l , h ow voltage igh frequency inverters, free wheeling, and polarity protection applications. -polarity: as marked on the body . -t erminals: pure tin plated, lead free.solderable per mil-std-750,method 2026 peak f note 1 orward v oltage ( ) maximum dc reverse current @ t c= 25c rate dc blocking v oltage @ t c= 125c at (note 2) at peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load(jedec method) 0.118(3.00) 0.102(2.60) 0.173(4.40) 0.189(4.80) 0.511(13.00) 0.551(14.00) 0.622(15.80) 0.583(14.80) 0.102(2.60) 0.118(3.00) 0.138(3.50) 0.122(3.10) 0.386( 9.80) 0.406(10.30) 0.028(0.70) 0.020(0.50) 0 . 0 5 9 ( 1 . 5 0 ) 0 . 0 3 1 ( 0 . 8 0 ) 0 . 0 2 0 ( 0 . 5 0 ) 0 . 1 0 5 ( 2 . 6 7 ) 0 . 0 9 5 ( 2 . 4 1 ) 0.114(2.90) 0.098(2.50) 0 . 0 4 3 ( 1 . 1 0 ) 0 . 0 4 m a x ( 1 . 0 ) 0.118(3.00) 0.157(4.00) t ypical junction capacitance (note 2) c j p f mbrf 1040-g mbrf 1045-g mbrf 1050-g mbrf 1060-g mbrf 1080-g mbrf 10100-g 2.0 400 0.1 10 0.1 6.0 0.85 0.71 - - 10.0 80 56 80 60 42 60 50 35 50 45 31.5 45 40 28 40 30 21 30
ra ting and characteristic cur ves ( ) mbrf1030-g thru. MBRF10100-G fig. 2 - maximum non-repetitive surge current p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 1 250 200 150 100 50 0 300 10 2 5 20 50 100 f i g . 4 - t y p i c a l r e v e r c h a r a c t e r i s t i c s j u n c t i o n c a p a c i t a n c e , ( p f ) fig. 5 - t ypical junction capacitance 10000 1000 100 f ig . 1 - f o rw a rd c u rr e n t d e ra ti n g c u rv e s c h o t t k y b a r r i e r r e c t i f i e r s case t emperature, (c) number of cycles at 60hz reverse v oltage, (v) 1 10 100 0.1 t j = 2 5 c f = 1 m h z 7. 5 5. 0 2. 5 10 .0 0 25 10 0 50 75 12 5 15 0 20 0 0 12 .5 s in g le h a lf w a v e 6 0 h z r e s is ti v e o r in d u c ti v e l o a d pulse width 8.3ms single half-sine-w ave (jedec method) a v e r a g e f o r w a r d c u r r e n t , ( a ) 17 5 m b r f 1 0 8 0 -g m b r f 1 0 1 0 0 -g ~ m b r f 1 0 3 0 -g m b r f 1 0 6 0 -g ~ m b r f 1 0 8 0 -g m b r f 1 0 1 0 0 -g ~ m b r f 1 0 3 0 -g m b r f 1 0 6 0 -g ~ f i g . 3 - t y p i c a l r e v e r s e c h a r a c t e r i s t i c s 2 0 p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( % ) 1 0 . 0 1 0 0 0 . 0 1 1 . 0 0 . 1 4 0 6 0 8 0 1 0 0 i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( m a ) 1 2 0 1 4 0 0 t j = 1 2 5 c t j = 7 5 c t j = 2 5 c m b r f 1 0 8 0 -g m b r f 1 0 1 0 0 -g ~ m b r f 1 0 3 0 -g m b r f 1 0 6 0 -g ~ 0 . 3 0 . 5 1 . 0 0 . 9 0 . 7 0 . 4 0 . 6 0 . 8 i n s t a n t a n e o u s f o r w a r d v o l t a g e , ( v ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0 . 1 1 1 0 1 0 0 m b r f 1 0 3 0 -g m b r f 1 0 4 5 -g ~ m b r f 1 0 8 0 -g m b r f 1 0 1 0 0 -g ~ m b r f 1 0 5 0 -g m b r f 1 0 6 0 -g ~ t j = 2 5 c p u l s e w id t h 3 0 0 u s 2 % d u t y c y c l e qw -bb 053 page 2 rev :a comchip t echnology co., l td.
marking code xx / xxx = product type marking code c = compchip logo mbrf1030-g part number marking code mbrf1030 standard packaging c a s e t y p e i t o - 2 2 0 a c 5 0 t u b e ( p c s ) t u b e p a c k 2 , 0 0 0 b o x ( p c s ) c mbrf10xxx MBRF10100-G mbrf10100 mbrf1040-g mbrf1040 mbrf1045-g mbrf1045 mbrf1050-g mbrf1050 mbrf1060-g mbrf1060 mbrf1080-g mbrf1080 s c h o t t k y b a r r i e r r e c t i f i e r s qw -bb 053 page 3 rev :a comchip t echnology co., l td.


▲Up To Search▲   

 
Price & Availability of MBRF10100-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X