Part Number Hot Search : 
UF2003PT 90160 93334 31DQ10TR 90160 ZTACSMT 70ZFP PHC21025
Product Description
Full Text Search
 

To Download MBR30100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky barrier mbr3020 thru MBR30100 30 a mp rectifier 2 0 to 100 v o lts features ? o pe r ating t e m pe r atu r e: - 5 5 c to +15 0 c ? sto r age t e m pe r atu r e: - 5 5 c to +15 0 c mcc part number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mb r 3020 2 0v 14 v 20 v mb r 3030 3 0v 21 v 30 v mb r 3035 35 v 24.5 v 35 v mb r 3040 40v 28v 40v mb r 3045 45 v 31.5 v 45 v mb r 3060 6 0v 42 v 60 v mbr3080 8 0v 56 v 80 v e lect r ical cha r acte r istics @ 2 5 c u nless o t he r w ise s p ecified average forward current i f(av) 30 a t l = 1 0 5 c peak f o r w a r d su r ge cu rr ent i fsm 4 0 0 a 8.3 m s , half s i ne ma x i m um in s tantaneous forward voltage v f i fm = 30 .0a; t a = 25 c maximum dc reverse current at rated dc blocking voltage i r 1 .0 m a t a = 25 c typical junction capacitance c j 2 0 0pf mea s u r ed at 1.0mhz, v r =4.0v max i mum rat i n gs metal of siliconrectifier, majonty carrier conducton guard ring for transient protection low power loss high efficiency high surge capacity, high current capability *pul s e t e s t: pul s e w i dth 30 0 s e c, d u t y c y c l e 1 % mbr3020-3045 mbr3060 mbr3080-30100 .63 v .84 v .75 v mb r 30100 100v 70v 100v a n e d c k h v u l g b q 1 2 pin 1: anode pin 2: anode case: cathode d i m e n s i o ns inches mm dim min max min max a 1.550 ref 39.37 ref b ----- 1.050 ----- 26.67 c .250 .335 6.35 8.51 d .038 .043 0.97 1.09 e .055 .070 1.40 1.77 g .430 bsc 10.92 bsc h .215 bsc 5.46 bsc k .440 .480 11.18 12.19 l .665 bsc 16.89 bsc n ----- .830 ----- 21.08 q . 151 . 165 3 . 84 4 . 19 u 1.187 bsc 30.15 bsc v .131 1.88 3.33 4.77 to-3 xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 1
2 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 40 60 200 100 amps 0 . 0 5 0 . 0 6 0 . 0 7 0 . 08 0 . 0 9 0 . 1 .1 .2 .4 .6 1 2 4 6 10 20 25 c volts figure 3 junction capacitance .1 .2 1.4 2 10 20 404 100 200 10 20 60 100 200 1000 pf volts 600 400 40 400 1000 t j =25 c average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 175 50 7 5 100 125 0 5 10 15 s i ng l e p ha s e, ha l f w ave 60hz resistive or inductive load amps c 150 20 25 30 schottky barrier mbr3020 thru MBR30100 30 a mp rectifier 2 0 to 100 v o lts xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017
3 instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts figure 4 typical reverse characteristics volts 40 60 200 100 m a m p s 1 0 10 0 2 0 4 0 6 0 8 0 .1 .2 .4 .6 1 2 4 6 10 20 t a =25 c 400 600 1000 12 0 t a =125 c 1 100 4 0 1 0 0 2 00 25 0 8 f i gure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 3 00 35 0 4 00 schottky barrier mbr3020 thru MBR30100 30 a mp rectifier 2 0 to 100 v o lts xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017


▲Up To Search▲   

 
Price & Availability of MBR30100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X