Part Number Hot Search : 
PT8146 072AC TDA7461 SS6P4C LVCH16 AK4103A SK363 ON2377
Product Description
Full Text Search
 

To Download MBR10150CTP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr10150 document number: ds31499 rev. 9 - 2 1 of 4 www.diodes.com april 2011 ? diodes incorporated MBR10150CTP 10a schottky barrier rectifier features ? low forward voltage drop ? soft, fast switching capability ? schottly barrier chip ? ito-220s heat sink tab electr ically isolated from cathode ? ul approval in accordance with ul 1557, reference no. e94661 mechanical data ? case: ito-220s ? case material: molded plastic, ul flammability classification rating 94v-0 ? terminals: matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: 1.335 grams (approximate) ordering information (note 1) part number case packaging MBR10150CTP ito-220s 50 pieces/tube notes: 1. for packaging details, go to our website at http://www.diodes.com. marking information package pin out confi g uration 1 2 3 4 anode common cathode anode isolated top view bottom view MBR10150CTP = product type marking code a b = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 08 = 2008) ww = week (01 - 53) 10150ctp yyww ab mbr
mbr10150 document number: ds31499 rev. 9 - 2 2 of 4 www.diodes.com april 2011 ? diodes incorporated MBR10150CTP maximum ratings (per leg) @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 150 v average rectified output current (per leg) i o 5 a (total) 10 non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 105 a isolation voltage from terminal heatsink t = 1 min. v ac 2000 v thermal characteristics (per leg) characteristic symbol value unit typical thermal resistance junction to case r jc 3 c/w operating and storage temperature range t j , t stg -65 to +175 c electrical character istics (per leg) @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition forward voltage drop v f - - 0.91 v i f = 5a, t j = 25oc - - 0.75 i f = 5a, t j = 125oc leakage current (note 2) i r - - 0.05 ma v r = 150v, t j = 25oc - - 20 v r = 150v, t j = 125oc notes: 2. short duration pulse test used to minimize self-heating effect. 0 200 400 600 800 1,000 1,200 0.0001 0.001 0.01 0.1 1 10 100 i, ins t an t ane o u s f o r wa r d c u r r en t (a) f fig. 1 typical forward characteristics v , instantaneous forward voltage (mv) f t = 25c a t = 85c a t = 125c a t = 150c a 0.01 0.1 1 10 100 1,000 0 306090120150 fig. 2 typical reverse characteristics v , instantaneous reverse voltage (v) r i , instantaneous reverse current (a) r t = 25c a t = 85c a t = 125c a t = 150c a
mbr10150 document number: ds31499 rev. 9 - 2 3 of 4 www.diodes.com april 2011 ? diodes incorporated MBR10150CTP 0 5 10 25 50 75 100 125 150 fig. 3 forward current derating curve t , ambient temperature (c) a i , average forward current (a) f(av) r = r total device ? ja jc r = 21c/w per element ja package outline dimensions ito-220s dim. min. max. typ. a 4.52 4.62 4.57 a1 1.17 1.39 ? a2 2.57 2.77 2.67 b 0.72 0.95 0.84 b2 1.15 1.54 1.26 c 0.356 0.61 ? d 14.22 16.51 15.00 d1 8.60 8.80 8.70 d2 13.68 14.08 ? e 2.49 2.59 2.54 e1 4.98 5.18 5.08 e 10.01 10.21 10.11 e1 6.86 8.89 ? h1 5.85 6.85 ? l 13.30 13.90 13.60 l1 ? 4.00 ? p 3.54 4.08 ? q 2.54 3.42 ? all dimensions in mm e d1 l b2 b e a2 + a d 7 ref 5 ref + d2 h1 e1 5 ref a1 c e1 q ?p 1.7 ref 5 ref 5 ref l1 ?1.5 dp 0.1 max
mbr10150 document number: ds31499 rev. 9 - 2 4 of 4 www.diodes.com april 2011 ? diodes incorporated MBR10150CTP important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2011, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of MBR10150CTP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X