Part Number Hot Search : 
BU4S81G 3120A 74AUP2G DG408 74LS37 HEF40 HE06E BU2458
Product Description
Full Text Search
 

To Download M2012TJW01-FC-1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series m miniature rockers www.nkk.com b62 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable b rockers touch tilt toggles general specifcations electrical capacity (resistive load) power level (silver): 6a @ 125v ac & 3a @ 250v ac 4a @ 30v dc for on-none-on; 3a @ 30v dc for all other circuits logic level (gold): 0.4va maximum @ 28v ac/dc maximum (applicable range 0.1ma ~ 0.1a @ 20mv ~ 28v) logic/power level (gold over silver): combines silver & gold ratings note: find additional explanation of dual rating & operating range in supplement section. other ratings contact resistance: 10 milliohms maximum for silver; 20 milliohms maximum for gold insulation resistance: 1,000 megohms minimum @ 500v dc dielectric strength: 1,000v ac minimum between contacts for 1 minute minimum; 1,500v ac minimum between contacts and case for 1 minute minimum mechanical life: 50,000 operations minimum electrical life: 25,000 operations minimum for silver; 50,000 operations minimum for gold; 50,000 operations minimum for silver at 3a @ 125v ac angle of throw: 25 materials & finishes actuator clip & mounting frame: stainless steel body frame: stainless steel case: diallyl phthalate resin (ul94vC0) movable contactor: phosphor bronze with silver or gold plating movable contacts: silver alloy (code w); copper with gold plating (code g); or silver alloy with gold plating (code a) stationary contacts: silver with silver plating (code w); copper or brass with gold plating (code g); or silver with gold plating (code a) terminals: copper or brass with silver plating; or copper or brass with gold plating environmental data operating temp range: C30c through +85c (C22f through +185f) humidity: 90 ~ 95% humidity for 96 hours @ 40c (104f) vibration: 10 ~ 55hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours shock: 50g (490m/s 2 ) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) processing soldering: wave soldering (pc version) for gold: see profle a in supplement section. manual soldering for gold: see profle a in supplement section. wave soldering (pc version) for silver: see profle b in supplement section. manual soldering for silver: see profle b in supplement section. note: actuator must be in off (center) position while soldering. cleaning: these devices are not process sealed. hand clean locally using alcohol based solution. standards & certifications flammability standards: ul94vC0 for case ul: file no. e44145 - recognized only when ordered with marking on switch. add /u before frst dash in part number to order ul recognized switch. all models recognized at 6a @ 125v ac, 3a @ 250v ac or 0.4va maximum @ 28v dc maximum. csa: file no. 023535_0_000 - certifed only when ordered with marking on switch. add /c before frst dash in part number to order csa certifed switch. all models certifed at 6a @ 125v ac or 3a @ 250v ac or 0.4va maximum @ 28v maximum.
series m miniature rockers www.nkk.com b63 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable toggles b rockers touch tilt distinctive characteristics three methods of panel mounting: fat frame for fush with face or subpanel, snap-in, and pcb. high insulating barriers increase isolation of circuits in multipole devices and provide added protection to contact points. the molded diallyl phthalate case has a ul 94v-0 fammability rating. epoxy sealed terminals prevent entry of solder fux and other contaminants. prominent external insulating barriers increase insulation resistance and dielectric strength. bias guard prevents misalignment of contacts; interlocking of actuator block with rocker and internal guide does not allow transmission of diagonal force on rocker to reach contact mechanism. clinching of the frame to the case well above the base and terminals provides 1,500v dielectric strength. actual size flat frame mount page b83 bracket pc mount page b72 snap-in mount page b64
series m miniature rockers www.nkk.com b65 series m miniature rockers www.nkk.com b64 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable b rockers touch tilt toggles indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable toggles b rockers touch tilt typical switch ordering example m20 contact materials & ratings w silver; rated 6a @ 125v ac & 3a @ 250v ac g gold; rated 0.4va max @ 28v ac/dc max a gold over silver; rated 6a @ 125v ac & 0.4va max @ 28v ac/dc max terminals 01 solder lug * 02 quick connect 03 .250 (6.35mm) straight pc 05 .425 (10.8mm) wirewrap 06 .750 (19.05mm) wirewrap 07 .964 (24.5mm) wirewrap 08 1.062 (27.0mm) wirewrap poles 1 spdt 2 dpdt sp3t rockers & paddles f .450 (11.43mm) wide rocker g .450 (11.43mm) wide paddle s .453 (11.5mm) false illluminated rocker in black only 01 f 1 2 circuits 2 on none on 3 on off on 5 on none (on) 8 (on) off (on) 9 on off (on) 4 on on on 6 (on) on (on) 7 on on (on) ( ) = momentary 3-on circuits * * * * 1 a rocker & paddle colors a black b white c red e yellow f green g blue h gray snap-in frame spdt on-none-on circuit description for typical ordering example M2012TJW01-FC-1A red .450 (11.43mm) wide rocker solder lug terminals silver contacts with 6Camp rating mounting frame tj snap-in frame tj w c black bezel without led snap-in frame spdt on-none-on circuit description for typical ordering example m2012tjw01-fc-3a-cf solder lug terminals silver contacts with 6Camp rating black bezel with 2 round leds top led red bottom led green a black b white e yellow f green g blue h gray 1 bezel without led led colors bezel colors optional bezels 2 bezel with 1 round led a black a black 1 led c red f green 2 leds top led bottom led c red c red e yellow e yellow f green f green red .450 (11.43mm) wide rocker 3 bezel with 2 round leds 4 bezel with 2 rectangular leds * wire harness & cable assemblies offered only in americas important: switches are supplied without ul & csa marking unless specifed. ul & csa recognized only when ordered with marking on the switch. specifc models, ratings, & ordering in - structions are noted on general specif - cations page.
series m snap-in mount miniature rockers www.nkk.com b66 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable b rockers touch tilt toggles for 3 throw (3-on) connected terminals & schematic pole model down center up external connection sp m2024 m2026 m2027 on (on) on on on on on (on) (on) 2-3 5-6 2-3 5-4 2-1 5-4 external connection must be made during feld installation. the sp3t model utilizes a double pole base. (out) 63 2 1 4 5 (out) (out) external conn common (in) rocker position ( ) = momentary connected terminals throw & schematics pole model down center up down center up sp m2012 m2013 m2015 m2018 m2019 on on on (on) on none off none off off on on (on) (on) (on) 2-3 open 2-1 spdt dp m2022 on none on 2-3 5-6 open 2-1 5-4 dpdt m2023 on off on m2025 on none (on) m2028 (on) off (on) m2029 on off (on) note: terminal numbers are not actually on the switch. poles & circuits 2 (com) 1 3 4 6 1 3 25 (com) mounting frame snap-in frame tj panel thickness without bezel: .039 ~ .126 (1.0mm ~ 3.2mm) panel thickness with bezel: .039 ~ .098 (1.0mm ~ 2.5mm) contact materials & ratings silver over silver power level 6a @ 125v ac & 3a @ 250v ac gold over brass or copper logic level 0.4va maximum @ 28v ac/dc maximum note: see supplement section to fnd complete explanation of operating range. gold over silver power level or logic level 6a @ 125v ac or 0.4va maximum @ 28v ac/dc maximum note: this dual rated option is suitable when two or more identical switches are used in logic and in power circuits within the same application. see supplement section to fnd complete explanation of dual rating and operating range. a w g panel cutout for single pole without bezel panel cutout for double pole without bezel (18.0) .710 (12.2) .480 25 (4.3) .170 (2.54) dia .100 (15.9) .626 (12.5) .492 (15.9) .626 (13.1) .516 1 (out) 4 (out) 6 (out) 2 (in) 3 5 external connection 1 (out) 4 (out) 6 (out) 2 (in) 3 5 external connection 1 (out) 4 (out) 6 (out) 2 (in) 3 5 external connection
series m snap-in mount miniature rockers www.nkk.com b67 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable toggles b rockers touch tilt terminals rockers & paddles 01 03 05 08 07 06 solder lug 02 .062 (1.57mm) wide quick connect .425 (10.8mm) wirewrap or extended pc .750 (19.05mm) wirewrap or extended pc .964 (24.5mm) wirewrap or extended pc 1.062 (27.0mm) wirewrap or extended pc .250 (6.35mm) straight pc if using as extended pc terminal, refer to the above footprints. dimension a = terminal lengths as shown beside the terminal codes at the left. single pole double pole (6.35) .250 epoxy seal thk = (0.8) .031 (1.57) .062 epoxy seal (2.0) .079 (2.0) .079 (4.0) .157 (1.1) .043 thk = (0.8) .031 epoxy seal (4.8) .189 (6.35) .250 (1.17) .046 thk = (0.8) .031 thk = (0.8) .031 epoxy seal a (1.27) .050 (4.7) ty p .185 (4.8) .189 (1.8) dia ty p .073 1 2 3 6 5 4 (4.7) ty p .185 (1.8) dia ty p .073 1 2 3 at4150 .450 (11.43mm) wide rocker f black a cap colors available: white b red c yellow e green f blue g material: polyamide finish: matte colors available: a, b, c, e, f, g, h gray h at4151 .450 (11.43mm) wide paddle g material: polyamide finish: matte colors available: a, b, c, e, f, g, h at466 .453 (11.5mm) false illuminated rocker s rocker false illuminator material: polycarbonate acrylonitrile butadiene styrene finish: glossy colors: black white and red when a bezel is selected with at466, glossy polycarbonate at207 is supplied. (6.3) .248 (9.19) .362 (11.43) .450 (7.11) .280 (1.8) .071 (11.8) .465 (11.8) .465 (16.36) .644 (11.43) .450 (2.36) .093 (1.8) .071 (5.84) r .230 (8.6) .339 (11.3) .445 (7.7) .303 (1.8) .071 (11.8) .465 (11.5) .453
series m snap-in mount miniature rockers www.nkk.com b68 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable b rockers touch tilt toggles yellow e optional snap-in bezels & bezel colors at2107 bezel 1 black a white b green f blue g material: polyamide finish: matte gray h at208 bezel for at070 led 2 material: polycarbonate finish: glossy contact factory for matte fnish. at212 bezel for at617 led 3 material: polycarbonate finish: semi-glossy at213 bezel for at618 led 4 material: polycarbonate finish: semi-glossy bezel assembly 45 ta b ta b 1. pry out tab on bezel to a 45 angle. 2. insert switch frame under tab and snap on bezel. 3. push tab back into place. 4. snap assembled bezel and switch into panel. (11.8) .465 (21.5) .846 (12.0) .472 (15.6) .614 (2.2) .087 (30.2) 1.19 (19.0) .748 (12.0) .472 (11.8) .465 (13.5) .531 (15.6) .614 (5.4) dia .213 (2.2) .087 (21.5) sq .846 (11.8) .465 (10.0) .394 (12.0) .472 (2.2) .087 (7.8) .307 (3.0) dia ty p .118 (8.0) .315 (11.8) .465 (10.0) .394 (12.0) .472 (2.2) .087 (7.8) .307 (21.5) sq .846 (5.0) ty p .197 (8.0) .315 (2.0) ty p .079 black a black a black a led colors & specifcations on next page. led colors & specifcations on next page. led colors & specifcations on next page. (15.9) .626 (15.9) .626 a single pole double pole a (12.5)mm .492 (13.1)mm .516 single pole double pole a (12.5)mm .492 (13.1)mm .516 b (6.25)mm .246 (6.55)mm .258 (15.9) .626 (13.8) .543 (8.8) dia .346 b a (15.9) .626 a (15.9) .626 a single pole double pole a (18.4)mm .724 (18.7)mm .736 single pole double pole a (18.4)mm .724 (18.7)mm .736
series m snap-in mount miniature rockers www.nkk.com b69 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable toggles b rockers touch tilt to p led bottom led circuit mark this sid e to p led bottom led circuit mark this sid e circuit mark this sid e at070 at617 at618 color red green red yellow green red yellow green forward peak current i fm 25ma 50ma 30ma 30ma 25ma 10ma 30ma 30ma typical forward current i f 20ma 30ma 20ma 20ma 20ma 8ma 24ma 24ma forward voltage v f 2.8v 2.1v 2.0v 2.1v 2.2v 1.9v 2.0v 2.1v reverse peak voltage v rm 4v 5v 5v 5v 5v 5v 5v 5v current reduction rate above 25c ?i f 0.33 ma/c 0.40 ma/c 0.40 ma/c 0.40 ma/c 0.33 ma/c 0.13 ma/c 0.40 ma/c 0.40 ma/c ambient temperature range (when used with a bezel) C10 ~ +70c C15 ~ +70c C15 ~ +70c led colors & specifications bezel orientation on switch at070 led for bezel at208 with 1 led the electrical specifcations shown are determined at a basic temperature of 25c. led circuit is independent of switch operation. led is colored in off state. if the source voltage is greater than the rated voltage of the led, a ballast resistor must be connected in series with the lam p. the ballast resistor calculation and more lamp detail are shown in the supplement section. (+) (-) at617 led for bezel at212 with 2 round leds at618 led for bezel at213 with 2 rectangular leds note: lead lengths may differ from manufacturing lot to lot. the longer lead is the anode (+). f e c f e c c f (5.08) dia .200 (7.7) .303 (+) (-) (5.0) .197 (3.0) dia .118 (+) (-) (7.0) .276 (5.0) .197 (+) (-) legends nkk switches can provide custom legends for caps. contact factory for more information. suggested printable area for cap at4150 recommended print method: pad print epoxy based ink is recommended. off on (9.91) .390 (3.36) ty p .132 (11.43) .450 (0.76) ty p .030 (0.76) ty p .030 (0.38) ty p .015 (4.5) ty p .177 shaded areas are printable areas.
series m snap-in mount miniature rockers www.nkk.com b70 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable b rockers touch tilt toggles typical switch dimensions snap-in frame ? solder lug single pole m2012tjw01-fc snap-in frame ? solder lug double pole m2022tjw01-fc snap-in frame ? solder lug single pole snap-in frame ? solder lug double pole m2012tjw01-gc m2022tjw01-gc (18.0) .709 (11.43) .450 (12.2) .480 25 (2.8) .110 (4.9) .194 (0.5) .020 (3.3) .130 (7.1) .279 (9.4) .371 (4.5) .177 (0.5) .020 (0.8) ty p .031 (4.7) ty p .185 (1.1) x (2.0) ty p .043 x .079 circuit mark this side 3 2 1 (13.0) .512 (2.0) ty p .079 (7.9) .311 (18.0) .709 (11.43) .450 (12.2) .480 (2.8) .110 (0.5) .020 (7.1) .279 (9.4) .371 (4.5) .177 (0.5) .020 (0.8) ty p .031 (4.7) ty p .185 (1.1) x (2.0) ty p .043 x .079 circuit mark this side 25 (2.36) .093 (3.18) .125 (13.7) .539 3 2 1 (13.0) .512 (2.0) ty p .079 (7.9) .311 (18.0) .709 (11.43) .450 (12.2) .480 25 (2.8) .110 (4.9) .194 (0.5) .020 (3.3) .130 (7.1) .279 (9.4) .371 (4.5) .177 (0.5) .020 (0.8) ty p .031 (4.7) ty p .185 (1.1) x (2.0) ty p .043 x .079 circuit mark this side (13.0) .512 6 3 2 5 4 1 (4.8) .189 (2.0) ty p .079 (12.7) .500 (18.0) .709 (11.43) .450 (12.2) .480 (2.8) .110 (0.5) .020 (7.1) .279 (9.4) .371 (4.5) .177 (0.5) .020 (0.8) ty p .031 (4.7) ty p .185 (1.1) x (2.0) ty p .043 x .079 circuit mark this side 25 (2.36) .093 (3.18) .125 (13.7) .539 6 3 2 5 4 1 (13.0) .512 (4.8) .189 (2.0) ty p .079 (12.7) .500
series m snap-in mount miniature rockers www.nkk.com b71 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable toggles b rockers touch tilt typical switch dimensions single & double pole snap-in frame ? at2107 bezel ? solder lug M2012TJW01-FC-1A double pole snap-in frame ? at208 bezel ? solder lug m2022tjw01-fc-2a-c single pole snap-in frame ? at212 bezel ? solder lug double pole snap-in frame ? at213 bezel ? solder lug m2012tjw01-fc-3a-cf m2022tjw01-fc-4a-cf (15.6) .614 (11.8) .465 (11.43) .450 (12.0) .472 (21.5) .846 (2.2) .087 (6.4) .252 (9.4) .371 (4.5) .177 (4.01) .158 (4.3) .169 (0.5) .020 25 (5.6) .221 (1.1) x (2.0) ty p .043 x .079 (4.7) ty p .185 (0.8) ty p .031 circuit mark this side (13.0) .512 3 2 1 (7.9) .311 (2.0) .079 (14.0) .551 (5.08) dia .200 (30.2) 1.190 (12.0) .472 (11.43) .450 (11.8) .465 (15.6) .614 (13.5) .531 (19.0) .748 circuit mark this side 25 (4.9) .193 (1.1) x (2.0) ty p .043 x .079 (0.8) ty p .031 (4.5) .177 (0.5) .020 (2.2) .087 (4.3) .169 (4.01) .158 (6.4) .252 (9.4) .371 (0.61) sq .024 (15.3) min .602 (4.7) ty p .185 (2.5) .098 63 52 41 (14.0) .551 (13.0) .512 (2.0) ty p .079 (12.7) .500 (4.8) .189 (10.0) .394 (7.8) .307 (12.0) .472 (8.0) .315 (11.43) .450 (11.8) .465 (3.0) dia ty p .118 (21.5) sq .846 circuit mark this side 25 (5.6) .221 (1.1) x (2.0) ty p .043 x .079 (0.8) ty p .031 (4.5) .177 (0.5) .020 (2.2) .087 (4.3) .169 (4.01) .158 (6.4) .252 (9.4) .371 (4.7) ty p .185 3 2 1 (7.9) .311 (2.0) .079 (14.0) .551 (13.0) .512 (10.0) .394 (7.8) .307 (12.0) .472 (8.0) .315 (2.0) .079 (11.43) .450 (11.8) .465 (21.5) sq .846 (5.0) ty p .197 circuit mark this side 25 (5.6) .221 (1.1) x (2.0) ty p .043 x .079 (0.8) ty p .031 (4.5) .177 (0.5) .020 (2.2) .087 (4.3) .169 (4.01) .158 (6.4) .252 (9.4) .371 (4.7) ty p .185 3 2 1 (12.7) .500 (2.0) ty p .079 (14.0) .551 (13.0) .512 6 5 4 (4.8) .189 (4.8) .189 (12.7) .500 (2.0) ty p .079 6 3 2 5 4 1 (13.0) .512 (14.0) .551


▲Up To Search▲   

 
Price & Availability of M2012TJW01-FC-1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X