![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
kmm366s824ct rev. 0.1 may 1999 pc100 unbuffered dimm revision history revision 0.1 (may. 24, 1999) - changed "detail c" in pcb dimension.
kmm366s824ct rev. 0.1 may 1999 pc100 unbuffered dimm the samsung kmm366s824ct is a 8m bit x 64 synchronous dynamic ram high density memory module. the samsung kmm366s824ct consists of eight cmos 4m x 16 bit with 4banks synchronous drams in tsop-ii 400mil package and a 2k eeprom in 8-pin tssop package on a 168-pin glass-epoxy substrate. two 0.1uf decoupling capacitors are mounted on the printed circuit board in parallel for each sdram. the kmm366s824ct is a dual in-line memory module and is intended for mounting into 168-pin edge connector sockets. synchronous design allows precise cycle control with the use of system clock. i/o transactions are possible on every clock cycle. range of operating frequencies, programmable latencies allows the same device to be useful for a variety of high bandwidth, high performance memory system applications. ? performance range ? burst mode operation ? auto & self refresh capability (4096 cycles/64ms) ? lvttl compatible inputs and outputs ? single 3.3v 0.3v power supply ? mrs cycle with address key programs latency (access from column address) burst length (1, 2, 4, 8 & full page) data scramble (sequential & interleave) ? all inputs are sampled at the positive going edge of the system clock ? serial presence detect with eeprom ? pcb : height (1,375mil) , double sided component part no. max freq. (speed) kmm366s824ct-g8 125mhz (8ns @ cl=3) KMM366S824CT-GH 100mhz (10ns @ cl=2) kmm366s824ct-gl 100mhz (10ns @ cl=3) feature general description kmm366s824ct sdram dimm 8mx64 sdram dimm based on 4mx16, 4banks, 4k refresh, 3.3v synchronous drams with spd pin names * these pins are not used in this module. ** these pins should be nc in the system which does not support spd. pin name function a0 ~ a11 address input (multiplexed) ba0 ~ ba1 select bank dq0 ~ dq63 data input/output clk0 ~ clk3 clock input cke0 ~ cke1 clock enable input cs0 ~ cs3 chip select input ras row address strobe cas column address strobe we write enable dqm0 ~ 7 dqm v dd power supply (3.3v) v ss ground *v ref power supply for reference sda serial data i/o scl serial clock sa0 ~ 2 address in eeprom wp write protection du don t use nc no connection pin configurations (front side/back side) pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 front v ss dq0 dq1 dq2 dq3 v dd dq4 dq5 dq6 dq7 dq8 v ss dq9 dq10 dq11 dq12 dq13 v dd dq14 dq15 *cb0 *cb1 v ss nc nc v dd we dqm0 pin 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 front dqm1 cs0 du v ss a0 a2 a4 a6 a8 a10/ap ba1 v dd v dd clk0 v ss nc cs2 dqm2 dqm3 nc v dd nc nc *cb2 *cb3 v ss dq16 dq17 pin 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 front dq18 dq19 v dd dq20 nc *v ref cke1 v ss dq21 dq22 dq23 v ss dq24 dq25 dq26 dq27 v dd dq28 dq29 dq30 dq31 v ss clk2 nc wp **sda **scl v dd pin 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 back v ss dq32 dq33 dq34 dq35 v dd dq36 dq37 dq38 dq39 dq40 v ss dq41 dq42 dq43 dq44 dq45 v dd dq46 dq47 *cb4 *cb5 v ss nc nc v dd cas dqm4 pin 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 back dqm5 cs1 ras v ss a1 a3 a5 a7 a9 ba0 a11 v dd clk1 *a12 v ss cke0 cs3 dqm6 dqm7 *a13 v dd nc nc *cb6 *cb7 v ss dq48 dq49 pin 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 back dq50 dq51 v dd dq52 nc *v ref nc v ss dq53 dq54 dq55 v ss dq56 dq57 dq58 dq59 v dd dq60 dq61 dq62 dq63 v ss clk3 nc **sa0 **sa1 **sa2 v dd samsung electronics co., ltd. reserves the right to change products and specifications without notice. kmm366s824ct rev. 0.1 may 1999 pc100 unbuffered dimm pin configuration description pin name input function clk system clock active on the positive going edge to sample all inputs. cs chip select disables or enables device operation by masking or enabling all inputs except clk, cke and dqm cke clock enable masks system clock to freeze operation from the next clock cycle. cke should be enabled at least one cycle prior to new command. disable input buffers for power down in standby. cke should be enabled 1clk+t ss prior to valid command. a0 ~ a11 address row / column addresses are multiplexed on the same pins. row address : ra0 ~ ra11, column address : ca0 ~ ca7 ba0 ~ ba1 bank select address selects bank to be activated during row address latch time. selects bank for read/write during column address latch time. ras row address strobe latches row addresses on the positive going edge of the clk with ras low. enables row access & precharge. cas column address strobe latches column addresses on the positive going edge of the clk with cas low. enables column access. we write enable enables write operation and row precharge. latches data in starting from cas , we active. dqm0 ~ 7 data input/output mask makes data output hi-z, t shz after the clock and masks the output. blocks data input when dqm active. (byte masking) dq0 ~ 63 data input/output data inputs/outputs are multiplexed on the same pins. wp write protection wp pin is connected to v ss through 47k w resistor. when wp is "high", eeprom programming will be inhibited and the entire memory will be write-protected. v dd /v ss power supply/ground power and ground for the input buffers and the core logic. kmm366s824ct rev. 0.1 may 1999 pc100 unbuffered dimm dqm4 functional block diagram cs0 dqm0 dqm1 dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 u0 dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 ldqm cs udqm dqm5 dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 u2 dq32 dq33 dq34 dq35 dq36 dq37 dq38 dq39 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 dq40 dq41 dq42 dq43 dq44 dq45 dq46 dq47 ldqm cs udqm dqm6 cs2 dqm2 dqm3 dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 u1 dq16 dq17 dq18 dq19 dq20 dq21 dq22 dq23 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 dq24 dq25 dq26 dq27 dq28 dq29 dq30 dq31 ldqm cs udqm dqm7 dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 u3 dq48 dq49 dq50 dq51 dq52 dq53 dq54 dq55 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 dq56 dq57 dq58 dq59 dq60 dq61 dq62 dq63 ldqm cs udqm dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 u4 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 ldqm cs udqm dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 u6 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 ldqm cs udqm dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 u5 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 ldqm cs udqm dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 u7 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 ldqm cs udqm cs1 cs3 a0 ~ an, ba0 & 1 cke0 ras cas we sdram u0 ~ u7 sdram u0 ~ u7 sdram u0 ~ u7 sdram u0 ~ u7 sdram u0 ~ u3 10 w dqn every dqpin of sdram cke1 sdram u4 ~ u7 10k w v dd v dd vss two 0.1uf capacitors per each sdram to all sdrams u0/u4/u2/u6 10 w clk0/1/2/3 u1/u5/u3/u7 15 pf serial pd sda scl a1 a2 a0 sa1 sa2 sa0 wp 47k w kmm366s824ct rev. 0.1 may 1999 pc100 unbuffered dimm absolute maximum ratings parameter symbol value unit voltage on any pin relative to vss v in , v out -1.0 ~ 4.6 v voltage on v dd supply relative to vss v dd , v ddq -1.0 ~ 4.6 v storage temperature t stg -55 ~ +150 c power dissipation p d 8 w short circuit current i os 50 ma permanent device damage may occur if "absolute maximum ratings" are exceeded. functional operation should be restricted to recommended operating condition. exposure to higher than recommended voltage for extended periods of time could affect device reliability. note : dc operating conditions and characteristics capacitance (v dd = 3.3v, t a = 23 c, f = 1mhz, v ref = 1.4v 200 mv) pin symbol min max unit address (a0 ~ a11, ba0 ~ ba1) ras , cas , we cke (cke0) clock (clk0, clk2) cs ( cs0 , cs2 ) dqm (dqm0 ~ dqm7) dq (dq0 ~ dq63) c add c in c cke c clk c cs c dqm c out 40 40 25 15 15 5 5 60 60 35 25 25 15 15 pf pf pf pf pf pf pf recommended operating conditions (voltage referenced to v ss = 0v, t a = 0 to 70 c) parameter symbol min typ max unit note supply voltage v dd , v ddq 3.0 3.3 3.6 v input logic high voltage v ih 2.0 3.0 v ddq +0.3 v 1 input logic low voltage v il -0.3 0 0.8 v 2 output logic high voltage v oh 2.4 - - v i oh = -2ma output logic low voltage v ol - - 0.4 v i ol = 2ma input leakage current (inputs) i il -8 - 8 ua 3 input leakage current (i/o pins) i il -3 - 3 ua 3,4 1. v ih (max) = 5.6v ac. the overshoot voltage duration is 3ns. 2. v il (min) = -2.0v ac. the undershoot voltage duration is 3ns. 3. any input 0v v in v ddq. input leakage currents include hi-z output leakage for all bi-directional buffers with tri-state outputs. 4. dout is disabled, 0v v out v ddq. note : kmm366s824ct rev. 0.1 may 1999 pc100 unbuffered dimm 1. measured with outputs open. 2. refresh period is 64ms. notes : dc characteristics (recommended operating condition unless otherwise noted, t a = 0 to 70 c) parameter symbol test condition cas latency version unit note -8 -h -l operating current (one bank active) i cc1 burst length =1 t rc 3 t rc (min) i ol = 0 ma 380 360 360 ma 1 precharge standby current in power-down mode i cc2 p cke v il (max), t cc = 15ns 8 ma i cc2 ps cke & clk v il (max), t cc = 8 precharge standby current in non power-down mode i cc2 n cke 3 v ih (min), cs 3 v ih (min), t cc = 15ns input signals are changed one time during 30ns 96 ma i cc2 ns cke 3 v ih (min), clk v il (max), t cc = input signals are stable 48 active standby current in power-down mode i cc3 p cke v il (max), t cc = 15ns 16 ma i cc3 ps cke & clk v il (max), t cc = 16 active standby current in non power-down mode (one bank active) i cc3 n cke 3 v ih (min), cs 3 v ih (min), t cc = 15ns input signals are changed one time during 30ns 160 ma i cc3 ns cke 3 v ih (min), clk v il (max), t cc = input signals are stable 80 ma operating current (burst mode) i cc4 i ol = 0 ma page burst 2banks activated t ccd = 2clks 3 460 380 380 ma 1 2 380 380 360 refresh current i cc5 t rc 3 t rc (min) 1,000 ma 2 self refresh current i cc6 cke 0.2v 8 ma kmm366s824ct rev. 0.1 may 1999 pc100 unbuffered dimm ac operating test conditions (v dd = 3.3v 0.3v , t a = 0 to 70 c) parameter value unit ac input levels (vih/vil) 2.4/0.4 v input timing measurement reference level 1.4 v input rise and fall time tr/tf = 1/1 ns output timing measurement reference level 1.4 v output load condition see fig. 2 3.3v 1200 w 870 w output 50pf v oh (dc) = 2.4v, i oh = -2ma v ol (dc) = 0.4v, i ol = 2ma vtt = 1.4v 50 w output 50pf z0 = 50 w (fig. 2) ac output load circuit (fig. 1) dc output load circuit operating ac parameter 1. the minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then rounding off to the next higher integer. 2. minimum delay is required to complete write. 3. all parts allow every cycle column address change. 4. in case of row precharge interrupt, auto precharge and read burst stop. notes : (ac operating conditions unless otherwise noted) parameter symbol version unit note -8 -h -l row active to row active delay t rrd (min) 16 20 20 ns 1 ras to cas delay t rcd (min) 20 20 20 ns 1 row precharge time t rp (min) 20 20 20 ns 1 row active time t ras (min) 48 50 50 ns 1 t ras (max) 100 us row cycle time t rc (min) 68 70 70 ns 1 last data in to row precharge t rdl (min) 1 clk 2 last data in to new col. address delay t cdl (min) 1 clk 2 last data in to burst stop t bdl (min) 1 clk 2 col. address to col. address delay t ccd (min) 1 clk 3 number of valid output data cas latency=3 2 ea 4 cas latency=2 1 kmm366s824ct rev. 0.1 may 1999 pc100 unbuffered dimm refer to the individual componenet, not the whole module. parameter symbol -8 -h -l unit note min max min max min max clk cycle time cas latency=3 t cc 8 1000 10 1000 10 1000 ns 1 cas latency=2 10 10 12 clk to valid output delay cas latency=3 t sac 6 6 6 ns 1,2 cas latency=2 6 6 7 output data hold time cas latency=3 t oh 3 3 3 ns 2 cas latency=2 3 3 3 clk high pulse width t ch 3 3 3 ns 3 clk low pulse width t cl 3 3 3 ns 3 input setup time t ss 2 2 2 ns 3 input hold time t sh 1 1 1 ns 3 clk to output in low-z t slz 1 1 1 ns 2 clk to output in hi-z cas latency=3 t shz 6 6 6 ns cas latency=2 6 6 7 1. parameters depend on programmed cas latency. 2. if clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter. 3. assumed input rise and fall time (tr & tf) = 1ns. if tr & tf is longer than 1ns, transient time compensation should be considered, i.e., [(tr + tf)/2-1]ns should be added to the parameter. notes : ac characteristics (ac operating conditions unless otherwise noted) kmm366s824ct rev. 0.1 may 1999 pc100 unbuffered dimm frequency vs. ac parameter relationship table kmm366s824ct-g8 frequency cas latency t rc t ras t rp t rrd t rcd t ccd t cdl t rdl 68ns 48ns 20ns 16ns 20ns 8ns 8ns 8ns 125mhz (8.0ns) 3 9 6 3 2 3 1 1 1 100mhz (10.0ns) 3 7 5 2 2 2 1 1 1 83mhz (12.0ns) 2 6 4 2 2 2 1 1 1 75mhz (13.0ns) 2 6 4 2 2 2 1 1 1 66mhz (15.0ns) 2 5 4 2 2 2 1 1 1 (unit : number of clock) kmm366s824ct-gl frequency cas latency t rc t ras t rp t rrd t rcd t ccd t cdl t rdl 70ns 50ns 20ns 20ns 20ns 10ns 10ns 10ns 100mhz (10.0ns) 3 7 5 2 2 2 1 1 1 83mhz (12.0ns) 2 6 5 2 2 2 1 1 1 75mhz (13.0ns) 2 6 4 2 2 2 1 1 1 66mhz (15.0ns) 2 5 4 2 2 2 1 1 1 60mhz (16.7ns) 2 5 3 2 2 2 1 1 1 KMM366S824CT-GH frequency cas latency t rc t ras t rp t rrd t rcd t ccd t cdl t rdl 70ns 50ns 20ns 20ns 20ns 10ns 10ns 10ns 100mhz (10.0ns) 2 7 5 2 2 2 1 1 1 83mhz (12.0ns) 2 6 5 2 2 2 1 1 1 75mhz (13.0ns) 2 6 4 2 2 2 1 1 1 66mhz (15.0ns) 2 5 4 2 2 2 1 1 1 60mhz (16.7ns) 2 5 3 2 2 2 1 1 1 (unit : number of clock) (unit : number of clock) kmm366s824ct rev. 0.1 may 1999 pc100 unbuffered dimm simplified truth table (v=valid, x=don t care, h=logic high, l=logic low) command cken-1 cken cs ras cas we dqm ba 0,1 a 10 /ap a 11, a 9 ~ a 0 note register mode register set h x l l l l x op code 1,2 refresh auto refresh h h l l l h x x 3 self refresh entry l 3 exit l h l h h h x x 3 h x x x 3 bank active & row addr. h x l l h h x v row address read & column address auto precharge disable h x l h l h x v l column address (a 0 ~ a 7 ) 4 auto precharge enable h 4,5 write & column address auto precharge disable h x l h l l x v l column address (a 0 ~ a 7 ) 4 auto precharge enable h 4,5 burst stop h x l h h l x x 6 precharge bank selection h x l l h l x v l x all banks x h clock suspend or active power down entry h l h x x x x x l v v v exit l h x x x x x precharge power down mode entry h l h x x x x x l h h h exit l h h x x x x l v v v dqm h v x 7 no operation command h x h x x x x x l h h h 1. op code : operand code a 0 ~ a 11 & ba 0 ~ ba 1 : program keys. (@ mrs) 2. mrs can be issued only at all banks precharge state. a new command can be issued after 2 clock cycles of mrs. 3. auto refresh functions are as same as cbr refresh of dram. the automatical precharge without row precharge command is meant by "auto". auto/self refresh can be issued only at all banks precharge state. 4. ba 0 ~ ba 1 : bank select addresses. if both ba 0 and ba 1 are "low" at read, write, row active and precharge, bank a is selected. if both ba 0 is "low" and ba 1 is "high" at read, write, row active and precharge, bank b is selected. if both ba 0 is "high" and ba 1 is "low" at read, write, row active and precharge, bank c is selected. if both ba 0 and ba 1 are "high" at read, write, row active and precharge, bank d is selected. if a 10 /ap is "high" at row precharge, ba 0 and ba 1 is ignored and all banks are selected. 5. during burst read or write with auto precharge, new read/write command can not be issued. another bank read/write command can be issued after the end of burst. new row active of the associated bank can be issued at t rp after the end of burst. 6. burst stop command is valid at every burst length. 7. dqm sampled at positive going edge of a clk and masks the data-in at the very clk (write dqm latency is 0), but makes hi-z state the data-out of 2 clk cycles after. (read dqm latency is 2) notes : x kmm366s824ct rev. 0.1 may 1999 pc100 unbuffered dimm package dimensions 0.150 max 0.050 0.0039 0.250 ) detail a 0.123 0.005 (6.350 detail b (3.125 0.125) 0.079 0.004 (2.000 0.100) . 0 i 5 0 i ) (3.81 max) .005(.13) unless otherwise specified sdram part no. : km416s4030ct 5.014 r 0.079 0.250 1.450 2.150 0 1 8 ( . 0 ) 0.350 . 0 i ( . 4 i ) . 0 1 . 8 ) .118dia 0.004 (8.890) (6.350) (11.430) (4.000 0.100 0.089 (127.350) 1 3 5 3 . 2 ) (3.000) (3.175) (9.525) (2.44) (r 1.27+0.1) 0.039 0.002 0.006 0.150) 050) ) . 0 i 2 5 0 m n detail c |
Price & Availability of KMM366S824CT-GH
![]() |