Part Number Hot Search : 
MZP4739 NJM2550 TC58F PIC18F25 BG24064A MAXQ3100 2SC4540 IDT72
Product Description
Full Text Search
 

To Download KK74HCT27A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data KK74HCT27A triple 3-input nor gate ordering information kk 74hct27an plastic kk 74hct27ad soic t a = -55 t o 125 c for all packages the kk 74hct27a is high-speed si-gate cmos device and is pin com p atible with low power scho ttky ttl (lsttl). the device provide t h e tri p l e 3-i nput nor funct i on. ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 4.5 t o 5.5 v ? low input c u rrent : 1.0 a ? high noise im m unity characteristic of cmos devices logic diagram pin 14 =v cc pin 7 = gnd pin assignment a 1 a 2 a 3 c1 c2 c3 y1 y2 y3 b1 b2 b3 1 2 3 5 4 6 7 v cc 14 13 12 11 10 8 9 gn d a1 b1 b2 b3 a2 a3 y2 y3 y1 c1 c2 c3 function table input s o u t put a b c c b a y + + = l l l h x x h l x h x l h x x l x = don?t care 1
KK74HCT27A maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -1.5 t o v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put c u rrent , per pi n 25 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip* * soic package** 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c *m axi m um r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. **derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 4.5 5.5 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) v cc =2.0 v v cc =4.5 v v cc =6.0 v 0 0 0 1000 500 400 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
KK74HCT27A dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v 25 c to -55 c 85 c 125 c unit v ih m i ni m u m hi gh-level input vol t a ge v out 0.1v or v out v cc -0.1v ? i out ? 20 a 4.5 5.5 2.0 2.0 2.0 2.0 2.0 2.0 v v il m a x i mu m l o w - l e v e l input vol t a ge v out 0.1v or v out v cc -0.1v ? i out ? 20 a 4.5 5.5 0.8 0.8 0.8 0.8 0.8 0.8 v v in =v ih or v il ? i out ? - 20 a 4.5 5.5 4.4 5.4 4.4 5.4 4.4 5.4 v oh m i ni m u m hi gh-level out put vol t a ge v in = v ih or v il ? i out ? - 4.0 m a 4 . 5 3 . 9 8 3 . 8 4 3 . 7 0 v v in = v ih or v il ? i out ? 20 a 4.5 5.5 0.1 0.1 0.1 0.1 0.1 0.1 v v ol m a x i mu m l o w - l e v e l out put vol t a ge v in = v ih or v il ? i out ? 4.0 m a 4 . 5 0 . 2 6 0 . 3 3 0 . 4 i il m a x i mu m l o w - l e v e l input leakage c u rrent v in = 0 v 5.5 -0.1 -1.0 -1.0 a i ih m a xi m u m hi gh-level input leakage c u rrent v in = v cc 5 . 5 0 . 1 1 . 0 1 . 0 a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or 0 v i out =0 a 5 . 5 2 . 0 2 0 4 0 a -55 c 2 5 c -125 c i cct m a x i mu m ad d itio n a l qu iescen t suppl y c u rrent on i nput pi n v in =2.4v any one i nput , v in =0 v or v cc , ot hers i nput s i out =0 a 4.5 2 . 9 2 . 4 m 3
KK74HCT27A ac electrical characteristics (c l =50pf,input t r =t f =6.0 ns) v cc guaranteed lim it sym b o l p a r a m e t e r v 25 c to -55 c 85 c 125 c unit t phl , t plh m a xi m u m propagat i on del a y (fi gure 1) 4.5 24 31 37 ns t thl , t tlh m a xi m u m out put transi t i on ti m e (fi gure 1) 4.5 1 5 1 9 2 2 n s c in m a xi m u m input c a paci t a nce 5.0 10 10 10 pf power di ssi pat i on c a paci t a nce (per gat e ) t a =25 c,v cc =5.0 v c pd used t o det e rm i n e t h e no-l o ad dy nam i c power consum pt i on: p d =c pd v cc 2 f+i cc v cc 5 4 p f v = 3 v 1 v = 1.3 v 2 in p u t ou t p u t 0.1 0. 1 0 . 1 0. 1 0. 9 0.9 0.9 0.9 t ph l t f t th l t pl h t r t tlh v 2 v 2 v 2 v 2 0 v gn d v cc v 1 fi gure 1. swi t c hi ng w a veform s pu l s e g e ne ra t o r d evi c e unde r te s t v cc v i v o c 50 pf l r t termination resistance r t ? should be equal to z out of pulse generators fi gure 2. test c i rcui t 4
KK74HCT27A n s u f f i x p l as t i c di p (m s - 0 0 1 a a ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a b ) sy m b o l m i n m a x a 8. 55 8. 75 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 d i me n s i o n , mm 1. 27 5. 27 2. 54 7. 62 d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0.2 5 ( 0 . 0 10 ) m t -t - 1 14 7 8 a b f g d l h se a t i n g pl a n e n k 0.25 ( 0 . 010) m t m j -t - c 1 14 7 8 5


▲Up To Search▲   

 
Price & Availability of KK74HCT27A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X