Part Number Hot Search : 
PMBT4401 13006 ZMY5V1 PCF8584T NJW1194V 34735 5KP75 STK0100
Product Description
Full Text Search
 

To Download KK74ACT652 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data KK74ACT652 octal 3-state bus transceivers and d flip-flops high-speed silicon-gate cmos ordering information kk 74act652n plastic kk 74act652dw soic t a = -40 to 8 5 c for all packages the kk 74act652 is identical in pinout to the ls/als652, hc / h c t 652. the kk 74act652 may be used as a level converter for interfacing ttl or nmos outputs to high speed cmos inputs. these devi ces consi s t s of bus t r anscei ver ci rcui t s , d-t y pe fl i p -fl op, an d co n t ro l circu itry arran g e d fo r m u ltip lex tran sm issio n o f d a ta d i rectly from t h e dat a bus or from t h e i n t e rnal st orage regi st ers. di rect i on and out put enabl e are provi ded t o sel ect t h e read-t i m e or st ored dat a funct i on. dat a on t h e a or b dat a bus, or bot h, can be st ored i n t h e i n t e rnal d fl i p - fl ops by l o w-t o -hi gh t r ansi t i ons at t h e appropri a t e cl ock pi ns (a-t o-b c l ock or b - t o -a c l ock) regardl e ss of t h e sel ect or enabl e or enabl e cont rol pi ns. w h en a-t o -b source and b-to-a source are in th e real-tim e t r ansfer m ode, i t i s al so possi bl e t o st ore dat a wi t hout usi ng t h e i n t e rnal d-t y pe fl i p -fl ops by si m u l t a neousl y enabl i ng di rect i on and out put enable. in this configuration each out put reinforces its input. thus, when al l ot her dat a sources t o t h e t w o set s of bus l i n es are at hi gh i m pedance, each set of bus lines will rem a in at its last state. the kk 74act652 has noninverted outputs. ? ttl/nmos com p atible input levels ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 4.5 t o 5.5 v ? low input c u rrent : 1.0 a; 0.1 a @ 25 c ? out put s source/ si nk 24 m a pin assignment logic diagram pin 24=v cc pin 12 = gnd 1
KK74ACT652 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -0.5 t o v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put si nk/ source c u rrent , per pi n 50 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 4.5 5.5 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t j junct i on tem p erat ure (pdip) 140 c t a operating tem p erature, all package types -40 +85 c i oh out put c u rrent - hi gh -24 m a i ol out put c u rrent - low 24 m a t r , t f input r i se and fal l ti m e * (except schm itt inputs) v cc =4.5 v v cc =5.5 v 0 0 10 8.0 ns/ v * v in from 0.8 v t o 2.0 v thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
KK74ACT652 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim its sy m bol p a r a m e t e r test c ondi t i o n s v 25 c - 4 0 c to 85 c un it v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 2.0 2.0 2.0 2.0 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 0.8 0.8 0.8 0.8 v v oh m i ni m u m hi gh- level out put vol t a ge i out -50 a 4.5 5.5 4.4 5.4 4.4 5.4 v * v in =v ih or v il i oh =-24 m a i oh =-24 m a 4.5 5.5 3.86 4.86 3.76 4.76 v ol m a x i mu m l o w - level out put vol t a ge i out 50 a 4.5 5.5 0.1 0.1 0.1 0.1 v * v in =v ih or v il i ol =24 m a i ol =24 m a 4.5 5.5 0.36 0.36 0.44 0.44 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 a ? i cct addi t i onal m a x. i cc / i nput v in =v cc - 2.1 v 5.5 1.5 m a i oz m a x i mu m t h r e e - state leakage current v in (oe)= v ih or v il v in =v cc or gnd v out =v cc or gnd 5.5 0.6 6.0 a i old +min im u m dyn a m i c out put c u rrent v old =1.65 v m a x 5.5 75 m a i ohd +min im u m dyn a m i c out put c u rrent v ohd =3.85 v m i n 5.5 -75 m a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd 5.5 8 .0 80 a * al l out put s l o aded; t h reshol ds on i nput associ at ed wi t h out put under t e st . +m axi m um t e st durat i on 2.0 m s , one out put l o aded at a t i m e. 3
KK74ACT652 ac electrical characteristics (v cc =5.0 v 10%, c l =50pf,input t r =t f =3.0 ns) g u a r a n t e e d lim i t s sym b o l p a r a m e t e r 25 c - 4 0 c to 8 5 c un it min m ax min max t plh propagat i on del a y , a-t o -b c l ock or b - t o -a c l ock t o a or b dat a port (fi gure 1) 4 . 0 1 4 . 5 3 . 5 1 6 . 5 n s t phl propagat i on del a y , a-t o -b c l ock or b - t o -a c l ock t o a or b dat a port (fi gure 1) 3 . 5 1 4 . 5 3 . 0 1 6 . 5 n s t plh propagat i on del a y , input a t o out put b or input b t o out put a (fi gures 2,3) 2 . 5 1 1 . 5 2 . 0 1 3 . 0 n s t phl propagat i on del a y , input a t o out put b or input b t o out put a (fi gures 2,3) 2 . 5 1 1 . 5 2 . 0 1 3 . 0 n s t plh propagat i on del a y , a-t o -b source or b - t o -a source t o a or b dat a port (fi gure 4) 2 . 5 1 2 . 0 2 . 0 1 3 . 5 n s t phl propagat i on del a y , a-t o -b source or b - t o -a source t o a or b dat a port (fi gure 4) 3 . 0 1 2 . 0 2 . 5 1 3 . 5 n s t pzh propagat i on del a y , out put enabl e t o a dat a port (fi gure 5) 2 . 0 1 1 . 5 1 . 5 1 3 . 0 n s t pzl propagat i on del a y , out put enabl e t o a dat a port (fi gure 5) 2 . 5 1 1 . 5 2 . 0 1 3 . 0 n s t phz propagat i on del a y , out put enabl e t o a dat a port (fi gure 5) 3 . 0 1 3 . 0 2 . 5 1 4 . 0 n s t plz propagat i on del a y , out put enabl e t o a dat a port (fi gure 5) 2 . 5 1 2 . 5 2 . 0 1 4 . 0 n s t pzh propagat i on del a y , di rect i on t o b dat a port (fi gure 6) 2 . 5 1 2 . 0 2 . 0 1 3 . 5 n s t pzl propagat i on del a y , di rect i on t o b dat a port (fi gure 6) 2 . 5 1 2 . 0 2 . 0 1 3 . 5 n s t phz propagat i on del a y , di rect i on t o b dat a port (fi gure 6) 3 . 5 1 3 . 5 3 . 0 1 4 . 5 n s t plz propagat i on del a y , di rect i on t o b dat a port (fi gure 6) 3 . 0 1 3 . 5 2 . 5 1 5 . 0 n s c in m a xi m u m input c a paci t a nce 4.5 4.5 pf c out input / o ut put c a paci t a nce 15 15 pf typical @25 c,v cc =5.0 v c pd power di ssi pat i on c a paci t a nce 60 pf 4
KK74ACT652 timing requirements (c l =50pf,input t r =t f =3.0 ns) v cc * guaranteed lim its sym b o l p a r a m e t e r v 25 c - 4 0 c to 85 c unit t su m i ni m u m set up ti m e , a or b dat a port t o a- t o -b c l ock or b - t o -a c l ock (fi gure 7) 5.0 7 . 0 8 . 0 n s t h m i ni m u m hol d ti m e , a-t o -b c l ock or b - t o -a c l ock t o a or b dat a port (fi gure 7) 5.0 2 . 5 2 . 5 n s t w m i ni m u m pul s e w i dt h, a-t o -b c l ock or b - t o -a c l ock (fi gure 7) 5.0 6 . 0 7 . 0 n s timing diagram 5
KK74ACT652 function table d i r . o e c a b cba s a b s b a a b f u n c t i o n inputs inputs b o t h t h e a bus and t h e b bus are i nput s. l h x x x x z z the out put funct i ons of t h e a and b bus are disabled. x x inputs inputs b o t h t h e a and b bus are used for i nput s to th e in tern al flip -flo p s . data at th e b u s will b e sto r ed o n lo w to h i g h tran sitio n o f t h e cl ock i nput s. outputs inputs the a bus are out put s and t h e b bus are i nput s. x * x x l l h l h the data at the b bus are displayed at the a bus. l l x * x l l h l h the data at the b bus are displayed at the a bus. the dat a of t h e b bus are st ored t o th e in tern al flip -flo p s o n lo w to h i g h t r ansi t i on of t h e cl ock pul se. x * x x h qn x th e d a ta sto r ed to th e in tern al flip -flo p s , are displayed at the a bus. x * x h h l h l the data at the b bus are stored to the in tern al flip -flo p s o n lo w to h i g h t r ansi t i on of t h e cl ock pul se. the st at es of th e in tern al flip -flo p s o u t p u t d i rectly to t h e a bus. inputs outputs the a bus are i nput s and t h e b bus are out put s. x x * l x l h l h the data at the a bus are displayed at the b bus. h h x * l x l h l h the data at the b bus are displayed at the a bus. the dat a of t h e b bus are st ored t o th e in tern al flip -flo p s o n lo w to h i g h t r ansi t i on of t h e cl ock pul se. x x * h x x qn th e d a ta sto r ed to th e in tern al flip -flo p s are displayed at the b bus. x * h x l h l h the data at the a bus are stored to the in tern al flip -flo p s o n lo w to h i g h t r ansi t i on of t h e cl ock pul se. the st at es of th e in tern al flip -flo p s o u t p u t d i rectly to t h e b bus. outputs outputs b o t h t h e a bus and t h e b bus are out put s h l x x h h q n q n the data stor ed to th e in tern al flip -flo p s are di spl a y e d at t h e a and b bus respectively. h h qn qn the out put at t h e a bus are di spl a y e d at t h e b bus, t h e out put at t h e b bus are di spl a y e d at t h e a bus respec. x : don?t care z : high im pedance qn : the data stored to the internal flip-f lops by m o st recent low to high transition of the clock inputs * : the data at the a and b bus w i ll be stored to the internal flip-flops on every low to transition of the clock inputs 6
KK74ACT652 switching diagrams fi gure 1. sw i t chi n g waveforms figure 2. a data port = input, b data port = output figure 3. a data port = output, b data port = input fi gure 4. sw i t chi n g waveforms fi gure 5. sw i t chi n g waveforms fi gure 6. sw i t chi n g waveforms fi gure 7. sw i t chi n g waveforms 7
KK74ACT652 expanded logic diagram 8
KK74ACT652 n s u f f i x p l as t i c d i p (m s - 0 0 1 a f ) sy m b o l m i n m a x a 3 1. 24 3 2 . 5 1 b 6 . 1 7. 11 c5 d 0 .3 6 0 .5 6 f 1 .1 4 1 .7 8 g h j0 10 k 2 .9 2 3 .8 1 no t e s : l 7 .6 2 8 .2 6 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0 . 2 0. 36 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n0 . 3 8 d su f f i x so i c (m s - 0 1 3 a d) sy m b o l m i n m a x a 1 5. 2 1 5. 6 b7 . 4 7 . 6 c 2 .3 5 2 .6 5 d 0 .3 3 0 .5 1 f 0 . 4 1. 27 g h no t e s : j0 8 1. d i m e ns i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i o n . k0 . 1 0 . 3 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e m 0 .2 3 0 .3 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . p 1 0 1 0. 65 r 0 .2 5 0 .7 5 9. 53 d i me n s i o n , mm d i me n s i o n , mm 2. 54 7. 62 1. 27 . 3 3 a b h c k c m j f m p g d r x 45 se a t i n g pl a n e 0 . 25 ( 0 . 0 10 ) m t -t - 1 24 12 13 l h m j a b f g d se a t i n g pl a n e n k 0. 2 5 ( 0 . 010 ) m t -t - c 1 24 12 13 9


▲Up To Search▲   

 
Price & Availability of KK74ACT652

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X