Part Number Hot Search : 
150R1 EM78565H LBB110 AN3826NK DG529AZ 2SJ65103 AO4464 HZS12LA1
Product Description
Full Text Search
 

To Download IVU2PTBG04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet ivu plus image sensor with integrated display the ivu plus bcr package consists of lighting, sensor, lens, and display. this version of the ivu plus has an integrated display to set up and monitor inspections. cables and mounting brackets can be ordered for each application. additionally, other lenses, filters, and external lights are available. features ? no pc required to configure the sensor ? image processing expertise is not required ? multiple inspections that facilitate storing and controlling up to 30 inspections for fast product turnover ? usb port for uploading and downloading of inspections and log files for easy updating and diagnostics ? integrated color touch screen display ? ethernet communications for communication with the sensor ? a rs-232 serial communications port that is used to output barcode data to other applications ? high speed processing ? adjustable image resolution up to 752480 pixels the ivu plus bcr reads the following barcode types: ? datamatrix (ecc 200) barcodes ? qr code (qr and micro qr) ? linear barcodes: code128, code39, codabar, interleaved 2 of 5, ean13, ean8, upce, postnet, imb, and pharmacode warning: not to be used for personnel protection never use this device as a sensing device for personnel protection. doing so could lead to serious injury or death. this device does not include the self-checking redundant circuitry necessary to allow its use in personnel safety applications. a sensor failure or malfunction can cause either an energized or de-energized sensor output condition. models ring light options micro video lens options c-mount lens options 4.3 mm 6 mm 8 mm 12 mm 16 mm 25 mm none ivu2ptbx04 ivu2ptpx06 ivu2ptbx08 ivu2ptbx12 ivu2ptbx16 ivu2ptbx25 ivu2ptbxc red ivu2ptbr04 ivu2ptbr06 ivu2ptbr08 ivu2ptbr12 ivu2ptbr16 ivu2ptbr25 n/a blue ivu2ptbb04 ivu2ptbb06 ivu2ptbb08 ivu2ptbb12 ivu2ptbb16 ivu2ptbb25 n/a green IVU2PTBG04 ivu2ptbg06 ivu2ptbg08 ivu2ptbg12 ivu2ptbg16 ivu2ptbg25 n/a ir ivu2ptbi04 ivu2ptbi06 ivu2ptbi08 ivu2ptbi12 ivu2ptbi16 ivu2ptbi25 n/a white ivu2ptbw04 ivu2ptbw06 ivu2ptbw08 ivu2ptbw12 ivu2ptbw16 ivu2ptbw25 n/a uv 365 1 ivu2ptb604 ivu2ptb606 ivu2ptb608 ivu2ptb612 ivu2ptb616 ivu2ptb625 n/a uv 395 1 ivu2ptb904 ivu2ptb906 ivu2ptb908 ivu2ptb912 ivu2ptb916 ivu2ptb925 n/a note: this product emits uv light. exempt risk group (rg 0) product. no optical hazard is considered reasonably foreseeable, even for continuous, unrestricted use (iec 62471). 1 blue filter kit (fltb) is included with uv models. ivu plus bcr gen2 series sensor original document 179049 rev. a 31 march 2014 179049
specifications power connection 12-pin euro-style (m12) male connector; accessory cable required for operation usb 2.0 host 4-pin pico (m8) female connector; optional usb cable required for operation of usb flash drive ethernet connection 4-pin pico (m8) male connector power requirements voltage: 10 to 30 v dc current: 1 a maximum (exclusive of i/o load) output configuration npn or pnp, software selectable demo mode full tool functionality on canned images sensor lock optional password protection integrated ring light models with red, ir, green, blue, white or no integrated ring light output rating 150 ma acquisition 60 fps (frames per second) 2 exposure time 0.1 ms to 1.049 s imager 1/3 inch cmos 752 480 pixels; adjustable field of view (fov) lens mount micro video lens models: m12 1 mm thread; micro video lens 4.3, 6, 8, 12, 16, 25 mm c-mount models: standard c-mount (1 inch-32 un) construction black valox ? sensor housing; acrylic window weight: 0.36 kg (0.80 lbs) environmental rating ip67 operating conditions stable ambient temperature: 0 c to +45 c (+32 f to +113 f) certifications dimensions micro video lens dimensions  >@  >@  >@  >@  >@  >@  >@  >@  >@  >@ q q q
c-mount lens dimensions c-mount lens covers
cable connections for integrated display the cable connections on the ivu plus with integrated display are shown below, and power i/o connections ( c ) are defined in the power i/o connections table below. & $ % a usb connector b ethernet connector c power i/o connector note: micro video lens model shown, c-mount model connections are identical. power i/o connections pin # wire color description direction 1 white output 1 output 2 brown 10-30v dc input 3 green output 2 output 4 yellow strobe out (5v dc only) output 5 gray remote teach input 6 pink external trigger input 7 blue common (signal ground) input 8 red ready output 9 orange output 3 output 10 light blue rs-232 tx output 11 black rs-232 signal ground output 12 violet rs-232 rx input ivu trigger, remote teach, and i/o waveforms the ivu has two input signals?trigger and remote teach. the default setting is to detect the low to high transition. this setting can be changed in the main menu > system > discrete i/o > input polarity screen on the sensor. pnp (low-to-high) trigger and remote teach input waveforms 3rzhuxs 7uljjhu 5hprwh 7hdfk 3lqn wire color function r
npn (high-to-low) trigger and remote teach input waveforms 7uljjhu 5hprwh 7hdfk 3lqn wire color function r oer u rier nut eote ec nut iu ullu eitor o cc inin e fil fil function troe ut coniure ternl oe e utut n et ctie utut n et ctie fil
5hdg\ 3dvv )dlo 3dvv 3dvv )dlo 3dvv 6wureh2xw &rqiljxuhdv([whuqdo ([srvh%dvhg 2xwsxwvdqg 6hwdv$fwlyh3dvv 2xwsxwvdqg 6hwdv$fwlyh)dlo function
accessories power cable ? required 12-pin m12/euro-style cordsets model length style dimensions pinout ivuc-1206 1.83 m (6 ft) straight 44 typ. ? 14.5 m12 x 1 8 12 7 6 5 11 4 9 1 10 2 3 32 typ. [1.26"] 30 typ. [1.18"] ? 14.5 [0.57"] m12 x 1 ? 9.5 14.5 28.6 typ. m8 x 1 35.0 4 3 1 2 D 42 typ. ? 8.5 m8 x 1 1 +5v dc 2 data - 3 data + 4 gnd 3 2 1 4
usb flash drive ? optional model description ivu-usbfd2 usb flash drive 2 gb brackets smbivub ? bottom mounting bracket ? black anodized aluminum ? hardware included    ;? ;0; smbivural ? right-angle bracket for mounting sensor from the left ? 12-ga. stainless steel ? hardware included ? ? ?    smbivurar ? right-angle bracket for mounting sensor from right ? 12-ga. stainless steel ? hardware included ? ? ?    smbivuu ? u-shaped swivel bracket kit ? 14-ga. stainless steel ? hardware included    ;? ;0; note: use cables with right-angle connectors with this bracket kit. micro video lens accessories micro video lens models model lens description lmf04 3 4.3 mm lens lmf06 6 mm lens lmf08 8 mm lens lmf12 12 mm lens lmf16 16 mm lens lmf25 25 mm lens micro video lens filters ? optional model description fltmr red filter kit fltmb blue filter kit fltmg green filter kit fltmi ir filter kit 3 due to the flexibility of the replaceable lenses, focus mechanism, and imager field-of-view settings, it is possible with the 4.3 mm lens to experience reflections from the internal strobe on the inspection image. to eliminate this effect, the field-of-view can be limited to the system default of 320240 (or 640480 for fine), the working distance to the object should be no more than about 8 inches, or an external strobe should be used instead of the internal ring light. ivu plus bcr gen2 series sensor 8 www.bannerengineering.com - tel: 763-544-3164 p/n 179049 rev. a
c-mount lens accessories c-mount lens models model lens description lcf04 4 mm lens - no threads for filter lcf08 8 mm lens - no threads for filter lcf12 12 mm lens - no threads for filter lcf16 16 mm lens, aperture lock - no threads for filter lcf25r 25mm lens lcf25lr 25mm lens with focus locking lcf50l1r 50mm lens with focus locking, plastic lcf50l2r 50mm lens with focus locking, metal (will not fit ring) lcf75lr 75mm lens with focus locking, metal (will not fit ring) c-mount lens enclosure choices model description ivuslc50-p sealed c-mount lens enclosure ivuslc75-p c-mount lens filters ? optional model description fltr red filter kit fltb blue filter kit fltg green filter kit flti ir filter kit banner engineering corp limited warranty banner engineering corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. banner engineering corp. will repair or replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. this warranty does not cover damage or liability for misuse, abuse, or the improper application or installation of the banner product. this limited warranty is exclusive and in lieu of all other warranties whether express or implied (including, without limitation, any warranty of merchantability or fitness for a particular purpose), and whether arising under course of performance, course of dealing or trade usage. this warranty is exclusive and limited to repair or, at the discretion of banner engineering corp., replacement. in no event shall banner engineering corp. be liable to buyer or any other person or entity for any extra costs, expenses, losses, loss of profits, or any incidental, consequential or special damages resulting from any product defect or from the use or inability to use the product, whether arising in contract or warranty, statute, tort, strict liability, negligence, or otherwise. banner engineering corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously manufactured by banner engineering corp. ivu plus bcr gen2 series sensor www.bannerengineering.com - tel: 763-544-3164


▲Up To Search▲   

 
Price & Availability of IVU2PTBG04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X