|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
09/24/09 www.irf.com 1 hexfet power mosfet benefits improved gate, avalanche and dynamic dv/dt ruggedness fully characterized capacitance and avalanche soa enhanced body diode dv/dt and di/dt capability lead-free applications high efficiency synchronous rectification in smps uninterruptible power supply high speed power switching hard switched and high frequency circuits s d g gds gate drain source IRF1324SPBF irf1324lpbf d 2 pak IRF1324SPBF to-262 irf1324lpbf g d s g d s absolute maximum ratings symbol parameter units i d @ t c = 25c continuous drain current, vgs @ 10v (silicon limited) i d @ t c = 100c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 25c continuous drain current, v gs @ 10v (wire bond limited) i dm pulsed drain current p d @t c = 25c maximum power dissipation w linear derating factor w/c v gs gate-to-source voltage v dv/dt peak diode recovery v/ns t j operating junction and t stg storage temperature range soldering temperature, for 10 seconds (1.6mm from case) avalanche characteristics e as (thermally limited) single pulse avalanche energy mj i ar avalanche current a e ar repetitive avalanche energy mj thermal resistance symbol parameter typ. max. units r jc junction-to-case ??? 0.50 c/w r ja junction-to-ambient (pcb mounted, steady-state) ??? 40 270 see fig. 14, 15, 22a, 22b 300 0.46 a c 300 -55 to + 175 20 2.0 max. 340 240 1420 195 v dss 24v r ds ( on ) typ. 1.3m ? max. 1.65m ? i d (silicon limited) 340a i d (package limited) 195a free datasheet http://
2 www.irf.com calculated continuous current based on maximum allowable junction temperature. bond wire current limit is 195a. note that current limitations arising from heating of the device leads may occur with some lead mounting arrangements. repetitive rating; pulse width limited by max. junction temperature. limited by t jmax , starting t j = 25c, l = 0.014mh r g = 25 ? , i as = 195a, v gs =10v. part not recommended for use above this value. s d g i sd 195a, di/dt 450a/s, v dd v (br)dss , t j 175c. pulse width 400s; duty cycle 2%. c oss eff. (tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss . c oss eff. (er) is a fixed capacitance that gives the same energy as c oss while v ds is rising from 0 to 80% v dss . when mounted on 1" square pcb (fr-4 or g-10 material). for recom- mended footprint and soldering techniques refer to application note #an-994. static @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 24 ??? ??? v ? v ( br ) dss / ? t j breakdown voltage temp. coefficient ??? 22 ??? mv/c r ds(on) static drain-to-source on-resistance ??? 1.3 1.65 m ? v gs(th) gate threshold voltage 2.0 ??? 4.0 v i dss drain-to-source leakage current ??? ??? 20 a ??? ??? 250 i gss gate-to-source forward leakage ??? ??? 200 na gate-to-source reverse leakage ??? ??? -200 r g internal gate resistance ??? 2.3 ??? ? dynamic @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units gfs forward transconductance 180 ??? ??? s q g total gate charge ??? 160 240 nc q gs gate-to-source charge ??? 84 ??? q gd gate-to-drain ("miller") charge ??? 49 ??? q sync total gate charge sync. (q g - q gd ) ??? 76 ??? t d(on) turn-on delay time ??? 17 ??? ns t r rise time ??? 190 ??? t d(off) turn-off delay time ??? 83 ??? t f fall time ??? 120 ??? c iss input capacitance ??? 7590 ??? pf c oss output capacitance ??? 3440 ??? c rss reverse transfer capacitance ??? 1960 ??? c oss eff. (er) effective output capacitance (ener g y related) ??? 4700 ??? c oss eff. (tr) effective output capacitance (time related) ??? 4490 ??? diode characteristics symbol parameter min. typ. max. units i s continuous source current ??? ??? 350 a (body diode) i sm pulsed source current ??? ??? 1420 a (body diode) v sd diode forward voltage ??? ??? 1.3 v t rr reverse recovery time ??? 46 ??? ns t j = 25c v r = 20v, ??? 71 ??? t j = 125c i f = 195a q rr reverse recovery charge ??? 160 ??? nc t j = 25c di/dt = 100a/s ??? 430 ??? t j = 125c i rrm reverse recovery current ??? 7.7 ??? a t j = 25c t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld) conditions v ds = 10v, i d = 195a i d = 195a v gs = 20v v gs = -20v mosfet symbol showing the v ds = 12v conditions v gs = 10v v gs = 0v v ds = 24v ? = 1.0 mhz, see fig. 5 v gs = 0v, v ds = 0v to 19v , see fig. 11 v gs = 0v, v ds = 0v to 19v t j = 25c, i s = 195a, v gs = 0v integral reverse p-n junction diode. conditions v gs = 0v, i d = 250a reference to 25c, i d = 5.0ma v gs = 10v, i d = 195a v ds = v gs , i d = 250a v ds = 24v, v gs = 0v v ds = 24v, v gs = 0v, t j = 125c i d = 195a r g = 2.7 ? v gs = 10v v dd = 16v i d = 195a, v ds =0v, v gs = 10v free datasheet http:// www.irf.com 3 fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage 2 3 4 5 6 7 8 9 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 175c v ds = 15v 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.5 1.0 1.5 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 195a v gs = 10v 1 10 100 v ds , drain-to-source voltage (v) 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 50 100 150 200 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 19v v ds = 12v i d = 195a 0.1 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.0v 60s pulse width tj = 175c vgs top 15v 10v 8.0v 6.0v 5.5v 5.0v 4.5v bottom 4.0v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 8.0v 6.0v 5.5v 5.0v 4.5v bottom 4.0v 60s pulse width tj = 25c 4.0v free datasheet http:// 4 www.irf.com fig 8. maximum safe operating area fig 10. drain-to-source breakdown voltage fig 7. typical source-drain diode forward voltage fig 11. typical c oss stored energy fig 9. maximum drain current vs. case temperature fig 12. maximum avalanche energy vs. draincurrent 0.0 0.5 1.0 1.5 v sd , source-to-drain voltage (v) 1.0 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , temperature ( c ) 24 26 28 30 32 v ( b r ) d s s , d r a i n - t o - s o u r c e b r e a k d o w n v o l t a g e ( v ) id = 5ma -5 0 5 10 15 20 25 30 v ds, drain-to-source voltage (v) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 e n e r g y ( j ) 25 50 75 100 125 150 175 t c , case temperature (c) 0 50 100 150 200 250 300 350 i d , d r a i n c u r r e n t ( a ) limited by package 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) tc = 25c tj = 175c single pulse 100sec 1msec 10msec dc limited by package 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 200 400 600 800 1000 1200 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 44a 83a bottom 195a free datasheet http:// www.irf.com 5 fig 13. maximum effective transient thermal impedance, junction-to-case fig 14. typical avalanche current vs.pulsewidth 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 1 10 100 1000 a v a l a n c h e c u r r e n t ( a ) 0.05 duty cycle = single pulse 0.10 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? j = 25c and tstart = 150c. 0.01 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? tj = 150c and tstart =25c (single pulse) 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 ci i / ri ci= i / ri c 4 4 r 4 r 4 ri (c/w) i (sec) 0.0125 0.000008 0.0822 0.000078 0.2019 0.001110 0.2036 0.007197 free datasheet http:// 6 www.irf.com fig 16. threshold voltage vs. temperature -75 -50 -25 0 25 50 75 100 125 150 175 200 t j , temperature ( c ) 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250a i d = 1.0ma i d = 1.0a fig 15. maximum avalanche energy vs. temperature notes on repetitive avalanche curves , figures 14, 15: (for further info, see an-1005 at www.irf.com) 1. avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far in excess of t jmax . this is validated for every part type. 2. safe operation in avalanche is allowed as long ast jmax is not exceeded. 3. equation below based on circuit and waveforms shown in figures 16a, 16b. 4. p d (ave) = average power dissipation per single avalanche pulse. 5. bv = rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. ? t = allowable rise in junction temperature, not to exceed t jmax (assumed as 25c in figure 14, 15). t av = average time in avalanche. d = duty cycle in avalanche = t av f z thjc (d, t av ) = transient thermal resistance, see figures 13) p d (ave) = 1/2 ( 1.3bvi av ) = t/ z thjc i av = 2 t/ [1.3bvz th ] e as (ar) = p d (ave) t av 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 50 100 150 200 250 300 e a r , a v a l a n c h e e n e r g y ( m j ) top single pulse bottom 1.0% duty cycle i d = 195a free datasheet http:// www.irf.com 7 fig 23a. switching time test circuit fig 23b. switching time waveforms fig 22b. unclamped inductive waveforms fig 22a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs fig 24a. gate charge test circuit fig 24b. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 21. for n-channel hexfet power mosfets ? ? ? p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period !"#$"%&%$ + - + + + - - - ? ? ! "#"" ? $ %% ? "#""&# d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - v ds 90% 10% v gs t d(on) t r t d(off) t f '( 1 ) $ 0.1 % &' + - free datasheet http:// 8 www.irf.com ! free datasheet http:// www.irf.com 9 to-262 part marking information to-262 package outline dimensions are shown in millimeters (inches) |