Part Number Hot Search : 
2SD14 SMBJ16 S12200H 25320 DL5223 1SS306 SA1052 MP5001DQ
Product Description
Full Text Search
 

To Download IN74HC257A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data IN74HC257A quad 2-input data selector/multiplexer with 3-state outputs high-performance silicon-gate cmos ordering information in74hc 257an pl ast i c in74hc 257ad soic t a = -55 t o 125 c for all packages the in74hc 257a i s i d ent i cal i n pi nout t o t h e ls/ a ls257. the devi ce i nput s are com p at i b l e wi t h st andard c m os out put s; wi t h pul l up resistors, they are com p a tible with ls/alsttl outputs. thi s devi ce sel ect s a (4-bi t ) ni bbl e from ei t h er t h e a or b i nput s as det e rm i n ed by t h e sel ect i nput . the ni bbl e i s present e d at t h e out put s i n noni nvert ed from when t h e out put enabl e pi n i s at a l o w l e vel . a hi gh l e vel on t h e out put enabl e pi n swi t c hes t h e out put s i n t o t h e hi gh- im pedance state. ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 2.0 t o 6.0 v ? low input c u rrent : 1.0 a ? high noise im m unity characteristic of cmos devices pin assignment logic diagram pin 16 =v cc pin 8 = gnd function table input s o u t put s out put enable s e l e c t y 0 - y 3 h x z l l a 0 - a 3 l h b 0 - b 3 x=don?t care z = hi gh-i m pedance st at e a0 -a3 , b0 -b3 = th e lev e ls o f th e resp ectiv e ni bbl e input s rev. 00
IN74HC257A maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -1.5 t o v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put c u rrent , per pi n 35 ma i cc dc suppl y c u rrent , v cc and gnd pins 75 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 2.0 6.0 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) v cc =2.0 v v cc =4.5 v v cc =6.0 v 0 0 0 1000 500 400 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. rev. 00
IN74HC257A dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v 25 c to -55 c 85 c 125 c un it v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 1.5 3.15 4.2 1.5 3.15 4.2 1.5 3.15 4.2 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 0.3 0.9 1.2 0.3 0.9 1.2 0.3 0.9 1.2 v v oh m i ni m u m hi gh- level out put vol t a ge v in =v ih or v il ? i out ? 20 a 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 v v in =v ih or v il ? i out ? 6.0 m a ? i out ? 7.8 m a 4.5 6.0 3.98 5.48 3.84 5.34 3.7 5.2 v ol m a x i mu m l o w - level out put vol t a ge v in =v ih or v il ? i out ? 20 a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in =v ih or v il ? i out ? 6.0 m a ? i out ? .7.8 m a 4.5 6.0 0.26 0.26 0.33 0.33 0.4 0.4 i in m a xi m u m input leakage current v in =v cc or gnd 6.0 0.1 1.0 1.0 a i oz m a x i mu m t h r e e - state leakage current out put i n hi gh-im pedance state v in = v il or v ih v out = v cc or gnd 6.0 0.5 5.0 10 a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd i out =0 a 6.0 8 . 0 8 0 1 6 0 a rev. 00
IN74HC257A ac electrical characteristics (c l =50pf,input t r =t f =6.0 ns) v cc guaranteed lim it sym b o l p a r a m e t e r v 25 c to -55 c 85 c 125 c unit t plh , t phl m a xi m u m propagat i on del a y , ni bbl e a or b t o out put y (fi gures 1and 4) 2.0 4.5 6.0 100 20 17 125 25 21 150 30 26 ns t plh , t phl m a xi m u m propagat i on del a y , sel ect t o out put y (fi gures 2 and 4) 2.0 4.5 6.0 100 20 17 125 25 21 150 30 26 ns t plz , t phz m a xi m u m propagat i on del a y , out put enabl e t o out put y (fi gures 3 and 5) 2.0 4.5 6.0 150 30 26 190 38 33 225 45 38 ns t pzl , t pzh m a xi m u m propagat i on del a y , out put enabl e t o out put y (fi gures 3 and 5) 2.0 4.5 6.0 150 30 26 190 38 33 225 45 38 ns t tlh , t thl m a xi m u m out put transi t i on ti m e , any out put (fi gures 1 and 4) 2.0 4.5 6.0 60 12 10 75 15 13 90 18 15 ns c in m a xi m u m input c a paci t a nce - 10 10 10 pf c out maxim u m three-state output capacitance (out put i n hi gh-im pedance st at e) - 1 5 1 5 1 5 p f power dissipation capacitance (per package) typical @25 c,v cc =5.0 v c pd used t o det e rm i n e t h e no-l o ad dy nam i c power consum pt i on: p d =c pd v cc 2 f+i cc v cc 3 9 p f fi gure 1. sw i t chi n g waveforms fi gure 2. sw i t chi n g waveforms rev. 00
IN74HC257A fi gure 3. sw i t chi n g waveforms figure 4. test circuit figure 5. test circuit expanded logic diagram rev. 00
IN74HC257A n s u f f i x p l as t i c di p (m s - 0 0 1 b b ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a c) sy m b o l m i n m a x a 9. 8 1 0 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 5. 72 2. 54 7. 62 1. 27 d i me n s i o n , mm d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0 . 25 ( 0 . 010 ) m t -t - 1 16 8 9 l h m j a b f g d se a t i n g pl a n e n k 0. 2 5 ( 0 . 010) m t -t - c 1 16 8 9 rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HC257A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X