Part Number Hot Search : 
KBPC801 AME5287 EL2360C 23LCV512 3NM60N LTC640 TA114 IS28F20
Product Description
Full Text Search
 

To Download IDT74FCT16244T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 idt54/74fct16244t/at/ct fast cmos 16-bit buffer/line driver military and industrial temperature ranges september 2009 idt54/74fct16244t/at/ct military and industrial temperature ranges fast cmos 16-bit buffer/line driver description: the fct16244t 16-bit buffer/line driver is for bus interface or signal buffering applications requiring high speed and low power dissipation. these devices have a flow through pin organization, and shrink packaging to simplify board layout. all inputs are designed with hysteresis for improved noise margin. the three-state controls allow independent 4-bit, 8-bit or combined 16-bit operation. these parts are plug in replacements for 54/74abt16244 where higher speed, lower noise or lower power dissipation levels are desired. the fct16244t is ideally suited for driving high capacitance loads (>200pf) and low impedance backplanes. these "high drive" buffers are designed with power off disable capability to allow "live insertion" of boards when used in a backplane interface. 3 oe 3 a 1 3 a 2 3 a 3 3 a 4 3 y 1 3 y 2 3 y 3 3 y 4 1 y 1 1 y 2 1 y 3 1 y 4 1 a 1 1 a 2 1 a 3 1 a 4 1 oe 4 oe 4 a 1 4 a 2 4 a 3 4 a 4 4 y 1 4 y 2 4 y 3 4 y 4 2 oe 2 a 1 2 a 2 2 a 3 2 a 4 2 y 1 2 y 2 2 y 3 2 y 4 the idt logo is a registered trademark of integrated device technology, inc. ? 2009 integrated device technology, inc. dsc-5460/6 features: ? 0.5 micron cmos technology ? high-speed, low-power cmos replacement for abt functions ? typical t sk(o) (output skew) < 250ps ? low input and output leakage 1a (max.) ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ? high drive outputs (?32ma i oh , 64ma i ol ) ? power off disable outputs permit ?live insertion? ? typical v olp (output ground bounce) < 1.0v at v cc = 5v, t a = 25c ? available in the following packages: ? industrial: ssop, tssop ? military: cerpack functional block diagram
2 military and industrial temperature ranges idt54/74fct16244t/at/ct fast cmos 16-bit buffer/line driver ssop/ tssop/ cerpack top view pin configuration 1 y 1 gnd 1 y 3 v cc gnd 3 y 2 gnd v cc gnd 1 y 2 1 y 4 2 y 1 2 y 2 2 y 3 2 y 4 3 y 1 3 y 3 3 y 4 4 y 1 4 y 3 4 y 4 4 y 2 4 oe 1 a 1 1 a 2 gnd 1 a 3 1 a 4 v cc 2 a 1 2 a 2 2 a 3 2 a 4 3 a 1 3 a 2 3 a 3 3 a 4 v cc 4 a 1 4 a 3 4 a 4 4 a 2 gnd gnd gnd 2 oe 3 oe 39 29 30 31 32 33 34 35 36 37 38 25 26 27 28 48 47 41 42 43 44 45 46 40 1 2 3 4 5 6 7 8 9 10 12 13 14 15 16 17 18 19 20 11 21 22 23 24 1 oe symbol description max unit v term (2) terminal voltage with respect to gnd ?0.5 to +7 v v term (3) terminal voltage with respect to gnd ?0.5 to v cc +0.5 v t stg storage temperature ?65 to +150 c i out dc output current ?60 to +120 ma absolute maximum ratings (1) (1) (1) (1) (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. all device terminals except fct162xxxt output and i/o terminals. 3. output and i/o terminals terminals for fct162xxxt and fct166xxxt. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 3.5 6 pf c out output capacitance v out = 0v 3.5 8 pf capacitance (t a = +25c, f = 1.0mhz) note: 1. this parameter is measured at characterization but not tested. pin names description x oe 3-state output enable inputs (active low) x a x data inputs x y x 3-state outputs pin description note: 1. h = high voltage level x = don?t care l = low voltage level z = high-impedance inputs outputs x oe xax xyx lll lhh hxz function table (1)
3 idt54/74fct16244t/at/ct fast cmos 16-bit buffer/line driver military and industrial temperature ranges symbol parameter test conditions (1) min. typ. (2) max. unit v ih input high level guaranteed logic high level 2 ? ? v v il input low level guaranteed logic low level ? ? 0.8 v i ih input high current (input pins) (5) v cc = max. v i = v cc ?? 1a input high current (i/o pins) (5) ?? 1 i il input low current (input pins) (5) v i = gnd ? ? 1 input low current (i/o pins) (5) ?? 1 i ozh high impedance output current v cc = max. v o = 2.7v ? ? 1a i ozl (3-state output pins) (5) v o = 0.5v ? ? 1 v ik clamp diode voltage v cc = min., i in = ?18ma ? ?0.7 ?1.2 v i os short circuit current v cc = max., v o = gnd (3) ?80 ?140 ?250 ma v h input hysteresis ? ? 100 ? mv i ccl quiescent power supply current v cc = max. ? 5 500 a i cch v in = gnd or v cc i ccz dc electrical characteristics over operating range following conditions apply unless otherwise specified: industrial: t a = ?40c to +85c, v cc = 5.0v 10%; military: t a = ?55c to +125c, v cc = 5.0v 10% output drive characteristics notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. not more than one output should be shorted at one time. duration of the test should not exceed one second. 4. duration of the condition can not exceed one second. 5. the test limit for this parameter is 5a at t a = ?55c. symbol parameter test conditions (1) min. typ. (2) max. unit i o output drive current v cc = max., v o = 2.5v (3) ?50 ? ?180 ma v oh output high voltage v cc = min. i oh = ?3ma, 2.5 3.5 ? v v in = v ih or v il i oh = ?12ma mil 2.4 3.5 ? v i oh = ?15ma ind i oh = ?24ma mil 2 3 ? v i oh = ?32ma ind (4) v ol output low voltage v cc = min. i ol = 48ma mil ? 0.2 0.55 v v in = v ih or v il i ol = 64ma ind i off input/output power off leakage (5) v cc = 0v , v in or v o 4.5v ? ? 1 a
4 military and industrial temperature ranges idt54/74fct16244t/at/ct fast cmos 16-bit buffer/line driver symbol parameter test conditions (1) min. typ. (2) max. unit i cc quiescent power supply current v cc = max. ? 0.5 1.5 ma ttl inputs high v in = 3.4v (3) i ccd dynamic power supply v cc = max. v in = v cc ? 60 100 a / current (4) outputs open v in = gnd mhz x oe = gnd one input togging 50% duty cycle i c total power supply current (6) v cc = max. v in = v cc ? 0.6 1.5 ma outputs open v in = gnd f i = 10mhz 50% duty cycle v in = 3.4v ? 0.9 2.3 x oe = gnd v in = gnd one bit toggling v cc = max. v in = v cc ? 2.4 4.5 (5) outputs open v in = gnd f i = 2.5mhz 50% duty cycle x oe = gnd v in = 3.4v ? 6.4 16.5 (5) sixteen bitstogging v in = gnd power supply characteristics notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. per ttl driven input (v in = 3.4v). all other inputs at v cc or gnd. 4. this parameter is not directly testable, but is derived for use in total power supply calculations. 5. values for these conditions are examples of the i cc formula. these limits are guaranteed but not tested. 6. i c = i quiescent + i inputs + i dynamic i c = i cc + i cc d h n t + i ccd (f cp n cp /2 + fini) i cc = quiescent current (i ccl , i cch and i ccz ) i cc = power supply current for a ttl high input (v in = 3.4v) d h = duty cycle for ttl inputs high n t = number of ttl inputs at d h i ccd = dynamic current caused by an input transition pair (hlh or lhl) f cp = clock frequency for register devices (zero for non-register devices) n cp = number of clock inputs at f cp fi = input frequency ni = number of inputs at fi 54fct16244t 54/74fct16244at 54/74fct16224ct mil. ind. mil. ind. mil. symbol parameter condition (1) min. (2) max. min. (2) max. min. (2) max. min. (2) max. min. (2) max. unit t plh propagation delay c l = 50pf 1.5 7 1.5 4.8 1.5 5.1 1.5 3.4 1.5 4.6 ns t phl xax to xyx r l = 500 t pzh output enable time 1.5 8.5 1.5 6.2 1.5 6.5 1.5 4.4 1.5 6.5 ns t pzl t phz output disable time 1.5 7.5 1.5 5.6 1.5 5.9 1.5 3.9 1.5 5.7 ns t plz t sk(o) output skew (3) ? 0.5 ? 0.5 ? 0.5 ? 0.5 ? 0.5 ns switching characteristics over operating range notes: 1. see test circuit and waveforms. 2. minimum limits are guaranteed but not tested on propagation delays. 3. skew between any two outputs of the same package switching in the same direction. this parameter is guaranteed by design.
5 idt54/74fct16244t/at/ct fast cmos 16-bit buffer/line driver military and industrial temperature ranges pulse generator r t d.u.t. v cc v in c l v out 50pf 500 500 7.0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v data input timing input asynchronous control preset clear etc. synchronous control t su t h t rem t su t h preset clear clock enable etc. high-low-high pulse low-high-low pulse t w 1.5v 1.5v same phase input transition 3v 1.5v 0v 1.5v v oh t plh output opposite phase input transition 3v 1.5v 0v t plh t phl t phl v ol control input 3v 1.5v 0v 3.5v 0v output normally low output normally high switch closed switch open v ol 0.3v 0.3v t plz t pzl t pzh t phz 3.5v 0v 1.5v 1.5v enable disable v oh test circuits and waveforms propagation delay test circuits for all outputs enable and disable times set-up, hold, and release times pulse width test switch open drain disable low closed enable low all other tests open switch position definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. diagram shown for input control enable-low and input control disable-high. 2. pulse generator for all pulses: rate 1.0mhz; t f 2.5ns; t r 2.5ns.
6 military and industrial temperature ranges idt54/74fct16244t/at/ct fast cmos 16-bit buffer/line driver ordering information xx temp. range xxxx device type xx package x process pvg pag industrial options shrink small outline package - green thin shrink small outline package - green 16-bit buffer/line driver 54 74  55  c to +125  c  40  c to +85  c 16 double-density, 5 volt, balanced drive e military options cerpack blank b industrial mil-std-883, class b fct xxx family 244t 244at 244ct corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com datasheet document history 09/06/09 pg.6 updated the ordering information by removing the "idt" notation and non rohs part.


▲Up To Search▲   

 
Price & Availability of IDT74FCT16244T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X