Part Number Hot Search : 
BR404 NDF9196 BUB323Z 2SC2411 ZR431G NDF9196 2SC2411 SM6610MH
Product Description
Full Text Search
 

To Download FZT749 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-223 unit: mm 3.00 +0.1 -0.1 0.70 +0.1 -0.1 2.9 4.6 6.50 +0.2 -0.2 3.50 +0.2 -0.2 0.90 +0.2 -0.2 7.00 +0.3 -0.3 1.65 +0.15 -0.15 0 .1max 0.90 +0.05 -0.05 12 4 3 1 base 2 collector 3 emitter FZT749 features 25 volt v ceo. 3 amp continuous current. low saturation voltage. excellent h fe specifiedupto6a. absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo -35 v collector-emitter voltage v ceo -25 v emitter-base voltage v ebo -5 v continuous collector current i cm -8 a peak pulse current i c -3 a power dissipation p tot 2w operating and storage temperature range t j, t stg -55to+150 smd type transistors smd type product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com 4008-318-123
electrical characteristics ta = 25 parameter symbol testconditons min typ max unit breakdown voltages v (br)cbo i c =-100a -35 v breakdown voltages v (br)ceo i c =-10ma -25 v breakdown voltages v (br)ebo i e =-100a -5 v collector cut-off currents i cbo v cb =-30v v cb =-30v,ta = 100 -0.1 -10 a collector cut-off currents i ebo v eb =4v -0.1 a saturation voltages * v ce( sat) i c =-1a, i b =-100ma i c =-3a, i b =-300ma -0.12 -0.40 -0.3 -0.6 v saturation voltages * v be( sat) i c =-1a, i b =-100ma -0.9 -1.25 v base-emitter on voltage * v be(on )i c =-1a, v ce =-2v -0.8 -1.0 v i c =-50ma, v ce =-2v* 70 200 i c =-1a, v ce =-2v* 100 200 300 i c =-2a, v ce =-2v* 75 150 i c =-6a, v ce =-2v* 15 50 transitional frequency f t i c =-100ma, v ce =-5v, f=100mhz 100 160 mhz output capacitance c obo v cb =-10v, f=1mhz 55 100 pf turn-on time t (on) i c =-500ma, v cc =-10v 40 ns turn-off time t (off) i b1 =i b2 =-50ma 450 ns * pulse test: tp = 300 s; d 0.02. static forward current transfer ratio h fe marking marking FZT749 FZT749 smd type transistors smd type product specification sales@twtysemi.com 2 of 2 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of FZT749

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X