Part Number Hot Search : 
HY5DU568 B60K460 2G40UM AD2833 WDW3T SY88149 3362W254 S2N65
Product Description
Full Text Search
 

To Download FX8C-080P-SV692 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  9 high-speed (3.125gbps) stacking connectors fx8c series mechanical features 0.6mm pitch stacking height : 5~16mm number of contacts : 60, 80, 100, 120, 140, 160, 200, 240, 280 smt coplanarity the coplanarity of the smt solder area lead is maintained at the high accuracy of less than 0.1mm. mating guide the very small and guide rib is provided, and secures 0.6mm self-alignment, considering the mating operativity into accounts. ( fig.1 ) effective mating length : 2mm ( fig.1 ) mis-insertion prevention the boss prevents mis-insertion in the board to cause due to the boss position and boss diameter. two-piece connection product in order to enhance the mating reliability for fine pitch connector using two-pieces, the two-pieces of connectors are combined by our unique method, and can secure the mount position accuracy. in such a new concept, the two-piece connected product is prepared at every number of contacts ( the standard mating pitch for the two-piece interconnected product in two rows is 11mm. ) signal integrity features fig.1 h:stacking height 0.6 2 effective mating length 0.6 h +0.3 -0.2 receptacle header fx8c-**s-sv fx8c-** / **s11-svj fx8c-**s-sv5 fx8c-** / **s11-sv5j fx8c-**p-sv fx8c-** / **p11-svj fx8c-**p-sv1 fx8c-** / **p11-sv1j fx8c-**p-sv2 fx8c-**/**p11-sv2j fx8c-**p-sv4 fx8c-** / **p11-sv4j fx8c-**p-sv6 fx8c-** / **p11-sv6j 5mm 6mm 7mm 9mm 11mm 10mm 11mm 12mm 14mm 16mm ? stacking height variations (5mm~16mm) insertion-loss-to-crosstalk-ratio ( icr ) the insertion-loss-to-crosstalk ratio (icr) with five-aggressor differential fext meets the ieee 802.3ap specification for 3.125 + gbps with plenty of margins. differential impedance the differential impedance is within 10010 ohms at 100 ps rise time (20% to 80%). the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
10 fx8c serieshigh-speed (3.125gbps) stacking connectors * the standard packaging of the two-piece connection product is the tray packaging. product specifications rating current rating 0.4a operating temperature range -55? to +85? note 1. storage temperature range -10? to +60? note 2. voltage rating 100v ac operating humidity range -40% to 80% storage humidity range 40% to 70% item specification condition 1. insulation resistance 100m ohms min. 250v dc 2. withstanding voltage no flashover or insulation breakdown. 300v ac/1 minute 3. contact resistance 80m ohms max. 100ma 4. vibration no electrical discontinuity of 1s or more frequency: 10 to 55 hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 5. humidity (steady state) contact resistance: 100m ohms max.insulation resistance: 100m ohms min. 96 hours at temperature of 40 2? and humidity of 90% to 95% 6. temperature cycle contact resistance: 100m ohms max.insulation resistance: 100m ohms min. (- 55? : 30 minutes, 15 to 35 ?: 2 to 3 minutes (- 85? : 30 minutes, 15 to 35 ?: 2 to 3minutes) 5 cycles 7. durability (mating/un-mating) contact resistance: 100m ohms max. 50 cycles 8. resistance to soldering heat no deformation of components affecting performance. reflow: at the recommended temperature profile manual soldering: 360? for 5 seconds fx8c series ordering information fx8c - 120 p - sv 1 ( 91 ) qe t wry q series name : fx8c w number of contacts :60, 80, 100, 120, 140 e connector type p :header s :receptacle r contact type sv :board vertical type t product height variation blank : standard (minimum low profile) 1: +1mm . . . . . . 6:+6mm y packaging type (71) : tray packaging (91) : tube packaging (92) : embossed tape package single product note 1 : includes temperature rise caused by current flow. note 2 : the term "storage" refers to products stored for long period of time prior to mounting and use. operating temperature range and humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. note 3 : slight variations in color of the plastic compounds do not affect form ,fit or function of the connector. note 4 : fx8c-*p-sv(*),fx8c-*s-sv(*) is gold plated. note 5 : information contained in this catalog represents general requirements for this series. contact us for the drawings and specifications for a specific part number shown. material part material finish remarks insulator pps light brown ul94v-0 header contact phosphor bronze contact area gold plated lead area tin plated(note 4) receptacle contact phosphor bronze contact area gold plated lead area tin plated(note 4) fx8c - 120/120 p 11 - sv 1 j qe y u wr t q series name :fx8c w number of contacts: 602, 802, 1002, 1202, 140 2 example: 120/120 = 240 contacts e connector type : p : header s : receptacle r connector to connector pitch t contact type sv : board vertical type y product height variation blank : standard (minimum lot profile) 1:+1mm . . . . . . 6:+6mm u j: two-piece connection product two-piece connection product the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
11 fx8c serieshigh-speed (3.125gbps) stacking connectors 5mm 16mm 5mm 16mm signal integrity gsgsg signal ground gssg to match 100 ohm differential impedance and to reduce crosstalk, a staggered gsgsg pin assignment is recommended for fx8c of 5mm to 9mm height, and a staggered gssg pin assignment is recommended for 10mm to 16mm height. (g=ground and s=signal) pin assignment the differential impedance is 100 10 ohm for fx8c of 5mm and 16mm height at 100 ps rise time (20% to 80%). impedance the propagation delay is 69 and 118 ps for fx8c of 5mm and 16mm height, respectively. propagation delay the differential insertion loss crosses 1 db at 7 and 5 ghz for fx8c of 5mm and 16mm height, respectively. insertion loss the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
12 fx8c serieshigh-speed (3.125gbps) stacking connectors the differential return loss meets the ieee 802.3ap specification to 10 and 7 ghz for fx8c of 5mm and 16mm height, respectively. return loss 5mm 16mm 5mm 16mm the staggered gsgsg and gssg pin assignments resulted in low differential next. near-end crosstalk (next) the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
13 fx8c serieshigh-speed (3.125gbps) stacking connectors the insertion-loss-to-crosstalk ratio (icr) with multi-aggressor* differential fext meets the extrapolated ieee 802.3ap specification to 7+ ghz with plenty of margins. insertion-loss-to-crosstalk ratio (icr) 5mm 16mm 5mm 16mm the staggered gsgsg and gssg pin assignments resulted in low differential fext. far-end crosstalk (fext) the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
14 fx8c serieshigh-speed (3.125gbps) stacking connectors (?0.6) (?0.9) e0.1 (0.75) (0.4) 4.450.3 5.10.3 p = 0.60.1 a0.3 d0.2 (1.5) (2.4) (2.4) polaritymark b 0.05 0.2 c 0.05 0.2 (c1) t0.20.03w0.250.03 6.5 0 0.3 p = 0.60.1 (?0.9) (?0.6) e0.1 (1.5) 5.10.3 (0.4) (0.75) (2.4) (2.4) d0.2 a0.3 b 0.05 0.2 c 0.05 0.2 f0.3 polaritymark (c1) t0.20.03w0.250.03 6.5 0 0.3 header (single product) [ fx8c-**p-sv ] [ fx8c-**p-sv1 ] [ fx8c-**p-sv2 ] [ fx8c-**p-sv4 ] [ fx8c-**p-sv6 ] ** 71 : tray packaging product 91: tube packaging product 92: embossed tape packaging product note 1: to order the tube packaging product, please determine the quantity for delivery, multiplying the tube packaging product by an integer. note 2: the embossed tape packaging product is prepared for 60 and 80 contacts only. in addition, the product will be procured per reel unit. please refer to the delivery form item on page 12 for details. note 3: tray packaging product is not for board placement with automatic equipment. ** 71: tray packaging product 91: tube packaging product 92: embossed tape packaging product note 1: to order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an integer. note 2: the embossed tape packaging product is prepared for 60 and 80 contacts only. in addition, the product will be sold per reel unit. please refer to the packaging specification item on page 12 for details. note 3: the locator material is installed between leads for the fx8c-p-sv6 type. note 4: tray packaging product is not for board placement with automatic equipment. note 5: (93) spec is with vacuum pick-up tape, embossed tape packaging product. note 5 unit:mm cl no. part number 578-0501-9- 92 578-0503-4- 92 578-0505-0- 92 578-0506-2- 92 578-0507-5- 92 fx8c- 060p-sv(92) fx8c- 080p-sv(92) fx8c-100p-sv(92) fx8c-120p-sv(92) fx8c-140p-sv(92) number of contacts 60 80 100 120 140 a b 24.60 30.60 36.60 42.60 48.60 23.00 29.00 35.00 41.00 47.00 c d e rohs tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes 21 17 14 12 10 20.70 26.70 32.70 38.70 44.70 part number cl no. unit: mm fx8c- 0 60p-sv1 (92) fx8c-0 60p-sv2 (92) fx8c-0 60p-sv4 (92) fx8c-0 60p-sv6 (92) fx8c-0 80p-sv1 (92) fx8c-0 80p-sv2 (92) fx8c-0 80p-sv4 (92) fx8c-0 80p-sv6 (92) fx8c-100p-sv1 (92) fx8c-100p-sv2 (92) fx8c-100p-sv4 (92) fx8c-100p-sv6 (92) fx8c-120p-sv1 (92) fx8c-120p-sv2 (92) fx8c-120p-sv4 (92) fx8c-120p-sv6 (92) fx8c-140p-sv1 (92) fx8c-140p-sv2 (92) fx8c-140p-sv4 (92) fx8c-140p-sv6 (93) 578-0521-6- 92 578-0541-3- 92 578-0581-8- 92 578-0601-3- 92 578-0523-1- 92 578-0543-9- 92 578-0583-3- 92 578-0603-9- 92 578-0525-7- 92 578-0545-4- 92 578-0585-9- 92 578-0605-4- 92 578-0526-0- 92 578-0546-7- 92 578-0586-1- 92 578-0606-7- 92 578-0527-2- 92 578-0547-0- 92 578-0587-4- 92 578-0607-0- 93 60 80 100 120 140 24.60 30.60 36.60 42.60 48.60 23.00 29.00 35.00 41.00 47.00 20.70 26.70 32.70 38.70 44.70 22.20 28.20 34.20 40.20 46.20 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 yes 21 17 14 12 10 number of contacts a b c d e f rohs tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
15 fx8c serieshigh-speed (3.125gbps) stacking connectors (2.4) (2.4) (?0.6) (?0.9) p = 0.60.1 5.60.3 3.950.25 (0.75) (1.8) 7 0 0.3 e0.1 t0.20.03w0.250.03 polaritymark rearside
d0.2 a0.3 b 0.2 0 c 0.2 0 (c1) (2.4) (2.4) (?0.6) (?0.9) p = 0.60.1 5.60.3 8.950.25 (0.75) (1.8) 7 0 0.3 e0.1 t0.20.03w0.250.03 polaritymark rearside
d0.2 a0.3 b 0.2 0 c 0.2 0 (c1) [ fx8c-**s-sv5 ] pcb mounting pattern receptacle (single product) [ fx8c-**s-sv ] ** 71: tray packaging product 91: tube packaging product 92: embossed tape packaging product note 1: to order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an integer. note 2: the embossed tape packaging product is prepared for 60 and 80 contacts only. in addition, the product will be procured per reel unit. please refer to the packaging specification item on page 12 for details. note 3: tray packaging product is not for board placement with automatic equipment. ** 71: tray packaging product 91: tube packaging product 92: embossed tape packaging product note 1: to order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an integer. note 2: the embossed tape package product is prepared for 60 and 80 contacts only. in addition, the product will be procured per reel unit. please refer to the packaging specification item on page 12 for details. note 3: tray packaging product is not for board placement with automatic equipment. unit:mm cl no. part number 578-0801-2- 92 578-0803-8- 92 578-0805-3- 92 578-0806-6- 92 578-0807-9- 92 fx8c- 060s-sv( 92 ) fx8c- 080s-sv( 92 ) fx8c-100s-sv(92 ) fx8c-120s-sv(92 ) fx8c-140s-sv(92 ) number of contacts 60 80 100 120 140 a b 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 c d e rohs tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes 21 17 14 12 10 20.80 26.80 32.80 38.80 44.80 unit:mm cl no. part number 578-0821-0- 92 578-0823-5- 92 578-0825-0- 92 578-0826-3- 92 578-0827-6- 92 fx8c-060s-sv5( 92 ) fx8c-080s-sv5( 92 ) fx8c-100s-sv5( 92 ) fx8c-120s-sv5( 92 ) fx8c-140s-sv5( 92 ) number of contacts 60 80 100 120 140 a b 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 c d e rohs tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes 21 17 14 12 10 20.80 26.80 32.80 38.80 44.80 ?0.70.05 0.60.03 0.350.03 2.40.03 d0.05 2.40.03 40.05 7.4min 1.80.05 e0.05 polarity mark position ?1.10.05 ?1.10.05 ?0.70.05 0.60.05 0.350.03 d0.05 2.40.03 e0.05 20.05 6.9min 1.50.05 2.40.03 polarity mark position header [ fx8c**p-sv* ] receptacle [ fx8c-** s-sv,sv5* ] recommended metal mask thickness : t=0.15mm recommended metal mask thickness : t=0.15mm if the inside (the connector lower side) of the smt land isn't treated with insulation tape and so on, the area is considered as the prohibited area.(fx8c-s-sv5 isn't applied.) the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
16 fx8c serieshigh-speed (3.125gbps) stacking connectors 22.20 28.20 34.20 40.20 46.20 note 1: the two-piece connection product is packaged by tray. note 2: tray packaging product is not for board placement with automatic equipment. (16.1) (11) (3.35) (4.5) f0.1 polarity mark e0.2 b0.3 a0.3 c +0.05 _0.2 d +0.05 _0.2 (4.5) f0.1 (g) (16.1) (11) polarity mark c +0.05 _0.2 d +0.05 _0.2 a0.3 e0.2 b0.3 [ fx8c-**/**p11-sv1j ] [ fx8c-**/**p11-sv2j ] [ fx8c-**/**p11-sv4j ] [ fx8c-**/**p11-sv6j ] note 1: the two-piece connection product is packaged by tray. note 2: tray packaging product is not for board placement with automatic equipment. note 3: the locator material is installed between leads for the fx8c-**/**p11-sv6j type. unit:mm cl no. part number 578-0651-1-71 578-0653-7-71 578-0655-2-71 578-0656-5-71 578-0657-8-71 fx8c-0 60/ 060p11-svj(71) fx8c-0 80/ 080p11-svj(71) fx8c-100/100p11-svj(71) fx8c-120/120p11-svj(71) fx8c-140/140p11-svj(71) number of contacts 602 802 100 2 120 2 140 2 a b 31.70 37.70 43.70 49.70 55.70 24.70 30.70 36.70 42.70 48.70 c d e f rohs 20.70 26.70 32.70 38.70 44.70 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes 23.00 29.00 35.00 41.00 47.00 part number cl no. unit: mm fx8c- 0 60/ 0 60p11-sv1j(71) fx8c- 0 60/ 0 60p11-sv2j(71) fx8c- 0 60/ 0 60p11-sv4j(71) fx8c- 0 60/ 0 60p11-sv6j(71) fx8c- 0 80/ 0 80p11-sv1j(71) fx8c- 0 80/ 0 80p11-sv2j(71) fx8c- 0 80/ 0 80p11-sv4j(71) fx8c- 0 80/ 0 80p11-sv6j(71) fx8c-100/100p11-sv1j(71) fx8c-100/100p11-sv2j(71) fx8c-100/100p11-sv4j(71) fx8c-100/100p11-sv6j(71) fx8c-120/120p11-sv1j(71) fx8c-120/120p11-sv2j(71) fx8c-120/120p11-sv4j(71) fx8c-120/120p11-sv6j(71) fx8c-140/140p11-sv1j(71) fx8c-140/140p11-sv2j(71) fx8c-140/140p11-sv4j(71) fx8c-140/140p11-sv6j(71) 578-0671-9-71 578-0691-6-71 578-0731-9-71 578-0751-6-71 578-0673-4-71 578-0693-1-71 578-0733-4-71 578-0753-1-71 578-0675-0-71 578-0695-7-71 578-0735-0-71 578-0755-7-71 578-0676-2-71 578-0696-0-71 578-0736-2-71 578-0756-0-71 578-0677-5-71 578-0697-2-71 578-0737-5-71 578-0757-2-71 60 2 80 2 1002 1202 1402 31.70 37.70 43.70 49.70 55.70 . 24.70 30.70 36.70 42.70 48.70 23.00 29.00 35.00 41.00 47.00 17.40 23.40 29.40 35.40 41.40 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 yes number of contacts a b c d e f g h rohs 20.70 26.70 32.70 38.70 44.70 header (two-piece connection product) [ fx8c-**/**p11-svj ] the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
17 fx8c serieshigh-speed (3.125gbps) stacking connectors a b c d e f rohs fx8c-060/060s11-svj(71) fx8c-080/080s11-svj(71) fx8c-100/100s11-svj(71) fx8c-120/120s11-svj(71) fx8c-140/140s11-svj(71) 578-0901-7-71 578-0903-2-71 578-0905-8-71 578-0906-0-71 578-0907-3-71 602 802 1002 1202 1402 31.70 37.70 43.70 49.70 55.70 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 20.80 26.80 32.80 38.80 44.80 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes f?0.1 (4) (11) (16.6) (3.4) e?0.2 b?0.3 a?0.3 c 0.2 0 d 0.2 0 polaritymark rearside
f?0.1 (4) (11) (16.6) (8.4) e?0.2 b?0.3 a?0.3 d 0.2 0 c 0.2 0 1pmbsjuznbsl ( rear side ) [ fx8c-**/**s11-sv5j ] pcb mounting pattern note 1: the two-piece connection product is packaged by tray. note 2: tray packaging product is not for board placement with automatic equipment. note 1: the two-piece connection product is packaged by tray. note 2: tray packaging product is not for board placement with automatic equipment. unit:mm unit:mm part number cl no. number of contacts part number cl no. number of contacts a b c d e f rohs fx8c-060/060s11-sv5j(71) fx8c-080/080s11-sv5j(71) fx8c-100/100s11-sv5j(71) fx8c-120/120s11-sv5j(71) fx8c-140/140s11-sv5j(71) 578-0921-4-71 578-0923-0-71 578-0925-5-71 578-0926-8-71 578-0927-0-71 602 802 1002 1202 1402 31.70 37.70 43.70 49.70 55.70 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 20.80 26.80 32.80 38.80 44.80 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes receptacle (two-piece connection product) [ fx8c-**/**s11-svj ] ?0.70.05 0.60.05 0.350.03 2.40.03 e0.05 2.40.03 f0.05 40.05 7.4min 110.05 40.05 7.4min 1.80.05 1.80.05 polaritymarkposition ?0.70.05 ?1.10.05 ?1.10.05 recommended metal mask thickness : t=0.15mm ?0.70.05 ?0.70.05 ?1.10.05 ?1.10.05 0.60.05 0.350.03 e0.05 2.40.03 2.40.03 f0.05 20.05 6.9min 110.05 20.05 6.9n 1.50.05 1.50.05 polaritymarkposition d [ fx8c-** / **p 11-svj, sv1j ] receptacle [ fx8c-** / **p 11-svj, sv5j ] recommended metal mask thickness : t=0.15mm if the inside (the connector lower side) of the smt land isn't treated with insulation tape and so on, the area is considered as the prohibited area.(except fx8c- **/** s11-sv5j) the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
18 fx8c serieshigh-speed (3.125gbps) stacking connectors detailed figure after joint removal (single product in two-piece connection product) [fx8c- ** / **p 11-svj] (1.5) (2.4) (2.4) (?0.6) (?0.9) (0.75) (0.4) 4.450.25 5.10.3 p = 0.60.1 polaritymark 6.5 0 0.3 t0.20.03w0.250.03 [fx8c-** / **p 11-sv1j] (0.75) (0.4) h0.25 5.10.3 (1.5) (2.4) (2.4) (?0.6) (?0.9) p = 0.60.1 t0.20.03w0.250.03 polaritymark 6.5 0 0.3 header 5.60.3 (0.75) 3.950.25 (2.4) (2.4) (1.8) (?0.9) (?0.6) p = 0.60.1 t0.20.03w0.250.03 7 0 0.3 polaritymark rearside
[fx8c-** / **s 11-sv5j] (0.75) 8.950.25 5.60.3 (2.4) (2.4) (1.8) (?0.9) (?0.6) p = 0.60.1 t0.20.03w0.250.03 polaritymark rearside
7 0 0.3 receptacle [fx8c- ** / **s 11-svj] the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
19 fx8c serieshigh-speed (3.125gbps) stacking connectors connector precautions 6. cautions this product is made as the thin formed product in order to be miniaturized. 1. tolerance clearance on mating side the effective contact length of the product is set to 2.0mm. please use the product so as to set to less than 1.2mm the clearance between the header and the receptacle in the mating process. 2. fixation between mounting boards if this product is fixed only by mating force, please consider the fixing method so as not to apply loads such as vibration, shock and so on. 3. stacking general tolerance in mating note: please note that the above tolerance of the stacking height doesn't include the solder paste thickness. 4. handling two-piece connection product both joint bar edges of the two-piece connection product are fixed by joints, while the mating process can't be performed in th at state. before the mating process, please remove the joint bars as if pull it up. (don't remove the joint bars before mounting on the board. ) before removing joint bar after removing joint bar stack amm a mm + 0.3 C 0.2 5. mounting temperature profile (reference) max 60s 90120s soldering time (220? min.) pre-heating time (150 to 200?) time (second) (?) temperature 150? 200? 220? 140 180 220 0 160 200 (max 250?) 240 260 hrs test conditions test boardglass epoxy 161mm100mm1.6mm thick solder method :reflow solder composition :paste, 96.5%sn/3%ag/0.5%cu metal mask : 0.15mm thick reflow cycles : 2 cycles the temperature profile is based on the above conditions. in individual applications the actual temperature may vary, depending on solder paste type, volume/thickness and board size/thickness. consult your solder paste and equipment manufacturer for specific recommendations. the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
20 fx8c serieshigh-speed (3.125gbps) stacking connectors packaging type packaging specification [ tube packaging ] header [ fx8-**p-sv ( 91 ) ] [ fx8-**p-sv1 ( 91 ) ] [ fx8-**p-sv2 ( 91 ) ] [ fx8-**p-sv4 ( 91 ) ] [ fx8-**p-sv6 ( 91 ) ] receptacle [ fx8c-**s-sv ( 91 ) ] [ fx8c-**s-sv5 ( 91 ) ] made in japan fx8c-s-sv (10) 5502 (a) polarity mark polarity mark ( rear side ) made in japan fx8c-p-sv 5502 (9.5) (a) polarity mark packaging type tube packaging packaged product pieces sales unit total tube length tape width product pitch emboss reel diameter packaged product pieces sales unit 21 pieces 12mm refer to the table on page 13 in this catalog. refer to the table on page 13 in this catalog. per reel 44mm 56mm 72mm 17 pieces 14 pieces 12-pieces 10pieces embossed tape packaging number of contacts 60 contacts 80 contacts 100 contacts 120 contacts 140 contacts * the above packaging type is , as listed for the single product only. in addition, the packaging type of the two-piece connection product is the tray packaging. deliver the multiplied pieces. (example) in case of 60 contacts,21 pieces, 42-pieces,... 550mm2mm p/s header fx8c-**p-sv0 ( 91 ) fx8c-**p-sv1 ( 91 ) fx8c-**p-sv2 ( 91 ) fx8c-**p-sv4 ( 91 ) fx8c-**p-sv6 ( 91 ) fx8c-**s-sv0 ( 91 ) fx8c-**s-sv5 ( 91 ) 9 10 11 13 15 7.4 12.4 receptacle part number a the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
21 fx8c serieshigh-speed (3.125gbps) stacking connectors [ embossed tape package ] carrier size pattern 0.4 or 0.5 c d 4 2 12 a b 1.5 1.7 20.2 [26.2] [34.2] 1.75 40.4 [52.4] [68.4] 44 [56] [72] unreeling direction p/s part number b c d e product pieces unit: mm ** : number of contacts * the above figure represents the case of the receptacle connector. header receptacle fx8c-**p-sv0 ( 92 ) fx8c-**p-sv1 ( 92 ) fx8c-**p-sv2 ( 92 ) fx8c-**p-sv4 ( 92 ) fx8c-**p-sv6 ( 92 ) fx8c-**s-sv0 ( 92 ) fx8c-**s-sv5 ( 92 ) a 5.5 5.5 5.5 5.5 5.5 6.0 6.0 7.9 7.9 7.9 7.9 7.9 8.4 8.4 5.2 6.2 7.2 9.2 11.2 4.3 9.3 1.2 1.2 1.2 1.2 1.2 1.2 1.2 ? 370 ? 370 ? 330 ? 370 ? 370 ? 330 ? 370 1000 pieces 1000 pieces 0500 pieces 0500 pieces 0500 pieces 1000 pieces 0500 pieces note 2 note 1 note 2 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
22 fx8c serieshigh-speed (3.125gbps) stacking connectors 10 empty component compartments min 10 empty component compartments min embossed carrier tape 2 44.4 [ 56.4 ][ 72.4 ] trailer equipped (1000 connectors) leader(400mm min) top cover tape ?80(note.1) e ?13 reel state size pattern (free) note 1: e dimension for fx8c-140s-sv(92) is ? 370, core dia. is ? 100. note 2: e dimension for fx8c-120p-sv2(92), fx8c-120s-sv5(92), fx8c-140s-sv5(92) is ? 380. the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
a166 0.6mm pitch stacking height 3mm to 16mm connector fx8, fx8c series features 1. stacking height 3mm to 16mm available the board to board stacking height can correspond to 3mm~16mm. 2. smt coplanarity the coplanarity of the smt solder area lead is maintained at the high accuracy of less than 0.1mm. 3. mating guide the very small and guide rib is provided, and secures 0.6mm self-alignment, considering the mating operativity into accounts. 4. mis-insertion prevention the boss prevents mis-insertion in the board to cause due to the boss position and boss diameter. applications note pc, business equipments, which require miniaturization or light-weight fx8 series note that fx8 series and fx8c series are not mated with each other. fx8c series stacking height 5 to 16mm-fx8c series stacking height 3,4mm-fx8 series 3,4mm 5 to 16mm the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
a174 fx8, fx8c series 0.6mm pitch stacking height 3mm to 16mm connector * the standard packaging of the two-piece connection product is the tray packaging. product specifications rating current rating 0.4a operating temperature range -55? to +85? note 1. storage temperature range -10? to +60? note 2. voltage rating 100v ac operating humidity range -40% to 80% storage humidity range 40% to 70% item specification condition 1. insulation resistance 100m ohms min. 250v dc 2. withstanding voltage no flashover or insulation breakdown. 300v ac/1 minute 3. contact resistance 80m ohms max. 100ma 4. vibration no electrical discontinuity of 1s or more frequency: 10 to 55 hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 5. humidity (steady state) contact resistance: 100m ohms max.insulation resistance: 100m ohms min. 96 hours at temperature of 40? and humidity of 90% to 95% 6. temperature cycle contact resistance: 100m ohms max.insulation resistance: 100m ohms min. (-55? : 30 minutes, 15 to 35 ?: 2 to 3 minutes (-85? : 30 minutes, 15 to 35 ?: 2 to 3minutes) 5 cycles 7. durability (mating/un-mating) contact resistance: 100m ohms max. 50 cycles 8. resistance to soldering heat no deformation of components affecting performance. reflow: at the recommended temperature profile manual soldering: 360? for 5 seconds fx8c series ordering information fx8c - 120 p - sv 1 ( 91 ) qe t wry q series name : fx8c w number of contacts :60, 80, 90, 120, 140 e connector type p :header s :receptacle r contact type sv :board vertical type t product height variation blank : standard (minimum low profile) 1: +1mm . . . . . . 3:+3mm y packaging type (71) : tray packaging (91) : tube packaging (92) : embossed tape package single product note 1 : includes temperature rise caused by current flow. note 2 : the term "storage" refers to products stored for long period of time prior to mounting and use. operating temperature r ange and humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. note 3 : slight variations in color of the plastic compounds do not affect form ,fit or function of the connector. note 4 : fx8c-*p-sv(*),fx8c-*s-sv(*) is gold plated. note 5 : information contained in this catalog represents general requirements for this series. contact us for the drawings an d specifications for a specific part number shown. material part material finish remarks insulator pbs light brown ul94v-0 header contact phosphor bronze contact area gold plated lead area tin plated(note 4) receptacle contact phosphor bronze contact area gold plated lead area tin plated(note 4) fx8c - 120/120 p 11 - sv 1 j qe y u wr t q series name :fx8c w number of contacts: 602, 802, 90 2, 1002, 120 2, 1402 example: 120/120 = 240 contacts e connector type : p : header s : receptacle r connector to connector pitch t contact type sv : board vertical type y product height variation blank : standard (minimum lot profile) 1:+1mm . . . . . . 3:+3mm u j: two-piece connection product two-piece connection product the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
a175 fx8, fx8c series0.6mm pitch stacking height 3mm to 16mm connector receptacle header fx8c- **s-sv fx8c- **/**s11-svj fx8c- **s-sv5 fx8c- **/**s11-sv5j fx8c- **p-sv fx8c- **/ **p11-svj fx8c- **p-sv1 fx8c- **/ **p11-sv1j fx8c- **p-sv2 fx8c- **/ **p11-sv2j fx8c- **p-sv4 fx8c- **/ **p11-sv4j fx8c- **p-sv6 fx8c- **/ **p11-sv6j 5mm 6mm 7mm 9mm 11mm 10mm 11mm 12mm 14mm 16mm b stacking height variation 5 to 16 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
a176 fx8, fx8c series 0.6mm pitch stacking height 3mm to 16mm connector header (single product) [ fx8c-** p-sv ] [ fx8c-** p-sv1 ] [ fx8c-** p-sv2 ] [ fx8c-** p-sv4 ] [ fx8c-** p-sv6 ] ** 71 : tray packaging product 91: tube packaging product 92 : embossed tape packaging product note 1: to order the tube packaging product, please determine the quantity for delivery, multiplying the tube packaging product by an integer. note 2: the embossed tape packaging product is prepared for 60 and 80 contacts only. in addition, the product will be procured per reel unit. please refer to the delivery form item on page a182 for details. note 3: tray packaging product is not for board placement with automatic equipment. ** 71: tray packaging product 91: tube packaging product 92: embossed tape packaging product note 1: to order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an integer. note 2: the embossed tape packaging product is prepared for 60 and 80 contacts only. in addition, the product will be sold per reel unit. please refer to the packaging specification item on page a182 for details. note 3: the locator material is installed between leads for the fx8c-p-sv6 type. note 4: tray packaging product is not for board placement with automatic equipment. note 5: (93) spec is with vacuum pick-up tape, embossed tape packaging product. note 5 unit:mm cl no. part number 578-0501-9- 92 578-0503-4- 92 578-0505-0- 92 578-0506-2- 92 578-0507-5- 92 fx8c- 060p-sv(92) fx8c- 080p-sv(92) fx8c-100p-sv( 92) fx8c-120p-sv( 92) fx8c-140p-sv( 92) number of contacts 60 80 100 120 140 a b 24.60 30.60 36.60 42.60 48.60 23.00 29.00 35.00 41.00 47.00 c d e rohs tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes 21 17 14 12 10 20.70 26.70 32.70 38.70 44.70 part number cl no. unit: mm fx8c- 0 60p-sv1 (92) fx8c-0 60p-sv2 (92) fx8c-0 60p-sv4 (92) fx8c-0 60p-sv6 (92) fx8c-0 80p-sv1 (92) fx8c-0 80p-sv2 (92) fx8c-0 80p-sv4 (92) fx8c-0 80p-sv6 (92) fx8c-100p-sv1 (92) fx8c-100p-sv2 (92) fx8c-100p-sv4 (92) fx8c-100p-sv6 (92) fx8c-120p-sv1 (92) fx8c-120p-sv2 (92) fx8c-120p-sv4 (92) fx8c-120p-sv6 (92) fx8c-140p-sv1 (92) fx8c-140p-sv2 (92) fx8c-140p-sv4 (92) fx8c-140p-sv6 (93) 578-0521-6- 92 578-0541-3- 92 578-0581-8- 92 578-0601-3- 92 578-0523-1- 92 578-0543-9- 92 578-0583-3- 92 578-0603-9- 92 578-0525-7- 92 578-0545-4- 92 578-0585-9- 92 578-0605-4- 92 578-0526-0- 92 578-0546-7- 92 578-0586-1- 92 578-0606-7- 92 578-0527-2- 92 578-0547-0- 92 578-0587-4- 92 578-0607-0- 93 60 80 100 120 140 24.60 30.60 36.60 42.60 48.60 23.00 29.00 35.00 41.00 47.00 20.70 26.70 32.70 38.70 44.70 22.20 28.20 34.20 40.20 46.20 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 yes 21 17 14 12 10 number of contacts a b c d e f rohs tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
a177 fx8, fx8c series0.6mm pitch stacking height 3mm to 16mm connector [ fx8c-** s-sv5 ] b pcb mounting pattern receptacle (single product) [ fx8c-** s-sv ] ** 71: tray packaging product 91: tube packaging product 92: embossed tape packaging product note 1: to order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an integer. note 2: the embossed tape packaging product is prepared for 60 and 80 contacts only. in addition, the product will be procured per reel unit. please refer to the packaging specification item on page a182 for details. note 3: tray packaging product is not for board placement with automatic equipment. ** 71: tray packaging product 91: tube packaging product 92: embossed tape packaging product note 1: to order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an integer. note 2: the embossed tape package product is prepared for 60 and 80 contacts only. in addition, the product will be procured per reel unit. please refer to the packaging specification item on page a182 for details. note 3: tray packaging product is not for board placement with automatic equipment. unit:mm cl no. part number 578-0801-2- 92 578-0803-8- 92 578-0805-3- 92 578-0806-6- 92 578-0807-9- 92 fx8c- 060s-sv( 92 ) fx8c- 080s-sv( 92 ) fx8c-100s-sv(92 ) fx8c-120s-sv(92 ) fx8c-140s-sv(92 ) number of contacts 60 80 100 120 140 a b 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 c d e rohs tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes 21 17 14 12 10 20.80 26.80 32.80 38.80 44.80 unit:mm cl no. part number 578-0821-0- 92 578-0823-5- 92 578-0825-0- 92 578-0826-3- 92 578-0827-6- 92 fx8c-060s-sv5( 92 ) fx8c-080s-sv5( 92 ) fx8c-100s-sv5( 92 ) fx8c-120s-sv5( 92 ) fx8c-140s-sv5( 92 ) number of contacts 60 80 100 120 140 a b 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 c d e rohs tube packaging quantity (pieces) 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes 21 17 14 12 10 20.80 26.80 32.80 38.80 44.80 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
a178 fx8, fx8c series 0.6mm pitch stacking height 3mm to 16mm connector 22.20 28.20 34.20 40.20 46.20 note 1: the two-piece connection product is packaged by tray. note 2: tray packaging product is not for board placement with automatic equipment. [ fx8c-**/**p11-sv1j ] [ fx8c-**/**p11-sv2j ] [ fx8c-**/**p11-sv4j ] [ fx8c-**/**p11-sv6j ] note 1: the two-piece connection product is packaged by tray. note 2: tray packaging product is not for board placement with automatic equipment. note 3: the locator material is installed between leads for the fx8c- **/**p11-sv6j type. unit:mm cl no. part number 578-0651-1-71 578-0653-7-71 578-0655-2-71 578-0656-5-71 578-0657-8-71 fx8c-0 60/ 060p11-svj(71) fx8c-0 80/ 080p11-svj(71) fx8c-100/100p11-svj(71) fx8c-120/120p11-svj(71) fx8c-140/140p11-svj(71) number of contacts 602 802 100 2 120 2 140 2 a b 31.70 37.70 43.70 49.70 55.70 24.70 30.70 36.70 42.70 48.70 c d e f rohs 20.70 26.70 32.70 38.70 44.70 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes 23.00 29.00 35.00 41.00 47.00 part number cl no. unit: mm fx8c- 0 60/ 0 60p11-sv1j(71) fx8c- 0 60/ 0 60p11-sv2j(71) fx8c- 0 60/ 0 60p11-sv4j(71) fx8c- 0 60/ 0 60p11-sv6j(71) fx8c- 0 80/ 0 80p11-sv1j(71) fx8c- 0 80/ 0 80p11-sv2j(71) fx8c- 0 80/ 0 80p11-sv4j(71) fx8c- 0 80/ 0 80p11-sv6j(71) fx8c-100/100p11-sv1j(71) fx8c-100/100p11-sv2j(71) fx8c-100/100p11-sv4j(71) fx8c-100/100p11-sv6j(71) fx8c-120/120p11-sv1j(71) fx8c-120/120p11-sv2j(71) fx8c-120/120p11-sv4j(71) fx8c-120/120p11-sv6j(71) fx8c-140/140p11-sv1j(71) fx8c-140/140p11-sv2j(71) fx8c-140/140p11-sv4j(71) fx8c-140/140p11-sv6j(71) 578-0671-9-71 578-0691-6-71 578-0731-9-71 578-0751-6-71 578-0673-4-71 578-0693-1-71 578-0733-4-71 578-0753-1-71 578-0675-0-71 578-0695-7-71 578-0735-0-71 578-0755-7-71 578-0676-2-71 578-0696-0-71 578-0736-2-71 578-0756-0-71 578-0677-5-71 578-0697-2-71 578-0737-5-71 578-0757-2-71 60 2 80 2 1002 1202 1402 31.70 37.70 43.70 49.70 55.70 . 24.70 30.70 36.70 42.70 48.70 23.00 29.00 35.00 41.00 47.00 17.40 23.40 29.40 35.40 41.40 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 4.35 5.35 7.35 9.35 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 5.45 6.45 8.45 10.45 yes number of contacts a b c d e f g h rohs 20.70 26.70 32.70 38.70 44.70 header (two-pieces connection product) [ fx8c-**/**p11-svj ] the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
a179 fx8, fx8c series0.6mm pitch stacking height 3mm to 16mm connector a b c d e f rohs fx8c-060/060s11-svj(71) fx8c-080/080s11-svj(71) fx8c-100/100s11-svj(71) fx8c-120/120s11-svj(71) fx8c-140/140s11-svj(71) 578-0901-7-71 578-0903-2-71 578-0905-8-71 578-0906-0-71 578-0907-3-71 602 802 1002 1202 1402 31.70 37.70 43.70 49.70 55.70 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 20.80 26.80 32.80 38.80 44.80 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes [ fx8c-**/**s11-sv5j ] b pcb mounting pattern note 1: the two-piece connection product is packaged by tray. note 2: tray packaging product is not for board placement with automatic equipment. note 1: the two-piece connection product is packaged by tray. note 2: tray packaging product is not for board placement with automatic equipment. unit:mm unit:mm part number cl no. number of contacts part number cl no. number of contacts a b c d e f rohs fx8c-060/060s11-sv5j(71) fx8c-080/080s11-sv5j(71) fx8c-100/100s11-sv5j(71) fx8c-120/120s11-sv5j(71) fx8c-140/140s11-sv5j(71) 578-0921-4-71 578-0923-0-71 578-0925-5-71 578-0926-8-71 578-0927-0-71 602 802 1002 1202 1402 31.70 37.70 43.70 49.70 55.70 24.60 30.60 36.60 42.60 48.60 23.05 29.05 35.05 41.05 47.05 20.80 26.80 32.80 38.80 44.80 17.40 23.40 29.40 35.40 41.40 22.20 28.20 34.20 40.20 46.20 yes receptacle (two-piece connection product) [ fx8c-**/**s11-svj ] the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
a180 fx8, fx8c series 0.6mm pitch stacking height 3mm to 16mm connector b detailed figure after joint removal (single product in two-piece connection product) the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
a181 fx8, fx8c series0.6mm pitch stacking height 3mm to 16mm connector b connector precautions 6. cautions this product is made as the thin formed product in order to be miniaturized. 1. tolerance clearance on mating side the effective contact length of the product is set to 2.0mm. please use the product so as to set to less than 12mm the clearance between the header and the receptacle in the mating process. 2. fixation between mounting boards if this product is fixed only by mating force, please consider the fixing method so as not to apply loads such as vibration, shock and so on. 3. stacking general tolerance in mating note: please note that the above tolerance of the stacking height doesn't include the solder paste thickness. 4. handling two-piece connection product both joint bar edges of the two-piece connection product are fixed by joints, while the mating process can't be performed in th at state. before the mating process, please remove the joint bars as if pull it up. (don't remove the joint bars before mounting on the board. ) before removing joint bar after removing joint bar stack amm a mm + 0.3 C 0.2 5. mounting temperature profile (reference) max 60s 90120s soldering time (220? min.) pre-heating time (150 to 200?) time (second) (?) temperature 150? 200? 220? 140 180 220 0 160 200 (max 250?) 240 260 hrs test conditions test boardglass epoxy 161mm100mm1.6mm thick solder method :reflow solder composition :paste, 96.5%sn/3%ag/0.5%cu metal mask : 0.15mm thick reflow cycles : 2 cycles the temperature profile is based on the above conditions. in individual applications the actual temperature may vary, depending on solder paste type, volume/thickness and board size/thickness. consult your solder paste and equipment manufacturer for specific recommendations. the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
a182 fx8, fx8c series 0.6mm pitch stacking height 3mm to 16mm connector b packaging type b packaging specification [ tube packaging ] header [ fx8- ** p-sv ( 91 ) ] [ fx8- ** p-sv1 ( 91 ) ] [ fx8- ** p-sv2 ( 91 ) ] [ fx8- ** p-sv4 ( 91 ) ] [ fx8- ** p-sv6 ( 91 ) ] receptacle [ fx8c-** s-sv ( 91 ) ] [ fx8c-** s-sv5 ( 91 ) ] packaging type tube packaging packaged product pieces sales unit total tube length tape width product pitch emboss reel diameter packaged product pieces sales unit 21 pieces 12mm refer to the table on page a183 in this catalog. refer to the table on page a183 in this catalog. per reel 44mm 56mm 72mm 17 pieces 14 pieces 12-pieces 10pieces embossed tape packaging number of contacts 60 contacts 80 contacts 100 contacts 120 contacts 140 contacts * the above packaging type is , as listed for the single product only. in addition, the packaging type of the two-piece connection product is the tray packaging. deliver the multiplied pieces. (example) in case of 20 contacts,21 pieces, 4two-pieces,... 550mm 2mm p/s header fx8c- **p-sv 0 ( 91 ) fx8c- **p-sv1 ( 91 ) fx8c- **p-sv2 ( 91 ) fx8c- **p-sv4 ( 91 ) fx8c- **p-sv6 ( 91 ) fx8c- **s-sv 0 ( 91 ) fx8c- **s-sv5 ( 91 ) 9 10 11 13 15 7.4 12.4 receptacle part number a the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.
a183 fx8, fx8c series0.6mm pitch stacking height 3mm to 16mm connector [ embossed tape package ] carrier size pattern p/s part number b c d e product pieces unit: mm ** : number of contacts header receptacle fx8c- **p-sv 0 ( 92 ) fx8c- **p-sv1 ( 92 ) fx8c- **p-sv2 ( 92 ) fx8c- **p-sv4 ( 92 ) fx8c- **p-sv6 ( 92 ) fx8c- **s-sv 0 ( 92 ) fx8c- **s-sv5 ( 92 ) a 5.5 5.5 5.5 5.5 5.5 6.0 6.0 7.9 7.9 7.9 7.9 7.9 8.4 8.4 5.2 6.2 7.2 9.2 11.2 4.3 9.3 1.2 1.2 1.2 1.2 1.2 1.2 1.2 ? 370 ? 370 ? 330 ? 370 ? 370 ? 330 ? 370 1000 pieces 1000 pieces 0500 pieces 0500 pieces 0500 pieces 1000 pieces 0500 pieces note 2 note 1 note 2 reel state size pattern (free) note 1: e dimension for fx8c-140s-sv(92) is ? 370, core dia. is ? 100. note 2: e dimension for fx8c-120p-sv2(92), fx8c-120s-sv5(92), fx8c-140s-sv5(92) is ? 380. (note 1) the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information.


▲Up To Search▲   

 
Price & Availability of FX8C-080P-SV692

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X