Part Number Hot Search : 
0100M 12401 SIZ902DT 1380D 2N4269S ET100 AC245 E001700
Product Description
Full Text Search
 

To Download FDMA7672 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  april 2012 ?2012 fairchild semiconductor corporation FDMA7672 rev.c5 www.fairchildsemi.com 1 FDMA7672 single n-ch annel power trench ? mosfet FDMA7672 single n-channel powertrench ? mosfet 30 v, 9 a, 21 m features ? max r ds(on) = 21 m at v gs = 10 v, i d = 9 a ? max r ds(on) = 32 m at v gs = 4.5 v, i d = 7 a ? low profile - 0.8 mm maximum - in the new package microfet 2x2 mm ? free from halogenated compounds and antimony oxides ? rohs compliant general description this device has been designed to provide maximum efficiency and thermal performance for synchronous buck converters. the low r ds(on) and gate charge provide excellent switching performance. application ? dc ? dc buck converters d d s g d d pin 1 drain source microfet 2x2 (bottom view) bottom drain contact d d d d s g mosfet maximum ratings t a = 25 c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter ratings units v dss drain to source voltage 30 v v gss gate to source voltage 20 v i d drain current -continuous t a = 25 c (note 1a) 9 a -pulsed 24 p d power dissipation t a = 25 c (note 1a) 2.4 w power dissipation t a = 25 c (note 1b) 0.9 t j , t stg operating and storage junction temperature range ?55 to +150 c r jc thermal resistance, junction to case 6.9 c/w r ja thermal resistance, junction to ambient (note 1a) 52 r ja thermal resistance, junction to ambient (note 1b) 145 device marking device package reel size tape width quantity 672 FDMA7672 microfet 2x2 7 ?? 12 mm 3000 units
FDMA7672 single n-channel power trench ? mosfet www.fairchildsemi.com 2 ?2012 fairchild semiconductor corporation FDMA7672 rev.c5 notes: 1. r ja is determined with the device mounted on a 1 in 2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of fr-4 material. r jc is guaranteed by design while r ca is determined by the user's board design. 2. pulse test: pulse width < 300 s, duty cycle < 2.0%. electrical characteristics t j = 25 c unless otherwise noted off characteristics on characteristics dynamic characteristics switching characteristics drain-source diode characteristics symbol parameter test conditions min typ max units bv dss drain to source breakdown voltage i d = 250 a, v gs = 0 v 30 v bv dss t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 c 16 mv/c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1 a i gss gate to source leakage current v gs = 20 v, v ds = 0 v 100 na v gs(th) gate to source threshold voltage v gs = v ds , i d = 250 a 1.0 2.1 3.0 v v gs(th) t j gate to source threshold voltage temperature coefficient i d = 250 a, referenced to 25 c ?6 mv/c r ds(on) static drain to source on resistance v gs = 10 v, i d = 9 a 14 21 m v gs = 4.5 v, i d = 7 a 20 32 v gs = 10 v, i d = 9 a, t j = 125 c 19 28 g fs forward transconductance v ds = 5 v, i d = 9 a 35 s c iss input capacitance v ds = 15 v, v gs = 0 v f = 1.0 mhz 570 760 pf c oss output capacitance 195 260 pf c rss reverse transfer capacitance 25 40 pf r g gate resistance 1.5 t d(on) turn-on delay time v dd = 15 v, i d = 9 a v gs = 10 v, r gen = 6 612ns t r rise time 210ns t d(off) turn-off delay time 14 25 ns t f fall time 210ns q g total gate charge v gs = 0 v to 10 v v dd = 15 v, i d = 9 a 9.3 13 nc q g total gate charge v gs = 0 v to 4.5 v 4.4 6 nc q gs gate to source gate charge 1.9 nc q gd gate to drain ?miller? charge 1.5 nc i s maximum continuous drain-source diode forward current 2 a v sd source to drain diode forward voltage v gs = 0 v, i s = 2 a (note 2) 0.8 1.2 v t rr reverse recovery time i f = 9 a, di/dt = 100 a/ s 18 32 ns q rr reverse recovery charge 5 10 nc a. 52 c/w when mounted on a 1 in 2 pad of 2 oz copper. b. 145 c/w when mounted on a minimum pad of 2 oz copper.
FDMA7672 single n-channel power trench ? mosfet www.fairchildsemi.com 3 ?2012 fairchild semiconductor corporation FDMA7672 rev.c5 typical characteristics t j = 25c unless otherwise noted figure 1. 0 0.5 1.0 1.5 2.0 0 4 8 12 16 20 24 v gs = 3.5 v v gs = 4.5 v pulse duration = 80 p s duty cycle = 0.5% max v gs = 6 v v gs = 4 v v gs = 10 v i d , drain current (a) v ds , drain to source voltage (v) on-region characteristics figure 2. 0 4 8 12162024 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v gs = 4.5 v pulse duration = 80 p s duty cycle = 0.5% max normalized drain to source on-resistance i d , drain current (a) v gs = 10 v v gs = 6 v v gs = 4 v v gs = 3.5 v n o r m a l i z e d o n - r e s i s t a n c e vs drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n - r e s i s t a n c e -75 -50 -25 0 25 50 75 100 125 150 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 i d = 9 a v gs = 10 v normalized drain to source on-resistance t j , junction temperature ( o c ) vs junction temperature figure 4. 24681 0 0 20 40 60 80 i d = 9 a t j = 25 o c t j = 125 o c v gs , gate to source voltage (v) r ds(on) , drain to source on-resistance ( m : ) pulse duration = 80 p s duty cycle = 0.5% max o n - r e s i s t a n c e v s g a t e t o source voltage figure 5. transfer characteristics 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 4 8 12 16 20 24 v ds = 5 v pulse duration = 80 p s duty cycle = 0.5% max t j = -55 o c t j = 25 o c t j = 125 o c i d , drain current (a) v gs , gate to source voltage (v) figure 6. 0.20.40.60.81.01.2 0.01 0.1 10 24 t j = -55 o c t j = 25 o c t j = 125 o c v gs = 0 v i s , reverse drain current (a) v sd , body diode forward voltage (v) s o u r c e t o d r a i n d i o d e forward voltage vs source current
FDMA7672 single n-channel power trench ? mosfet www.fairchildsemi.com 4 ?2012 fairchild semiconductor corporation FDMA7672 rev.c5 figure 7. 0246810 0 2 4 6 8 10 q g , gate charge (nc) v gs , gate to source voltage (v) i d = 9 a v dd = 20 v v dd = 10 v v dd = 15 v gate charge characteristics figure 8. 0.1 1 10 30 10 100 1000 f = 1 mhz v gs = 0 v capacitance (pf) v ds , drain to source voltage (v) c rss c oss c iss c a p a c i t a n c e v s d r a i n to source voltage figure 9. 0.01 0.1 1 10 100 0.01 0.1 1 10 100 1 s 0.1 ms 10 ms dc 10 s 100 ms 1 ms i d , drain current (a) v ds , drain to source voltage (v) this area is limited by r ds(on) single pulse t j = max rated r t ja = 145 o c/w t a = 25 o c f o r w a r d b i a s s a f e operating area figure 10. 10 -4 10 -3 10 -2 10 -1 10 0 10 1 100 1000 0.1 1 10 100 1000 single pulse r t ja = 145 o c/w t a = 25 o c p ( pk ) , peak transient power (w) t, pulse width (sec) s i n g l e p u l s e m a x i m u m p o w e r d i s s i p a t i o n figure 11. 10 -4 10 -3 10 -2 10 -1 11 0 100 1000 0.001 0.01 0.1 1 single pulse r t ja = 145 o c/w duty cycle-descending order normalized thermal impedance, z t jc t, rectangular pulse duration (sec) d = 0.5 0.2 0.1 0.05 0.02 0.01 2 p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z t ja x r t ja + t a transient thermal response curve typical characteristics t j = 25c unless otherwise noted
FDMA7672 single n-channel power trench ? mosfet www.fairchildsemi.com 5 ?2012 fairchild semiconductor corporation FDMA7672 rev.c5 dimensional outline and pad layout b. dimensions are in millimeters. c. dimensions and tolerances per a. does not fully conform to jedec registration asme y14.5m, 1994 0.10 cab 0.05 c recommended land pattern opt 1 0.10 c 0.08 c c 2.000 2.000 0.05 0.00 0.10 c 2x 2x 0.8 max seating plane 0.10 c (0.20) 0.33 0.20 1 3 4 6 4 6 3 1 pin #1 ident 0.65 1.30 1.35 (0.47) 1.05 0.40 typ 0.65 typ 0.25~0.35 1.000 0.800 2.30 1.00 mo-229 dated aug/2003 (0.56) (0.30) 0.66 recommended land pattern opt 2 4 6 3 1 1.35 (0.47) 1.05 0.40 typ 0.65 typ 2.30 1.00 0.66 no drain or gate traces allowed in this area pin#1 location 1.05 0.95 d. drawing filename: mkt-mlp06lrev2.
www.fairchildsemi.com FDMA7672 single n-channel power trench ? mosfet ?2012 fairchild semiconductor corporation FDMA7672 rev.c5 6 trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes wi thout further notice to any products herein to improve reliability, function, or design. fairchild does not assume an y liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fai rchild semiconductor corporation. as used here in: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform c an be reasonably expected to cause the failure of the life su pport device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? ax-cap?* bitsic ? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green bridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? motion-spm? mwsaver? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* the power franchise ? ? tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? ? ? tm datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product developm ent. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the ri ght to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fair child semiconductor reserves the right to make changes at any time withou t notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy. fairchild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in t he industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experi ence many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourage s customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fair child?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping this practice by buying direct or from authorized distributors. rev. i61 tm ?


▲Up To Search▲   

 
Price & Availability of FDMA7672

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X