Part Number Hot Search : 
61089A SD403C BX3006 GP1U273X ADP224 10200 RLPBF 54HC1
Product Description
Full Text Search
 

To Download EP3600ETTTS-24000MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer category series package voltage class rev . date ecliptek corp. oscillator ep36 ceramic 3.3v os89 10/11 ep36 series ? programmable crystal oscillators ? lvcmos output ? +3.3v supply voltage ? tri-state and power down options ? 4 pad ceramic smd package ? rohs compliant (pb-free) oscillator ep36 electrical specifications 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. h 1.3 l 5.0 w 3.2 frequency range operating temperature range storage temperature range supply voltage (v dd ) input current disable current (ts option) standby current (pd option) frequency tolerance / stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time duty cycle load drive capability output logic type output control function output control function input voltage aging (at 25c) start up time period jitter: absolute period jitter: one sigma 1.000mhz to 106.250mhz -20c to +70c or -40c to +85c -55c to +125c 3.3v dc 0.3v dc 28ma maximum (unloaded) 16ma maximum (pin 1=ground) 20a maximum (pin 1=ground) 100ppm or 50ppm maximum v dd -0.4v dc minimum i oh =-8ma 0.4v dc maximum i ol =+8ma 4 nseconds maximum 50 10(%) 50 5(%) 30pf maximum 15pf maximum cmos tri-state power down enables output disable output: high impedance disable output: logic low 5ppm / year maximum 10 mseconds maximum 250psec maximum, 100psec typical 125psec maximum, 75psec typical 50psec maximum 40psec maximum inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range, supply voltage change, output load change, first year aging at 25c, shock, and vibration 20% to 80% of waveform at 50% of waveform at 50% of waveform (<50.000mhz only) <50.000mhz >50.000mhz t s pd v ih : no connection or 70% of v dd v il : (ts option) <20% of v dd v il : (pd option) <20% of v dd <33.000mhz >33.000mhz <33.000mhz >33.000mhz
manufacturer category series package voltage class rev . date ecliptek corp. oscillator ep36 ceramic 3.3v os89 10/11 ep36 00 et t ts - 24.000m tr frequency tolerance / stability 00 = 100ppm maximum 45 = 50ppm maximum operating temp. range blank = -20c to +70c et = -40c to +85c duty cycle blank = 50 10(%) t = 50 5(%) part numbering guide mechanical dimensions all dimensions in millimeters marking specifications environmental/mechanical specifications suggested solder pad layout all dimensions in millimeters tape and reel dimensions all dimensions in millimeters tolerances = + 0.1 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. pin 1: tri-state or power down pin 2: case ground pin 3: output pin 4: supply voltage available options blank = bulk tr = tape & reel frequency output control function ts = tri-state pd = power down characteristic specification fine leak test mil-std-883, method 1014, condition a gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-202, method 213, condition c vibration mil-std-883, method 2007, condition a solderability mil-std-883, method 2002 temperature cycling mil-std-883, method 1010 resistance to soldering heat mil-std-202, method 210 resistance to solvents mil-std-202, method 215 n o p q s width t depth (tape slot in core for tape start) r (access hole at slot location) u w v n o p q r 1.5 min 50 min 20.2 min 13.0 0.2 40 min s t u v w qty/reel 2.5 min 10 min 22.4 max 180 max 16.4 +2.0/-0.0 1 ,000 reel tape a b c d e f 16.0 0.3 7.5 0.1 1.50 min 4.0 0.1 2.0 0.1 8.0 0.1 g h i j k l m a0 1.5 +0.1/-0.0 1.75 0.10 b0 0.60 max 0.10 max k0 note: compliant to eia-481 d e fg h k l i m j c a direction of unreeling b marking orientation line 1: e xx.xxx frequency in mhz (5 digits maximum + decimal) ecliptek designator
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: ecliptek: ? ep3600ts? ep3600etts-10.000m? ep3600ts-30mhz? ep3600ts-13.288mhz? ep3600pd? ep3600etpd? ep3600etts? ep3600tts? ep3600tpd? ep3600ettpd? ep3600ettts? ep3600ts-66.000m? ep3600etts- 9.8304m? ep3645ettpd-25.000m? ep3645etpd-25.000m


▲Up To Search▲   

 
Price & Availability of EP3600ETTTS-24000MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X