Part Number Hot Search : 
C3200 32LD320N GRM1555C S25A3100 1N4106 SP207BCT HEF40 10165N
Product Description
Full Text Search
 

To Download ECO350UPS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eco 350va energy-saving standby 120v ups with usb port model number: ECO350UPS description the ECO350UPS standby green ups offers complete protection from blackouts, brownouts and transient surges. supports green energy savings via built-in eco outlets that automatically power off unused computer accessories like printers or multi-media speakers when the computer is not in use. full load efficiency rating of 99% also offers energy-savings and cooler operation by limiting ups power consumption to less than 2 watts! eco-friendly design meets strict rohs environmental standards. provides uninterrupted transition to battery-derived ac output during brownouts and power failures with enough runtime to save and shutdown connected equipment without data loss. offers complete protection in an ultra-compact desktop or wall-mountable housing. includes 3 battery supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for accessories not requiring battery support. two of the surge-only outlets are designated eco outlets that can be configured to automatically power-off when the computer enters standby mode or is shutdown. usb port enables ups configuration options and unattended system shutdown without data loss in the case of extended power failure. poweralert software is available via free download from www.tripplite.com. usb cable included. built-in single line rj11 phone suppression protects modem, fax machine, cordless phone or other accessories with a dialup/dsl phone connection. built-in audible alarm and front panel leds offer continuous status information regarding line and battery power operation. 350va/180 watt power handling ability supports entry-level pc systems for up to 12 minutes during power fail conditions. $100,000 connected equipment insurance (usa, puerto rico, & canada only). features ECO350UPS standby green ups offers complete protection from blackouts, brownouts and transient surges built-in eco outlets automatically power off unnecessary computer accessories like printers, scanners and speakers when computer is not in use full load efficiency rating of 99% saves energy and heat output by limiting ups power consumption to less than 2 watts with only 4 btu/hr. of heat output eco-friendly design meets strict rohs (restriction of hazardous substances) environmental standards. 350va/180 watt ups provides battery-derived ac output during brownouts and power failures to support entry-level desktop computer with 15 inch lcd monitor up to 12 minutes ultra compact ups supports a variety of placement options for desktop or wallmount use includes 3 ups supported outlets for computer, monitor and one vital system peripheral requiring uninterrupted power includes 3 surge-only outlets for accessories not requiring battery support two of the surge-only outlets are designated eco outlets that can be configured to automatically power-off when the computer is not in use usb port enables ups configuration options and unattended system shutdown without data loss in the case of extended power failure. highlights 350va ultra-compact 120v standby ups, energy-saving eco outlets maintains ac output during power failures, 99% line mode efficiency eco option turns off set of two eco outlets when the computer is not in use usb port, tel/dsl protection, wall mountable, surge-only outlets nema 5-15p input plug and 6 nema 5-15r outlets package includes ECO350UPS ups system usb cable instruction manual 1 / 5
usb port enables ups configuration options and unattended system shutdown without data loss in the case of extended power failure. poweralert ups monitoring software is available for free download from www.tripplite.com single line rj11 phone suppression jacks protect modem, fax machine, cordless phone or other accessories from surges on dialup/dsl phone connections usb cable included space-saving right angle input plug optional pdub15 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment $100,000 connected equipment insurance (usa, puerto rico and canada only) specifications output output volt amp capacity (va) 350 output watt capacity (watts) 180 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) built-in ups output receptacles 6 5-15r outlet(s) surge suppression only outlets 3 ups outlets, 3 surge-only outlets hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 10a nominal input voltage(s) supported 120v ac ups input connection type 5-15p; right-angled ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v phase single-phase battery full load runtime (minutes) 3.1 min. (180w) half load runtime (minutes) 11.3 min. (90w) dc system voltage (vdc) 12 2 / 5
leds alarms & switches led indicators 3 leds indicate power status, overload/check battery and eco-mode status alarms audible alarm indicates power-failure and overload status switches combination switch controls on/off power status and self-test operation; second recessed push-button switch enables eco outlet switching surge / noise suppression ups ac suppression joule rating 420 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out) emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower; ultra-compact desktop primary form factor desktop ups / power module dimensions in primary form factor (height x width x depth / inches) 3 x 8 x 6.4 ups / power module dimensions in primary form factor (height x width x depth / cm) 7.5 x 20.4 x 16.1 ups / power module weight (lbs) 5.2 ups / power module weight (kg) 2.4 ups shipping dimensions (height x width x depth / inches) 4.1 x 11.3 x 7.7 ups shipping dimensions (height x width x depth / cm) 10.5 x 28.7 x 19.5 shipping weight (lbs) 5.9 shipping weight (kg) 2.7 ups housing material abs environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 6.2 battery mode btu / hr. (full load) 83.5 ac mode efficiency rating (100% load) 99% 3 / 5
communications communications interface usb (hid enabled) poweralert software free download from www.tripplite.com communications cable usb interface cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time ac to battery mode: 4 milliseconds; battery to ac mode: 3 milliseconds low voltage transfer to battery power (setpoint) 99 high voltage transfer to battery power (setpoint) 139 special features cold start (startup in battery mode during a power failure) cold-start operation supported green & high efficiency features greater than 95% efficiency - green ups; power saving auto-shutoff eco outlets certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (u.s. & canada) 3-year limited warranty product warranty period (latin america) 3-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 3-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $100,000 ultimate lifetime insurance related items optional products model number description qty. wext5-internet 5-year extended warranty - for internet office, avr and eco series ups systems 1 pdub15 single-phase hot-swap pdu, 1.4kw 15a 120v, 2u horizontal rackmount, 8 nema 5-15r outlets, set of 2 nema 5-15p input plugs 1 4 / 5
more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/ECO350UPS . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? ECO350UPS


▲Up To Search▲   

 
Price & Availability of ECO350UPS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X