Part Number Hot Search : 
D7804 2SD2276 D1N60 D780205 MBRF20 80N70 MAX6143 LAIC3
Product Description
Full Text Search
 

To Download DTC114YC3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c355c3 issued date : 2010.07.23 revised date : 2011.11.03 page no. : 1/6 DTC114YC3 cystek product specification npn digital transistors (built-in resistors ) DTC114YC3 features ? built-in bias resistors enable the configuration of an inverter circu it without connecting external input resistors (see equi valent circuit). ? the bias resistors consist of thin -film resistors with complete isolat ion to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy. ? complements the dta114yc3 equivalent circuit outline sot-523 DTC114YC3 r1=10k , r2=47 k in(b) : base out(c) : collector gnd(e) : emitter absolute maximum ratings (ta=25 c) parameter symbol limits unit supply voltage v cc 50 v input voltage v i -6~+40 v i o 70 ma output current i o(max.) 100 ma power dissipation pd 150 mw thermal resistance, junction to ambient r ja 833 c/w junction temperature tj 150 c storage temperature tstg -55~+150 c
cystech electronics corp. spec. no. : c355c3 issued date : 2010.07.23 revised date : 2011.11.03 page no. : 2/6 DTC114YC3 cystek product specification electrical characteristics (ta=25 c) parameter symbol min. typ. max. unit test conditions vi(off) - - 0.3 v vcc=5v, io=100ua input voltage vi(on) 3 - - v vo=0.3v, io=1ma output voltage vo(on) - 0.1 0.3 v io/ii=5ma/0.25ma input current ii - - 0.88 ma vi=5v output current io(off) - - 0.5 ua vcc=50v, vi=0v dc current gain gi 68 - - - vo=5v, io=5ma input resistance r1 7 10 13 k - resistance ratio r2/r1 3.7 4.7 5.7 - - transition frequency f t - 250 - mhz v ce =10v, i c =5ma, f=100mhz * * transition frequency of the device ordering information device package shipping marking DTC114YC3 sot-523 (pb-free package) 3000 pcs / tape & reel 64
cystech electronics corp. spec. no. : c355c3 issued date : 2010.07.23 revised date : 2011.11.03 page no. : 3/6 DTC114YC3 cystek product specification typical characteristics dc current gain vs output current 10 100 1000 11 0 1 0 0 output voltage vs output current 10 100 1000 11 01 0 0 output current ---io(ma) output voltage---vo(on)(mv) output current ---io(ma) current gain--- hfe vo=5v io/ii=20 input voltage vs output current (on characteristics) 0.1 1 10 0.1 1 10 100 output current --- io(ma) input voltage --- vi(on)(v) vo=0.3v output current vs input voltage (off characteristics) 0.1 1 10 100 0.1 1 10 input voltage --- vi(off)(v) output current --- io(ma) vcc=5v power derating curve 0 20 40 60 80 100 120 140 160 0 50 100 150 200 ambient temperature --- ta( ) power dissipation---pd(mw)
cystech electronics corp. spec. no. : c355c3 issued date : 2010.07.23 revised date : 2011.11.03 page no. : 4/6 DTC114YC3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c355c3 issued date : 2010.07.23 revised date : 2011.11.03 page no. : 5/6 DTC114YC3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c355c3 issued date : 2010.07.23 revised date : 2011.11.03 page no. : 6/6 DTC114YC3 cystek product specification sot-523 dimension *: typical inches style: pin 1.base (input) 2.emitter (ground) 3.collector (output) 3-lead sot-523 plastic surface mounted package cystek package code: c3 marking: 64 millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.028 0.035 0.700 0.900 e 0.028 0.035 0.700 0.900 a1 0.000 0.004 0.000 0.100 e1 0.057 0.069 1.450 1.750 a2 0.028 0.031 0.700 0.800 e 0.020* 0.500* b1 0.006 0.010 0.150 0.250 e1 0.035 0.043 0.900 1.100 b2 0.010 0.014 0.250 0.350 l 0.016 ref 0.400 ref c 0.004 0.008 0.100 0.200 l1 0.010 0.018 0.260 0.460 d 0.059 0.067 1.500 1.700 0 8 0 8 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of DTC114YC3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X