Part Number Hot Search : 
25MBX08 CDBD1530 BTS41 NCS5650 2N3700S E2108 CSC3114R BZX84C15
Product Description
Full Text Search
 

To Download DTA144EC3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cys tech electronics corp. s pec. no. : c272 c3 issued date : 20 10.07.23 revised date : page no. : 1/6 dt a144ec3 c y s t ek product s pecification general purpose pnp digital transistors (built-in resistors ) DTA144EC3 features ? built-in bias resistors enable the configuration of an inverter circu it without connecting external input resistors (see equi valent circuit). ? the bias resistors consist of thin -film resistors with complete isolat ion to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy. ? complements the dtc144ec3 ? pb-free package equivalent circuit outline DTA144EC3 r1=47k , r2=47 k in(b) : base out(c) : collector gnd(e) : emitter sot-523 absolute maximum ratings (ta=25 c) parameter symbol limits unit supply v o ltage v cc -50 v input voltage v in -40~+10 v i o -30 ma output current i o(max.) -100 ma power dissipation pd 150 mw thermal resistance, junction to ambient r ja 833 c/w junction temperature tj 150 c storage temperature tstg -55~+150 c http://
cys tech electronics corp. s pec. no. : c272 c3 issued date : 20 10.07.23 revised date : page no. : 2/6 dt a144ec3 c y s t ek product s pecification electrical characteristics (ta=25 c) parameter symbol min. typ. max. unit test conditions v i(off) - - -0.5 v v cc =-5v, i o =-100 a input voltage v i(on) -3 - - v v o =-0.3v, i o =-2ma output voltage v o(on) - -0.1 -0.3 v i o /i i =-10ma/-0.5ma input current i i - - -0.18 ma v i =-5v output current i o(off) - - -0.5 a v cc =-50v, v i =0v dc current gain g i 68 - - - v o =-5v, i o =-5ma input resistance r 1 32.9 47 61.1 k - resistance ratio r 2 / r 1 0.8 1 1.2 - - transition frequency f t - 250 - mhz v ce =-10v, i e =-5ma, f=100mhz* * transition frequency of the device ordering information device package shipping marking DTA144EC3 sot-523 (pb-free package) 3000 pcs / tape & reel 16
cys tech electronics corp. s pec. no. : c272 c3 issued date : 20 10.07.23 revised date : page no. : 3/6 dt a144ec3 c y s t ek product s pecification characteristic curves d c c ur r e n t g a i n v s o ut put c ur r e nt 10 10 0 10 00 1 10 100 o u t p u t c u r r e n t - - -io (ma ) cu rre nt g a i n --- hf e vo=5v o ut put v ol t a ge v s o ut put c ur r e nt 10 100 1000 11 0 o u t p u t c urre n t -- -io (ma ) o u t p u t v o l t a g e ---v o ( on )(mv ) 1 0 0 io/ii=20 i n p u t v o l t ag e v s o u t p u t c u r r en t ( o n c h ar act er i s t i cs ) 1 10 0. 1 1 10 100 o u t p u t c u rre n t - --io (ma ) inp u t v o l t a g e --- v i (o n)(v ) vo=0.3v o ut p ut c ur r e nt v s i np ut v ol t a g e ( o f f c ha r a c t e r i s t i c s ) 0.1 1 10 10 0 0 . 1 1 10 100 i nput v ol t a ge --- v i (o ff) (v ) o ut put c urre nt - -- i o(m a ) vcc=5v p o w e r d e ra t i ng curv e 0 20 40 60 80 100 120 140 160 0 5 0 100 1 50 200 a m b i e n t t e mp e r a t u r e --- t a ( ) p o w e r d i s s i p a t i o n ---p d ( mw )
cys tech electronics corp. s pec. no. : c272 c3 issued date : 20 10.07.23 revised date : page no. : 4/6 dt a144ec3 c y s t ek product s pecification reel dimension carrier tape dimension
cys tech electronics corp. s pec. no. : c272 c3 issued date : 20 10.07.23 revised date : page no. : 5/6 dt a144ec3 c y s t ek product s pecification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cys tech electronics corp. s pec. no. : c272 c3 issued date : 20 10.07.23 revised date : page no. : 6/6 dt a144ec3 c y s t ek product s pecification sot-523 dimension *: typical inches s t yle: pin 1.base (input) 2.emitter (grou nd) 3.collector (output) 3-l ead sot - 523 pla s tic surface mou n ted packa g e cys t ek pa ckage code: c3 marking: 16 millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.028 0.035 0.700 0.900 e 0.028 0.035 0.700 0.900 a1 0.000 0.004 0.000 0.100 e1 0.057 0.069 1.450 1.750 a2 0.028 0.031 0.700 0.800 e 0.020* 0.500* b1 0.006 0.010 0.150 0.250 e1 0.035 0.043 0.900 1.100 b2 0.010 0.014 0.250 0.350 l 0.016 ref 0.400 ref c 0.004 0.008 0.100 0.200 l1 0.010 0.018 0.260 0.460 d 0.059 0.067 1.500 1.700 0 8 0 8 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of DTA144EC3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X