Part Number Hot Search : 
MO9061 10051 2SC17 237A1ACM 383L2 4017B N5401 F186M
Product Description
Full Text Search
 

To Download DN050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t0a036-000 1 DN050 npn silicon transistor pin connection e c b c b e to-92 features ? extremely low collector-to-emitter saturation voltage ( v ce(sat) =0.07v typ. @i c /i b =100ma/10ma) ? suitable for low voltage large current drivers ? complementary pair with dp050 ? switching application. ordering information type no. marking package code DN050 DN050 to-92 absolute maximum ratings (ta=25 c) characteristic symbol ratings unit collector-base voltage v cbo 15 v collector-emitter voltage v ceo 12 v emitter-base voltage v ebo 5 v collector current i c 500 ma collector dissipation p c 625 mw junction temperature t j 150 c storage temperature t stg -55~150 c electrical characteristics (ta=25 c) characteristic symbol test condition min. typ. max. unit collector-base breakdown voltage bv cbo i c =50 a, i e =0 15 - - v collector-emitter breakdown voltage bv ceo i c =1ma, i b =0 12 - - v emitter-base breakdown voltage bv ebo i e =50 a, i c =0 5 - - v collector cut-off current i cbo v cb =12v, i e =0 - - 0.1 a emitter cut-off current i ebo v eb =5v, i c =0 - - 0.1 a h fe1 v ce =1v, i c =100ma 200 - 450 - dc current gain h fe2 v ce =1v, i c =500ma 70 - - - collector-emitter saturation voltage v ce(sat) i c =100ma, i b =10ma - - 0.25 v base-emitter saturation voltage v be(sat) i c =100ma, i b =10ma - - 1.2 v transition frequency f t v ce =5v, i c =20ma - 120 - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - 4.5 - pf
ksd-t0a036-000 2 DN050 electrical characteristic curves fig. 3 h fe - i c fig. 1 p c - t a fig. 5 v ce(sat) - i c fig. 4 i c - v ce fig. 2 i c - v be
ksd-t0a036-000 3 DN050 outline dimension
ksd-t0a036-000 4 DN050 the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of DN050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X