Part Number Hot Search : 
C9004 SDA234C REB105 020AFE SMBJ4 010S24 TMP47P MPF102RL
Product Description
Full Text Search
 

To Download DH50058-52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sales offices web site: http://www.tekelec-temex.com silicon pin diodes sot23 surface mount switching silicon pin diodes 1- 6 america: +1 (602) 780 1995 / asia pacific: +852 2813 9826 / europe: +33 (0) 1 49884900 / africa: +33 (0) 1 49884900 nl: +31 (0) 793461430 uk: (44) 1256 883340 belgium: +32 (0) 2 7159020 france: +33 (0) 1 49884900 germany: +49 (0) 895164-0 ital y : +39 (0) 2 58 01 91 06 nordic: +46 (0) 8 590 303 00 spain: +34 (0) 1 3204160 tekelec temex uses its pr o p r i e t a r y technology to manufacture its silicon pin diodes in sot23 . this product family is designed for a low cost, medium to high volume market that may be supplied in tape and reel for automated pick and place assembly on surface mount circuit boards. the use of this technology eliminates wir e bonding directly on to the chips. the dh50xxx series pin diodes are offered in large selection of capacitance range (.30 pf to 1.2 pf) and breakdown voltage (35 v to 200 v). they provide low loss (low series resistance), low switching time and low switching cur r ent. tekelec temex? components are designed to cover a broad range of cw low power (up to 2 w), medium peak power, rf and microwave applications (up to 3ghz). main applications include: spst and spdt switches, antenna (w i r eless communication systems) and ?ter switches, phase shifters note : to reduce the distortion, it is necessary to verify and design with the following formula : hf pt l i dc f hf : rf peak cur r ent (a) t l : diode minority carrier lifetime(s) i dc : dc bias cur r ent (a) f : application frequency (hz) sot23 surface mount switching silicon pin diodes low series resistance low capacitance fast switching diodes surface mount package t ape and reel packaging available outline drawing description features applications (top view) nota: other plastic packages available. -51 -52 -53 -54 -55 -56 << 1
sales offices web site: http://www.tekelec-temex.com silicon pin diodes sot23 surface mount switching silicon pin diodes 1-7 america: +1 (602) 780 1995 / asia pacific: +852 2813 9826 / europe: +33 (0) 1 49 88 49 00 / africa: +33 (0) 1 49 88 49 00 nl: +31 (0) 79 3461430 uk: (44) 1256 883340 belgium: +32 (0) 2 715 90 20 france: +33 (0) 1 49 88 49 00 germany: +49 (0) 89 51 64-0 italy: +39 (0) 2 58 01 91 06 nordic: +46 (0) 8 590 303 00 spain: +34 (0) 1 320 41 60 symbol min max min max millimeters millimeters inches inches packaged diodes breakdown total series minority carrier voltage capacitance resistance lifetime v br (1) c t (2) r sf t i test conditions i r = 10 a f = 1 mhz i f = 10 ma i f = 10 ma v r = 50 v f = 120 mhz i r = 6 ma electrical characteristics at 25 c case style type (3) vpf ns min max max typ. dh50051-xx 35 0.3 (5) 2.5 (4) 150 dh50058-xx 35 1 (5) 0.5 200 dh50053-xx 50 0.35 (6) 1.5 200 dh50103-xx 100 0.35 3 1000 dh50109-xx 100 1.2 0.6 1000 dh50203-xx 200 0.35 3 1000 (1) : other breakdown value on request (4) : r sf at i f = 5 ma (2) : other capacitance values on request (5) : v r = 5 v at f = 1 mhz (3) : -xx digits for internal electrical con?guration (6) : v r = 20 v at f = 1 mhz k 0.1 0.13 0.004 0.005 j 0.53 0.56 0.021 0.022 i 0.05 0.1 0.002 0.0004 h 1.07 1.14 0.042 0.045 g 0.43 0.46 0.017 0.018 f 1.78 2.04 0.070 0.080 e 0.94 typ. 0.037 typ. d 0.43 0.45 0.017 0.020 c 2.36 2.49 0.093 0.098 b 1.3 1.35 0.051 0.053 a 2.84 3.02 0.112 0.119 temperature ranges: operating junction (t j ) : -55 c to +150 c storage : -65 c to +150 c


▲Up To Search▲   

 
Price & Availability of DH50058-52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X