Part Number Hot Search : 
4063A P40NF RODUCTS 2200B TA230PW D1885 D2589 74HC07AP
Product Description
Full Text Search
 

To Download DB201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.0 a weight: 0.38 grams (approx.) case: db, molded plastic low forward voltage drop high surge current capability glass passivated die construction classification 94v-o mil-std-202, method 208 designed for surface mount application DB201 ? db207 features    high current capability    plastic material ? ul recognition flammability mechanical data   terminals: plated leads solderable per  polarity: as marked on case   mounting position: any  marking: type number maximum ratings and electrical characteristics @t a =25c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol db207 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current @t a = 40c i o non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 60 a forward voltage per element @i f = 1.0a v fm 1.1 v peak reverse current @t a = 25c at rated dc blocking voltage @t a = 125c i rm 5.0 500 a typical junction capacitance per element (note 1) c j 25 pf typical thermal resistance per leg (note 2) r ja r jl 40 15 c/w operating and storage temperature range t j , t stg -65 to +150 c note: 1. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 2. mounted on pc board with 13mm 2 copper pad. d e h j k l m b a c g db dim min max a 6.20 6.50 b 6.80 8.40 c 7.24 8.70 d 0.20 0.38 e g h 1.30 j 3.80 4.90 k l m all dimensions in mm 0.90 1.40 5.00 5.20 0.45 0.58 8.12 8.80 2.15 3.40 - db202 DB201 db203 db204 db205 db206 ! lead free: for rohs / lead free version, http://www.trr-jx.com bridge rectifiers
1.0 2.0 0.01 0.1 1.0 10 0.4 0.6 0.8 1.0 1.2 1.4 i , inst ant aneou s forw ard cu rrent (a) f v , instantaneous forward voltage (v) fig. 2 typ forward characteristics (per element) f t = 25c pulse width = 300s 2% duty cycle j 0 10 20 30 40 50 60 110100 i , p e a k f or wa r d su r g e c u r r e n t (a ) fs m num ber of cycles at 60 hz fi g . 3 m ax non-repetitive peak forward sur g e current single half-sine-wave (jedec method) 1 10 100 1 10 100 c , cap a cit anc e ( pf) j v , reverse voltage (v) fig. 4 typ junction capacitance (per element) r t = 25c f = 1.0 mhz v = 50 mv p-p j sig 0.01 0.1 1.0 10 100 20 04060 80 100 120 140 i , inst ant aneous reverse current (a) r percent of rated peak reverse voltage (%) fig. 5 typ reverse characteristics (per element) t = 125c j t = 25c j 0 40 60 80 100 120 140 i , a verage forw ard current (a) (a v) t , ambient temperature (c) fig. 1 output current derating curve a 60 hz resistive or inductive load 1.5 http://www.trr-jx.com characteristic curves (t a =25 unless otherwise noted) DB201 ? db207 bridge rectifiers


▲Up To Search▲   

 
Price & Availability of DB201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X