Part Number Hot Search : 
00031 2SD14 AT45D S1A24000 J102K 42900 00031 00031
Product Description
Full Text Search
 

To Download CPC7601K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i ntegrated c ircuits d ivision ds-cpc7601-r02 www.ixysic.com 1 features ? processed with bcdmos on soi (silicon on insulator) ? flexible high voltage supplies up to v pp -v nn =200v ? dc to 10mhz analog signal frequency ? 60db minimum output-off isolation at 5mhz ? low quiescent power dissipation (< 1 ? a typical) ? low output on-resistance ? adjustable high voltage supplies ? surface mount package applications ? ultrasound imaging ? printers ? industrial controls and measurement ? piezoelectric transducer drivers figure 1. block diagram description the cpc7601 is a low charge injection 16-channel high-voltage analog switch integrated circuit (ic) for use in applications requiring high voltage switching. control of the high voltage switching is via low voltage cmos logic level inputs for direct connectivity to the system controller. switch manipulation is managed by a 16-bit serial to parallel shift register whose outputs are buffered and stored by a 16-bit transparent latch. level shifters buffer the latch outputs and operate the high voltage switches. because the cpc7601 is capable of switching high load voltages and has a flexible load voltage range, e.g. v pp /v nn : +40v/-160v or +100v/-100v, it is well suited for many medical and industrial applications such as medical ultrasound imaging, printers, and industrial measurement equipment. construction of the high voltage switches using ixys integrated circuits divisi on's reliable soi bcdmos process technology allows the switches to be organized as solid state switches with direct gate drive. ordering information clk d cl le cl d le cl d le cl d le cl d le cl d le cl d le cl d le sw0 sw1 sw2 sw3 sw4 sw5 sw6 sw15 d i n d out cl le v nn v pp sr0 sr15 sr1 sr2 sr3 sr4 sr5 sr6 ls0 ls15 ls1 ls2 ls3 ls4 ls5 ls6 l0 l15 l1 l2 l3 l4 l5 l6 latches shift register switches le v el shifters part number description CPC7601K 48-pin lqfp in trays (250/tray) CPC7601Ktr 48-pin lqfp tape & reel (2000/reel) e 3 pb cpc7601 low charge injection, 16-channel high voltage analog switch
i ntegrated c ircuits d ivision cpc7601 2 www.ixysic.com r02 1. specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 1.1 package pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 1.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 1.3 absolute maximum ratings. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 1.4 recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 1.5 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2. functional description. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 2.1 truth table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 3. manufacturing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.1 moisture sensitivity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.2 esd sensitivity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.3 reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.4 board wash. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.5 mechanical dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 3.6 tape and reel specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
i ntegrated c ircuits d ivision cpc7601 r02 www.ixysic.com 3 1. specifications 1.1 package pinout 1.2 pin description 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 36 35 34 33 32 31 30 29 28 27 26 25 48 47 46 45 44 43 42 41 40 39 38 37 pin name description 3 sw4 sw4 output 4 sw4 sw4 output 5 sw3 sw3 output 6 sw3 sw3 output 7 sw2 sw2 output 8 sw2 sw2 output 9 sw1 sw1 output 10 sw1 sw1 output 11 sw0 sw0 output 12 sw0 sw0 output 13 v nn switch negative high voltage supply 15 v pp switch positive high voltage supply 17 gnd ground: all voltages are referenced to gnd 18 v dd logic positive supply voltage 19 d in serial data input 20 clk clock input, positive edge trigger 21 le latch enable, active low 22 cl latch clear, active high, asynchronously clears latches and opens switches 23 d out serial data output 24 n/c do not use: internally connected to gnd 25 sw15 sw15 output 26 sw15 sw15 output 27 sw14 sw14 output 28 sw14 sw14 output 29 sw13 sw13 output 30 sw13 sw13 output 31 sw12 sw12 output 32 sw12 sw12 output 33 sw11 sw11 output 34 sw11 sw11 output 37 sw10 sw10 output 38 sw10 sw10 output 39 sw9 sw9 output 40 sw9 sw9 output 41 sw8 sw8 output 42 sw8 sw8 output 43 sw7 sw7 output 44 sw7 sw7 output 45 sw6 sw6 output 46 sw6 sw6 output 47 sw5 sw5 output 48 sw5 sw5 output 1, 2, 14, 16, 35, 36 n/c no connection
i ntegrated c ircuits d ivision 4 www.ixysic.com r02 cpc7601 1.3 absolute maximum ratings electrical absolute maximum ratings are at 25c. all voltages are referenced from ground (gnd). absolute maximum ratings ar e stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. 1.4 recommended operating conditions 1 power up/down sequence is arbitrary except that gnd must be powered-up first and powered-down last. 2 v sig must be v nn ? v sig ? v pp or floating during power up/down transition. parameter min max units v dd logic power supply voltage -0.5 7 v v pp - v nn supply voltage -220v v pp positive high voltage supply -0.5 v nn +200 v v nn negative high voltage supply +0.5 v pp -200 v logic input voltages -0.5 v dd +0.3 v analog signal range v nn v pp v peak analog signal current per channel - 1 a power dissipation - 2.3 w storage temperature - 65 +150 ? c parameter symbol value logic power supply voltage 1 v dd 3v to 5.5v positive high voltage supply 1 v pp 40v to v nn + 200v negative high voltage supply 1 v nn -40v to -160v analog signal voltage, peak-to-peak 2 v sig v nn +10v to v pp -10v operating temperature t a 0c to 70c
i ntegrated c ircuits d ivision cpc7601 r02 www.ixysic.com 5 1.5 electrical characteristics 1.5.1 switch characteristics (over recommended operating conditi ons unless otherwise noted.) parameter symbol test conditions 0c +25c +70c units min max min typ max min max switch on-resistance, small signal r ons v pp =40v,v nn =-160v i sw =5ma - 30 - 27 35 - 48 ? i sw =200ma - 26 - 22 29 - 40 v pp =100v, v nn =-100v i sw =5ma - 30 - 27 35 - 48 i sw =200ma - 26 - 22 29 - 40 v pp =160v, v nn =-40v i sw =5ma - 30 - 27 35 - 48 i sw =200ma - 26 - 22 29 - 40 switch on-resistance matching, small signal ? r ons v pp =100v, v nn =-100v, i sw =5ma -20- 420-20% switch on-resistance, large signal r onl v sig =v pp -10v, i sig =1a ---15--- ? switch off leakage, per switch i sol v sig =v pp -10v and v nn +10v -5-0.410-15 ? a dc offset, switch off v os r l =100k ? - 300 - - 300 - 300 mv dc offset, switch on v os r l =100k ? - 500 - - 500 - 500 switch output peak current - v sig duty cycle < 0.1% ----1--a output switch frequency f sw duty cycle = 50% ----50--khz maximum v sig slew rate dv/dt v pp =160v, v nn =-40v -20- -20-20v/ns v pp =100v, v nn =-100v v pp =40v, v nn =-160v off isolation k o f=5mhz, z l =1k ?? ||15pf load 30-30- -30- db f=5mhz, r l =50 ? 58-58- -58- switch crosstalk k cr f=5mhz, r l =50 ? -60 - -60 - - -60 - db output switch isolation diode current i id 300ns pulse width, 2.0% duty cycle - 300 - - 300 - 300 ma off capacitance, sw to gnd c sg(off) v sw =0v, f=1mhz 5175 -17520 pf on capacitance, sw to gnd c sg(on) v sw =0v, f=1mhz 25 40 20 - 50 25 50 output voltage spike +v spk v pp =40v, v nn =-160v r l =50 ? ----150-- mv -v spk +v spk v pp =100v, v nn =-100v ----150-- -v spk +v spk v pp =160v, v nn =-40v ----150-- -v spk charge injection q v pp =100v, v nn =-100v, v sig =0v -820- pc
i ntegrated c ircuits d ivision 6 www.ixysic.com r02 cpc7601 1.5.2 logic timing characteristics (over recommended operating conditi ons unless otherwise noted.) 1.5.3 logic timing waveforms parameter symbol test conditions 0c +25c 70c units min max min typ max min max setup time before le rises t sd - 25 - 25 - - 25 - ns time width of le t wle v dd =3v 56-56- -56- v dd =5v 12-12- -12- clock delay time to data out t do v dd =3v 10 100 10 - 100 10 100 v dd =5v 5455 -45545 time width of cl t wcl - 55 - 55 - - 55 - setup time, data to clock t su v dd =3v 21 - - 21 - 21 - v dd =5v 7--7-7- hold time, data from clock t h -2-2--2- clock frequency f clk 50% duty cycle, f data = ? f clk , v dd =3v -8--8-8 mhz 50% duty cycle, f data = ? f clk , v dd =5v -20- -20-20 clock rise and fall times t r , t f - - 50 - - 50 - 50 ns tu r n - o n t i m e t on v sig =v pp -10v, r l =10k ? -5--5-5 ? s turn-off time t off -5 -5-5 d n-1 d n d n+1 50% 50% 50% 50% d in le t wle t sd 50% 50% clk t su t h t do 50% d out t off t on 90% 10% off on cl 50% 50% t wcl v out
i ntegrated c ircuits d ivision cpc7601 r02 www.ixysic.com 7 1.5.4 logic dc characteristics (over recommended operating conditi ons unless otherwise noted.) 1.5.5 supply dc characteristics (over recommended operating conditi ons unless otherwise noted.) 1.5.6 thermal characteristics parameter symbol test conditions 0c +25c +70c units min max min typ max min max d out source capability v oh i out = - 400 ? a -- v dd -0.7 v dd -0.1 --- v d out sink capability v ol i out = +400 ? a - - - 0.04 0.7 - - input (logic) capacitance c in - - 10 - - 10 - 10 pf input, logic high v ih - 0.9 v dd - 0.9 v dd -- 0.9 v dd - v input, logic low v il -- 0.1 v dd -- 0.1 v dd - 0.1 v dd parameter symbol test conditions 0c +25c +70c units min max min typ max min max v pp quiescent supply current i ppq all switches off ---0.150-- ? a all switches on, i sw =5ma v nn quiescent supply current i nnq all switches off ----0.1-50-- all switches on, i sw =5ma v pp operating supply current i pp v pp =40v, v nn =-160v 50khz output switching frequency with no load -6.5- - 7 - 8 ma v pp =100v, v nn =-100v - 4 - - 5.5 - 5.5 v pp =160v, v nn =-40v -4--5-5.5 v nn operating supply current i nn v pp =40v, v nn =-160v 50khz output switching frequency with no load -6.5- - 7 - 8 ma v pp =100v, v nn =-100v - 4 - - 5.5 - 5.5 v pp =160v, v nn =-40v -4--5-5.5 v dd average supply current i dd f clk =5mhz, v dd =5v -4--4-4ma v dd quiescent supply current i ddq - - 10 - 0.03 10 - 10 ? a parameter conditions symbol minimum typical maximum units thermal resistance (junction to ambient) free air r ? ja --53c/ w
i ntegrated c ircuits d ivision 8 www.ixysic.com r02 cpc7601 2. functional description the cpc7601 takes a serial stream of input data along with a synchronous clock signal. as the clock transits from low to high, the data at the input of each shift register is shifted through from sr(n) to sr(n+1). a high data bit, a ?1,? represents an on switch; a low data bit, a ?0,? represents an off switch. data is input and shifted through the internal shift register until all sixteen shift register positions, sr0 through sr15, are in the desired state. d in : the data-in line presents data bits to be shifted through the internal shift register. the last bit into the shift register is the s w 0 control bit. clk: the clock signal's risi ng edge is associated only with shifting data into and through the shift register. cl: the clear line overrides all other inputs. w hen cl is high, the shift register is asynchronously cleared to all ?0?s and all latches are set low, which causes all output switches to be turned off immediately. w hen cl is low, all output switches remain in whatever state they are in, on or off, in response to clk, latch inputs, and the le signal. le : latch enable controls the state of the latches and thus the state of the eight switches. if le is high, then the latches do not change states, but retain their most recent status: either on or off. w ith le high, input data and clk have no effect on the state of the output switches. if le is low, then all latch outputs and their switch states follow the inputs from the shift register. le is overridden by cl: regardless of le ?s state, cl clears the latches. see ?truth table? on page 9 . note that holding le active while clocking in new data will cause the outputs to toggle with the shifting data. d out : the data-out pin is the output of sr15. after sixteen clock pulses, the first bit of sixteen shifted input data bits is output at sr15, and appears on d out . sw0 - sw15: the cpc7601 provides sixteen high-voltage spst output switches with a nominal small-signal on-resistance of 25 ?? the two connections of each switch are not polarity-sensitive. v pp and v nn : voltage inputs to the level shifters for each switch channel that translate the voltage level of the latch output signals to an appropriate level for the voltages being switched. the high-voltage output switches are turned on and off in response to data sent into the latches from the shift register: ?0? turns a switch off, ?1? turns a switch on. two or more cpc7601 devices can be cascaded to form an n-switch arrangement. the d out pin of the first is connected to the d in pin of the next in the series. all devices are connected to the same clock (clk) signal. le of all devices would normally be connected, as would cl, but this is not necessary. the first data bit applied to d in of the cpc7601, whether it's a single device or several cascaded devices, ripples through to the last switch output in line after the application of a full clocking sequence of sixteen clock pulses. setting the serial i/o device to output the most significant bit (msb) first, results in the msb appearing on s w 15 of the last device in line after a full clocking sequence. cl d i n clk le sw0 sw15 sw0 sw15 sw0 sw15 d out le cl d i n clk d out le cl d i n clk d out le cl d i n clk cpc7601 cpc7601 cpc7601
i ntegrated c ircuits d ivision cpc7601 r02 www.ixysic.com 9 2.1 truth table 1. the sixteen s w itches operate independently. 2. serial data is clocked in on the rising edge of the clk signal. 3 . the s w itches go to a state retaining their present condition at the rising edge of le. when le is lo w , the shift register data flo w s thro u gh the latch. 4. d out is high w hen s w itch sw15 is on. 5. shift register clocking has no effect on the s w itch states if le is h. 6. the clear inp u t o v errides all other inp u ts. d2 sw0 d0 d1 d3 d4 d5 d6 d7 d 8 d9 d10 d11 d12 d13 d14 d15 le cl sw1 sw2 sw3 sw4 sw5 sw6 sw7 sw 8 sw9 sw10 sw11 sw12 sw13 sw14 sw15 off l on h off l on h off l on h off l on h off l on h off l on h off l on h off l on h off l on h off l on h off l on h off l on h off l on h off l on h off l on h off l on h ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll ll hl xh xxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxx off off off off off off off off off off off off off off off off hold previous state
i ntegrated c ircuits d ivision 10 www.ixysic.com r02 cpc7601 3. manufacturing information 3.1 moisture sensitivity all plastic encapsulated semiconductor packages are susc eptible to moisture ingression. ixys integrated circuits division clas sified all of its plastic encapsulated devices for moisture sensitivity according to the latest version of the joint industry standard, ipc/jedec j-std-020 , in force at the time of product evaluation. w e test all of our products to the maximum conditions set forth in the standard, and guarantee proper operation of our devices when handled according to the limitations and information in that standard as well as to any limitations set forth in the information or standards referenced below. failure to adhere to the warnings or limitations as establ ished by the listed specificati ons could result in reduced product performance, reduction of operable life, and/or reduction of overall reliability. this product carries a moisture sensitivity level (msl) rating as shown below, and should be handled according to the requirements of the latest version of the joint industry standard ipc/jedec j-std-033 . 3.2 esd sensitivity this product is esd sensitive , and should be handled according to the industry standard jesd-625 . 3.3 reflow profile this product has a maximum body temperature and time rating as shown below. all other guidelines of j-std-020 must be observed. 3.4 board wash ixys integrated circuits division recommends the use of no-clean flux formulations. however, board washing to remove flux residue is acceptable, and the use of a short drying bake may be necessary. chlorine-based or fluorine-based solvents or fluxes should not be used. clean ing methods that employ ultrasonic energy should not be used. device moisture sensitivity level (msl) rating CPC7601K msl 3 device maximum temperature x time CPC7601K 260c for 30 seconds e 3 pb
i ntegrated c ircuits d ivision cpc7601 r02 www.ixysic.com 11 3.5 mechanical dimensions 3.6 tape and reel specifications dimensions mm (inches) 0.60, +0.15/-0.10 (0.024, +0.006/-0.004) 1.60 max (0.063max) 1.40 0.05 (0.055 0.002) 0.05 min / 0.15 max (0.002 min - 0.006 max) 0.50 (0.020) pcb land pattern 8 .40 (0.331) 0.50 (0.020) 0.30 (0.012) 1.50 (0.059) 8 .40 (0.331) pin 4 8 pin 1 0.22 0.05 (0.009 0.002) 7.00 0.10 (0.276 0.004) 9.00 0.20 (0.354 0.00 8 ) 9.00 0.20 (0.354 0.00 8 ) 7.00 0.10 (0.276 0.004) dimensions mm (inches) k 0 =2.20 (0.0 8 7) k 1 =1.60 (0.063) 16.00.3 (0.630.012) 12.00 (0.472) a 0 =9.30 (0.366) b 0 =9.30 (0.366) em b ossment em b ossed carrier top co v er tape thickness 0.102 max. (0.004 max.) 330.2 dia. (13.00 dia.) n ote: unless other w ise specified, tolerance 0.1 (0.004) for additional information please visit www.ixysic.com ixys integrated circuits division makes no representations or warranties with respect to the accuracy or completeness of the co ntents of this publication and reserves the right to make changes to s pecifications and product descri ptions at any time without notice. neither circuit paten t licenses or indemnity are expressed or implied. except as set forth in ixys integrated circuits div ision?s standard terms and conditions of sale, ixys integrated c ircuits division assumes no liability whatsoever, and disclaims any express or implied warranty relating to its products, including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. the products described in this document ar e not designed, intended, aut horized, or warranted for use as components in systems i ntended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of ixys integrated circuits divisi on?s product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. ixys integrated circuits division reserves the r ight to discontinue or make changes to its products at any time without notice. specification: ds-cpc7601-r02 ? copyright 2012, ixys in tegrated circuits division all rights reserved. printed in usa. 12/18/2012


▲Up To Search▲   

 
Price & Availability of CPC7601K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X