Part Number Hot Search : 
2SB64 L113611 SMD22PL CM3110 BAV199 CM3110 SB860 TS024
Product Description
Full Text Search
 

To Download CPC1962GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.clare.com ds-cpc1962g-r1 1 cpc1962g ac power switch e 3 rohs 2002/95/ec part number description cpc1962g 6-pin dip (50/tube) CPC1962GS 6-pin surface mount (50/tube) CPC1962GStr 6-pin surface mount (1000/reel) parameter ratings units blocking voltage 600 v p load current 300 ma rms on state voltage drop 2.5 v rms (at i l = 300 ma rms ) operating voltage 260 v rms applications features description approvals ordering information pin configuration the cpc1962g is an ac solid state switch using optical coupling with dual integrated scr outputs to produce an ideal isolated triac driver. the cpc1962g switches are robust enough to provide a blocking voltage of up to 600v p . in addition, tightly controlled zero cross circuitry ensures switching of ac loads without the generation of transients. the input and output circuits are optically coupled to provide 3750v rms of isolation and noise immunity between the control and load circuits. as a result the cpc1962g is well suited for industrial environments where electromagnetic interference could disrupt the operation of electromechanical relays. ? triac driver ? programmable control ? process control ? power control panels ? remote switching ? gas pump electronics ? contactors ? large relays ? solenoids ? motors ? heaters ? ul recognized file #: e69938 ? load current up to 300 ma rms ? 600v p blocking voltage ? 5ma sensitivity ? zero-crossing detection ? dc control, ac output ? optically isolated ? ttl and cmos compatible ? low emi and rfi generation ? high noise immunity ? machine insertable, wave solderable zc 1 3 2 4 5 6 n/c n/c ac load ac load C led + led
www.clare.com 2 cpc1962g r1 absolute maximum ratings are stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. parameter conditions symbol min typ max units output characteristics @ 25c operating voltage - v l 5 - 260 v rms load current, continuous - i l 5 - 300 ma rms peak t 10ms i tsm - - 2 a p off state leakage current v l = 600v i leak - - 1 a on-state voltage drop i l = 300ma rms v on - - 2.5 v rms critical rate of rise - dv/dt 500 - - v/s holding current i f =5ma i h - 200 - a switching speeds turn-on i f =5ma t on - - 0.5 cycles turn-off i f =5ma t off - - 0.5 cycles zero-cross turn-on voltage 1 1st half cycle - - 5 20 v sub. half cycle - - - - 1 v operating frequency - - 20 - 500 hz load power factor for guaranteed turn-on 2 f=60hz pf 0.25 - - - input characteristics @ 25c input control current 3 - i f 5 - - ma input voltage drop i f =5ma v f 0.9 1.2 1.4 v input drop-out voltage - 0.8 - - v reverse input current v r =5v i r - - 10 a common characteristics @ 25c input to output capacitance - c i/o - 3 - pf 1 zero cross 1st half cycle @ <100hz 2 snubber circuits may be required at low power factors. 3 f or high noise environment use at least 10ma led current. parameter ratings units blocking voltage 600 v p reverse input voltage 5 v input control current 50 ma peak (10ms) 1 a input power dissipation 1 150 mw total package dissipation 2 800 mw isolation voltage input to output 3750 v rms operational temperature -40 to +85 c storage temperature -40 to +125 c 1 derate linearly 1.33 mw/?c 2 derate linearly 6.67 mw/?c electrical absolute maximum ratings are at 25c absolute maximum ratings electrical characteristics
cpc1962g www.clare.com 3 r1 performance data* *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in the written speci?cations, please contact our application department. cpc1962g t ypical led forward v oltage dro p (ambient t emperature = 25c ) i f = 5ma dc 35 30 25 20 15 10 5 0 1.21 1.22 1.23 1.24 1.25 led forward v oltage drop (v ) device count (n) cpc1962g t ypical on-state output forward v oltage distributio n (ambient te mperature = 25c ) 35 30 25 20 15 10 5 0 1.70 1.76 1.82 1.88 1.73 1.79 1.85 output v oltage drop (v rm s ) device count (n) cpc1962g t ypical blocking v oltage distributio n (ambient te mperature = 25c ) 730 740 750 760 755 745 735 blocking v oltage (v p ) device count (n) 35 30 25 20 15 10 5 0 cpc1962g t ypical i f for switch operation (ambient te mperature = 25c ) 0.85 0.91 0.97 0.82 0.88 0.94 1.00 led current (ma) device count (n) 25 20 15 10 5 0 cpc1962g t ypical maximum load current vs. te mperatur e t emperature (c) load current (ma rm s ) 450 400 350 300 250 200 150 100 50 0 -40 -20 0 2 0 4 0 6 0 8 0 120 100 i =5ma f cpc1962g t ypical leakage vs. temperatur e @ maximum rated load v oltag e t emperature (c) leakage (na) -40 -10 20 50 80 700 600 500 400 300 200 100 0 cpc1962g t ypical blocking v oltag e vs. te mperatur e t emperature (c) blocking v oltage (v p ) -40 -10 20 50 80 900 850 800 750 700 650 600 cpc1962g t ypical output v oltage dro p vs. te mperatur e t emperature (c) v on (v rm s ) -40 -10 20 50 80 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 i l = 300ma rm s i l = 100ma rm s cpc1962g t ypical led forward v oltage dro p vs. te mperatur e t emperature (c ) led forward v oltage drop (v) 1.6 1.5 1.4 1.3 1.2 1.1 -40 -20 0 2 0 4 0 6 0 8 0 120 100 i f = 50ma i f = 30ma i f = 20ma i f = 10ma i f = 5ma cpc1962g t ypical i f for switch operation vs. te mperatur e t emperature (c ) led current (ma) -40 -10 20 50 80 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 cpc1962g maximum surge current (non-repetitive) (t j = 50 o c max) pulse duration (ms) peak surge current (a p ) 10 50 100 3.0 2.5 2.0 1.5 1.0 0.5 0
clare, inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. neither circuit patent licenses nor indemnity are expressed or implied. except as set forth in clares standard terms and conditions of sale, clare, inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. the products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of clares product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. clare, inc. reserves the right to discontinue or make changes to its products at any time without notice. specification: ds-cpc1962g-r1 ? copyright 2006, clare, inc. all rights reserved. printed in usa. 3/16/06 for additional information please visit our website at: www.clare.com 4 cpc1962g mechanical dimensions dimensions: mm (inches) manufacturing information soldering recommended soldering processes are limited to 260 o c component body temperature for 10 seconds. washing clare does not recommend ultrasonic cleaning or the use of chlorinated solvents. top cover tape thickness 0.102 max. (0.004 max.) k 1 = 3.80 (0.150) w = 16.30 max (0.642 max) b 0 = 10.10 (0.398) a 0 = 10.10 (0.398) p = 12.00 (0.472) 330.2 dia. (13.00 dia.) k 0 = 4.90 (0.193) 0.254 typ (0.010 typ) 7.620 0.254 (0.300 0.010) 3.302 0.051 (0.130 0.002) 9.144 0.508 (0.360 0.020) 8.382 0.381 (0.330 0.015) 6.350 0.127 (0.250 0.005) 2.540 0.127 (0.100 0.005) 7.620 0.254 (0.300 0.010) 3.302 0.051 (0.130 0.002) 0.254 0.0127 (0.010 0.0005) 0.635 0.127 (0.025 0.005) 4.445 0.127 (0.175 0.005) 8.382 0.381 (0.330 0.015) 2.540 0.127 (0.100 0.005) 6.350 0.127 (0.250 0.005) 0.457 0.076 (0.018 0.003) 9.525 0.254 (0.375 0.010) 7.239 typ (0.285 typ) t ape and reel packaging for surface mount package top cover tape embossment embossment carrier user direction of feed 1 6 6-pin dip through hole (standard) 6-pin surface mount (s suffix) pc board pattern (t op v iew ) 6.350 0.127 (0.250 0.005) 2.540 0.127 (0.100 0.005) 7.620 0.127 (0.300 0.005) 5.080 0.127 (0.200 0.005) 6-0.800 dia. (6-0.031 dia.) pc board pattern (t op v iew) 2.540 0.127 (0.100 0.005) 8.305 0.127 (0.327 0.005) 1.499 0.127 (0.059 0.005) 1.905 0.127 (0.075 0.005) e 3 rohs 2002/95/ec


▲Up To Search▲   

 
Price & Availability of CPC1962GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X