Part Number Hot Search : 
QTLP652C LCDA15TE 1N6082B 681MN GMA2688C E100E HB0C4P EFM32
Product Description
Full Text Search
 

To Download CP1005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CP1005-19c0897t/lf rev:2 page:1/7 a cx advanced ceramic x features ? monolithic smd with ultra-small, low-profiled, and light-weight type. applications ? 0.4 ~ 6 ghz wireless communication systems, including dect/pacs/phs/gsm/dcs phones, wlan card, bluetooth modules, etc. specifications part number frequency (mhz) insertion loss (db) vswr coupling (db) isolation (db) CP1005-19c0897_ 880 ~ 915 0.25 max. 1.3 max. 18.5 ? 1.0 33.0 q?ty/reel (pcs) : 10000 operating temperature range : -40 ~ +85 o c storage temperature range : +5 ~ +35 o c, humidity 45~75%rh storage period : 12 months max. power capacity : 3w max. part number ? type cp : coupler ? dimensions ( l w ) 1.0 0.5 mm ? coupling 19 : 18.5 db ? specification code c ? central frequency 0897 : 897mhz ? packaging t: tape & reel b: bulk ? soldering =lead-containing /lf=lead-free cp 1005 - 19 c 0897 ? /lf ? ? ? ? ? ? ? CP1005 series (preliminary) multilayer chip couplers
CP1005-19c0897t/lf rev:2 page:2/7 a cx advanced ceramic x terminal configuration no. terminal name no. terminal name ? out ? coupling ? in ? termination dimensions and recommended pc board pattern mark l w t a b c dimensions 1.0 ? 0.1 0.5 ? 0.1 0.37 ? 0.05 0.1 +0.1/-0.05 0.25 +0.1/-0.05 0.1 +0.1/-0.05 * line width should be designed to match 50 ?? characteristic impedance, depending on pcb material and thickness. land solder resist through-hole ( ? 0.3) * * * * 0.4 0.25 0.25 0.35 ? ? ? ? ? ? unit : mm l w a b c t
CP1005-19c0897t/lf rev:2 page:3/7 a cx advanced ceramic x measuring diagram attenuation coupling isolation typical electrical characteristics (t=25 o c) notes ? the contents of this data sheet are subject to change without notice. please confirm the specifications and delivery conditions when placing your order. network analyzer (50 ? ) port 2 (50 ? ) port 1 termination (50 ? ) termination (50 ? ) port 2 port 1 network analyzer termination (50 ? ) termination (50 ? ) (50 ? ? ) port 2 port 1 network analyzer (50 ? ) (50 ? ) termination (50 ? ) termination (50 ? )
CP1005-19c0897t/lf rev:2 page:4/7 a cx advanced ceramic x taping specifications ? tape dimensions (unit: mm) & quantity ? reel dimensions (unit: mm) ? leader and trailer tape type a a? b c d e f t quantity/reel tape material 1005 2.0 0.05 4.0 0.1 0.62 0.03 1.12 0.03 2.0 0.05 3.5 0.05 8.0 0.1 0.43 0.03 10,000pcs paper type a b 1005 2.3 0.5 9.00.3 601 178 1 13.5 0.5 a label label: customer?s name, acx p/n, q?ty, date, acx corp. 1.4 0.2 b trailer end empty compartments with cover tape (500 mm min.) trailer (160 mm min.) a? d f e 1.75 0.1 a b t paper tape c
CP1005-19c0897t/lf rev:2 page:5/7 a cx advanced ceramic x ? peel-off force peel-off force should be in the range of 0.1 ? 0.6 n at a peel-off speed of 30010 mm/min . ? storage conditions (1) temperature: 15 ~35 , relative humidity (rh): 45~75%. (2) non-corrosive environment notes ? the contents of this data sheet are subject to change with out notice. please confirm the specifications and delivery conditions when placing your order. peeling direction top cover tape carrier tape <10 0 ?
CP1005-19c0897t/lf rev:2 page:6/7 a cx advanced ceramic x mechanical & environmental characteristics item requirements procedure solderability 1. no apparent damage 2. more than 95% of the terminal electrode shall be covered with new solder 1. preheat: 120 ? 5 o c 2. solder: 245 ? 5 o c for 5 ? 1 sec soldering strength (termination adhesion) 1. 0.7kg minimum 1. solder specimen onto test jig. 2. a pply push force at 0.5mm/s until electrode pads are peeled off or ceramic are broken. pushing force is applied to longitude direction deflection (substrate bending) 1. no apparent damage 1. solder specimen onto test jig (fr4, 0.8mm) using the recommend soldering profile. 2. apply a bending force of 2mm deflection heat/humidity resistance 1. no apparent damage 2. fulfill the electrical specification after test 1. temperature: 85 ? 2 o c 2. humidity: 90% ~ 95% rh 3. duration: 100048hrs 4. recovery: 1-2hrs thermal shock (temperature cycle) 1. no apparent damage 2. fulfill the electrical specification after test 1. one cycle/step 1 125 5 ? c for 30 min step 2 - 40 5 ? c for 30 min 2. no of cycles 100 3. recovery:1-2 hrs low temperature resistance 1. no apparent damage 2. fulfill the electrical specification after test 1. temperature: -40 o ? 5 o c 2. duration: 500 24hrs 3. recovery: 1-2hrs 90mm pressure rod r230
CP1005-19c0897t/lf rev:2 page:7/7 a cx advanced ceramic x soldering conditions ? typical soldering profile for lead-free process reflow soldering : notes ? the contents of this data sheet are subject to change with out notice. please confirm the specifications and delivery conditions when placing your order. advanced ceramic x corp. 16 tzu chiang road, hsinchu industrial district hsinchu hsien 303, taiwan tel:886-3-5987008 fax:886-3-5987001 e-mail: acx@acxc.com.tw http://www.acxc.com.tw temperature ( o c) pre-heating 60-180s time (s.) 20s max. 260 o c 150-200 o c 217 o c 60-150s.


▲Up To Search▲   

 
Price & Availability of CP1005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X