features ? low additive phase noise: -146 dbc/hz @ 1 khz offset (x8) ? excellent harmonic performance: -50 dbc ? low discrete spurious: -75 dbc ? high reliability: 200,000 hr mtbf ? low harmonic & sub-harmonic content: -60 dbc frequency multiplier (x4, x8) model BXMF1006 (250 - 300 mhz) description spectrum microwave offers a line of low noise frequency multipliers based on multiple passive doubler/amplifier combinations. this series of multipliers cover input fre- quency ranges of 250 to 300 mhz with output frequencies from 1000 to 2400 mhz. additive phase noise testing ensures low phase noise/jitter performance. all internal amplifiers and doublers are contained in rugged to-8 her- metic packages for excellent performance over military environmental conditions. optional features ? output filtering ? digital ecl outputs (single or differential) ? built-in test power detectors ? internal voltage regulators applications ? synthesizer building block ? sigint ? elint ? ew spectrum microwave, inc. ? p: 888.553.7531 ? f: 888.553.7532 e-mail: sales@spectrummicrowave.com ? www.spectrummicrowave.com typical specifications input frequency 250 to 300 mhz input level +10 dbm output frequency x4 1000 to 1200 mhz output frequency x8 2000 to 2400 mhz power input +10 dbm output level +3 dbm bandwidth 1% switching speed 90 nsec harmonics -50 dbc sub-harminics -70 dbc ecl differential delay 100 psec phase noise -146 dbc/hz @ 1 khz (ref. to input) -158 dbc/hz @ 10 khz -158 dbc/hz @ 100 khz dc power +15 v @ 250 ma +5 v @ 60 ma temp range 0 o c to +70 o c all specifications above typical, measured at 25 o c dimensions and connections 4.5 l x 4.5 w x 1.5 h revision: 7/5/2012
|