Part Number Hot Search : 
ST7544 EDZ27 LBN14090 CA31HU STUN036 KBPC35 BGD904L NTE325
Product Description
Full Text Search
 

To Download BD0810J50200AHF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model b d 0810j50 2 0 0 ahf rev a ultra low profile 0805 balun 50 to 200 balanced description the BD0810J50200AHF is a low profile sub miniature balanced to unbalanced transformer designed for differential in puts and output locations on next generation wireless chipsets in an easy to use surf ace mount package covering the gsm frequency. the BD0810J50200AHF is ideal for hig h volume manufacturing and is higher performance than traditional ceramic and lumped element baluns. the bd0810j50200a00 has an unbalanced port impedance of 50 and a 200 balanced port impedance. this transformation enable s single ended signals to be applied to differential ports on modern semiconduct ors. the output ports have equal amplitude (3db) with 180 degree phase differential . the BD0810J50200AHF is available on tape and reel for pick and place high volume manufacturing. detailed electrical specifications: specifications subject to change without notice. room (25 c) parameter min. typ. max unit frequency 800 1000 mhz unbalanced port impedance 50 balanced port impedance 200 return loss 14.5 19 db insertion loss* 0.7 1.0 db amplitude balance 0.6 1.1 db phase balance 5.9 8.0 degrees cmrr 24.6 db power handling 2 watts features: ? 800 C 1000 mhz ? 0.7mm height profile ? 50 ohm to 2 x 100 ohm ? gsm ? low insertion loss ? input to output dc isolation ? surface mountable ? tape & reel ? nonconductive surface ? rohs compliant ? halogen free operating temperature 55 +85 oc * insertion loss stated at room temperature (insert ion loss is approximately 0.1 db higher at +85 oc) outline drawing mechanical outline dimensions are in millimeters 2.040.10 1.290.10 0.680.07 1 2 3 6 5 6x 0.30 6x 0.22 4x 0.65 6x 0.98 orientation marker denotes pin location 4 orientation marker denotes pin location top view (near side) side view bottom view (far side) 5 4 2 16 3 pin balanced port gnd nc balanced port gnd/dc feed unbalanced port designation 2x 0.15 4x 0.37 +rf gnd
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model b d 0810j50 2 00a hf rev a typical broadband performance: 100 mhz. to 4.0 ghz. return loss input 36 33 30 27 24 21 18 15 12 9 6 3 0 100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 frequency [mhz] [db] insertion loss 3.6 3.3 3 2.7 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0 100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 frequency [mhz] [db] amplitude balance 2 1.5 1 0.5 0 0.5 1 1.5 2 100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 frequency [mhz] [db] phase balance 20 15 10 5 0 5 10 15 20 100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 frequency [mhz] deg cm rr 36 33 30 27 24 21 18 15 12 9 6 3 0 100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 frequency [mhz] [db]
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model b d 0810j50 2 0 0 ahf rev a typical performance: 600 mhz. to 1200 mhz. return loss input 36 33 30 27 24 21 18 15 12 9 6 3 0 600 650 700 750 800 850 900 950 1000 1050 1100 1150 1200 frequency [mhz] [db] insertion loss 3.6 3.3 3 2.7 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0 600 650 700 750 800 850 900 950 1000 1050 1100 1150 1200 frequency [mhz] [db] amplitude balance 2 1.5 1 0.5 0 0.5 1 1.5 2 600 650 700 750 800 850 900 950 1000 1050 1100 1150 1200 frequency [mhz] [db] phase balance 20 15 10 5 0 5 10 15 20 600 650 700 750 800 850 900 950 1000 1050 1100 1150 1200 frequency [mhz] deg cmrr 36 33 30 27 24 21 18 15 12 9 6 3 0 600 650 700 750 800 850 900 950 1000 1050 1100 1150 1200 frequency [mhz] [db]
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model b d 0810j50 2 00a hf rev a mounting configuration: in order for xinger surface mount components to wor k optimally, the proper impedance transmission line s must be used to connect to the rf ports. if this condition is not satisfied, insertion loss, isolation and vsw r may not meet published specifications. all of the xinger components are constructed from o rganic ptfe based composites which possess excellen t electrical and mechanical stability. xinger compone nts are compliant to a variety of rohs and green st andards and ready for pbfree soldering processes. pads are gol d plated with a nickel barrier. an example of the pcb footprint used in the testing of these parts is shown below. an example of a dc biased footprint is also shown below. in specific designs , the transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances. no bias footprint 6x .41 6x .33 .04 4x .25 .66 3x transmission lines plated thru holes to ground plated thru holes to ground circuit pattern footprint pad (s) solder resist mounting footprint dimensions are in millimeters dc bias footprint 6x .41 6x .33 .04 4x .25 .66 3x transmission lines plated thru holes to ground circuit pattern footprint pad (s) solder resist mounting footprint dimensions are in millimeters capacitor plated thru holes to ground dc bias
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model b d 0810j50 2 0 0 ahf rev a packaging and ordering information parts are available in reel and are packaged per ei a 4812. parts are oriented in tape and reel as sh own below. minimum order quantities are 4000 per reel. see model numbers be low for further ordering information . .25 2.41 8.00 4.00 2.00 .81 1.75 3.50 4.00 1.60
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: anaren: ? BD0810J50200AHF


▲Up To Search▲   

 
Price & Availability of BD0810J50200AHF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X