Part Number Hot Search : 
1210M LS301 C2295 AK2364 A105K 1A398 C5886A M27C32
Product Description
Full Text Search
 

To Download B022-002-KT-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2-port desktop kvm switch w/ 2 kvm cable kits (ps2) model number: B022-002-KT-R description tripp lite's B022-002-KT-R 2-port kvm switch is the optimal solution for controlling 2 computers from one keyboard, mouse and monitor. installation is a snap - just connect the pcs using the included ps/2 cable kits. p776-series usb kvm cable kits are available separately for connection of usb computers. easily switch between computers via front-panel push buttons or keyboard hotkey commands. features control 2 computers from a single keyboard, mouse, and monitor comes with 2 ps/2 kvm cable kits p776-series usb kvm cable kits are available separately for connection of usb computers supports vga, svga, or multisync monitors easy to install - no software required easily select a computer via front-panel push buttons or keyboard hotkeys auto scan function to monitor computer operation supports microsoft intellimouse and the scrolling wheel on most mice superior video quality - up to 2048x1536; ddc2b external power not required compatible with all major operating systems except mac and sun specifications overview # of users 1 console no highlights control 2 computers with 1 keyboard, monitor and mouse comes with 2 ps/2 kvm cable kits p776-series usb kvm cable kits are available separately for connection of usb computers simple plug-and-play design ultra-slim design takes up minimal space compatible with all major operating systems except mac and sun system requirements vga, svga or multisync monitor with an hd15 port ps/2 mouse ps/2 keyboard ps/2 or usb computer compatible with all major operating systems except mac and sun package includes B022-002-KT-R 2-port kvm switch (x2) ps/2 kvm cable kits ps/2 console cable kit owner's manual 1 / 3
port control push buttons, hotkeys max cpu 2 pc/server ps/2 cat5 kvm switch no ip remote access no upc assignment unit carton upc# 037332120236 physical unit dimensions (hwd/in) 1 x 5 x 3.25 unit dimensions (hwd/cm) 2.54 x 12.7 x 8.26 unit weight (lbs) 0.73 unit weight (kg) 0.33 color silver style desktop lcd monitor (in.) not applicable lcd monitor (cm) not applicable connections ports 2 included kvm cable (equipment side) - connector 1 hd15 (male) included kvm cable (equipment side) - connector 2 (x2) minidin6 (male) local console ports - port 1 hd15 (female) local console ports - port 2 (x2) minidin6 (female) warranty product warranty period (worldwide) 1-year limited warranty related items required products model number description qty. 2 / 3
p774-006 6-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p776-006 6-ft. kvm switch usb (2-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 optional products model number description qty. 0dt60002 minicom - ps/2 to usb converter 1 b013-330 kvm switch accessories - kvm console extender kit 1 b015-000 usb adapters - usb to ps/2 adapter 1 b022-004-r kvm switch - 4-port desktop kvm switch 1 p774-010 10-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p774-015 15-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p774-025 25-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p776-010 10-ft. kvm switch usb (2-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 u219-000-r usb to ps/2 adapter (usb a male to 2x mini-din6 female) 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/B022-002-KT-R . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 3 / 3
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? B022-002-KT-R


▲Up To Search▲   

 
Price & Availability of B022-002-KT-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X