Part Number Hot Search : 
ST211111 W1222 LV100 M71502 TC4054 NTE175 VS3245Q 29LV0
Product Description
Full Text Search
 

To Download B020-016-17-IP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16-port netdirector 1u rackmount console kvm switch w/17" lcd and ip remote access model number: B020-016-17-IP description the B020-016-17-IP console kvm switch with built-in ip access allows secure access to multiple computers from a single keyboard, monitor and mouse. it consists of an integrated 16-port ip kvm switch, 17" lcd monitor, keyboard and touchpad, all in a 1u rackmountable housing. a single B020-016-17-IP can control up to 16 directly connected computers. the number of connected computers can be expanded to up to 256 by cascading a second level of b022-u16 kvm switches. the lcd and keyboard/touch pad modules slide independently of each other. to maximize space, the keyboard/touch pad module slides back to "hide away" when not in use, while the thin profile lcd monitor rotates back flush against the rack allowing convenient monitoring of computer activity. the B020-016-17-IP features ip-based connectivity that allows one local operator and one remote operator to simultaneously monitor and access the computers attached to the console. because it uses tcp/ip for its communications protocol, the B020-016-17-IP can be accessed from any computer on the lan, wan or internet whether that computer is located down the hall, down the street, or halfway around the world. for government purchasers, B020-016-17-IP is compliant with the federal trade agreements act (taa) for gsa schedule purchases. compatible with all major operating systems. constructed of heavy-duty steel housing. features control up to 16 directly connected computers, or expand the number of computers to up to 256 by cascading additional b022-u16 kvm switches remotely access computers via the lan, wan, or internet remotely access the kvm via browser or non-browser applications both ipv4 and ipv6 are supported network interfaces - tcp/ip, http, https, udp, radius, dhcp, ssl, arp, dns, 10base-t/100base-tx, auto sense, and ping advanced encryption technologies include 1024-bit rsa, 256-bit aes, 56-bit des, 128-bit ssl supports radius server authentication panel array mode - monitor multiple ports at the same time dual-rail - slide the keyboard module into the rack while the monitor remains open for viewing. dual-bus - supports simultaneous access for 1 local and 1 remote user highlights 16-port console kvm switch with built-in ip access both ipv4 and ipv6 are supported dual-rail - push keyboard in while the lcd monitor remains open multi-level password security control up to 256 computers by cascading a second level of b022-u16 kvm switches compliant with the federal trade agreements act (taa) for gsa schedule purchases compatible with all major operating systems package includes B020-016-17-IP console kvm switch with built-in ip access ps/2 kvm cable kit usb kvm cable kit c13 to 5-15p power cord cd with owner's manual 1 / 4
includes a windows-based log server, providing a more robust method of tracking events on the installation built-in monitor supports video resolutions up to 1280 x 1024 @ 75hz; resolutions up to 1600 x 1200 @ 60hz are supported when accessing the kvm from a remote computer power consumption: 120v, 60hz, 31w; 230v, 50hz, 39w compliant with the federal trade agreements act (taa) for gsa schedule purchases compatible with all major operating systems constructed of heavy-duty steel housing specifications overview # of users 1 console yes port control push buttons, hotkeys, osd max cpu 256 pc/server ps/2 unit dimensions (hwd/in.) 1.75 x 19 x 27.8 cat5 kvm switch no ip remote access yes, built in input recommended electrical service 100-250v maximum input amps (a) 1 physical unit dimensions (hwd/cm) 4.45 x 48.26 x 70.61 unit weight (lbs) 38.1 unit weight (kg) 17.28 color black style 1u rackmount console lcd monitor (in.) 17 lcd monitor (cm) 43.18 environmental storage temperature range -20 to +60 degrees c relative humidity 0% to 80% rh, non-condensing operating temperature 0 to 40 degrees c 2 / 4
btus 100.7 to 102.42 connections ports 16 computer/server ports (x16) hd15 female other ports rj45 female local console ports - port 1 hd15 female local console ports - port 2 (x3) minidin6 female features/specifications autoscan (y,n) y autoscan duration 1 - 255 seconds warranty product warranty period (worldwide) 1-year limited warranty related items required products model number description qty. p774-006 6-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p776-006 6-ft. kvm switch usb (2-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 optional products model number description qty. n001-010-bk 10-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - black 1 n001-014-bk 14-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - black 1 n001-025-bk 25-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - black 1 p774-010 10-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p774-015 15-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p774-025 25-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p776-010 10-ft. kvm switch usb (2-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 3 / 4
p776-019 19-ft. kvm switch usb (2-in-1) cable kit for b020-008/016 series, b022-016 and b022 desktop series 1 wext-kvm-d1 1-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-d2 2-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-d3 3-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-d4 4-year warranty extension - for select kvm switches (see specific models for eligibility) 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/B020-016-17-IP . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? B020-016-17-IP


▲Up To Search▲   

 
Price & Availability of B020-016-17-IP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X