Part Number Hot Search : 
BYV30 OPF2414 C5010 AD795 MCM5101 PFD3215 OP213FPZ 00A2E2
Product Description
Full Text Search
 

To Download APL5333-12BI-TRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . l o w d r o p o u t 3 0 0 m a l i n e a r r e g u l a t o r w i t h p o w e r - o k i n d i c a t o r f e a t u r e s w i d e o p e r a t i n g v o l t a g e : 2 . 8 ~ 6 v f i x e d o u t p u t v o l t a g e i n t h e r a n g e o f 0 . 8 v ~ 5 . 5 v l o w d r o p o u t v o l t a g e : 1 7 0 m v ( t y p i c a l ) @ 3 0 0 m a g u a r a n t e e d 3 0 0 m a o u t p u t c u r r e n t p o w e r - o k i n d i c a t o r c u r r e n t l i m i t p r o t e c t i o n w i t h f o l d b a c k c u r r e n t i n t e r n a l s o f t - s t a r t o v e r t e m p e r a t u r e p r o t e c t i o n s t a b l e w i t h l o w e s r c e r i a m i c c a p a c i t o r s s o t - 2 3 - 5 p a c k a g e lead free and green devices available (rohs compliant) g e n e r a l d e s c r i p t i o n t h e a p l 5 3 1 6 i s a l o w d r o p o u t l i n e a r r e g u l a t o r w h i c h n e e d s o n l y a single i n p u t v o l t a g e s u p p l y f r o m 2 . 8 t o 6 v , a n d i t c a n d e l i v e r o u t p u t c u r r e n t u p t o 3 0 0 m a . i t c a n w o r k w i t h l o w e s r c e r a m i c c a p a c i t o r s a n d i d e a l l y u s e i n t h e b a t t e r y - p o w e r e d a p p l i c a t i o n s , s u c h a s n o t e b o o k c o m p u t e r s a n d c e l l u l a r p h o n e s . i t s t y p i c a l d r o p o u t v o l t - a g e i s o n l y 1 7 0 m v a t 3 0 0 m a l o a d i n g . a power-ok detec- tion indicates the output status at pok pin. the current limit protection (with foldback current) a n d t h e r m a l s h u t - d o w n f u n c t i o n s p r o t e c t t h e d e v i c e a g a i n s t c u r r e n t o v e r - l o a d s a n d o v e r t e m p e r a t u r e . t h e a p l 5 3 1 6 i s a v a i l a b l e i n a s o t - 2 3 - 5 p a c k a g e . cellular phones portable and battery-powered equipment notebook and personal computers p i n c o n f i g u r a t i o n o r d e r i n g a n d m a r k i n g i n f o r m a t i o n a p p l i c a t i o n s n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j - s t d - 0 2 0 c f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e . a n p e c d e f i n e s ? g r e e n ? t o m e a n l e a d - f r e e ( r o h s c o m p l i a n t ) a n d h a l o g e n f r e e ( b r o r c l d o e s n o t e x c e e d 9 0 0 p p m b y w e i g h t i n h o m o g e n e o u s m a t e r i a l a n d t o t a l o f b r a n d c l d o e s n o t e x c e e d 1 5 0 0 p p m b y w e i g h t ) . 1 vin 1 5 vout shdn 3 gnd 2 4 pok sot-23-5 apl5316 temperature range package code voltage code apl5316 handling code assembly material package code b : sot-23-5 operating junction temperature range i : -40 to 85 c handling code tr : tape & reel voltage code 12 : 1.2v 33 : 3.3v assembly material l : lead free device g: halogen and lead free device apl5316 -12 b: 365x x - date code apl5316 -33 b: 36rx
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 2 symbol parameter rating unit v in vin supply voltage (vin to gnd) - 0.3 ~ 6.5 v v sh d n shdn input v oltage ( shdn to gnd) - 0.3 ~ 6.5 v p d power dissipation internally limited w t j junction temperature - 40 ~ 150 x c t stg storage temperature - 65 ~ 150 x c t sdr maximum lead s oldering temperature, 10 seconds 260 x c a b s o l u t e m a x i m u m r a t i n g s t h e r m a l c h a r a c t e r i s t i c s symbol parameter typical value unit q ja thermal resistance - junction to ambient (note 1 ) 240 o c/w q jc thermal resistance - junction to case 130 o c/w n o t e 1 : q j a i s m e a s u r e d w i t h t h e c o m p o n e n t m o u n t e d o n a h i g h e f f e c t i v e t h e r m a l c o n d u c t i v i t y t e s t b o a r d i n f r e e a i r . r e c o m m e n d e d o p e r a t i n g c o n d i t i o n s symbol parameter range unit v in vin supply voltage 2.8 ~ 6 v v out output voltage fixed voltage v i out vout output current 0 ~ 3 00 m a c out output capacitor 1.5 ~ 22 m f t j junction temperature - 40 ~ 125 o c s i m p l i f i e d a p p l i c a t i o n c i r c u i t s vin gnd vout pok c in 3 2 1 5 4 apl5316 v out c out v in pok r 1 shdn vin shdn gnd vout pok c in 3 2 1 5 4 apl5316 v out c out v in v in pok r 1
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 3 e l e c t r i c a l c h a r a c t e r i s t i c s u n l e s s o t h e r w i s e s p e c i f i e d , t h e s e s p e c i f i c a t i o n s a p p l y o v e r v i n = v o u t + 1 v ( m i n v i n = 2 . 8 v ) , i o u t = 0 ~ 3 0 0 m a , c i n = 1 m f , c o u t = 2 . 2 m f , t a = - 4 0 t o 8 5 o c . t y p i c a l v a l u e s a r e a t t a = 2 5 o c . apl5 316 symbol parameter test condition s min. typ. max. unit v in input voltage 2 .8 - 6 v i q quiescent current i out =10ma ~300ma - 135 160 m a output voltage accuracy i out =10ma - 2 - +2 % reg line line regulation g v out %/ g v in , i out =10ma - 0.06 - +0. 06 % /v reg load load regulation g v out %/ g i out - 0.2 - +0.2 % /a v drop dropout voltage v out = 3 .3 v, i out = 300 ma - 170 300 m v psrr power supply ripple rejection ratio f = 10khz, i out = 300 ma - 45 - db i limit c urrent limit 450 600 - ma i short foldback curr ent v out = 0v - 8 0 - ma shdn input voltage high 1.6 - - shdn input voltage low - - 0.4 v shutdown vin supply current shdn = low, v in = 6v - 0.1 1 m a shdn pull low resistance - 3 - m w v out discharge mosfet r ds(on) shdn = low - 60 - w o ver temperature threshold - 160 - x c over temperature h ysteresis - 40 - x c t ss soft - start interval - 60 - m s v pok pok threshold voltage for power ok v out rising 89 92 95 % v out v pnok pok threshold voltage for power not ok v out falling 78 81 84 % v out pok low voltage pok sinks 5ma - 0.25 0.4 v
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 4 t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s q u i e s c e n t c u r r e n t v s . s u p p l y v o l t a g e q u i e s c e n t c u r r e n t v s . j u n c t i o n t e m p e r a t u r e q u i e s c e n t c u r r e n t v s . o u t p u t c u r r e n t p s r r v s . f r e q u e n c y dropout voltage v s . o u t p u t c u r r e n t 1000 10000 100000 1000000 p s r r ( d b ) frequency (hz) -60 -50 -40 -30 -20 -10 0 v in =3.3v, v out =1.2v c in =1 m f, c out =2.2 m f i out =300ma d r o p o u t v o l t a g e , v d r o p ( m v ) output current, i out (ma) v out =3.3v 0 100 200 300 0 50 100 150 200 250 t j =-50 x c t j =0 x c t j =25 x c t j =125 x c t j =75 x c supply voltage, v in (v) q u i e s c e n t c u r r e n t , i q ( m a ) 0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 6 7 i out = 0mv 60 80 100 120 140 160 180 0 50 100 150 200 250 300 output current, i out (ma) q u i e s c e n t c u r r e n t , i q ( m a ) v in =5.5v v in =4.5v c u r r e n t l i m i t v s . j u n c t i o n t e m p e r a t u r e junction temperature, t j ( x c ) c u r r e n t l i m i t , i l i m i t ( m a ) v in =5v 450 500 550 600 650 -50 -25 0 25 50 75 100 125 junction temperature, t j ( x c ) q u i e s c e n t c u r r e n t , i q ( m a ) 126 128 130 132 134 136 138 -50 -25 0 25 50 75 100 125
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 5 t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) l o o p g a i n v s . f r e q u e n c y p h a s e v s . f r e q u e n c y l o o p g a i n ( d b ) frequency (hz) i out =100ma i out =300ma v in =3.3v, v out =1.2v, c in =1 m f, c out =2.2 m f -40 -30 -20 -10 0 10 20 30 40 50 1000 10000 100000 1000000 1000 10000 100000 1000000 frequency (hz) p h a s e ( d e g r e e ) i out =100ma i out =300ma v in =3.3v, v out =1.2v, c in =1 m f, c out =2.2 m f 0 20 40 60 80 100 120 140 160 o p e r a t i n g w a v e f o r m s l o a d t r a n s i e n t l i n e t r a n s i e n t ch1 : v out , 50mv/div, ac ch2 : i out , 100ma/div, dc time : 100 m s/div c h 1 : v i n , 1 v / d i v , d c c h 2 : v o u t , 2 0 m v / d i v , a c t i m e : 1 0 0 m s / d i v v out i out v in v out v in =3.3v, v out =1.2v, c in =1 m f, c out =2.2 m f, t r =1 m s v out =1.2v, c in =1 m f, c out =2.2 m f, t r =10 m s, i out =10ma
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 6 o p e r a t i n g w a v e f o r m s ( c o n t . ) e n a b l e s h u t d o w n c h 1 : v o u t , 5 0 0 m v / d i v c h 2 : v s h d n , 5 v / d i v c h 3 : i o u t , 2 0 0 m a / d i v t i m e : 5 0 m s / d i v c h 1 : v o u t , 5 0 0 m v / d i v c h 2 : v s h d n , 5 v / d i v c h 3 : i o u t , 2 0 0 m a / d i v d c t i m e : 1 0 m s / d i v v out v shdn i out v out v shdn i out p o w e r o n p o w e r o f f c h 1 : v i n , 2 v / d i v c h 2 : v o u t , 5 0 0 m v / d i v c h 3 : i o u t , 1 0 0 m a / d i v t i m e : 2 0 0 m s / d i v c h 1 : v i n , 2 v / d i v c h 2 : v o u t , 5 0 0 m v / d i v , c h 3 : i o u t , 1 0 0 m a / d i v t i m e : 5 0 m s / d i v v in v out i out v in v out i out v out =1.2v v out =1.2v
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 7 p i n d e s c r i p t i o n pin no name function 1 v in voltage supply input pin 2 gnd g round pin 3 shdn shutdown control pin, logic high: enable; logic low: shutdown 4 pok power - ok signal output pin 5 v out regulator output pin o p e r a t i n g w a v e f o r m s ( c o n t . ) p o k c h 1 : v i n , 2 v / d i v c h 2 : v o u t , 1 v / d i v , c h 3 : p o k , 2 v / d i v c h 4 : i o u t , 2 0 0 m a / d i v t i m e : 1 m s / d i v 1 3 2 4 v in v out pok i out
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 8 b l o c k d i a g r a m t y p i c a l a p p l i c a t i o n c i r c u i t 1 2 . 2 m f / g r m 1 5 5 r 6 0 j 2 2 5 m m u r a t a vin shdn gnd vout pok c in 3 2 1 5 4 apl5316 v out c out v in v in pok r 1 2.2 g f 1k [ 1 g f thermal shutdown gnd shdn vout - + pok vin shutdown logic current limit 0.8v - + x92%
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 9 t y p i c a l a p p l i c a t i o n c i r c u i t ( c o n t . ) 2 . f u n c t i o n d e s c r i p t i o n a n i n t e r n a l s o f t - s t a r t f u n c t i o n c o n t r o l s r i s i n g r a t e o f t h e o u t p u t v o l t a g e t o l i m i t t h e s u r g e c u r r e n t a t s t a r t - u p . t h e t y p i c a l s o f t - s t a r t i n t e r v a l i s a b o u t 6 0 m s . a t h e r m a l s h u t d o w n c i r c u i t l i m i t s t h e j u n c t i o n t e m p e r a - t u r e o f t h e a p l 5 3 1 6 . w h e n t h e j u n c t i o n t e m p e r a t u r e e x - c e e d s + 1 6 0 o c , a t h e r m a l s e n s o r t u r n s o f f t h e o u t p u t p m o s , a l l o w i n g t h e d e v i c e t o c o o l d o w n . t h e r e g u l a t o r r e g u l a t e s t h e o u t p u t a g a i n t h r o u g h i n i t i a t i o n o f a n e w s o f t - s t a r t c y c l e a f t e r t h e j u n c t i o n t e m p e r a t u r e c o o l s b y 4 0 o c . t h e t h e r m a l s h u t d o w n i s d e s i g n e d w i t h a 4 0 o c h y s t e r - e s i s t o l o w e r t h e a v e r a g e j u n c t i o n t e m p e r a t u r e d u r i n g c o n t i n u o u s t h e r m a l o v e r l o a d c o n d i t i o n s , e x t e n d i n g l i f e t i m e o f t h e d e v i c e . p o w e r - o k ( p o k ) vin gnd vout pok c in 3 2 1 5 4 apl5316 v out c out v in pok r 1 2.2 g f 1k [ 1 g f shdn t h e a p l 5 3 1 6 i n d i c a t e s t h e s t a t u s o f t h e o u t p u t v o l t a g e . a s t h e v o u t r i s e s a n d r e a c h e s t h e p o w e r - o k t h r e s h o l d ( v p o k ) , t h e i c t u r n s o f f t h e i n t e r n a l n m o s o f t h e p o k t o i n d i c a t e t h e o u t p u t i s o k . a s t h e v o u t f a l l s a n d r e a c h e s t h e f a l l i n g p o w e r - o k t h r e s h o l d ( v p n o k ) , t h e i c i m m e d i a t e l y t u r n s o n t h e n m o s o f t h e p o k t o i n d i c a t e t h e o u t p u t i s n o t o k . the resistance of the resistor r1 c o n n e c t e d f r o m v o u t t o p o k o r v i n t o p o k s h o u l d b e i n t h e r a n g e f r o m 1 k t o 5 0 k . i n t e r n a l s o f t - s t a r t t h e r m a l s h u t d o w n f o r n o r m a l o p e r a t i o n , t h e d e v i c e p o w e r d i s s i p a t i o n s h o u l d b e e x t e r n a l l y l i m i t e d b y t h e d e s i g n t o k e e p t h e j u n c t i o n t e m p e r a t u r e b e l o w 1 2 5 o c . s h u t d o w n c o n t r o l t h e a p l 5 3 1 6 h a s a n a c t i v e - l o w s h u t d o w n f u n c t i o n . f o r c - i n g s h d n h i g h ( > 1 . 6 v ) e n a b l e s t h e v o u t ; f o r c i n g s h d n l o w ( < 0 . 4 v ) d i s a b l e s t h e v o u t . s h d n i s i n t e r n a l l y p u l l e d l o w b y a r e s i s t o r ( 3 m w t y p i c a l ) . i f s h u t d o w n c o n t r o l i s n o t n e c e s s a r y , p l e a s e c o n n e c t s h d n p i n t o v i n f o r n o r m a l o p e r a t i o n .
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 1 0 a p p l i c a t i o n i n f o r m a t i o n i n p u t c a p a c i t o r t h e a p l 5 3 1 6 n e e d s a p r o p e r o u t p u t c a p a c i t o r t o m a i n - t a i n c i r c u i t s t a b i l i t y a n d i m p r o v e t r a n s i e n t r e s p o n s e o v e r t e m p e r a t u r e a n d c u r r e n t . i n o r d e r t o i n s u r e t h e c i r c u i t s t a b i l i t y , t h e p r o p e r o u t p u t c a p a c i t o r v a l u e s h o u l d b e l a r g e r t h a n 2 . 2 m f . w i t h x 5 r a n d x 7 r d i e l e c t r i c s , 2 . 2 m f i s s u f f i - c i e n t a t a l l o p e r a t i n g t e m p e r a t u r e s . l a r g e o u t p u t c a p a c i - t o r v a l u e c a n r e d u c e n o i s e a n d i m p r o v e l o a d - t r a n s i e n t r e s p o n s e a n d p s r r , h o w e v e r , i t a l s o a f f e c t s p o w e r o n i s s u e . e q u a t i o n ( 1 ) s h o w s t h e r e l a t i o n s h i p b e t w e e n t h e m a x i m u m c o u t v a l u e a n d v o u t . w h e r e t h e u n i t o f c o u t i s m f a n d v o u t i s v . f i g u r e 1 s h o w s t h e c u r v e o f m a x i m u m o u t p u t c a p a c i t o r o v e r t h e o u t p u t v o l t a g e . t h e o u t p u t v o l t a g e r a n g e i s f r o m 0 . 8 t o 5 . 5 v a n d t h e o u t p u t c a p a c i t o r v a l u e s h o u l d b e u n d e r t h e l i n e . o u t - p u t c a p a c i t o r s m u s t b e p l a c e d a t t h e l o a d a n d g r o u n d p i n a s c l o s e a s p o s s i b l e a n d t h e i m p e d a n c e o f t h e l a y o u t m u s t b e m i n i m i z e d . output capacitor ( m f) o u t p u t v o l t a g e ( v ) f i g u r e 1 t h e a p l 5 3 1 6 m a x i m u m p o w e r d i s s i p a t i o n d e p e n d s o n t h e t h e r m a l r e s i s t a n c e a n d t e m p e r a t u r e d i f f e r e n c e b e t w e e n t h e d i e j u n c t i o n a n d a m b i e n t a i r . t h e p o w e r d i s - s i p a t i o n p d a c r o s s t h e d e v i c e i s : p d = ( t j - t a ) / q j a w h e r e ( t j - t a ) i s t h e t e m p e r a t u r e d i f f e r e n c e b e t w e e n t h e j u n c t i o n a n d a m b i e n t a i r . q j a i s t h e t h e r m a l r e s i s t a n c e b e t w e e n j u n c t i o n a n d a m b i e n t a i r . a s s u m i n g t h e t a = 2 5 o c a n d m a x i m u m t j = 1 6 0 o c ( t y p i c a l t h e r m a l l i m i t t h r e s h o l d ) , t h e m a x i m u m p o w e r d i s s i p a t i o n i s c a l c u - l a t e d a s : p d ( m a x ) = ( 1 6 0 - 2 5 ) / 2 4 0 = 0 . 5 6 ( w ) f o r n o r m a l o p e r a t i o n , d o n o t e x c e e d t h e m a x i m u m j u n c - t i o n t e m p e r a t u r e r a t i n g o f t j = 1 2 5 o c . t h e c a l c u l a t e d p o w e r d i s s i p a t i o n s h o u l d b e l e s s t h a n : p d = ( 1 2 5 - 2 5 ) / 2 4 0 = 0 . 4 1 ( w ) t h e g n d p r o v i d e s a n e l e c t r i c a l c o n n e c t i o n t o g r o u n d a n d c h a n n e l s h e a t a w a y . c o n n e c t t h e g n d t o g r o u n d b y u s i n g a l a r g e p a d o r g r o u n d p l a n e . f i g u r e 2 i l l u s t r a t e s t h e l a y o u t . b e l o w i s a c h e c k l i s t f o r y o u r l a y o u t : 1 . p l e a s e p l a c e t h e i n p u t c a p a c i t o r s c l o s e t o t h e v i n . 2 . c e r a m i c c a p a c i t o r s f o r l o a d m u s t b e p l a c e d n e a r t h e l o a d a s c l o s e a s p o s s i b l e . 3 . t o p l a c e a p l 5 3 1 6 a n d o u t p u t c a p a c i t o r s n e a r t h e l o a d i s g o o d f o r p e r f o r m a n c e . 4 . l a r g e c u r r e n t p a t h s , t h e b o l d l i n e s i n f i g u r e 2 , m u s t h a v e w i d e t r a c k s . t h e a p l 5 3 1 6 r e q u i r e s p r o p e r i n p u t c a p a c i t o r s t o s u p p l y s u r g e c u r r e n t d u r i n g s t e p p i n g l o a d t r a n s i e n t s t o p r e v e n t t h e i n p u t r a i l f r o m d r o p p i n g . b e c a u s e t h e p a r a s i t i c i n d u c - t o r f r o m t h e v o l t a g e s o u r c e s o r o t h e r b u l k c a p a c i t o r s t o t h e v i n l i m i t s t h e s l e w r a t e o f t h e s u r g e c u r r e n t , i t i s r e c o m m e d e d t o p l a c e t h e i n p u t c a p a c i t o r s n e a r v i n a s c l o s e a s p o s s i b l e . i n p u t c a p a c i t o r s s h o u l d b e l a r g e r t h a n 1 m f a n d a m i n i m u m c e r a m i c c a p a c i t o r o f 1 m f i s n e c e s s a r y . ) 1 .( .......... .......... .......... v 6 - 31 c out out(max) = 22 25 28 31 0 1 2 3 4 5 6 o u t p u t c a p a c i t o r o p e r a t i o n r e g i o n a n d p o w e r d i s s i p a t i o n l a y o u t c o n s i d e r a t i o n
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 1 1 a p p l i c a t i o n i n f o r m a t i o n ( c o n t . ) p c b l a y o u t c o n s i d e r a t i o n ( c o n t . ) f i g u r e 2 vin gnd vout 2 1 5 apl5316 v out r 1 load c in v in c out
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 1 2 p a c k a g e i n f o r m a t i o n s o t - 2 3 - 5 max. 0.057 0.051 0.024 0.006 0.009 0.020 0.012 l 0.30 0 e e1 e1 e d c b 0.08 0.30 0.60 0.012 0.95 bsc 1.90 bsc 0.22 0.50 0.037 bsc 0.075 bsc 0.003 min. millimeters s y m b o l a1 a2 a 0.00 0.90 sot-23-5 max. 1.45 0.15 1.30 min. 0.000 0.035 inches 8 0 8 0 b c e1 0 l view a 0 . 2 5 gauge plane seating plane a a 2 a 1 e d e e 1 see view a 1.40 2.60 1.80 3.00 2.70 3.10 0.122 0.071 0.118 0.102 0.055 0.106 note : 1. follow jedec to-178 aa. 2. dimension d and e1 do not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 10 mil per side.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 1 3 application a h t1 c d d w e1 f 178.0 ? 2.00 50 min. 8.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 8.0 ? 0.30 1.75 ? 0.10 3.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 sot - 23 - 5 4.0 ? 0.10 4.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.0 min. 0.6+0.00 - 0. 40 3.20 ? 0.20 3.10 ? 0.20 1.50 ? 0.20 c a r r i e r t a p e & r e e l d i m e n s i o n s d e v i c e s p e r r e e l ( m m ) h t1 a d a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1 package type unit quantity sot - 23 - 5 tape & reel 3000
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 1 4 test item method description solderability mil - std - 883d - 2003 245 c, 5 sec holt mil - std - 883d - 1005.7 1000 hrs bias @125 c pct jesd - 22 - b, a102 168 hrs, 100 % rh, 121 c tst mil - std - 883d - 1011.9 - 65 c~150 c, 200 cycles esd mil - std - 883d - 3015.7 vhbm > 2kv, vmm > 200v latch - up jesd 78 10ms, 1 tr > 100ma r e f l o w c o n d i t i o n ( i r / c o n v e c t i o n o r v p r r e f l o w ) t 25 c to peak tp ramp-up t l ramp-down ts preheat tsmax tsmin t l t p 25 t e m p e r a t u r e time critical zone t l to t p r e l i a b i l i t y t e s t p r o g r a m t a p i n g d i r e c t i o n i n f o r m a t i o n sot-23-5 user direction of feed
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - a u g , 2 0 0 8 a p l 5 3 1 6 w w w . a n p e c . c o m . t w 1 5 profile feature sn - pb eutectic assembly pb - free assembly average ramp - up rate (t l to t p ) 3 c/second max. 3 c/second max. preheat - temperature min (tsmin) - temperature max (tsmax) - time (min to max) (ts) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 180 seconds time maintained above: - temperature (t l ) - time (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak /classification temperature (tp) see table 1 see table 2 time within 5 c of actual peak temperature (tp) 10 - 30 seconds 20 - 40 seconds ramp - down rate 6 c/sec ond max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note: all temperatures refer to topside of the package. measured on the body surface. table 2. pb - free process ? package classification reflow temperatures package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 +0 c* 260 +0 c* 260 +0 c* 1.6 mm ? 2.5 mm 260 +0 c* 250 +0 c* 245 +0 c* 3 2.5 mm 250 +0 c* 245 +0 c* 245 +0 c* * tolerance: the device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means peak reflow temperature +0 c. for example 260 c+0 c) at the rated msl level. c u s t o m e r s e r v i c e a n p e c e l e c t r o n i c s c o r p . head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 t a i p e i b r a n c h : 2 f , n o . 1 1 , l a n e 2 1 8 , s e c 2 j h o n g s i n g r d . , s i n d i a n c i t y , t a i p e i c o u n t y 2 3 1 4 6 , t a i w a n t e l : 8 8 6 - 2 - 2 9 1 0 - 3 8 3 8 f a x : 8 8 6 - 2 - 2 9 1 7 - 3 8 3 8 table 1. snpb eutectic process ? package peak reflow temperature s package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 240 +0/ - 5 c 225 +0/ - 5 c 3 2.5 mm 225 +0/ - 5 c 225 +0/ - 5 c c l a s s i f i c a t i o n r e f l o w p r o f i l e s


▲Up To Search▲   

 
Price & Availability of APL5333-12BI-TRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X