Part Number Hot Search : 
228M00 JANSR2N SDP01 80C32 CAP002DG BC807 PE7422 HD74H
Product Description
Full Text Search
 

To Download AP-SDM512MDPANS-HTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs compliant sata -disk module specification for 7p/90d low profile january 18, 2011 version 1.1 apacer technology inc. 4 th fl., 75 xintai 5 th rd., sec.1, hsichih, new taipei city, taiwan 221 tel: +886-2-2698-2888 fax: +886-2-2698-2889 www.apacer.com
sata-disk module ap-sdmxxxxxpans-htx 1 ? 2011 apacer technology inc. rev. 1.1 features:  standard serial ata 2.6 (gen. 2) C serial ata 2.6 (gen. 2) C sata , 3.0 gbps C ata-compatible command set  capacities C 512 mb 1, 2, 4 gb  performance C burst read/write: 300 mb/sec C sustained read: up to 27 mb/sec C sustained write: up to 23 mb/sec  intelligent endurance design C built-in hardware bch ecc, correcting 8-bit or 15-bit error per 512-byte data sector C static wear-leveling scheme together with dynamical block allocation to significantly increase the lifetime of a flash device and optimize the disk performance C flash bad-block management C s.m.a.r.t. technology  nand flash type: slc  data integrity under power-cycling C no battery required for data storage  temperature C 0c to 70c for operating C -40c to 100c for storage  supply voltage C 5.0 v 5%  low power consumption C active mode: 165 ma (5.0 v) C idle mode: 112 ma (5.0 v)  connector C 7-pin sata female connector C 2-pin sata power connector  rohs compliant
sata-disk module ap-sdmxxxxxpans-htx 2 ? 2011 apacer technology inc. rev. 1.1 table of contents 1. product description ............................ ................................................... .................. 3 1.1 introduction ....................................... ................................................... ........................................ 3 1.2 functional block diagram........................... ................................................... ............................. 3 1.3 ata mode support................................... ................................................... ................................. 4 1.4 capacity specification ............................. ................................................... ................................. 4 1.5 performance specification.......................... ................................................... ............................. 4 1.6 pin assignments .................................... ................................................... ................................... 5 2. software interface ............................. ................................................... .................... 6 2.1 command set ........................................ ................................................... .................................... 6 3. flash management ............................... ................................................... ................. 7 3.1 error correction/detection......................... ................................................... .............................. 7 3.2 bad block management............................... ................................................... ............................. 7 3.3 wear leveling ...................................... ................................................... ...................................... 7 3.4 power failure management........................... ................................................... ........................... 7 3.5 s.m.a.r.t. technology .............................. ................................................... ............................... 8 4. environmental specifications ................... ................................................... ........... 9 4.1 environments ....................................... ................................................... ..................................... 9 5. electrical specification ........................ ................................................... ................ 10 6. physical characteristics........................ ................................................... .............. 11 6.1 power cable-less type .............................. ................................................... ............................. 11 6.2 power cable type ................................... ................................................... ................................ 13 7. product ordering information .................... ................................................... ......... 15 7.1 product code designations .......................... ................................................... ......................... 15 7.2 valid combinations................................. ................................................... ................................ 16
sata-disk module ap-sdmxxxxxpans-htx 3 ? 2011 apacer technology inc. rev. 1.1 1. product description 1.1 introduction apacers sata disk module (sdm) is a solid-state di sk (ssd) drive that contains a controller, embedded firmware, and flash media along with a male connect or. using nand flash memory devices, the sdm drive interfaces with the host allowing data to be seamle ssly transferred between the host and the flash dev ices. the sdm drive is designed with a single-chip contr oller, offering capacities of up to four gigabytes and providing full support for the sata high-speed interface standard. it can operate at s ustained access rates of up to thirty five megabytes per second, which is much faster than any other competitor in the marke t. in addition to buffer management through dynamical allocation, the sdm adopts the static wear-leveling scheme to allow uniform use of all storage blocks, ensuring that the lifetime of a flash media can be significantly increased and the disk performance is optimized as well. the sdm provides the s.m.a.r.t. feature complies to the sata rev. 2.6, ata/atapi-7 specifications and uses the standard smart command b0h to read data from the drive. this feature prote cts the user from unscheduled downtime by monitorin g and storing critical drive performance. 1.2 functional block diagram the sdm drive includes a single-chip sata controller and the flash media, as well as the sat a standard interface. the controller integrates the flash mana gement unit with the controller itself to support m ulti-channel, multi-bank flash arrays. figure 1-1 shows the funct ional block diagram. figure 1-1 apacer sdm block diagram sata to flash controller sata interface flash media
sata-disk module ap-sdmxxxxxpans-htx 4 ? 2011 apacer technology inc. rev. 1.1 1.3 ata mode support the sdm provides ata mode support as follows:  up to pio mode-4  up to multiword dma mode-2  up to udma mode-5 1.4 capacity specification capacity specification of the sdm product family is available as shown in table 1-1. it lists the spec ific capacity, the default numbers of logical cylinders and heads, and the number of logical sectors per tr ack for each product line. table 1-1: capacity specifications capacity total bytes cylinders heads sectors max lba 512 mb 487,710,720 945 16 63 952,560 1 gb 992,968,704 1,924 16 63 1,939,392 2 gb 2,002,452,480 3,880 16 63 3,911,040 4 gb 4,021,936,128 7,793 16 63 7,855,344 1.5 performance specification performance specification of the sdm is shown in ta ble 1-2 table 1-2: performance specification capacity performance 512 mb 1 gb 2 gb 4 gb sustained read (mb/s) 22 27 27 27 sustained write (mb/s) 8 12 22 23
sata-disk module ap-sdmxxxxxpans-htx 5 ? 2011 apacer technology inc. rev. 1.1 1.6 pin assignments table 1-3: signal segment name type description s1 gnd s2 rxp + differential receive signal s3 rxn - differential receive signal s4 gnd s5 txn - differential transmit signal s6 txp + differential transmit signal s7 gnd table 1-4: power segment pin signal/description p1 vcc (5v) p2 gnd 7p/90d w/o housing 7p/90d w/ housing signal pin 1 signal pin 1 power pin 1 (power cable type) power pin 1 (power cable type) power pin 1 (power cable-less type) power pin 1 (power cable-less type)
sata-disk module ap-sdmxxxxxpans-htx 6 ? 2011 apacer technology inc. rev. 1.1 2. software interface 2.1 command set table 2-1 summarizes the ata commands supported by the sdm. table 2-1 command set command name code (hex) fr 1 sc 2 sn 3 cy 4 dh 5 lba 6 check-power-mode e5h - - - - d 8 - flush-cache e7h - - - - d - identify-drive ech - - - - d - idle e3h - y 7 - - d - idle-immediate e1h - - - - d - initialize-drive-parameters 91h - y - - y - recalibrate 10h - - - - d - read-dma c8h - y y y y y read-multiple c4h - y y y y y read-sector(s) 20h - y y y y y read-verify-sector(s) 40h - y y y y y smart b0h - y y y d y set-features efh y - - - d - set-multiple-mode c6h - y - - d - sleep e6h - - - - d - standby e2h - - - - d - standby-lmmediate e0h - - - - d - write-dma cah - y y y y y write-multiple c5h - y y y y y write-sector(s) 30h - y y y y y 1. fr - features register 2. sc - sector count register 3. sn - sector number register 4. cy - cylinder high/low registers 5. dh - drive/head number register 6. lba - logical block address mode supported 7. y - the register contains a valid parameter for this command. 8. for the drive/head register: - y means both the sdm and head parameters are used; - d means only the sdm parameter is valid, and not fo r the head parameter.
sata-disk module ap-sdmxxxxxpans-htx 7 ? 2011 apacer technology inc. rev. 1.1 3. flash management 3.1 error correction/detection the sdm implements a hardware ecc scheme, based on the bch algorithm. it can detect and correct up to 8 bits or 15 bits error in 512 bytes. 3.2 bad block management although bad blocks on the flash media are already identified by the flash manufacturer, they can also be accumulated over time during operation. the sdms c ontroller maintains a table that lists those normal blocks with disk data, the free blocks for wear leveling, and bad blocks with errors. when a normal block is detected broken, it is replaced with a free block and listed as a bad block. when a free block is detected brok en, it is then removed from the free block list and marked as a bad block. during device operation, this ensures that newly ac cumulated bad blocks are transparent to the host. t he device will stop file write service once there are only two free blocks left such that the read functi on is still available for copying the files from the disk into another. 3.3 wear leveling the nand flash devices are limited by a certain num ber of write cycles. when using a fat-based file sy stem, frequent fat table updates are required. if some ar ea on the flash wears out faster than others, it wo uld significantly reduce the lifetime of the whole ssd, even if the erase counts of others are far from th e write cycle limit. thus, if the write cycles can be distr ibuted evenly across the media, the lifetime of the media can be prolonged significantly. this scheme is called w ear leveling. apacers wear-leveling scheme is achieved both via buffer management and apacer-specific static wear leveling. they both ensure that the lifetime of the flash media can be increased, and the disk access performance is optimized as well. 3.4 power failure management the low power detection on the controller initiates crucial data saving before the power supplied to t he device is too low. this feature prevents the device from crash and ensures data integrity during an unexpected power-off.
sata-disk module ap-sdmxxxxxpans-htx 8 ? 2011 apacer technology inc. rev. 1.1 3.5 s.m.a.r.t. technology s.m.a.r.t. is an acronym for self-monitoring, analy sis and reporting technology, an open standard allo wing disk drives to automatically monitor their own heal th and report potential problems. it protects the u ser from unscheduled downtime by monitoring and storing crit ical drive performance and calibration parameters. ideally, this should allow taking proactive actions to preve nt impending drive failure. apacer sdm uses the standard smart command b0h to r ead data from the drive for smart feature as the sata rev. 2.6 ata/atapi-7 specifications. based on the sff-8035i rev. 2.0 specifications, apacer smart defines 3 vendor-specified smart attribute ids (e5h , eah-ebh, and e8h) in the sdm. they represent flas h id, maximum erase count, average erase count, good block count, free-list block count, and firmware ve rsion information. when the apacer smart utility running on the host, it analyzes and reports the disk statu s to the host before the sdm is in critical condition.
sata-disk module ap-sdmxxxxxpans-htx 9 ? 2011 apacer technology inc. rev. 1.1 4. environmental specifications 4.1 environments the sdm environmental specifications follow the us military standard mil-std-810f, as shown in table 4 -1. table 4-1 sdm environmental specifications (plan) environment specification 0c to 70c (operating C standard) temperature -40c to 100c (non-operating) humidity 5% to 95% rh (non-condensing) vibration sine wave: 5~55~5 hz (x, y, z) random: 10-2000 hz, 16.3 g (x, y, z) shock acceleration: 1,500 g, 0.5 ms peak acceleration: 50 g, 11 ms
sata-disk module ap-sdmxxxxxpans-htx 10 ? 2011 apacer technology inc. rev. 1.1 5. electrical specification caution: absolute maximum stress ratings C (applied conditions greater than those listed unde r absolute maximum stress ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these conditi ons or conditions greater than those defined in the operational sections of this data sheet is not impl ied. exposure to absolute maximum stress rating con ditions may affect device reliability. table 5-1: operating voltage range ambient temperature 5v standard 0c to 70c 4.5-5.5v table 5-2: absolute maximum power pin stress ratings parameter symbol conditions input power v dd -0.3v min. to 6.5v max. voltage on any pin except v dd with respect to gnd v -0.5v min. to vdd + 0.5v max .
sata-disk module ap-sdmxxxxxpans-htx 11 ? 2011 apacer technology inc. rev. 1.1 6. physical characteristics 6.1 power cable-less type 6.1.1 w/o housing unit: L tolerance: 0.25 (refer to sdm power cable-less design guide)
sata-disk module ap-sdmxxxxxpans-htx 12 ? 2011 apacer technology inc. rev. 1.1 6.1.2 w/housing unit: L tolerance: 0.25 (refer to sdm power cable-less design guide)
sata-disk module ap-sdmxxxxxpans-htx 13 ? 2011 apacer technology inc. rev. 1.1 6.2 power cable type 6.2.1 w/o housing unit: L tolerance: 0.25
sata-disk module ap-sdmxxxxxpans-htx 14 ? 2011 apacer technology inc. rev. 1.1 6.2.2 w/housing unit: L tolerance: 0.25
sata-disk module ap-sdmxxxxxpans-htx 15 ? 2011 apacer technology inc. rev. 1.1 7. product ordering information 7.1 product code designations a p C sdm x x x x x p an s C h t x environmental specification sata disk module apacer product code capacity : 512m 512mb 001g: 1 gb 002g 2 gb 004g: 4 gb package modifier d= 7p/90d lp without housing e= 7p/90d lp with housing solution version version control apacer brand power source selection blank: from power cable c: from connector flash type
sata-disk module ap-sdmxxxxxpans-htx 16 ? 2011 apacer technology inc. rev. 1.1 7.2 valid combinations 7p/90d low profile without housing ; power cable ty pe capacity model number 512mb ap-sdm512mdpans-ht 1gb ap-sdm001gdpans-ht 2gb ap-sdm002gdpans-ht 4gb ap-sdm004gdpans-ht 7p/90d low profile without housing ; power cable-le ss type capacity model number 512mb AP-SDM512MDPANS-HTC 1gb ap-sdm001gdpans-htc 2gb ap-sdm002gdpans-htc 4gb ap-sdm004gdpans-htc 7p/90d low profile with housing ; power cable type capacity model number 512mb ap-sdm512mepans-ht 1gb ap-sdm001gepans-ht 2gb ap-sdm002gepans-ht 4gb ap-sdm004gepans-ht 7p/90d low profile with housing ; power cable-less type capacity model number 512mb ap-sdm512mepans-htc 1gb ap-sdm001gepans-htc 2gb ap-sdm002gepans-htc 4gb ap-sdm004gepans-htc note: valid combinations are those products in mass produ ction or will be in mass production. consult your a pacer sales representative to confirm availability of valid com binations and to determine availability of new comb inations.
sata-disk module ap-sdmxxxxxpans-htx 17 ? 2011 apacer technology inc. rev. 1.1 revision history revision date description remark 1.0 03/25/2010 official release 1.1 01/18/2011 updated product ordering information
sata-disk module ap-sdmxxxxxpans-htx 18 ? 2011 apacer technology inc. rev. 1.1 global presence taiwan (headquarters) apacer technology inc. 4 th fl, 75 xintai 5 th rd., sec.1 hsichih, new taipei city taiwan, 221 r.o.c. tel: +886-2-2698-2888 fax: +886-2-2698-2889 amtsales@apacer.com u.s.a. apacer memory america, inc. 386 fairview way, suite102, milpitas, ca 95035 tel: 1-408-518-8699 fax: 1-408-935-9611 sa@apacerus.com japan apacer technology corp. 5f, matsura bldg., shiba, minato-ku tokyo, 105-0014, japan tel: 81-3-5419-2668 fax: 81-3-5419-0018 jpservices@apacer.com europe apacer technology b.v. azi?laan 22, 5232 ba 's-hertogenbosch, the netherlands tel: 31-73-645-9620 fax: 31-73-645-9629 sales@apacer.nl china apacer electronic (shanghai) co., ltd 1301, no.251,xiaomuqiao road, shanghai, 200032, china tel: 86-21-5529-0222 fax: 86-21-5206-6939 sales@apacer.com.cn india apacer technologies pvt ltd, #1064, 1st floor, 7th a main, 3rd block koramangala, bangalore C 560 034 tel: +91 80 4152 9061/62/63 fax: +91 80 4170 0215 sales_india@apacer.com
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: apacer: ? ap-sdm001gdpans-ht? ap-sdm001gepans-ht? ap-sdm004gdpans-ht? ap-sdm004gepans-ht


▲Up To Search▲   

 
Price & Availability of AP-SDM512MDPANS-HTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X