Part Number Hot Search : 
MIRO39A6 EDZ10B 1L323229 AD8801 5690F5 FX003QZS 100AXC CD8427CS
Product Description
Full Text Search
 

To Download ALN1425 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/3 www.asb.co.kr april 2008 plerow tm ALN1425 internally matched lna module the plerow tm aln-series is the compactly designed surface-mount module for the use of the lna with or without the following gain blocks in the infrastructure equipment of the mobile wireless (cdma, gsm, pcs, phs, wcdma, dmb, wlan, wibro, wimax), gps, satellite communi- cation terminals, catv and so on. it has an exceptional performance of low noise figure, high gain, high oip3, and low bias current. the stability factor is always kept more than unity over the application band in order to ensure its unconditionally stable implementation to the application system environment. the surface-mount module package including the completed matching circuit and other components necessary just in case allows very simple and convenient implementation onto the system board in mass production level. specifications parameter unit min typ max frequency range mhz 1200 1650 gain db 29 30 gain flatness db 0.3 0.5 noise figure db 1.0 1.05 output ip3 (1) dbm 33 34 s11 / s22 (2) db -18 / -10 output p1db dbm 16 17 switching time (3) sec - supply current ma 80 100 supply voltage v 5 impedance ? 50 max. rf input power dbm c.w 29 ~ 31 (before fail) package type & size mm surface mount type, 13wx13lx3.8h operating temperature is -40 c to +85 c. 1) oip3 is measured with two tones at an output power of 4 dbm / tone separated by 1 mhz. 2) s11/s22 (max) is the worst value within the frequency band. 3) switching time means the time that takes for output power to get stabilized to its final level after switching dc voltage fr om 0 v to v s . pin number function 3 rf in 8 rf out 10 +vcc others ground outline drawing (unit: mm) note: 1. the number and size of ground via holes in a circuit board is critical for thermal rf grounding considerations. 2. we recommend that the ground via holes be placed on the bottom of all ground pins fo r better rf and thermal performance, as shown in the drawing at the left side. a ln1425 a sb inc. (top view) (bottom view) solder stencil area ? 0.4 plated thru holes to ground plane plerow (side view) (recommended footprint) website: www.asb.co.kr e-mail: sales@asb.co.kr tel: (82) 42-528-7223 fax: (82) 42-528-7222 asb inc., 4th fl. venture town bldg., 367-17 goijeong-dong, seo-gu, daejon 302-716, korea more information 2-stage single type features description specifications (in production) typ. @ t = 25 c, v s = 5 v, freq. =1425 mhz, z o.sys = 50 ohm s 21 = 30.3 db @ 1200 mhz = 29.7 db @ 1650 mhz nf of 1.0 db over frequency unconditionally stable single 5v supply high oip3 @ low current
2/3 www.asb.co.kr april 2008 plerow tm ALN1425 internally matched lna module s-parameters noise figure oip3 p1db 1200~1650 +5 v stability factor (k) typical performance (measured)
3/3 www.asb.co.kr april 2008 plerow tm ALN1425 internally matched lna module 1) the tantal capacitor is optional and for bypa ssing the ac noise introduced from the dc supply. the capacitance value may be determined by customer?s dc supply status. 2) so-called dc blocking capacitors are always necessarily placed at the input and output port for allowing only the rf signal to pass and bl ocking the dc component in the signal. the dc blocking capacitors are included inside the lna module. therefore, c1 & c2 capacitors may not be necessary, but can be added just in case that the customer wants. the value of c1 & c2 is determined by considering the application frequency. application circuit recommended soldering reflow process evaluation board layout + - aln out in c1 c2 tantal capacitor v dc 20~40 sec 260 c 200 c 150 c 60~180 sec ramp-up (3 ? c/sec) ramp-down (6 c/sec) size 25 x 25mm in out +vcc (for aln series ? 13x13mm)


▲Up To Search▲   

 
Price & Availability of ALN1425

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X