|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1/11 december 2004 high speed: t pz = 3.5 ns (typ.) at v cc = 5v low power dissipation: i cc = 2 a (max.) at t a =25c compatible with ttl outputs: v ih = 2v (min.), v il = 0.8v (max) power down protection on inputs operating voltage range: v cc (opr) = 4.5v to 5.5v pin and function compatible with 74 series 05 improved latch-up immunity low noise: v olp = 0.8v (max.) description the 74vhct05a is an advanced high-speed cmos open drain hex inverter fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. the internal circuit is composed of 3 stages including buffer output, which provides high noise immunity and stable output. power down protection is provided on all inputs and 0 to 7v can be accepted on inputs with no regard to the supply voltage. this device can be used to interface 5v to 3v since all inputs are equipped with ttl threshold. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74vhct05a hex inverter (open drain) figure 1: pin connection and iec logic symbols table 1: order codes package t & r sop 74vhct05amtr tssop 74vhct05attr tssop sop rev. 4
74vhct05a 2/11 figure 2: input equivalent circuit table 2: pin description table 3: truth table z: high impedance table 4: absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied table 5: recommended operating conditions 1)v in from 0.8v to 2v pin n symbol name and function 1, 3, 5, 9, 11, 13 1a to 6a data inputs 2, 4, 6, 8, 10, 12 1y to 6y data outputs 7 gnd ground (0v) 14 v cc positive supply voltage ay lz hl symbol parameter value unit v cc supply voltage -0.5 to +7.0 v v i dc input voltage -0.5 to +7.0 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current - 20 ma i ok dc output diode current 20 ma i o dc output current 25 ma i cc or i gnd dc v cc or ground current 50 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 4.5 to 5.5 v v i input voltage 0 to 5.5 v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time (see note 1) (v cc = 5.0 0.5v) 0 to 20 ns/v 74vhct05a 3/11 table 6: dc specifications table 7: ac electrical characteristics (input t r = t f = 3ns) (*) voltage range is 5.0v 0.5v table 8: capacitive characteristics 1) c pd is defined as the value of the ic?s internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc /6 (per gate) symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v ih high level input voltage 4.5 to 5.5 222v v il low level input voltage 4.5 to 5.5 0.8 0.8 0.8 v v ol low level output voltage 4.5 i o =50 a 0.0 0.1 0.1 0.1 v 4.5 i o =8 ma 0.36 0.44 0.55 i oz high impedance output leakage current 5.5 v i = v ih or v il v o = 0v to 5.5v 0.25 2.5 2.5 a i i input leakage current 0 to 5.5 v i = 5.5v or gnd 0.1 1.0 1.0 a i cc quiescent supply current 5.5 v i = v cc or gnd 22020 a + i cc additional worst case supply current 5.5 one input at 3.4v, other input at v cc or gnd 1.35 1.5 1.5 ma symbol parameter test condition value unit v cc (*) (v) c l (pf) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. t pzl propagation delay time 5.0 15 3.5 4.2 1.0 4.8 1.0 4.8 ns 5.0 50 4.2 5.5 1.0 6.4 1.0 6.4 t plz propagation delay time 5.0 50 6.5 9.8 1.0 11.3 1.0 11.3 ns symbol parameter test condition value unit t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. c in input capacitance 610 10 10pf c out output capacitance 8pf c pd power dissipation capacitance (note 1) 6pf 74vhct05a 4/11 table 9: dynamic switching characteristics 1) worst case package. 2) max number of outputs defined as (n). data inputs are driven 0v to 3.0v, (n-1) outputs switching and one output at gnd. 3) max number of data inputs (n) switching. (n-1) switching 0v to 3.0v. inputs under test switching: 3.0v to threshold (v ild ), 0v to threshold (v ihd ), f=1mhz. figure 3: test circuit c l =15/50pf or equivalent (includes jig and probe capacitance) r l = r 1 = 1k ? or equivalent r t = z out of pulse generator (typically 50 ? ) symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v olp dynamic low voltage quiet output (note 1, 2) 5.0 c l = 50 pf 0.4 0.8 v v olv -0.8 -0.4 v ihd dynamic high voltage input (note 1, 3) 5.0 2.0 v ild dynamic low voltage input (note 1, 3) 5.0 0.8 74vhct05a 5/11 figure 4: waveform - propagation delays (f=1mhz; 50% duty cycle) 74vhct05a 6/11 dim. mm. inch min. typ max. min. typ. max. a 1.35 1.75 0.053 0.069 a1 0.1 0.25 0.004 0.010 a2 1.10 1.65 0.043 0.065 b 0.33 0.51 0.013 0.020 c 0.19 0.25 0.007 0.010 d 8.55 8.75 0.337 0.344 e 3.8 4.0 0.150 0.157 e 1.27 0.050 h 5.8 6.2 0.228 0.244 h 0.25 0.50 0.010 0.020 l 0.4 1.27 0.016 0.050 k0 8 0 8 ddd 0.100 0.004 so-14 mechanical data 0016019d 74vhct05a 7/11 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0? 8?0? 8? l 0.45 0.60 0.75 0.018 0.024 0.030 tssop14 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0080337d 74vhct05a 8/11 dim. mm. inch min. typ max. min. typ. max. a 330 12.992 c 12.8 13.2 0.504 0.519 d 20.2 0.795 n 60 2.362 t 22.4 0.882 ao 6.4 6.6 0.252 0.260 bo 9 9.2 0.354 0.362 ko 2.1 2.3 0.082 0.090 po 3.9 4.1 0.153 0.161 p 7.9 8.1 0.311 0.319 tape & reel so-14 mechanical data 74vhct05a 9/11 dim. mm. inch min. typ max. min. typ. max. a 330 12.992 c 12.8 13.2 0.504 0.519 d 20.2 0.795 n 60 2.362 t 22.4 0.882 ao 6.7 6.9 0.264 0.272 bo 5.3 5.5 0.209 0.217 ko 1.6 1.8 0.063 0.071 po 3.9 4.1 0.153 0.161 p 7.9 8.1 0.311 0.319 tape & reel tssop14 mechanical data 74vhct05a 10/11 table 10: revision history date revision description of changes 16-dec-2004 4 order codes revision - pag. 1. 74vhct05a 11/11 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. the st logo is a registered trademark of stmicroelectronics all other names are the property of their respective owners ? 2004 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com |
Price & Availability of 74VHCT05A04 |