Part Number Hot Search : 
IR91458N R5110210 3362H501 0001TR NCV8614B MMC4055 HC405 MIP2E3D
Product Description
Full Text Search
 

To Download 499D686X06R3D3AE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical questions, contact: eurotant@vishay.com documen t number : 42070 1 re vision: 12-j un - 06 489d , 499d vishay sprague resin-coated, radial-lead solid tantalum capacitors fe a t ur e s ? terminatio ns: stand ard sn pb, 100 % tin ava ilabl e ? larg e ca pacitan ce ra nge ? encapsu l ated in a ha rd orang e epoxy resin ? l a r ge vari e ty of l e ad st yl es a v ai l a bl e ? su p p l i e d on t a pe a n d re el o r am mo pa ck ? low imp edan ce a nd esr at hi gh fre que ncies a v aila b le p b -free rohs* compliant e l ectrical characteristics ope r ating temper atur e: - 55 c to + 85 c: type 4 89d - 55 c to + 125 c: type 4 99d applic ation s ? offer a ve ry cost e f fective solu tio n in the consumer, ind u stri al and p r o f e s si ona l electroni cs markets. the capa ci to rs are in te nde d for hig h volume ap plica t i ons. ord e ring in fo r m ation 489d 6 8 6 x 0 6 r3 d 2 a e 3 ty pe c apa ci ta nc e c apac itan ce to l e r a n c e dc v o l t a g e r a ti ng at + 85 c ca se cod e lead s t y l e p ac kagi n g r oh s co mpl i an t 489d s t a ndard + 85 c 499d s ta ndard + 125 c lo w il expre s sed in picof a r ads . the first tw o d i gits are the significant figures . t he th ird is the n u mber of z e ros f o llo wing. x0 = 2 0 % x9 = 1 0 % expressed b y z e ro s if neede d to co mplete t he 3 digit b l oc k. a decimal point is indica ted b y an " r " (6r3 = 6 . 3 v o l t s) . s e e t ab l e ratings and case c odes 1, 2, 3, 4, 6, 9 see descr iption on ne xt page a = ammopac k b = reel pac k, positiv e leader c = reel pac k, negativ e leader v = bul k p a c k e3 = 100 % tin ter m ination (rohs compliant de sign) b l a n k = sn pb ter m ination (stan dard design) * pb containing terminations are not r ohs compliant, exemptions may apply lead styl e c o nf ig u r a t io ns a n d dimen s io n s (max) in millimeters lead styles 1-2-3-4 s t yle 6 s t yle 9 style s 2-4 s t yle 6 case d p h p h1 p h2 p h3 p h4 a 3.7 2.5 7.0 5 1 1.0 5 1 0.0 2.5 7.0 5 11.0 b 4.0 2.5 7.5 5 1 1.5 5 1 0.5 2.5 7.5 5 11.5 c 4.5 2.5 8.0 5 1 2.0 5 1 1.0 2.5 8.0 5 12.0 d 5.0 2.5 9.0 5 1 3.0 5 1 2.0 2.5 9.0 5 13.0 e 5.5 2.5 1 0.0 5 1 4.0 5 1 3.0 2.5 10.0 5 14.0 f 6.0 2.5 1 1.0 5 1 5.0 5 1 4.0 2.5 11.0 5 15.0 h 6.5 2.5 1 2.0 5 1 6.0 5 1 5.0 2.5 12.0 5 16.0 m 1 0 .0 5.0 1 4 .5 - - 5 1 8 .0 5.0 14.5 - - n 1 1 .0 5.0 1 6 .0 - - 5 1 9 .0 - - - - r 1 2 .0 5.0 1 9 .0 - - 5 2 2 .0 - - - - d max. 0.5 3 p 0.5 h max. 15 min. 20 max. d max. h2 max . p 0.5 4.5 1. 5 upper edge of printed circuit board 1.1 0.05 0.5 d max. h1 max. p 0.5 5.5 0.5 0.5 15 min. 20 max. h max. d max. p p 0.5 0.5 1 & 3 2 & 4 6 9 d max. h3 max. p 0.5 d max. p 0.5 h4 max. 2 & 4 6 bulk : code v r e e l /ammo : code a, b, c http://
d o cument number : 42 070 f o r te chnical qu estions , co ntact: eurotant@ v isha y .com www .visha y .com re vision: 12-j un-06 2 489d , 499d resin-coated, radial-lead solid t antalum capacitors vishay sprague lead style st an dar d ra tings, ca se cod e s and lead style c r f ra ted v o l t a g e u r a t + 85 c lead style 3.0 v 6 . 3 v 10 v 16 v 20 v 25 v 35 v 50 v b ulk a mmo/reel 0.10 a a 0.15 a a 0.22 a a 0.33 a b 0.47 a b 1 - 2 0.68 b c 6 - 9 2 - 6 1.0 a b d 1.5 a b c e 2.2 a b b c f 3.3 a b c c d f 4.7 a a b c c d h 6.8 a a b c d d e n 10 b b b c d d f n 3 - 4 - 9 4 15 b b c d e e m n 22 c c c d f h m n 33 c c d e h m n 47 d d d f m m n 68 d d e m n n 1 00 e e m n n 1 50 h m m n 2 20 m m n r 3 30 n n r 4 70 n r 6 80 r r lead s t yle 1: straight leads, 2.5 mm lead spa c e, uneven length lead s t yle 3: straight leads, 5 mm lead space, uneven length lead sty l e 2: s t r a ig ht lea d s, 2 . 5 mm lead space, even len gth lead sty l e 4: s t r a ig ht lea d s, 5 mm lead space, even length lead s t yle 6: should ered leads, 5 mm lead space lead style 9: snap-i n lead s, 5 mm lead s p ace
489d , 499d vishay sprague resin-coated, radial-lead solid tantalum capacitors www.vishay.com for technical questions, contact: eurotant@vishay.com documen t number : 42070 3 re vision: 12-j un - 06 sta n da r d ra tings c r (f ) case code type pa r t n u m b e r 489d max. dc l at + 25 c ( a) 49 9d max. dcl a t + 25 c ( a ) 489d , 49 9d max. df , 1 00 hz at + 25 c (% ) u r = 3 v o l t a t + 85 c, s u r g e = 4 v u c = 2 v a t + 125 c , sur g e = 2.6 v (onl y 499d) 6.8 a 48 9d685x(*)003a_ _ 1.0 0.5 6 10.0 b 48 9d106x(*)003b_ _ 1.0 0.5 8 15.0 b 48 9d156x(*)003b_ _ 1.0 0.5 8 22.0 c 489d226x(*)003c_ _ 1.0 0.5 8 33.0 c 489d336x(*)003c_ _ 1.4 0.7 8 47.0 d 489d476x(*)003d_ _ 2.1 1.1 8 68.0 d 489d686x(*)003d_ _ 3.0 1.6 8 100.0 e 48 9d107x(*)003e_ _ 4.5 2.4 10 150.0 h 489d157x(*)003h_ _ 6.7 3.6 10 220.0 m 489 d227x(*)003m_ _ 9.9 5.2 10 330.0 n 489d337x(*)003n_ _ 14. 8 7.9 10 470.0 n 489d477x(*)003n_ _ 21. 1 11.2 12 680.0 r 489d687x(*)003r_ _ 30. 6 16.3 12 u r = 6.3 v o lt at + 85 c, sur g e = 8 v u c = 4 v at + 125 c , sur g e = 5.2 v (onl y 499d) 4.7 a 489 d475x(*)6r3a_ _ 1.0 0.5 6 6.8 a 489 d685x(*)6r3a_ _ 1.0 0.5 6 10.0 b 489 d106x(*)6r3b_ _ 1.0 0.5 8 15.0 b 489 d156x(*)6r3b_ _ 1.4 0.7 8 22.0 c 489d226x(* )6r3c_ _ 2.0 1.1 8 33.0 c 489d336x(* )6r3c_ _ 3.1 1.6 8 47.0 d 489d476x(* )6r3d_ _ 4.4 2.3 8 68.0 d 489d686x(* )6r3d_ _ 6.4 3.4 8 100.0 e 489 d107x(*)6r3e_ _ 9.4 5.0 10 150.0 m 489d 157x(*)6 r3m_ _ 14. 1 7.5 10 220.0 m 489d 227x(*)6 r3m_ _ 20. 7 11.0 10 330.0 n 489d337x(* )6r3n_ _ 31. 1 16.6 10 470.0 r 489d477x(* )6r3r_ _ 44. 4 23.6 12 680.0 r 489d687x(* )6r3r_ _ 64. 2 34.2 12 u r = 1 0 v o l t a t + 85 c, s u r g e = 13 v u c = 7 v a t + 125 c , sur g e = 8.6 v (onl y 499d) 3.3 a 48 9d335x(*)010a_ _ 1.0 0.5 6 4.7 a 48 9d475x(*)010a_ _ 1.0 0.5 6 6.8 b 48 9d685x(*)010b_ _ 1.0 0.5 6 10.0 b 48 9d106x(*)010b_ _ 1.5 0.8 8 15.0 c 489d156x(*)010c_ _ 2.2 1.2 8 22.0 c 489d226x(*)010c_ _ 3.3 1.7 8 33.0 d 489d336x(*)010d_ _ 4.9 2.6 8 47.0 d 489d476x(*)010d_ _ 7.0 3.7 8 68.0 e 48 9d686x(*)010e_ _ 10. 2 5.4 8 100.0 m 489 d107x(*)010m_ _ 15. 0 8.0 10 150.0 m 489 d157x(*)010m_ _ 22. 5 12.0 10 220.0 n 489d227x(*)010n_ _ 33. 0 17.6 10 330.0 r 489d337x(*)010r_ _ 49. 5 26.4 10 48 9d type part number 489d, 499 d (*) insert 0 for 20 % tole rance or 9 for 10 % _ _ case cod e/lead style see case code table p a c k agi n g qua ntiti e s c a s e co de a b c d e f h m n r b u lk 5 0 0 100 ammop ack 2500 2000 1500 500 reel p ack 2500 2000 1500 500
d o cument number : 42 070 f o r te chnical qu estions , co ntact: eurotant@ v isha y .com www .visha y .com re vision: 12-j un-06 4 489d , 499d resin-coated, radial-lead solid t antalum capacitors vishay sprague standar d ratings c r ( f) case code typ e pa r t n u m b e r 48 9d max. dcl a t + 25 c ( a ) 499d max. d c l at + 25 c ( a) 48 9d , 499d max. df , 100 h z at + 25 c (% ) u r = 1 6 v o l t a t + 85 c , s u r g e = 20 v u c = 10 v a t + 125 c, sur g e = 13 v (onl y 499d ) 2.2 a 489d2 25x(*)016 a _ _ 1.0 0 .5 6 3.3 b 489d3 35x(*)016 b _ _ 1.0 0 .5 6 4.7 b 489d4 75x(*)016 b _ _ 1.1 0 .6 6 6.8 c 489 d685x(*)016c_ _ 1.6 0.8 6 10.0 c 489 d106x(*)016c_ _ 2.4 1.2 8 15.0 d 489 d156x(*)016d_ _ 3.6 1.9 8 22.0 d 489 d226x(*)016d_ _ 5.2 2.8 8 33.0 e 489d3 36x(*)016 e _ _ 7.9 4.2 8 47.0 f 489d476x(*)016f _ _ 11.2 6 .0 8 68.0 m 489d68 6x(*)016m_ _ 16.3 8.7 8 100.0 n 489 d107x(*)016n_ _ 24.0 12.8 10 150.0 n 489 d157x(*)016n_ _ 36.0 19.2 10 220.0 r 489 d227x(*)016r_ _ 52.8 28.1 10 u r = 2 0 v o l t a t + 85 c , s u r g e = 26 v u c = 13 v a t + 125 c, sur g e = 16 v (onl y 499d ) 1.5 a 489d1 55x(*)020 a _ _ 1.0 0 .5 4 2.2 b 489d2 25x(*)020 b _ _ 1.0 0 .5 6 3.3 c 489 d335x(*)020c_ _ 1.0 0.5 6 4.7 c 489 d475x(*)020c_ _ 1.4 0.7 6 6.8 d 489 d685x(*)020d_ _ 2.0 1.0 6 10.0 d 489 d106x(*)020d_ _ 3.0 1.6 8 15.0 e 489d1 56x(*)020 e _ _ 4.5 2.4 8 22.0 f 489d226x(*)020f _ _ 6.6 3 .5 8 33.0 h 489 d336x(*)020h_ _ 9.9 5.2 8 47.0 m 489d47 6x(*)020m_ _ 14.1 7.5 8 68.0 n 489 d686x(*)020n_ _ 20.4 10.8 8 100.0 n 489 d107x(*)020n_ _ 30.0 16.0 10 u r = 2 5 v o l t a t + 85 c , s u r g e = 32 v u c = 17 v a t + 125 c, sur g e = 21 v (onl y 499d ) 1.0 a 489d1 05x(*)025 a _ _ 1.0 0 .5 4 1.5 b 489d1 55x(*)025 b _ _ 1.0 0 .5 4 2.2 b 489d2 25x(*)025 b _ _ 1.0 0 .5 6 3.3 c 489 d335x(*)025c_ _ 1.2 0.6 6 4.7 c 489 d475x(*)025c_ _ 1.7 0.9 6 6.8 d 489 d685x(*)025d_ _ 2.5 1.3 6 10.0 d 489 d106x(*)025d_ _ 3.7 2.0 8 15.0 e 489d1 56x(*)025 e _ _ 5.6 3.0 8 22.0 h 489 d226x(*)025h_ _ 8.2 4.4 8 33.0 m 489d33 6x(*)025m_ _ 12.3 6.6 8 47.0 m 489d47 6x(*)025m_ _ 17.6 9.4 8 68.0 n 489 d686x(*)025n_ _ 25.5 13.6 8 489d type part number 48 9d, 499d (*) inse rt 0 for 20 % tolerance or 9 for 10 % _ _ c ase code/lead style see case cod e table
489d , 499d vishay sprague resin-coated, radial-lead solid tantalum capacitors www.vishay.com for technical questions, contact: eurotant@vishay.com documen t number : 42070 5 re vision: 12-j un - 06 sta n da r d ra tings c r (f) case code type pa r t n u m b e r 489d max. dc l at + 25 c ( a) 49 9d max. dcl a t + 25 c ( a ) 489d , 49 9d max. df , 1 00 hz at + 25 c (% ) u r = 35 v o lt a t + 85 c , sur g e = 46 v u c = 23 v a t + 125 c , sur g e = 28 v (onl y 499d) 0.10 a 4 8 9 d104x(*)035a_ _ 1.0 0 .5 4 0.15 a 4 8 9 d154x(*)035a_ _ 1.0 0 .5 4 0.22 a 4 8 9 d224x(*)035a_ _ 1.0 0 .5 4 0.33 a 4 8 9 d334x(*)035a_ _ 1.0 0 .5 4 0.47 a 4 8 9 d474x(*)035a_ _ 1.0 0 .5 4 0.68 b 4 8 9 d684x(*)035b_ _ 1 .0 0.5 4 1.0 b 48 9d105x(*)035b_ _ 1.0 0 .5 4 1.5 c 489d155x(*)035c_ _ 1.0 0 .5 4 2.2 c 489d225x(*)035c_ _ 1.1 0 .6 6 3.3 d 489d335x(*)035d_ _ 1.7 0 .9 6 4.7 d 489d475x(*)035d_ _ 2 .4 1.3 6 6.8 e 48 9d685x(*)035e_ _ 3.5 1 .9 6 10.0 f 489d 106x(*)03 5 f_ _ 5.2 2 .8 8 15.0 m 489 d156x(*)035m_ _ 7 .8 4.2 8 22.0 m 489 d226x(*)035m_ _ 11. 5 6 .1 8 33.0 n 489d336x(*)035n_ _ 17. 3 9 .2 8 47.0 n 489d476x(*)035n_ _ 24. 6 13.1 8 u r = 50 v o lt a t + 85 c , sur g e = 65 v u c = 33 v a t + 125 c, s u r g e = 40 v (onl y 499d) 0.10 a 4 8 9 d104x(*)050a_ _ 1.0 0 .5 4 0.15 a 4 8 9 d154x(*)050a_ _ 1.0 0 .5 4 0.22 a 4 8 9 d224x(*)050a_ _ 1.0 0 .5 4 0.33 b 4 8 9 d334x(*)050b_ _ 1.0 0 .5 4 0.47 b 4 8 9 d474x(*)050b_ _ 1.0 0 .5 4 0.68 c 489d684x(*)050c_ _ 1.0 0.5 4 1.0 d 489d105x(*)050d_ _ 1.0 0 .5 4 1.5 e 48 9d155x(*)050e_ _ 1.1 0 .6 4 2.2 f 489d 225x(*)05 0 f_ _ 1.6 0 .8 6 3.3 f 489d 335x(*)05 0 f_ _ 2.4 1 .3 6 4.7 h 489d475x(*)050h_ _ 3.5 1 .8 6 6.8 n 489d685x(*)050n_ _ 5.1 2 .7 6 10.0 n 489d106x(*)050n_ _ 7.5 4 .0 8 15.0 n 489d156x(*)050n_ _ 11. 2 6 .0 8 22.0 n 489d226x(*)050n_ _ 16. 5 8 .8 8 48 9d type part number 489d, 499 d (*) insert 0 for 20 % tole rance or 9 for 10 % _ _ case cod e/lead style see case code table
d o cument number : 42 070 f o r te chnical qu estions , co ntact: eurotant@ v isha y .com www .visha y .com re vision: 12-j un-06 6 489d , 499d resin-coated, radial-lead solid t a ntalum capacitors vishay sprague per f or ma nce c h ar ac ter i stic s 1. operating tempera t ure : - 55 c to + 85 c with ra te d dc vol t a ge ur a ppli ed. + 8 5 c to + 1 25 c wi th l i ne ar voltage d e rating to ca te gory voltage u c fo r 4 99d on ly (se e g ene ral information ) 2. c a pa ci tanc e a n d t o l e ra nce : ca pacitance me asured at 100 hz and + 2 5 c sha ll be withi n the sp ecified tolera nce l i mits of the nomina l ra tin g . c apaci t a n ce me asuremen t shall b e mad e b y mean s o f a pola r ized capaci t a n ce b r idge . no pol arizing vo ltage is re qui re d. the maximum vol t a ge app lied d u ring mea s urements shall b e 0.5 vo lt rms a t 10 0 hz a nd + 25 c. 3. r ever se voltage: the s e cap a citors are ca pab le of w i thsta ndin g pea k voltag e in th e re verse direction e qua l to: 1 5 % o f the rated dc voltag e a t + 20 c 1 0 % o f the rated dc voltag e a t + 25 c 5 % of th e rate d dc voltage at + 85 c 4. surge voltage: c apaci t o r s shal l wi th stan d the surg e vol t a ge app lied i n series wi th a 1000 ohm ( 5 %) resistor, at the ra te o f one half-minu te on, five a nd a ha lf-min u te off fo r 1000 s u ccessive test c ycles at + 85 c . af te r test , ca pacitan ce chan ge sha ll n o t exceed 10 % o f i n itial va lue, dissip a tion facto r a nd dc lea k a ge current shall meet initial requirements at + 25 c - table 2. 6. life test: after 20 00 hou rs at + 85 c with rated d c vo ltage ap pli ed, o r after 1000 h ours at + 1 25 c. w i th derated dc voltag e*, ca pacitors sh all meet the re qui re ments i n tab l e bel ow. (* only for 4 99d) 7. hu midi ty test: after 21 days (504 ho urs) * a t + 40 c, 90 to 95 % of rela ti ve humi d ity (per iec 68-2-3) with no vol t a ge app lied , capa cito rs sha ll meet th e re quire me nts in tab le bel ow. 8. ma rki ng : th e capa ci to rs sh all b e marked wi th the ra te d capaci t a n ce and the rated d c w o rking vol t a ge. a cod e ma y b e used for both capa cita nce and vo ltage . u n its rated a t 6 . 3 volts are usual ly marked as 6 volts. th e packag e shal l be marked with full vish ay sp ragu e p a rt nu mber, d a te co de and q uantity. 5. sta b ility at low and high tempera t ure s : 489d - ta ble 2a 499d - ta ble 2b d c r a t e d v o l t a g e a t + 8 5 c ( v ) 3 6.3 10 16 20 25 35 50 d c s u r g e v o l t a g e a t + 8 5 c ( v ) 4 8 13 20 26 32 46 65 d c r a t ed v o lta ge a t + 125 c . (v)* 2 4 7 1 0 1 3 1 7 2 3 3 3 d c su r g e v o l t a g e a t + 1 2 5 c . ( v ) * 2 . 6 5.2 8.6 13 16 21 28 40 * for 499d capacita nce change within 10 % of ini t ia l v a lue dc leakage curren t within in itial requirements at + 25 c dissipa tion f a ctor within in itial requirements at + 25 c capacita n ce change w i t h i n 5 % of initi a l v a lue dc leakage curren t w i t h i n i n i t ia l r e q u i r e m e n t s a t + 2 5 c - t a b l e 2 dissipa tion f a ctor w i t h i n i n it ia l req u irem ent s a t + 25 c - t a b l e 2 * humidity test is 56 da ys (135 0 hours) f o r 499d t e mp . cap a c it a nce cha nge dc leak a g e cur rent* dissip a tion f a ct or a t 100 h z - 55 c - 10 % of in iti a l v a lu e - --- -- --- -- c r 1.5 f 1.5 f < c r < 1 0 f 10 f < c r < 10 0 f 100 f c r 330 f 330 f < c r 4 % max 6 % max 8 % max 10 % max 12 % max + 25 c - --- --- -- --- - 0.015 c r x u r or 1 a, w h ic he v e r i s gre a ter + 85 c + 10 % o f initial v a lue 0.15 c r x u r or 1 0 a, w h ic he v e r i s gre a ter t e mp . cap a c it a nce cha nge dc leak a g e cur rent* dissip a tion f a ct or a t 100 h z - 55 c - 10 % of in iti a l v a lu e -- --- -- --- --- c r 1.5 f 1.5 f < c r < 1 0 f 10 f < c r < 10 0 f 100 f c r 330 f 330 f < c r 4 % max 6 % m a x 8 % m a x 10 % m a x 12 % m a x + 25 c - --- -- --- --- 0 . 008 c r x u r o r 0.5 a, w h ic he v e r i s gre a ter + 85 c + 10 % o f initial v a lue 0.0 8 c r x u r or 5 a, w h ic he v e r i s gre a ter + 125 c ** + 10 % o f initial v alue 0.1 c r x u r or 6.25 a, w h ic he v e r i s gre a ter * rated volt age applied for 5 minutes with a series resistor of 1000 ohm ** only fo r 499 d
489d , 499d vishay sprague resin-coated, radial-lead solid tantalum capacitors www.vishay.com for technical questions, contact: eurotant@vishay.com documen t number : 42070 7 re vision: 12-j un - 06 guid e to a p plic ation 1. a-c ripple curr ent: the maximum al lowa ble rippl e current shall b e d e termined from th e formul a : w h er e, p = po wer dissipa ti on in wa tts at + 2 5 c as given be low resr = the cap a citor equiva lent series resistance at th e sp ecified frequ ency. 2. a-c ripple volta g e: the maximum allowable ripple voltage sh all be d e te rmi ned from the formula : w h er e, z = the capa cito r imp edan ce a t the speci f ie d freq uency. 3. ac ri pp le current or vo ltag e deratin g facto r : if th ese capa cito rs are to be op erated at te mp eratures abo ve + 25 c, th e p e rmissible rms ripp le cu rre n t or voltage shall be calcu l ated u sing the d e rating factors in the table b e low : 4. po wer dissip a t i on : powe r d i ssipatio n will be affecte d by the hea t si nking capa bil i ty o f th e moun ti ng surface. non - sinuso i dal ripp le cu rre n t may prod uce he ati ng e f fects which d i ffe r from those sh own i n the follo wing tabl e. it i s impo rtan t th at the equi valen t i rm s valu e be establ ished when calcu l ating permissib l e op erating le vels. 5. cleaning: these capa citors a r e co mp atible wi th a l l commonly us ed solvents, such as te s, tms, p relete an d chlo retane. solve n ts co ntaini ng methyle n e chlo ride or o t h e r ep oxy sol v e n ts shou ld be avoid e d since the s e w ill attack the e poxy enca p sula ti on material. tempera t ure der a tin g f a ct or + 25 c 1.0 + 55 c 0.9 + 85 c 0.8 + 125 c 0.4 i rms p r esr ------- -------- - = v rm s p r esr -------------- -- - z = ca se c o de po w e r dissip a tion a t + 25 c (w att s ) a 0.080 b 0.090 c 0.100 d 0.110 e 0.120 f 0.130 h 0.140 m 0.150 n 0.160 r 0.180
d o cument number : 42 070 f o r te chnical qu estions , co ntact: eurotant@ v isha y .com www .visha y .com re vision: 12-j un-06 8 489d , 499d resin-coated, radial-lead solid t a ntalum capacitors vishay sprague t a p e a n d re el p a c k ag ing in millimeters designa t i o n symbol d i mension s (m m) pitch of componen t p 12.7 1.0 f eed hole pitch p0 12.7 0.3 t ape wid th w 18 (+ 1/- 0.5) hold do wn t ape width w0 5.0 hole position w1 9 (+ 0 . 75/- 0.5) hold do wn t ape position w2 0 (+ 3/- 0) ov er all componen t heigh t h 1 3 2 max compone nt alignment p 1.3 max f eed hole diamete r d 0 4.0 0.3 t ape thic kness t 0.5 0.2 compone nt alignment h 0 2 lengh of snipped leads l 1 1 max lead clinch height h 0 16.0 0.5 lead w i re spacing f 2 .5 5 f eed hole cente r to wire center p1 5.1 0.7 3.65 0.7 hole center to component cen t er p2 6.35 1.3 6.35 1.3 compone nt height h 18 1 + 0. 6 - 0.1 + 0 . 6 - 0 . 1 h w2 d0 h0 w0 w1 w t p1 p2 h2 f p p p2 p p1 f p0 l h unreeling direction (meets iec 286-2) dimensions for components on tape and tolerances:
document n umber : 91 000 www .vish a y . com re vision: 18-j u l-08 1 disc laimer legal disclaimer notice vishay all pr odu ct sp ecif ica t io ns and d a t a ar e subje c t t o ch an ge with o u t no tice. vishay i n t e r t echno log y , i n c., it s af fi liat e s, a g e n t s , a nd e m plo y e e s, and all p e r s o n s act i ng on it s or t heir be ha lf (c ollectively , ?v ishay?), disc laim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any ot he r disclosur e re lat i ng t o an y p r od uct . vishay disclaims any and all l i ability ari s ing out of the us e or applic ation of any product describ ed herein or of any inf o r m a t io n pr ovide d he re in t o t he ma ximum e x t e n t p e r m it te d by law. the p r o d u c t specif ica t ions do not expa nd o r ot he rwise mod i fy vish ay?s t e r m s an d co nd itio ns o f pu rcha se , includ ing bu t no t limit ed t o t he warr an ty expr esse d t her ein , which ap ply to t h e se pr odu ct s. no lice n se, expr ess or implie d, b y est o p pel or ot her wise , t o an y int e lle ctu a l pr ope rt y r i gh ts is gr an te d by t h is do cu men t o r by any co nd uct of vish ay. th e pr od ucts sho w n her ein ar e no t d e sign ed f o r use in me di cal, life - savin g , or life - sust ainin g a pplicat io ns unle ss ot he rwise expr essly ind i ca te d. cust ome r s using or sel ling vish ay p r o duct s n o t exp r essly in dicat ed f o r u s e in such ap plicat ion s d o so e n t i re ly a t t h e i r o w n risk and agr ee to fu lly inde mnif y vish ay fo r a n y dam age s arisin g or re su ltin g fr om su ch us e o r sa le . plea se co nt ac t au th o r ize d vis h a y pe rson nel to ob ta in writ t e n te rm s a n d co nd itio ns re ga rdin g pr od ucts de sig ned fo r such app licat ions. pr od uc t n a m e s an d m a r king s no te d he r e in m a y be t r ade mar ks of th eir r e spe ctive own e rs.


▲Up To Search▲   

 
Price & Availability of 499D686X06R3D3AE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X