Part Number Hot Search : 
D2003 80C453 2SD2142 2SD2142 SEF206A LD108 03624TC 34002
Product Description
Full Text Search
 

To Download 374000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  78,74 2,54 0,3 31x2,54=78,74 2x2,54=5,08 2,54 a3 prior notice. contact one of the erni companies stvr male connector r 96 solder messerleiste r 96 l?t 374000 2:1 information: tolerances scale all dimensions i www.erni.com designation class in mm before using. drawing will not be updated. subject to modification without all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be observed. index date b 15.02.2010 rc 2 class anforderungsstufe erni date datum xxxxxxx steckl?nge mating length -0,2 88 95 max. -0,1 6,4 max.11,6 5,2 -0,1 c32 a1 a32 c1 1 2,8 +0,4 83,2 6 -0,2 max.11,1 85,2 +0,2 +0,1 2,5 8,7 +0,1 90 0,1 a b c 2,9 -0,3 4 0,2 s s s s s a b c s 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 contact layout s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s ss s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s bestckungsplan / all holes 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 leiterplatten-lochbild / pcb drillhole pattern alle l?cher 0,05 2,54 =78,74 2,54 0,3 =5,08 2,8 +0,1 1 0,1 2x 31x 2,54 90 l?tanschlu? 0,6x0,6mm / solder terminal 0,6x0,6mm isolierwerkstoff / housing material : pbt gf 30 bauart 4 / t ype 4 anforderungsstufe 2 = 400 steckzyklen / performance class 2 = 400 mating cycles fehlende ma?e und angaben nach iec 60 603-2 / din en 60 603-2 missing information and dimensions pe r iec 60 603-2 / din en 60 603-2 bedruckung siehe zeichnung 294905 marking see drawing 294905 mating length / nacheilend steckl?nge / e = early mate, late break / voreilend s = standard l = late mate, early break l s e +0,2 4,8 0,1 0,8 0,8 0,1


▲Up To Search▲   

 
Price & Availability of 374000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X