Part Number Hot Search : 
MAX7438 F7316 5012A 70400 HC251 EV6180 A1914 JP503
Product Description
Full Text Search
 

To Download 2N7627UC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  radiation hardened logic level power mosfet surface mount (lcc-6)  www.irf.com 1 lcc-6 irhluc7970z4 60v, dual p-channel technology  features:   5v cmos and ttl compatible  low r ds(on)  fast switching  single event effect (see) hardened  low total gate charge  simple drive requirements  ease of paralleling  hermetically sealed  light weight  complimentary n-channel available - irhluc770z4 2N7627UC product summary part number radiation level r ds(on) i d irhluc7970z4 100k rads (si) 1.60 ? -0.65a irhluc7930z4 300k rads (si) 1.60 ? -0.65a 
       absolute maximum ratings (per die) parameter units i d @ v gs = -4.5v, t c = 25c continuous drain current -0.65 i d @ v gs = -4.5v,t c = 100c continuous drain current -0.41 i dm pulsed drain current  -2.6 p d @ t c = 25c max. power dissipation 1.0 w linear derating factor 0.01 w/c v gs gate-to-source voltage 10 v e as single pulse avalanche energy  34 mj i ar avalanche current  -0.65 a e ar repetitive avalanche energy  0.1 mj dv/dt peak diode recovery dv/dt  -5.6 v/ns t j operating junction -55 to 150 t stg storage temperature range pckg. mounting surfacetemp 300 (for 5s) weight 0.2 (typical) g c a pre-irradiation pd-97574 international rectifier?s r7 tm logic level power mosfets provide simple solution to interfacing cmos and ttl control circuits to power devices in space and other radiation environments.the threshold voltage remains within acceptable operating limits over the full operating temperature and post radiation.this is achieved while maintaining single event gate rupture and single event burnout immunity. the device is ideal when used to interface directly with most logic gates, linear ic?s, micro-controllers, and other device types that operate from a 3.3-5v source. it may also be used to increase the output current of a pwm, voltage comparator or an operational amplifier where the logic level drive signal is available. free datasheet http://
irhluc7970z4, 2N7627UC pre-irradiation 2 www.irf.com for footnotes refer to the last page source-drain diode ratings and characteristics (per p channel die) parameter min typ max units test conditions i s continuous source current (body diode) ? ? -0.65 i sm pulse source current (body diode)  ? ? -2.6 v sd diode forward voltage ? ? -5.0 v t j = 25c, i s = -0.65a, v gs = 0v  t rr reverse recovery time ? ? 35 ns t j = 25c, i f = -0.65a, di/dt -100a/ s q rr reverse recovery charge ? ? 9.8 nc v dd -25v  t on forward turn-on time intrinsic turn-on time is negligible. turn-on speed is substantially controlled by l s + l d . a thermal resistance (per p channel die) parameter min typ max units test conditions r thja junction-to-ambient ? ? 125   
c/w note: corresponding spice and saber models are available on international rectifier website. na  nh ns a r g gate resistance ? 52 ? ? f = 1.0mhz, open drain measured from the center of drain pad to center of source pad electrical characteristics for p-channel die @tj = 25c (unless otherwise specified) parameter min typ max units test conditions bv dss drain-to-source breakdown voltage -60 ? ? v v gs = 0v, i d = -250 a ? bv dss / ? t j temperature coefficient of breakdown ? -0.06 ? v/c reference to 25c, i d = -1.0ma voltage r ds(on) static drain-to-source on-state ? ? 1.60 ? v gs = -4.5v, i d = -0.41a resistance v gs(th) gate threshold voltage -1.0 ? -2.0 v v ds = v gs , i d = -250 a ? v gs(th) / ? t j gate threshold voltage coefficient ? 3.6 ? mv/c g fs forward transconductance 0.5 ? ? s v ds = -10v, i ds = -0.41a  i dss zero gate voltage drain current ? ? -1.0 v ds = -48v ,v gs = 0v ? ? -10 v ds = -48v, v gs = 0v, t j =125c i gss gate-to-source leakage forward ? ? -100 v gs = -10v i gss gate-to-source leakage reverse ? ? 100 v gs = 10v q g total gate charge ? ? 3.6 v gs = -4.5v, i d = -0.65a q gs gate-to-source charge ? ? 1.5 nc v ds = -30v q gd gate-to-drain (?miller?) charge ? ? 1.8 t d (on) turn-on delay time ? ? 23 v dd = -30v, i d = -0.65a, t r rise time ? ? 22 v gs = -5.0v, r g = 24 ? t d (off) turn-off delay time ? ? 32 t f fall time ? ? 26 l s + l d total inductance ? 33 ? c iss input capacitance ? 147 ? v gs = 0v, v ds = -25v c oss output capacitance ? 46 ? pf f = 1.0mhz c rss reverse transfer capacitance ? 8.1 ? free datasheet http://
www.irf.com 3 pre-irradiation irhluc7970z4, 2N7627UC international rectifier radiation hardened mosfets are tested to verify their radiation hardness capability. the hardness assurance program at international rectifier is comprised of two radiation environments. every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the to-39 package. both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison. radiation characteristics fig a. typical single event effect, safe operating area international rectifier radiation hardened mosfets have been characterized in heavy ion environment for single event effects (see). single event effects characterization is illustrated in fig. a and table 2. 
       table 1. electrical characteristics for p-channel device @tj = 25c, post total dose irradiation  parameter upto 300k rads (si) 1 units test conditions min max bv dss drain-to-source breakdown voltage -60 ? v v gs = 0v, i d = -250a v gs(th) gate threshold voltage -1.0 -2.0 v gs = v ds , i d = -250a i gss gate-to-source leakage forward ? -100 na v gs = -10v i gss gate-to-source leakage reverse ? 100 v gs = 10v i dss zero gate voltage drain current ? -1.0 a v ds = -48v, v gs = 0v r ds(on) static drain-to-source  on-state resistance (to-39) ? 1.40 ? v gs = -4.5v, i d = -0.41a r ds(on) static drain-to-source on-state  v sd diode forward voltage  ? -5.0 v v gs = 0v, i d = -0.65a resistance (lcc-6) ? 1.60 ? v gs = -4.5v, i d = -0.41a 1. part numbers irhluc7970z4, irhluc7930z4 table 2. typical single event effect safe operating area let energy range vds (v) (mev/(m g /cm 2 )) (mev) (m) @vgs= @vgs= @vgs= @vgs= @vgs= @vgs= 0v 2v 4v 5v 6v 7v 38 5% 300 7.5% 38 7.5% -60 -60 -60 -60 -60 -50 62 5% 355 7.5% 33 7.5% -60 -60 -60 -60 -60 - 85 5% 380 7.5% 29 7.5% -60 -60 -60 -60 - - -70 -60 -50 -40 -30 -20 -10 0 01234567 bias vgs (v) bias vds (v) let=38 5% let=62 5% let=85 5% free datasheet http://
irhluc7970z4, 2N7627UC pre-irradiation 4 www.irf.com  
 
 



  
   
    

 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.01 0.1 1 10 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60 s pulse width tj = 25c vgs top -10v -5.0v -4.0v -3.5v -3.0v -2.5v -2.25v bottom -2..0v -2.0v 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.1 1 10 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60 s pulse width tj = 150c vgs top -10v -5.0v -4.0v -3.5v -3.0v -2.5v -2.25v bottom -2..0v -2.0v 22.533.544.5 -v gs , gate-to-source voltage (v) 0.1 1 10 - i d , d r a i n - t o - s o u r c e c u r r e n t ( ) v ds = -25v 6 0 s pulse width t j = 150c t j = 25c -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.5 1.0 1.5 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) v gs = -4.5v i d = -0.65a free datasheet http://
www.irf.com 5 pre-irradiation irhluc7970z4, 2N7627UC -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , temperature ( c ) 0.0 0.5 1.0 1.5 2.0 2.5 - v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = -50a i d = -250a i d = -1.0ma i d = -150ma fig 5. typical on-resistance vs gate voltage fig 6. typical on-resistance vs drain current fig 7. typical drain-to-source breakdown voltage vs temperature fig 8. typical threshold voltage vs temperature -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , temperature ( c ) 50 60 70 80 - v ( b r ) d s s , d r a i n - t o - s o u r c e b r e a k d o w n v o l t a g e ( v ) i d = -1.0ma 0 0.5 1.0 1.5 2.0 2.5 3.0 -i d , drain current (a) 0.8 1.2 1.6 2.0 2.4 2.8 3.2 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ? ) t j = 25c t j = 150c vgs = -4.5v 2 3 4 5 6 7 8 9 10 11 12 -v gs, gate -to -source voltage (v) 0 0.5 1 1.5 2 2.5 3 3.5 4 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ? ) i d = -0.65a t j = 25c t j = 150c free datasheet http://
irhluc7970z4, 2N7627UC pre-irradiation 6 www.irf.com 
 

 


   
 

1 10 100 -v ds , drain-to-source voltage (v) 0 40 80 120 160 200 240 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss  
 
! 
 "# 
 



25 50 75 100 125 150 t c , case temperature (c) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 - i d , d r a i n c u r r e n t ( a ) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5.0 -v sd , source-to-drain voltage (v) 0.01 0.1 1 10 - i s d , r e v e r s e d r a i n c u r r e n t ( a ) v gs = 0v t j = 150c t j = 2 5 c 00.511.522.533.544.5 q g, total gate charge (nc) 0 2 4 6 8 10 12 - v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = -48v v ds = -30v v ds = -12v i d = -0.65a for test circuit see figure 17 free datasheet http://
www.irf.com 7 pre-irradiation irhluc7970z4, 2N7627UC  "#$% 
&
  
   "#&
%
 

'
 
()  $*
   "#
 
 $
 1e-005 0.0001 0.001 0.01 0.1 1 10 100 1000 t 1 , rectangular pulse duration (sec) 0.01 0.1 1 10 100 1000 t h e r m a l r e s p o n s e ( z t h j a ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 25 50 75 100 125 150 starting t j , junction temperature (c) 0 10 20 30 40 50 60 70 80 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top -0.29a -0.41a bottom -0.65a p t t dm 1 2 1 10 100 -v ds , drain-to-source voltage (v) 0.01 0.1 1 10 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 150c single pulse 1ms 10ms operation in this area limited by r ds (on) dc free datasheet http://
irhluc7970z4, 2N7627UC pre-irradiation 8 www.irf.com   + 
' %
,%
   + 
' %

 t p v ( br ) dss i as r g i as 0.01 ? t p d.u.t l v ds v dd driver a 15v -20v  v gs  


  -

,%
 d.u.t. v ds i d i g -3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - q g q gs q gd v g charge ./ v ds 90% 10% v gs t d(on) t r t d(off) t f   
 1     0.1 %          + - v gs  ! 

  ! 
,%
 free datasheet http://
www.irf.com 9 pre-irradiation irhluc7970z4, 2N7627UC  total dose irradiation with v gs bias. -10volt v gs applied and v ds = 0 during irradiation per mil-std-750, method 1019, condition a  total dose irradiation with v ds bias. -48 volt v ds applied and v gs = 0 during irradiation per mll-std-750, method 1019, condition a  repetitive rating; pulse width limited by maximum junction temperature.  v dd = -25v, starting t j = 25c, l= 161mh, peak i l = -0.65a, v gs = -10v  i sd -0.65a, di/dt -150a/ s, v dd -60v, t j 150c  pulse width 300 s; duty cycle 2% case outline and dimensions ? lcc-6 footnotes: ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 ir leominster : 205 crawford st., leominster, massachusetts 01453, usa tel: (978) 534-5776 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. 10/2010 3. controlling dimension: inch. 2. all dime ns ions are s hown in millimet ers [inches ]. 1. out l ine conf orms t o mil -prf -19500/255l not es : 0.170 0.245 0.080 max. 3 5 4 2 6 1 pin 1 pin 1 0.025 0.090 0.065 0.008 0.100 0.050 0.010 0.010 die 1 & 2 ( p ch ) pin name pin # drain - 1 & 4 gate - 2 & 5 source - 6 & 3 free datasheet http://


▲Up To Search▲   

 
Price & Availability of 2N7627UC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X