Part Number Hot Search : 
MM1502 1N4751A BZX85C82 UCA64123 AT31625 2SD880 AT216 SI9958DY
Product Description
Full Text Search
 

To Download 2FB53-E8TABS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c arling t echnologies ? 25 www.carlingtech.com f-series single pole toggle switches 1 base part number: series/circuitry/rating/termination 1 10a 250vac; 15a 125vac; 3/4 hp 125-250vac solder lugs .250 tabs screw terminals on-none-off 2fa53 2fa53- . . . /tabs 2fa54 (on)-none-off 6fa53 6fa53- . . . /tabs 6fa54 on-none-(off) 6fa57 6fa57- . . . /tabs 6fa58 on-none-on 2fb53 2fb53- . . . /tabs 2fb54 on-none-(on) 6fb53 6fb53- . . . /tabs 6fb54 on-off-on 2fc53 2fc53- . . . /tabs 2fc54 on-off-(on) 6fc57 6fc57- . . . /tabs 6fc58 (on-off-(on) 6fc53 6fc53- . . . /tabs 6fc54 2 actuator style bat style toggle 2 unsealed sealed toggle length bushing length 73 78 0.687 0.465 e3 e8 2.000 0.465 2fa54 3 t ab terminals 1 base part number 73 / tabs notes 1 consult factory for .187 tab, wire lead and combination screw/tab/solder lug termination callouts. 2 additional toggle options are available. consult factory. ( ) indicates momentary function. f-series single pole toggle switches general purpose workhorses with options tailored to meet most any need. ratings to 20a 277vac, various actua- tor, bushing, termination, and circuit choices allow this versatile switch to easily integrate into a variety of differ- ent applications. the f-series has a storied history in the marine, food service, generator, industrial control, and office automation markets and is appropriate for usage in low voltage dc applications as well. .370[9.39] .330[8.38] terminal type screw (assembled) keyway .072[1.82] x .038[.965] dp thread .187 tab (q.c.) mounting hole with keyway with locking ring wire lead .250 tab (q.c.) solder lug #6-32nc-2 thread .141[3.58] .286[7.26] .465[11.81] .125[3.18] dia .187[4.74] .500[12.70] .250[6.35] .437[11.09] .075[1.91] dia 6.000[152.40] .500[12.70] dia .348[8.84] .670[17.02] .062[1.57] .500[12.70] dia .376[9.55] 1.134[28.80] 15/32-32uns-2a .055[1.40] dia .187[4.74] .394[10.00] .634[16.10] .500[12.70] dia .125[3.17] dia .687[17.44] .038[9.65] - 2 actuator style dielectric strength ul/csa: 1000v - live to dead metal parts electrical life 50,000 cycles- maintained 25,000 cycles- momentary mechanical life 100,000 cycles operating temperature 0? to 150? (-17.8? to +65.6?) 3 tab terminals /tabs t ab terminals (blank) leave blank if tab terminals not required. additional ratings up to 20a 125vac, 12a 250vac, 1hp 120-240 vac available. consult factory for specifics.


▲Up To Search▲   

 
Price & Availability of 2FB53-E8TABS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X