Part Number Hot Search : 
PA1800 LA597 CDLL4112 PC111 1A272 BTB11 84225 J100567
Product Description
Full Text Search
 

To Download WL2205-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wideband lna WL2205-L k orean facilities : 82-31-250-5078 / rfsales@rfhic.com all specifications may change without notice u s facility : 919-677-8780 / sales@rfhicusa.com 1 / 4 version 1.0 product features applications ? e-phemt chip on board ? no matching circuit needed ? 30 ~ 2200mhz wideband amplifier ? higher linearity ? surface mount hybrid package ? cp-16a tape & reel package ? pb free / rohs standard ? catv ? radio systems ? satellite ? rf sub-systems description rfhic?s low noise amplifier series are all hybrid lna type products which includes all matching for the convenience of customer s. wl series are a wideband lna used for up to 4ghz. all lna h ybrids are possible to have custom frequency & spec without any additional nre cost involved. electrical specifications parameter unit min typ max condition operating frequency mhz 30 - 2200 - gain db 13 15.5 - - gain flatness db - 1.2 1.5 30 ~ 2200mhz input return loss db - -15 - - output return loss db - -20 - - 1db compression point dbm 13 17 - 30 ~ 2200mhz output ip3 dbm - 30 - 30 ~ 1000mhz - 26 - 1000 ~ 2200mhz noise figure db - 1.4 - 30 ~ 1000mhz - 1.7 - 1000 ~ 2200mhz dc current ma - 50 - vdd = 5.0v note 1. test conditions unless otherwise noted. test freq = 1-500mhz, t=25 , vdd=5v, 50 ? system 2. oip3 measured with 2 tones at an output power of +5dbm/tone separated by 1mhz, test freq = 30 and 2200mhz absolute maximum ratings parameter unit min typ max condition supply voltage vdc - 5 9 - operating temperature -40 - 85 - storage temperature -50 - 125 - package type : cp-16a
wideband lna WL2205-L k orean facilities : 82-31-250-5078 / rfsales@rfhic.com all specifications may change without notice u s facility : 919-677-8780 / sales@rfhicusa.com 2 / 4 version 1.0 typical performance @ vdd=5v, ids=50ma, t=25 , 50ohm system s-parameter frequency vs. noise figure 0.5 1.0 1.5 2.0 0.0 2.5 -5 0 5 10 15 -10 20 -20 -10 0 10 -30 20 freq(ghz) return loss(db) gain(db) 0 1 2 3 4 5 30 400 800 1200 1600 2000 freq(mhz) nf(db) frequency vs. p1db frequency vs. oip3 0 5 10 15 20 25 30 400 800 1200 1600 2000 freq(mhz) p1db(dbm) 10 15 20 25 30 35 30 400 800 1200 1600 2000 freq(mhz) oip3(dbm) block diagram note 1. wl series have internal dc blocking capacitors at the rf input and output ports. s21 s22 s11
wideband lna WL2205-L k orean facilities : 82-31-250-5078 / rfsales@rfhic.com all specifications may change without notice u s facility : 919-677-8780 / sales@rfhicusa.com 3 / 4 version 1.0 package dimensions (type: cp-16a) * unit: mm[inch] | tolerance 0.15[.006] top view side view bottom view pin description pin no function pin no function 1 gnd 4 gnd 2 input 5 output 3 gnd 6 vcc recommended pattern evaluation board layout * mounting configuration notes 1. ground / thermal via holes are critical for the proper performance of this device. 2. add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance. 3. mounting screws can be added near the part to fasten the board to a heatsink. ensure that the ground / thermal via hole regi on contacts the heatsink. 4. do not put solder mask on the backside of the pcb in the region where the board contacts the heatsink. 5. rf trace width depends upon the pcb material and construction. 6. use 1 oz. copper minimum.
wideband lna WL2205-L k orean facilities : 82-31-250-5078 / rfsales@rfhic.com all specifications may change without notice u s facility : 919-677-8780 / sales@rfhicusa.com 4 / 4 version 1.0 revision history part number release date version modification data sheet status WL2205-L 20121010 1.0 - - rfhic corporation reserves the right to make changes to any prod ucts herein or to discontinue any product at any time without n otice. while product specifications have been thoroughly examined for reliability, rfhic corporation strongly recommends buy ers to verify that the information they are using is accurat e before ordering. rfhic corporation does not assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including wi thout limitation consequential or incidental damages. rfhic products are not intended for use in life support equipment or application where malfunction of the product can be expect ed to result in personal injury or death. buyer uses or sells such products for any such unintended or unauthorized application, buyer shall i ndemnify, protect and hold rfhic corporat ion and its directors, officers, stockholders, employees, representatives and distributors harmless against any and all claims arising out of such unauthorized use. sales, inquiries and support should be directed to the local au thorized geographic distributor for rfhic corporation. for custo mers in the us, please contact the us sales team at 919- 677-8780. for all other inquiries, please contact the international sales team at 82-31-250-5078.


▲Up To Search▲   

 
Price & Availability of WL2205-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X